Part Number Hot Search : 
G1H10 ML1XX6 C407AN ISL5121 5671A4 KBP201 ML2502 ER502
Product Description
Full Text Search
 

To Download HCF4030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4030B
QUAD EXCLUSIVE-OR GATE
.MEDI .LOW .QUI .STANDARDI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
UM-SPEED OPERATION - tPHL = tPLH = 60ns (typ.) @ CL = 50pF and VDD - VSS = 10V OUTPUT IMPEDANCE : 500 (typ.) @ VDD - VSS = 10V ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE ZED SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4030BF HCF4030BM1 HCF4030BEY HCF4030BC1
PIN CONNECTIONS
DESCRIPTION The HCC4030B (extended temperature range) and HCF4030B (intermediate temperature range) are monolithic integrated circuit, available in 14-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF4030B types consist of four independent exclusive-OR gates integrated on a single monolithic silicon chip. Each exclusive-OR gate consists of four n-channel and four p-channel enhancement-type transistors. All inputs and outputs are protected against electrostatic effects.
November 1996 1/12
HCC/HCF4030B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD * Vi II P tot Parameter Supply Voltage : HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package-temperature Range Operating Temperature : HCC Types HCF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
T op T s tg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HCC Types HC F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
TRUTH TABLE One of Four Identical Gates
A 0 1 0 1
Where "1" = High level "0" = Low level.
B 0 0 1 0
J 0 1 1 0
2/12
HCC/HCF4030B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC 0/10 Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 V OH Output High Voltage 0/ 5 0/10 0/15 V OL Output Low Voltage 5/0 10/0 15/0 V IH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/ 5 HCC 0/ 5 Types 0/10 0/15 0/ 5 0/ 5 HCF Types 0/10 0/15 I OL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 I IH , I IL Input Leakage Current HCC 0/18 Types HCF 0/15 Types Any Input 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 VO (V) Value Unit |I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 0.3 10 5
-5
IL
Quiescent Current
1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 3.5 7 11 4.95 9.95 14.95
0.02 0.02 0.02 0.04 0.02 0.02 0.02
1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4
30 60 120 600 30 60 120 V 0.05 0.05 0.05 V 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 mA mA V V A
1.5/13.5 < 1 V IL Input Low Voltage
13.5/1.5 < 1 I OH Output Drive Current
- 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10
-5
0.1 0.3 7.5
1 1
A
CI
Input Capacitance
pF
* TLo w = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
3/12
HCC/HCF4030B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, CL = 50pF, R L = 200k, typical temperature coefficient for all V D D = 0.3%/C values, all input rise and fall time = 20ns)
Symbol Parameter Test Conditions V C C (V) Min. 5 10 15 t T L H, t THL Transition Time 5 10 15 Value Typ. 140 65 50 100 50 40 Max. 280 130 100 200 100 80 ns ns Unit
t PL H, t PHL Propagation Delay Time
Typical Output Low (sink) Current Characteristics.
Minimum Output Low (sink) Current Characteristics.
Typical Output High (source) Current Characteristics.
Minimum Output High (source) Current Characteristics.
4/12
HCC/HCF4030B
TYPICAL APPLICATIONS EVEN-PARITY-BIT GENERATOR (1-3/4 x HCC/HCF4030B). EVEN-PARITY-CHECKER (2 x HCC/HCF4030B).
ODD-PARITY-BIT GENERATOR (2 x HCC/HCF4030B).
ODD-PARITY CHECKER (2 x HCC/HCF4030B).
5/12
HCC/HCF4030B
TYPICAL APPLICATIONS (continued) 8-BIT COMPARATOR
8-BIT TWO'S COMPLEMENT ADDER-SUBSTRACTOR
6/12
HCC/HCF4030B
Table 1 : Two's Complement Numbers and Their Equivalent Decimal Values.
X8 0 0 0 0 X7 0 0 0 0 X6 0 0 0 0 X5 0 0 0 0 X4 0 0 0 0 X3 0 0 0 0 X2 0 0 1 1 X1 0 1 0 1 = = = = 0 1 2 3 X8 1 1 1 1 1 X7 1 1 1 1 1 X6 1 1 1 1 1 X5 1 1 1 1 1 X4 1 1 1 1 1 X3 1 1 1 1 0 X2 1 1 0 0 1 X1 1 0 1 0 1 = = = = = -1 -2 -3 -4 -5
0 0
1 1
1 1
1 1
1 1
1 1
1 1
0 1
= =
126 127
1 1
0 0
0 0
0 0
0 0
0 0
0 0
1 0
= =
-127 -128
The two's complement adder-substractor ple : a) 2 SIGN += BIT -5 X 0000001 Y 1111101 CI S01 1 1 1 1 1 0 CO TEST CIRCUITS Quiescent Device Current.
can add or substract any two of the numbers in table 1. For examSIGN b) -2 BIT -=X 1 -5 Y 1 Y 0 CL S10 CO
0 2+ 1 -5 + 0 1 = -3
1 1 0 0
1 1 0 0
1 1 0 0
1 1 0 0
1 0 1 0
1 1 0 1
0 -2 + 1 -5 0 + 1 1 =3
Input Voltage.
Input Leakage Current.
7/12
HCC/HCF4030B
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
8/12
HCC/HCF4030B
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
9/12
HCC/HCF4030B
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
10/12
HCC/HCF4030B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF4030B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequ ences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical compone in life support devices or systems without express nts written approval of SGS-THOMSON Microelectonics. (c) 1996 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
12/12


▲Up To Search▲   

 
Price & Availability of HCF4030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X