![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number:ENN5949A N-Channel Silicon MOSFET FTS2004 Ultrahigh-Speed Switching Applications Features * Low ON resistance. * 4V drive. * Mounting height 1.1mm. Package Dimensions unit:mm 2147A [FTS2004] 0.65 8 5 0.5 0.95 3.0 0.425 1 4 0.25 (0.95) 1 : Drain 2 : Source 3 : Source 4 : Gate 5 : Drain 6 : Source 7 : Source 0.125 8 : Drain SANYO : TSSOP8 4.5 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Conditions 6.4 Ratings 30 20 4 25 1.3 150 -55 to +150 Unit V V A A W C C Mounted on a ceramic board (1000mm2x0.8mm) Electrical Characteristics at Ta = 25C Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 Ciss Coss Crss ID=1mA, VGS=0 VDS=30V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=4A ID=4A, VGS=10V ID=4A, VGS=4V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz 1.0 5 8 36 58 460 250 120 46 78 Conditions Ratings min 30 10 10 2.4 typ max Unit V A A V S m m pF pF pF Marking : S2004 Continued on next page. Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 30100TS (KOTO) TA-2144 No.5949-1/4 FTS2004 Continued from preceding page. Parameter Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit VDS=10V, VGS=10V, ID=4A VDS=10V, VGS=10V, ID=4A VDS=10V, VGS=10V, ID=4A IS=4A, VGS=0 Ratings min typ 10 90 70 75 15 3 4 0.85 1.2 max Unit ns ns ns ns nC nC nC V Switching Time Test Circuit VIN VDD=15V ID=4A RL=3.75 D VOUT 10V 0V VIN PW=10s D.C.1% G FTS2004 P.G 50 S 6 I D - VDS 4.0V 6.0V 8.0V 10 9 ID - VGS VDS=10V 5 10V V 8 Drain Current, ID - A 4 3.0 Drain Current, ID - A 3.5 V 7 6 5 4 3 3 2 1 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Drain-to-Source Voltage, VDS - V 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2 Gate-to-Source Voltage, VGS - V 100 90 | yf s | - I D VDS=10V R DS(on) - VGS Ta=25C Forward Transfer Admittance, | yfs | - S Static Drain-to-Source On-State Resistance, RDS(on) - m 80 70 60 50 40 30 20 10 0 0 2 4 6 8 10 12 14 16 18 20 Ta= C 75 -25 C C 25 ID=4A Drain Current, ID - A Gate-to-Source Voltage, VGS - V 75 1 C VGS=2.5V 2 25 C Ta= -25 C No.5949-2/4 FTS2004 100 90 R DS(on) - Ta 10 7 5 3 I F - VSD VGS= 0 Static Drain-to-Source On-State Resistance, RDS(on) - m 70 60 50 40 30 20 10 0 -60 -40 -20 0 20 I D= =4V VGS 4A, Forward Current, IF - A 80 2 1.0 7 5 0.1 7 5 3 2 0.01 0 0.1 0.2 0.3 0.4 40 60 80 100 120 140 160 0.5 Ta=7 0.6 0.7 -25C 0.8 0.9 =10V A,VGS I D=4 5C 25C 3 2 1.0 Ambient Temperature, Ta - C 10000 7 5 3 2 1000 7 5 3 2 100 7 5 3 2 10 0 5 10 15 20 25 30 Diode Forward Voltage, VSD - V 10 Ciss,Coss,Crss - VDS f = 1MHz VGS - Q g VDS=10V ID =4A Gate-to-Source Voltage, VGS - V 9 8 7 6 5 4 3 2 1 0 0 Ciss, Coss, Crss - pF Ciss Coss Crss 2 4 6 8 10 12 14 16 Drain-to-Source Voltage, VDS - V 1000 7 5 Total Gate Charge, Qg - nC SW Time - I D VDD =15V VGS=10V ASO 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 I DP = 2 5 A 100s Switching Time, SW Time - ns 3 1m ID=4A 100 7 5 3 2 10 7 5 3 2 1.0 7 0.1 2 3 td(off) tf Drain Current, ID - A 2 10 s DC 10 0m s ms op era tr td(on) tio n Operation in this area is limited by RDS(on). Ta=25C Single pulse Mounted on a ceramic board (1000mm2x0.8mm) 23 5 7 0.1 23 5 7 1.0 2 3 5 7 10 23 5 5 7 1.0 2 3 5 7 10 2 0.01 0.01 Drain Current, ID - A 1.6 Drain-to-Source Voltage, VDS - V PD - Ta Allowable Power Dissipation, PD - W 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 M ou nt ed on ac er am ic bo ar d( 10 00 m m2 x0 .8m m ) 160 20 40 60 80 100 120 140 Ambient Temperature, Ta - C No.5949-3/4 FTS2004 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of March, 2000. Specifications and information herein are subject to change without notice. PS No.5949-4/4 |
Price & Availability of FTS2004
![]() |