Part Number Hot Search : 
05S12 M948B K1322 MC68HC9 2SA1887 BTB818N6 D87C51 GBJ10D
Product Description
Full Text Search
 

To Download EL1509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL1509
Data Sheet June 24, 2004 FN7015
Medium Power Differential Line Driver
The EL1509 is a dual operational amplifier designed for customer premise line driving in DMT ADSL solutions. This device features a high drive capability of 250mA while consuming only 7.1mA of supply current per amplifier and operating from a single 5V to 12V supply. This driver achieves a typical distortion of less than -85dBc, at 150kHz into a 25 load. The EL1509 is available in the industry standard 8-pin SO as well as the thermallyenhanced 8-pin DFN package. Both are specified for operation over the full -40C to +85C temperature range. The EL1509 is ideal for ADSL, SDSL, HDSL2 and VDSL line driving applications.
Features
* Drives up to 250mA from a +12V supply * 20VP-P differential output drive into 100 * -85dBc typical driver output distortion at full output at 150kHz * Low quiescent current of 7.5mA per amplifier * Pb-free available
Applications
* ADSL G.lite CO line driving * ADSL full rate CPE line driving * G.SHDSL, HDSL2 line driver * Video distribution amplifier
Ordering Information
PART NUMBER EL1509CS EL1509CS-T7 EL1509CS-T13 EL1509CSZ (See Note) EL1509CSZ-T7 (See Note) EL1509CSZ-T13 (See Note) EL1509CL EL1509CL-T7 EL1509CL-T13 PACKAGE 8-Pin SO 8-Pin SO 8-Pin SO 8-Pin SO (Pb-free) 8-Pin SO (Pb-free) 8-Pin SO (Pb-free) 8-Pin DFN 8-Pin DFN 8-Pin DFN TAPE & REEL 7" 13" 7" 13" 7" 13" PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027
* Video twisted-pair line driver
Pinouts
EL1509 (8-PIN SO) TOP VIEW
OUTA 1 INA- 2 INA+ 3
+
8 VS 7 OUTB 6 INB+
MDP0047 MDP0047 MDP0047
GND
4
5 INB+
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
OUTA INAINA+ GND 1 2 3 4
EL1509 (8-PIN DFN) TOP VIEW
8 VS 7 OUTB 6 INB5 INB+
+
AMP A
+
Get FULL DATASHEET
AMP B
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) 2001Elantec Semiconductor, Inc. 2002-2004 Intersil Americas Inc. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
1
EL1509
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 2


▲Up To Search▲   

 
Price & Availability of EL1509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X