Part Number Hot Search : 
MSM6685A 300BZX P521GB SC518 AN5130 MSL912 GBU6M 440SH
Product Description
Full Text Search
 

To Download EC10DS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE
Type
:
EC10DS4
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * High Surge Capability * Low Forward Voltage Drop * Low Reverse Leakage Current * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 25 0.74 1.0
EC10DS4
400 600 Ta=25 C *1 Ta=25 C *2 50Hz Half Sine Wave Resistive Load
Unit V V A A A
C C
1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Min. Typ. Max. 10 1.1 157 108 Unit A V C /W
*1 *2 *1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides) *2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides) Rth(j-a) Junction to Ambient
EC10DS4 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of EC10DS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X