Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download CY7B991 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 92
CY7B991 CY7B992
Programmable Skew Clock Buffer
Features
* All output pair skew <100 ps typical (250 max.) * 3.75- to 80-MHz output operation * User-selectable output functions -- Selectable skew to 18 ns -- Inverted and non-inverted -- Operation at 12 and 14 input frequency -- Operation at 2x and 4x input frequency (input as low as 3.75 MHz) Zero input to output delay 50% duty-cycle outputs Outputs drive 50 terminated lines Low operating current 32-pin PLCC/LCC package Jitter < 200 ps peak-to-peak (< 25 ps RMS) Compatible with a PentiumTM-based processor functions. These multiple-output clock drivers provide the system integrator with functions necessary to optimize the timing of high-performance computer systems. Eight individual drivers, arranged as four pairs of user-controllable outputs, can each drive terminated transmission lines with impedances as low as 50 while delivering minimal and specified output skews and full-swing logic levels (CY7B991 TTL or CY7B992 CMOS). Each output can be hardwired to one of nine delay or function configurations. Delay increments of 0.7 to 1.5 ns are determined by the operating frequency with outputs able to skew up to 6 time units from their nominal "zero" skew position. The completely integrated PLL allows external load and transmission line delay effects to be canceled. When this "zero delay" capability of the PSCB is combined with the selectable output skew functions, the user can create output-to-output delays of up to 12 time units. Divide-by-two and divide-by-four output functions are provided for additional flexibility in designing complex clock systems. When combined with the internal PLL, these divide functions allow distribution of a low-frequency clock that can be multiplied by two or four at the clock destination. This facility minimizes clock distribution difficulty while allowing maximum system clock speed and flexibility.
* * * * * * *
Functional Description
The CY7B991 and CY7B992 Programmable Skew Clock Buffers (PSCB) offer user-selectable control over system clock
Logic Block Diagram
TEST
Pin Configuration
PLCC/LCC
3F0 2F1 FS
FILTER
REF FS 4F0 4F1
4 3F1 4Q0 SELECT INPUTS (THREE LEVEL) 4Q1 VCCQ SKEW 3Q0 3Q1 SELECT 2Q0 MATRIX 2Q1 1Q0 1Q1
7B991-1
3
2
1
5 6 7 8 9 10 11 12
32 31 30 29 28 27 26
TEST
VCCQ
GND
REF
FB
PHASE FREQ DET
VCO AND TIME UNIT GENERATOR
2F0 GND 1F1 1F0 VCCN 1Q0 1Q1 GND GND
4F0 4F1
3F0 3F1
VCCN 4Q1 4Q0 GND GND
CY7B991 CY7B992
25 24 23 22
2F0 2F1
13 21 14 15 16 17 18 19 20 3Q1 3Q0 FB 2Q1 VCCN VCCN 2Q0
1F0 1F1
7B991-2
Pentium is a trademark of Intel Corporation.
Cypress Semiconductor Corporation Document #: 38-07138 Rev. **
*
3901 North First Street
*
San Jose
*
CA 95134 * 408-943-2600 Revised September 26, 2001
CY7B991 CY7B992
Pin Definitions
Signal Name REF FB FS 1F0, 1F1 2F0, 2F1 3F0, 3F1 4F0, 4F1 TEST 1Q0, 1Q1 2Q0, 2Q1 3Q0, 3Q1 4Q0, 4Q1 VCCN VCCQ GND I/O I I I I I I I I O O O O PWR PWR PWR Description Reference frequency input. This input supplies the frequency and timing against which all functional variation is measured. PLL feedback input (typically connected to one of the eight outputs). Three-level frequency range select. See Table 1. Three-level function select inputs for output pair 1 (1Q0, 1Q1). See Table 2. Three-level function select inputs for output pair 2 (2Q0, 2Q1). See Table 2. Three-level function select inputs for output pair 3 (3Q0, 3Q1). See Table 2. Three-level function select inputs for output pair 4 (4Q0, 4Q1). See Table 2. Three-level select. See test mode section under the block diagram descriptions. Output pair 1. See Table 2. Output pair 2. See Table 2. Output pair 3. See Table 2. Output pair 4. See Table 2. Power supply for output drivers. Power supply for internal circuitry. Ground. (xF0, xF1) inputs. Table 2 below shows the nine possible output functions for each section as determined by the function select inputs. All times are measured with respect to the REF input assuming that the output connected to the FB input has 0tU selected. Table 2. Programmable Skew Configurations[1] Function Selects 1F1, 2F1, 3F1, 4F1 LOW LOW LOW MID MID MID HIGH HIGH Approximate Frequency (MHz) At Which tU = 1.0 ns 22.7 38.5 62.5 HIGH 1F0, 2F0, 3F0, 4F0 LOW MID HIGH LOW MID HIGH LOW MID Output Functions 1Q0, 1Q1, 2Q0, 2Q1 -4tU -3tU -2tU -1tU 0tU +1tU +2tU +3tU 3Q0, 3Q1 -6tU -4tU -2tU 0tU +2tU +4tU +6tU 4Q0, 4Q1 -6tU -4tU -2tU 0tU +2tU +4tU +6tU
Block Diagram Description
Phase Frequency Detector and Filter These two blocks accept inputs from the reference frequency (REF) input and the feedback (FB) input and generate correction information to control the frequency of the Voltage-Controlled Oscillator (VCO). These blocks, along with the VCO, form a Phase-Locked Loop (PLL) that tracks the incoming REF signal. VCO and Time Unit Generator The VCO accepts analog control inputs from the PLL filter block and generates a frequency that is used by the time unit generator to create discrete time units that are selected in the skew select matrix. The operational range of the VCO is determined by the FS control pin. The time unit (tU) is determined by the operating frequency of the device and the level of the FS pin as shown in Table 1. Table 1. Frequency Range Select and tU Calculation[1] fNOM (MHz) FS[2, 3] Min. Max. LOW MID HIGH 15 25 40 30 50 80
1 t U = ----------------------f NOM x N
Divide by 2 Divide by 2
where N = 44 26 16
Skew Select Matrix The skew select matrix is comprised of four independent sections. Each section has two low-skew, high-fanout drivers (xQ0, xQ1), and two corresponding three-level function select
HIGH +4tU Divide by 4 Inverted Notes: 1. For all three-state inputs, HIGH indicates a connection to VCC, LOW indicates a connection to GND, and MID indicates an open connection. Internal termination circuitry holds an unconnected input to VCC/2. 2. The level to be set on FS is determined by the "normal" operating frequency (fNOM) of the VCO and Time Unit Generator (see Logic Block Diagram). Nominal frequency (fNOM) always appears at 1Q0 and the other outputs when they are operated in their undivided modes (see Table 2). The frequency appearing at the REF and FB inputs will be fNOM when the output connected to FB is undivided. The frequency of the REF and FB inputs will be fNOM/2 or fNOM/4 when the part is configured for a frequency multiplication by using a divided output as the FB input. 3. When the FS pin is selected HIGH, the REF input must not transition upon power-up until VCC has reached 4.3V.
Document #: 38-07138 Rev. **
Page 2 of 15
CY7B991 CY7B992
t 0 - 6t U
t 0 - 5t U
t 0 - 4t U
t 0 - 3t U
t 0 - 2t U
t 0 - 1t U
U
U
U
U
U
t 0 +1t
t 0 +2t
t 0 +3t
t 0 +4t
t 0 +5t
FBInput REFInput 1Fx 2Fx (N/A) LL LM LH ML MM MH HL HM HH (N/A) (N/A) (N/A) 3Fx 4Fx LM LH (N/A) ML (N/A) MM (N/A) MH (N/A) HL HM LL/HH HH - 6t U - 4t U - 3t U - 2t U - 1t U 0tU +1t U +2t U +3t U +4t U +6t U DIVIDED INVERT
7B991-3
Figure 1. Typical Outputs with FB Connected to a Zero-Skew Output[4]
Test Mode
The TEST input is a three-level input. In normal system operation, this pin is connected to ground, allowing the CY7B991/CY7B992 to operate as explained briefly above (for testing purposes, any of the three-level inputs can have a removable jumper to ground, or be tied LOW through a 100 resistor. This will allow an external tester to change the state of these pins.) If the TEST input is forced to its MID or HIGH state, the device will operate with its internal phase locked loop disconnected, and input levels supplied to REF will directly control all outputs. Relative output to output functions are the same as in normal mode. In contrast with normal operation (TEST tied LOW). All outputs will function based only on the connection of their own function select inputs (xF0 and xF1) and the waveform characteristics of the REF input.
Ambient Temperature with Power Applied ............................................ -55C to +125C Supply Voltage to Ground Potential ...............-0.5V to +7.0V DC Input Voltage ............................................-0.5V to +7.0V Output Current into Outputs (LOW)............................. 64 mA Static Discharge Voltage ........................................... >2001V (per MIL-STD-883, Method 3015) Latch-Up Current..................................................... >200 mA
Operating Range
Range Commercial Industrial Military
[5]
Ambient Temperature 0C to +70C -40C to +85C -55C to +125C
t 0 +6t
t0
U
VCC 5V 10% 5V 10% 5V 10%
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .................................-65C to +150C Document #: 38-07138 Rev. **
Notes: 4. FB connected to an output selected for "zero" skew (i.e., xF1 = xF0 = MID). 5. Indicates case temperature.
Page 3 of 15
CY7B991 CY7B992
Electrical Characteristics Over the Operating Range[6]
CY7B991 Parameter VOH VOL VIH VIL VIHH VIMM VILL IIH IIL IIHH IIMM IILL IOS ICCQ Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage (REF and FB inputs only) Input LOW Voltage (REF and FB inputs only) Three-Level Input HIGH Voltage (Test, FS, xFn)[7] Three-Level Input MID Voltage (Test, FS, xFn)[7] Three-Level Input LOW Voltage (Test, FS, xFn)[7] Input HIGH Leakage Current (REF and FB inputs only) Input LOW Leakage Current (REF and FB inputs only) Input HIGH Current (Test, FS, xFn) Input MID Current (Test, FS, xFn) Input LOW Current (Test, FS, xFn) Output Short Circuit Current[8] Operating Current Used by Internal Circuitry Output Buffer Current per Output Pair[9] Power Dissipation per Output Pair[10] Min. VCC Max. Min. VCC Max. Min. VCC Max. VCC = Max., VIN = Max. VCC = Max., VIN = 0.4V VIN = VCC VIN = VCC/2 VIN = GND VCC = Max., VOUT = GND (25C only) VCCN = VCCQ = Max., All Input Selects Open Com'l Mil/Ind -50 -500 200 50 -200 -250 85 90 14 -50 Test Conditions VCC = Min., IOH = -16 mA VCC = Min., IOH =-40 mA VCC = Min., IOL = 46 mA VCC = Min., IOL = 46 mA 2.0 -0.5 VCC - 0.85 VCC/2 - 500 mV 0.0 VCC 0.8 VCC VCC/2 + 500 mV 0.85 10 -500 200 50 -200 N/A 85 90 19 mA VCC - 1.35 -0.5 VCC - 0.85 VCC/2 - 500 mV 0.0 0.45 0.45 VCC 1.35 VCC VCC/2 + 500 mV 0.85 10 V V V V V A A A A A mA mA Min. 2.4 VCC -0.75 V Max. CY7B992 Min. Max. Unit V
ICCN
VCCN = VCCQ = Max., IOUT = 0 mA Input Selects Open, fMAX VCCN = VCCQ = Max., IOUT = 0 mA Input Selects Open, fMAX
PD
78
104[11]
mW
Notes: 6. See the last page of this specification for Group A subgroup testing information. 7. These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time before all datasheet limits are achieved. 8. CY7B991 should be tested one output at a time, output shorted for less than one second, less than 10% duty cycle. Room temperature only. CY7B992 outputs should not be shorted to GND. Doing so may cause permanent damage. 9. Total output current per output pair can be approximated by the following expression that includes device current plus load current: CY7B991: ICCN = [(4 + 0.11F) + [((835 - 3F)/Z) + (.0022FC)]N] x 1.1 CY7B992: ICCN = [(3.5+ 0.17F) + [((1160 - 2.8F)/Z) + (.0025FC)]N] x 1.1 Where F = frequency in MHz C = capacitive load in pF Z = line impedance in ohms N = number of loaded outputs; 0, 1, or 2 FC = F < C 10. Total power dissipation per output pair can be approximated by the following expression that includes device power dissipation plus power dissipation due to the load circuit: CY7B991: PD = [(22 + 0.61F) + [((1550 - 2.7F)/Z) + (.0125FC)]N] x 1.1 CY7B992: PD = [(19.25+ 0.94F) + [((700 + 6F)/Z) + (.017FC)]N] x 1.1 See note 9 for variable definition. 11. CMOS output buffer current and power dissipation specified at 50-MHz reference frequency.
Document #: 38-07138 Rev. **
Page 4 of 15
CY7B991 CY7B992
Capacitance[12]
Parameter CIN Description Test Conditions Max. Unit pF Input Capacitance TA = 25C, f = 1 MHz, VCC = 5.0V 10 Note: 12. Applies to REF and FB inputs only. Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
5V R1 CL R1=130 R2=91 CL = 50 pF (CL =30 pF for -2 and -5 devices) (Includes fixture and probe capacitance)
7B991-4
3.0V 2.0V Vth =1.5V 0.8V 0.0V 2.0V Vth =1.5V 0.8V
R2
1ns
1ns
7B991-5
TTL AC Test Load (CY7B991)
TTL Input Test Waveform (CY7B991)
VCC R1 CL R1=100 R2=100 CL = 50 pF (CL =30 pF for -2 and -5 devices) (Includes fixture and probe capacitance) 80% Vth = VCC/2 20% 0.0V
VCC 80% Vth = VCC/2 20%
R2
7B991-6
3ns
3ns
7B991-7
CMOS AC Test Load (CY7B992)
CMOS Input Test Waveform (CY7B992)
Document #: 38-07138 Rev. **
Page 5 of 15
CY7B991 CY7B992
Switching Characteristics Over the Operating Range[2, 13]
CY7B991-2[14] Parameter fNOM Description Operating Clock Frequency in MHz FS = LOW[1, 2] FS = MID[1, 2] FS = HIGH tRPWH tRPWL tU tSKEWPR tSKEW0 tSKEW1 tSKEW2 tSKEW3 tSKEW4 tDEV tPD tODCV tPWH tPWL tORISE tOFALL tLOCK tJR REF Pulse Width HIGH REF Pulse Width LOW Programmable Skew Unit Zero Output Matched-Pair Skew (XQ0, XQ1)[16, 17] Zero Output Skew (All Outputs)[16, 18,19] Output Skew (Rise-Rise, Fall-Fall, Same Class Outputs)[16, 20] Output Skew (Rise-Fall, Nominal-Inverted, Divided-Divided)[16, 20] Output Skew (Rise-Rise, Fall-Fall, Different Class Outputs)[16, 20] Output Skew (Rise-Fall, Nominal-Divided, Divided-Inverted)[16, 20] Device-to-Device Skew[14, 21] Propagation Delay, REF Rise to FB Rise Output Duty Cycle Variation[22] Output HIGH Time Deviation from 50% Output LOW Time Deviation from 50% Output Rise Time PLL Lock Time
[23, 25] [23, 24] [23, 24] [1, 2 , 3]
CY7B992-2[14] Min. 15 25 40 5.0 5.0 See Table 1 Typ. Max. 30 50 80[15] ns ns 0.05 0.1 0.25 0.3 0.25 0.5 0.20 0.25 0.5 0.5 0.5 0.7 0.75 -0.25 -0.5 0.0 0.0 +0.25 +0.5 3.0 3.0 0.5 0.5 2.0 2.0 2.5 2.5 0.5 25 200 ns ns ns ns ns ns ns ns ns ns ns ns ns ms ps ps Unit MHz 30 50 80
Min. 15 25 40 5.0 5.0
Typ.
Max.
0.05 0.1 0.25 0.3 0.25 0.5
0.20 0.25 0.5 0.5 0.5 0.9 0.75
-0.25 -0.65
0.0 0.0
+0.25 +0.65 2.0 1.5
0.15 0.15 RMS
[14] [14]
1.0 1.0
1.2 1.2 0.5 25 200
Output Fall Time[23, 25]
[26]
Cycle-to-Cycle Output Jitter
Peak-to-Peak
Note: 13. Test measurement levels for the CY7B991 are TTL levels (1.5V to 1.5V). Test measurement levels for the CY7B992 are CMOS levels (VCC/2 to VCC/2). Test conditions assume signal transition times of 2 ns or less and output loading as shown in the AC Test Loads and Waveforms unless otherwise specified. 14. Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters. 15. Except as noted, all CY7B992-2 and -5 timing parameters are specified to 80-MHz with a 30-pF load. 16. SKEW is defined as the time between the earliest and the latest output transition among all outputs for which the same tU delay has been selected when all are loaded with 50 pF and terminated with 50 to 2.06V (CY7B991) or VCC/2 (CY7B992). 17. tSKEWPR is defined as the skew between a pair of outputs (XQ0 and XQ1) when all eight outputs are selected for 0tU. 18. tSKEW0 is defined as the skew between outputs when they are selected for 0tU. Other outputs are divided or inverted but not shifted. 19. CL=0 pF. For CL=30 pF, tSKEW0=0.35 ns. 20. There are three classes of outputs: Nominal (multiple of tU delay), Inverted (4Q0 and 4Q1 only with 4F0 = 4F1 = HIGH), and Divided (3Qx and 4Qx only in Divide-by-2 or Divide-by-4 mode). 21. tDEV is the output-to-output skew between any two devices operating under the same conditions (VCC ambient temperature, air flow, etc.) 22. tODCV is the deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2 and tSKEW4 specifications. 23. Specified with outputs loaded with 30 pF for the CY7B99X-2 and -5 devices and 50 pF for the CY7B99X-7 devices. Devices are terminated through 50 to 2.06V (CY7B991) or VCC/2 (CY7B992). 24. tPWH is measured at 2.0V for the CY7B991 and 0.8 VCC for the CY7B992. tPWL is measured at 0.8V for the CY7B991 and 0.2 VCC for the CY7B992. 25. tORISE and tOFALL measured between 0.8V and 2.0V for the CY7B991 or 0.8VCC and 0.2VCC for the CY7B992. 26. tLOCK is the time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This parameter is measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits.
Document #: 38-07138 Rev. **
Page 6 of 15
CY7B991 CY7B992
Switching Characteristics Over the Operating Range[2, 13] (continued)
CY7B991-5 Parameter fNOM Description Operating Clock Frequency in MHz FS = LOW FS = MID
[1, 2] [1, 2] [1, 2 , 3]
CY7B992-5 Max. 30 50 80 Min. 15 25 40 5.0 5.0 See Table 1 Typ. Max. 30 50 80[15] ns ns Unit MHz
Min. 15 25 40 5.0 5.0
Typ.
FS = HIGH tRPWH tRPWL tU tSKEWPR tSKEW0 tSKEW1 tSKEW2 tSKEW3 tSKEW4 tDEV tPD tODCV tPWH tPWL tORISE tOFALL tLOCK tJR REF Pulse Width HIGH REF Pulse Width LOW Programmable Skew Unit Zero Output Matched-Pair Skew (XQ0, XQ1)[16, 17] Zero Output Skew (All Outputs)[16, 18]
0.1 0.25 0.6 0.5 0.5 0.5
0.25 0.5 0.7 1.0 0.7 1.0 1.25
0.1 0.25 0.6 0.6 0.5 0.6
0.25 0.5 0.7 1.5 0.7 1.7 1.25
ns ns ns ns ns ns ns ns ns ns ns ns ns ms ps ps
Output Skew (Rise-Rise, Fall-Fall, Same Class Outputs)[16, 20] Output Skew (Rise-Fall, Nominal-Inverted, Divided-Divided)[16, 20] Output Skew (Rise-Rise, Fall-Fall, Different Class Outputs)[16, 20] Output Skew (Rise-Fall, Nominal-Divided, Divided-Inverted)[16, 20] Device-to-Device Skew[14, 21] Propagation Delay, REF Rise to FB Rise Output Duty Cycle Variation
[22] [23, 24]
-0.5 -1.0
0.0 0.0
+0.5 +1.0 2.5 3
-0.5 -1.2
0.0 0.0
+0.5 +1.2 4.0 4.0
Output HIGH Time Deviation from 50% Output LOW Time Deviation from 50% Output Rise Time Output Fall Time PLL Lock Time
[23, 25] [23, 25]
[23, 24]
0.15 0.15
[14] [14]
1.0 1.0
1.5 1.5 0.5
0.5 0.5
2.0 2.0
3.5 3.5 0.5 25 200
[26]
Cycle-to-Cycle Output Jitter
RMS
25 200
Peak-to-Peak
Document #: 38-07138 Rev. **
Page 7 of 15
CY7B991 CY7B992
Switching Characteristics Over the Operating Range[2, 13] (continued)
CY7B991-7 Parameter fNOM Description Operating Clock Frequency in MHz FS = LOW FS = MID
[1, 2] [1, 2]
CY7B992-7 Max. 30 50 80 Min. 15 25 40 5.0 5.0 See Table 1 Typ. Max. 30 50 80[15] ns ns 0.1 0.3 0.6 1.0 0.7 1.2 0.25 0.75 1.0 1.5 1.2 1.7 1.65 -0.7 -1.5 0.0 0.0 +0.7 +1.5 5.5 5.5 0.5 0.5 3.0 3.0 5.0 5.0 0.5 25 200 ns ns ns ns ns ns ns ns ns ns ns ns ns ms ps ps Unit MHz
Min. 15 25 40 5.0 5.0
Typ.
FS = HIGH[1, 2] tRPWH tRPWL tU tSKEWPR tSKEW0 tSKEW1 tSKEW2 tSKEW3 tSKEW4 tDEV tPD tODCV tPWH tPWL tORISE tOFALL tLOCK tJR REF Pulse Width HIGH REF Pulse Width LOW Programmable Skew Unit Zero Output Matched-Pair Skew (XQ0, XQ1)[16, 17] Zero Output Skew (All Outputs)[16, 18] Output Skew (Rise-Rise, Fall-Fall, Same Class Outputs)[16, 20] Output Skew (Rise-Fall, Nominal-Inverted, Divided-Divided)[16, 20] Output Skew (Rise-Rise, Fall-Fall, Different Class Outputs)[16, 20] Output Skew (Rise-Fall, Nominal-Divided, Divided-Inverted)[16, 20] Device-to-Device Skew[14, 21] Propagation Delay, REF Rise to FB Rise Output Duty Cycle Variation
[22] [23, 24]
0.1 0.3 0.6 1.0 0.7 1.2
0.25 0.75 1.0 1.5 1.2 1.7 1.65
-0.7 -1.2
0.0 0.0
+0.7 +1.2 3 3.5
Output HIGH Time Deviation from 50% Output Rise Time Output Fall Time PLL Lock Time
[23, 25]
Output LOW Time Deviation from 50%[23, 24] 0.15 0.15 RMS[14] Peak-to-Peak
[14]
1.5 1.5
2.5 2.5 0.5 25 200
[23, 25]
[26]
Cycle-to-Cycle Output Jitter
Document #: 38-07138 Rev. **
Page 8 of 15
CY7B991 CY7B992
AC Timing Diagrams
tREF tRPWH REF tPD tODCV tRPWL
tODCV
FB tJR Q
tSKEWPR, tSKEW0,1 OTHER Q
tSKEWPR, tSKEW0,1
tSKEW2 INVERTED Q tSKEW3,4 tSKEW3,4 REF DIVIDED BY 2 tSKEW1,3, 4 REF DIVIDED BY 4
tSKEW2
tSKEW3,4
tSKEW2,4
7B991-8
Document #: 38-07138 Rev. **
Page 9 of 15
CY7B991 CY7B992
Operational Mode Descriptions
REF L1 SYSTEM CLOCK FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST LENGTH L1 = L2 = L3 = L4 Z0
7B991-9
LOAD Z0
LOAD 4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1 L3 Z0 L4 LOAD L2 Z0 LOAD
Figure 2. Zero-Skew and/or Zero-Delay Clock Driver Figure 2 shows the PSCB configured as a zero-skew clock buffer. In this mode the 7B991/992 can be used as the basis for a low-skew clock distribution tree. When all of the function select inputs (xF0, xF1) are left open, the outputs are aligned and may each drive a terminated transmission line to an independent load. The FB input can be tied to any output in this
REF Z0
configuration and the operating frequency range is selected with the FS pin. The low-skew specification, coupled with the ability to drive terminated transmission lines (with impedances as low as 50 ohms), allows efficient printed circuit board design.
LOAD L1
SYS- TEM CLOCK
FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST
LOAD 4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1 LENGTH L1 = L2 L3 < L2 by 6 inches L4 > L2 by 6 inches L3 Z0 L4 Z0
7B991-10
L2
Z0 LOAD
LOAD
Figure 3. Programmable-Skew Clock Driver Figure 3 shows a configuration to equalize skew between metal traces of different lengths. In addition to low skew between outputs, the PSCB can be programmed to stagger the timing of its outputs. The four groups of output pairs can each be programmed to different output timing. Skew timing can be adjusted over a wide range in small increments with the appropriate strapping of the function select pins. In this configuration the 4Q0 output is fed back to FB and configured for zero skew. The other three pairs of outputs are programmed to yield different skews relative to the feedback. By advancing the clock signal on the longer traces or retarding the clock signal on shorter traces, all loads can receive the clock pulse at the same time. Document #: 38-07138 Rev. ** In this illustration the FB input is connected to an output with 0-ns skew (xF1, xF0 = MID) selected. The internal PLL synchronizes the FB and REF inputs and aligns their rising edges to insure that all outputs have precise phase alignment. Clock skews can be advanced by 6 time units (tU) when using an output selected for zero skew as the feedback. A wider range of delays is possible if the output connected to FB is also skewed. Since "Zero Skew", +tU, and -tU are defined relative to output groups, and since the PLL aligns the rising edges of REF and FB, it is possible to create wider output skews by proper selection of the xFn inputs. For example a +10 tU between REF and 3Qx can be achieved by connecting 1Q0 to FB and setting 1F0 = 1F1 = GND, Page 10 of 15
CY7B991 CY7B992
3F0 = MID, and 3F1 = High. (Since FB aligns at -4 tU and 3Qx skews to +6 tU, a total of +10 tU skew is realized.) Many other configurations can be realized by skewing both the output used as the FB input and skewing the other outputs.
REF
form at these outputs. Note that the 20- and 40-MHz clocks fall simultaneously and are out of phase on their rising edge. This will allow the designer to use the rising edges of the 12 frequency and 14 frequency outputs without concern for rising-edge skew. The 2Q0, 2Q1, 1Q0, and 1Q1 outputs run at 80 MHz and are skewed by programming their select inputs accordingly. Note that the FS pin is wired for 80-MHz operation because that is the frequency of the fastest output.
REF
FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST
7B991-11
4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1
20 MHz
FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST 4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1
10 MHz 5 MHz 20 MHz
Figure 4. Inverted Output Connections Figure 4 shows an example of the invert function of the PSCB. In this example the 4Q0 output used as the FB input is programmed for invert (4F0 = 4F1 = HIGH) while the other three pairs of outputs are programmed for zero skew. When 4F0 and 4F1 are tied high, 4Q0 and 4Q1 become inverted zero phase outputs. The PLL aligns the rising edge of the FB input with the rising edge of the REF. This causes the 1Q, 2Q, and 3Q outputs to become the "inverted" outputs with respect to the REF input. By selecting which output is connect to FB, it is possible to have 2 inverted and 6 non-inverted outputs or 6 inverted and 2 non-inverted outputs. The correct configuration would be determined by the need for more (or fewer) inverted outputs. 1Q, 2Q, and 3Q outputs can also be skewed to compensate for varying trace delays independent of inversion on 4Q.
REF
7B991-13
Figure 6. Frequency Divider Connections Figure 6 demonstrates the PSCB in a clock divider application. 2Q0 is fed back to the FB input and programmed for zero skew. 3Qx is programmed to divide by four. 4Qx is programmed to divide by two. Note that the falling edges of the 4Qx and 3Qx outputs are aligned. This allows use of the rising edges of the 1 2 frequency and 14 frequency without concern for skew mismatch. The 1Qx outputs are programmed to zero skew and are aligned with the 2Qx outputs. In this example, the FS input is grounded to configure the device in the 15- to 30-MHz range since the highest frequency output is running at 20 MHz. Figure 7 shows some of the functions that are selectable on the 3Qx and 4Qx outputs. These include inverted outputs and outputs that offer divide-by-2 and divide-by-4 timing. An inverted output allows the system designer to clock different subsystems on opposite edges, without suffering from the pulse asymmetry typical of non-ideal loading. This function allows the two subsystems to each be clocked 180 degrees out of phase, but still to be aligned within the skew spec. The divided outputs offer a zero-delay divider for portions of the system that need the clock to be divided by either two or four, and still remain within a narrow skew of the "1X" clock. Without this feature, an external divider would need to be added, and the propagation delay of the divider would add to the skew between the different clock signals. These divided outputs, coupled with the Phase Locked Loop, allow the PSCB to multiply the clock rate at the REF input by either two or four. This mode will enable the designer to distribute a low-frequency clock between various portions of the system, and then locally multiply the clock rate to a more suitable frequency, while still maintaining the low-skew characteristics of the clock driver. The PSCB can perform all of the functions described above at the same time. It can multiply by two and four or divide by two (and four) at the same time that it is shifting its outputs over a wide range or maintaining zero skew between selected outputs. Page 11 of 15
20 MHz
FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST
40 MHz 4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1 20 MHz 80 MHz
7B991-12
Figure 5. Frequency Multiplier with Skew Connections Figure 5 illustrates the PSCB configured as a clock multiplier. The 3Q0 output is programmed to divide by four and is fed back to FB. This causes the PLL to increase its frequency until the 3Q0 and 3Q1 outputs are locked at 20 MHz while the 1Qx and 2Qx outputs run at 80 MHz. The 4Q0 and 4Q1 outputs are programmed to divide by two, which results in a 40-MHz waveDocument #: 38-07138 Rev. **
CY7B991 CY7B992
REF Z0 20-MHz DISTRIBUTION CLOCK FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST 4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1 80-MHz INVERTED
LOAD
LOAD 20-MHz Z0 LOAD 80-MHz ZERO SKEW 80-MHz SKEWED -3.125 ns (-4tU) Z0 LOAD Z0
7B991-14
Figure 7. Multi-Function Clock Driver
REF Z0 L1 FB SYSTEM CLOCK REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST Z0 L2 4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1 L4
FB REF FS 4F0 4F1 3F0 3F1 2F0 2F1 1F0 1F1 TEST
LOAD
LOAD Z0
L3 Z0
LOAD
4Q0 4Q1 3Q0 3Q1 2Q0 2Q1 1Q0 1Q1
LOAD
LOAD
7B991-15
Figure 8. Board-to-Board Clock Distribution Figure 8 shows the CY7B991/992 connected in series to construct a zero-skew clock distribution tree between boards. Delays of the downstream clock buffers can be programmed to compensate for the wire length (i.e., select negative skew equal to the wire delay) necessary to connect them to the master clock source, approximating a zero-delay clock tree. Cascaded clock buffers will accumulate low-frequency jitter because of the non-ideal filtering characteristics of the PLL filter. It is recommended that not more than two clock buffers be connected in series.
Document #: 38-07138 Rev. **
Page 12 of 15
CY7B991 CY7B992
Ordering Information
Accuracy (ps) 250 500 750 Ordering Code CY7B991-2JC CY7B991-5JC CY7B991-5JI CY7B991-7JC CY7B991-7JI CY7B991-7LMB 250 500 750 CY7B992-2JC CY7B992-5JC CY7B992-5JI CY7B992-7JC CY7B992-7JI CY7B992-7LMB Package Name J65 J65 J65 J65 J65 L55 J65 J65 J65 J65 J65 L55 Package Type 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier 32-Lead Plastic Leaded Chip Carrier Operating Range Commercial Commercial Industrial Commercial Industrial Commercial Commercial Industrial Commercial Industrial
32-Pin Rectangular Leadless Chip Carrier Military
32-Pin Rectangular Leadless Chip Carrier Military
MILITARY SPECIFICATIONS Group A Subgroup Testing DC Characteristics
Parameter VOH VOL VIH VIL VIHH VIMM VILL IIH IIL IIHH IIMM IILL ICCQ ICCN Subgroups 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3
Document #: 38-07138 Rev. **
Page 13 of 15
CY7B991 CY7B992
Package Diagrams
32-Lead Plastic Leaded Chip Carrier
32-Pin Rectangular Leadless Chip Carrier
MIL-STD-1835 C-12
Document #: 38-07138 Rev. **
Page 14 of 15
(c) Cypress Semiconductor Corporation, 2001. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY7B991 CY7B992
Document Title: CY7B991/CY7B992 Programmable Skew Clock Buffer (PSCB) Document Number: 38-07138 REV. ** ECN NO. 110247 Issue Date 12/19/01 Orig. of Change SZV Description of Change Change from Spec number: 38-00513 to 38-07138
Document #: 38-07138 Rev. **
Page 15 of 15


▲Up To Search▲   

 
Price & Availability of CY7B991

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X