Part Number Hot Search : 
BU941 A00237 F7476 2415S ISD1720 02FCP GTL2022 PC97551
Product Description
Full Text Search
 

To Download BYW29-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW29-50 THRU BYW29-200
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
TO-220AC
0.185 (4.70) 0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) 0.055 (1.39) 0.045 (1.14) 0.175 (4.44)
Forward Current - 8.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction Low power loss Low leakage current High surge current capability Superfast recovery time for high efficiency High temperature soldering guaranteed: 250C, 0.16" (4.06mm) from case for 10 seconds
0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.560 (14 0.530 (13. 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 0.560 (14.22) 0.530 (13.46) 2 0.635 (16.13) 0.625 (15.87) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC TO-220AC molded plastic body over passivated chip Terminals: Plated lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.064 ounce, 1.81 grams
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.68)
0.022 (0.56) 0.014 (0.36)
PIN 1 0.205 (5.20) 0.195 (4.95) PIN 2 CASE
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
BYW29-50
BYW29-100
BYW29-150
BYW29-200
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=125C Peak forward surge current 10ms single half sine-wave superimposed at TJ=150C Maximum instantaneous forward voltage at:IF=20A, TJ=25C IF=8A, TJ=150C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Maximum thermal resistance (NOTE 3)
(NOTE 4)
VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJA RJC TJ, TSTG
50 35 50
100 70 100 8.0 100.0 1.3 0.8
150 105 150
200 140 200
Volts Volts Volts Amps Amps Volts A ns pF C/W C
TC=25C TC=100C
10.0 500.0 25.0 45.0 20.0 3.0 -65 to +150
Operating and storage temperature range
NOTES: (1) Reverse recovery test conditions: IF=1A, VR=30V, di/dt=100A/s, Irr=10%, IRM for measurement of trr (2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient in free air; no heatsink (4) Thermal resistance from junction to case mounted on heatsink
4/98
RATINGS AND CHARACTERISTIC CURVES BYW29-50 THRU BYW29-200
FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
10 8.0 6.0 4.0 2.0 0
100 80 60 40 20 0
TJ=TJ max. 10ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
50
100
150
1
10
NUMBER OF CYCLES AT 50 HZ
100
CASE TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
80
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=25C
10
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
TJ=125C PULSE WIDTH=300s 1% DUTY CYCLE
10
TJ=100C
1
1
0.1
0.1
0.01 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25C
0.01
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0
20
40
60
80
100
80
JUNCTION CAPACITANCE, pF
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
70 60 50 40 30 20 0.1
TJ=25C f=1.0 MHZ Vsig=50mVp-p
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of BYW29-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X