Part Number Hot Search : 
SIHLD110 SE555N STUB013 MAX8744E BU806FI CX24130 WNM4006 ED302T
Product Description
Full Text Search
 

To Download BYW29-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Rectifier diodes ultrafast
GENERAL DESCRIPTION
Glass passivated high efficiency rectifier diodes in a plastic envelope, featuring low forward voltage drop, ultra-fast recovery times and soft recovery characteristic. They are intended for use in switched mode power supplies and high frequency circuits in general where low conduction and switching losses are essential.
BYW29 series
QUICK REFERENCE DATA
SYMBOL VRRM VF IF(AV) trr PARAMETER BYW29Repetitive peak reverse voltage Forward voltage Forward current Reverse recovery time MAX. 100 100 0.895 8 25 MAX. 150 150 0.895 8 25 MAX. 200 200 0.895 8 25 UNIT V V A ns
PINNING - TO220AC
PIN 1 2 tab DESCRIPTION cathode (k) anode (a) cathode (k)
PIN CONFIGURATION
tab
SYMBOL
a
k
1
2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VRRM VRWM VR IF(AV) PARAMETER Repetitive peak reverse voltage Crest working reverse voltage Continuous reverse voltage Average forward current1 square wave; = 0.5; Tmb 128 C sinusoidal; a = 1.57; Tmb 130 C CONDITIONS MIN. -40 -100 100 100 100 MAX. -150 150 150 150 8 7.3 11.3 16 80 88 32 150 150 -200 200 200 200 UNIT V V V A A A A A A A2s C C
IF(RMS) IFRM IFSM
I2t Tstg Tj
RMS forward current Repetitive peak forward current t = 25 s; = 0.5; Tmb 128 C Non-repetitive peak forward t = 10 ms current t = 8.3 ms sinusoidal; with reapplied VRWM(max) I2t for fusing t = 10 ms Storage temperature Operating junction temperature
1 Neglecting switching and reverse current losses October 1994 1 Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS MIN. in free air -
BYW29 series
TYP. 60
MAX. 2.7 -
UNIT K/W K/W
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL VF IR PARAMETER Forward voltage Reverse current CONDITIONS IF = 8 A; Tj = 150C IF = 8 A IF = 20 A VR = VRWM; Tj = 100 C VR = VRWM MIN. TYP. 0.80 0.92 1.1 0.3 2 MAX. 0.895 1.05 1.3 0.6 10 UNIT V V V mA A
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL Qs trr Irrm Vfr PARAMETER Reverse recovery charge Reverse recovery time Peak reverse recovery current Forward recovery voltage CONDITIONS IF = 2 A; VR 30 V; -dIF/dt = 20 A/s IF = 1 A; VR 30 V; -dIF/dt = 100 A/s IF = 10 A; VR 30 V; Tj = 100 C; -dIF/dt = 50 A/s IF = 1 A; dIF/dt = 10 A/s MIN. TYP. 4 20 1 1 MAX. 11 25 2 UNIT nC ns A V
October 1994
2
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
BYW29 series
I
dI F dt
F
8 7
PF / W
Vo = 0.791 V Rs = 0.013 Ohms
BYW29
Tmb(max) / C a = 1.57 1.9 2.2
128.4 131.1 133.8 136.5 139.2 141.9 144.6 147.3
t
6
rr time
5 4 3 4
2.8
Q I R I
s
10%
100%
2 1
rrm
0
0
1
2
3
4 IF(AV) / A
5
6
7
150 8
Fig.1. Definition of trr, Qs and Irrm
Fig.4. Maximum forward dissipation PF = f(IF(AV)); sinusoidal current waveform where a = form factor = IF(RMS) / IF(AV).
trr / ns 1000
I
F
100
IF=10A
time
IF=1A
V
F V V F time
10
fr
1 1 10 dIF/dt (A/us) 100
Fig.2. Definition of Vfr
Fig.5. Maximum trr at Tj = 25 C.
12 10 8 6
PF / W
Vo = 0.791 V Rs = 0.013 Ohms
BYW29
Tmb(max) / C D = 1.0
120.3 123
trr / ns 1000
0.5 0.2 0.1
128.4 133.8 139.2 144.6
T t
100
IF=10A IF=1A
4
I
tp
D=
tp T
10
2 0
0
2
4
6 IF(AV) / A
8
10
150 12
1
1
10 dIF/dt (A/us)
100
Fig.3. Maximum forward dissipation PF = f(IF(AV)); square current waveform where IF(AV) =IF(RMS) x D.
Fig.6. Maximum trr at Tj = 100 C.
October 1994
3
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
BYW29 series
10
Irrm / A
100 Qs / nC
IF=10A 1 IF=1A
IF=10A 5A 2A 1A 10
0.1
0.01 1 10 -dIF/dt (A/us) 100
1.0 1.0
10 -dIF/dt (A/us)
100
Fig.7. Maximum Irrm at Tj = 25 C.
Fig.10. Maximum Qs at Tj = 25 C.
10
Irrm / A
10
Zth (K/W)
IF=10A 1 IF=1A
1
0.1
0.1
P D
tp
t
0.01 1 10 -dIF/dt (A/us) 100
0.01 10 us
1 ms tp / s
0.1 s
10 s
Fig.8. Maximum Irrm at Tj = 100 C.
Fig.11. Transient thermal impedance; Zth j-mb = f(tp).
30
IF / A Tj=150 C Tj=25 C
BYW29
20
typ 10
max
0 0
0.5
1 VF / V
1.5
2
Fig.9. Typical and maximum forward characteristic IF = f(VF); parameter Tj
October 1994
4
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BYW29 series
4,5 max
10,3 max
1,3
3,7 2,8
5,9 min
3,0 max not tinned 3,0
15,8 max
13,5 min
1,3 max 1 (2x)
2
0,9 max (2x)
0,6
2,4
5,08
Fig.12. TO220AC; pin 1 connected to mounting base.
Notes 1. Accessories supplied on request: refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
October 1994
5
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BYW29 series
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1994 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1994
6
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BYW29-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X