Part Number Hot Search : 
MIC910 01610 M62460 DS2045Y MB502 20M00 123ML MAX881
Product Description
Full Text Search
 

To Download BUZ102AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 102AL
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * Logic Level * dv/dt rated * Low on-resistance * 175 C operating temperature * also in TO-220 SMD available Pin 1 G Pin 2 D Pin 3 S
Type BUZ 102AL
VDS
50 V
ID
42 A
RDS(on)
0.028
Package TO-220 AB
Ordering Code C67078-S1356-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 42 Unit A
ID IDpuls
168
TC = 97 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
180 dv/dt 6
mJ
ID = 42 A, VDD = 25 V, RGS = 25 L = 102 H, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 42 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Gate-source peak voltage,aperiodic Power dissipation
VGS Vgs Ptot
14 20
V W
TC = 25 C
200
Semiconductor Group
1
07/96
BUZ 102AL
Maximum Ratings Parameter Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Symbol Values -55 ... + 175 -55 ... + 175 0.83 75 E 55 / 175 / 56 K/W Unit C
Tj Tstg RthJC RthJA
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 1.6 0.1 1 10 10 0.02 2 1 100 100 100
V
VGS = 0 V, ID = 0.25 mA, Tj = -40 C
Gate threshold voltage
VGS(th)
1.2
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
A nA A nA 0.028
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
VGS = 5 V, ID = 21 A
Semiconductor Group
2
07/96
BUZ 102AL
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
10 35 1750 550 240 -
S pF 2330 825 360 ns 30 45
VDS 2 * ID * RDS(on)max, ID = 21 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Rise time
tr
135 205
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
330 440
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Fall time
tf
110 150
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 102AL
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.2 85 120 42 168 V 1.7 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 84 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 102AL
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 5 V
45 A
220 W
Ptot
180 160
ID
35 30
140 120 100 80 60 10 40 5 20 0 0 0 20 40 60 80 100 120 140 C 180 0 20 40 60 80 100 120 140 C 180 25 20 15
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
K/W
t = 30.0s p
ID
10 2
) on S( D R
/ID =
ZthJC
10 -1
VD
S
100 s
1 ms
D = 0.50 0.20 10
1 10 ms
10
-2
0.10 0.05 0.02
DC single pulse 10 0 0 10 10 -3 -7 10
0.01
10
1
V 10
2
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 102AL
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
100 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 21 A, VGS = 5 V
0.080
Ptot = 200W
kl j ih g f VGS [V]
a b 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.0 8.0 10.0
RDS (on) 0.060
ID
80 70
e
c d e f
60 50 40 30
c
0.050
g
0.040
dh
i j k l
98%
0.030
typ
0.020
20 10
b
0.010 0.000 -60
0 a 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
VDS
-20
20
60
100
C
180
Tj
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
50 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
45 S
ID
40 35 30 25
gfs
35 30 25 20
20 15 15 10 10 5 5 0 0 0 1 2 3 4 5 6 7 8 V 10 VGS 0 5 10 15 20 25 30 35 A ID 45
Semiconductor Group
6
07/96
BUZ 102AL
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.09
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6
RDS (on)0.07
0.06 0.05
a
b
c
d
e
V 4.0
VGS(th)
3.6 3.2 2.8 2.4
0.04 0.03 0.02 0.01 0.00 0 10 20 30 40 50 60 70 80 A 100
VGS [V] =
a 2.0 2.5 b 3.0 c 3.5 d 4.0 e f 4.5 5.0 g 5.5 h i 6.0 7.0 j 8.0 k 10.0
98%
2.0
typ
f g hk ji
1.6
2%
1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 180
ID
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
pF
A
C Ciss
10 3
IF
10 2
Coss Crss
10 2 10 1
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0 10 0 0.0
5
10
15
20
25
30
V 40 VDS
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 102AL
Avalanche energy EAS = (Tj ) parameter: ID = 42 A, VDD = 25 V RGS = 25 , L = 102 H
190 mJ 160
Typ. gate charge VGS = (QGate) parameter: ID puls = 63 A
16
V
EAS
140 120 100
VGS
12
10
8 80 6 60 40 20 0 20 4
0,2 VDS max
0,8 VDS max
2 0 40 60 80 100 120 140 C 180
Tj
0
20
40
60
80
nC
110
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
62 V 60
V(BR)DSS 59
58 57 56 55 54 53 52 51 50 49 48 47 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/96
BUZ 102AL
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ102AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X