Part Number Hot Search : 
82915P 15KP17A K4S1616 42010 SMK0825 80N04 1631A M67748LR
Product Description
Full Text Search
 

To Download BUZ102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 102
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * dv/dt rated * Low on-resistance * 175C operating temperature * also in TO-220 SMD available Pin 1 G Type BUZ 102 Pin 2 D Pin 3 S
VDS
50 V
ID
42 A
RDS(on)
0.023
Package TO-220 AB
Ordering Code C67078-S1351-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 42 Unit A
ID IDpuls
168
TC = 111 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
180 dv/dt 6
mJ
ID = 42 A, VDD = 25 V, RGS = 25 L = 102 H, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 42 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation
VGS Ptot
20 200
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 175 -55 ... + 175 0.83 75 E 55 / 175 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 102
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 3 0.1 1 10 10 0.017 4 1 100 100 100
V
VGS = 0 V, ID, Tj = -40 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
A nA A nA 0.023
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
VGS = 10 V, ID = 42 A
Semiconductor Group
2
07/96
BUZ 102
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
10 28 1620 550 240 -
S pF 2160 825 360 ns 25 38
VDS 2 * ID * RDS(on)max, ID = 42 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
95 140
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
300 400
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
160 215
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 102
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.2 75 0.12 42 168 V 1.7 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 84 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 102
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
45 A
220 W
Ptot
180 160
ID
35 30
140 120 100 80 60 10 40 5 20 0 0 0 20 40 60 80 100 120 140 C 180 0 20 40 60 80 100 120 140 C 180 25 20 15
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
A
K/W
ID
10 2
/ID =
) on S( D R
t = 30.0s p
ZthJC
10 -1
VD
S
100 s
1 ms
D = 0.50 0.20 10
1 10 ms
10
-2
0.10 0.05 0.02
DC single pulse 10 0 0 10 10 -3 -7 10
0.01
10
1
V 10
2
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 102
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
100 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.070
a b c d e f
Ptot = 200W l
kj i h
VGS [V] a 4.0
b 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
0.060
ID
80 70 60 50 40 30 20 10
g
RDS (on) 0.055
0.050 0.045 0.040 0.035 0.030
g
c
fd e
f
e
g h i
dj
k l
0.025 0.020 0.015
k i
h j
c
b
0.010 VGS [V] = 0.005 0.000 0
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
a 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
10
20
30
40
50
60
70
A
90
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
60 A 50
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
30 S 26
ID
45 40 35 30 25 20 15 10
gfs
24 22 20 18 16 14 12 10 8 6 4
5 0 0 1 2 3 4 5 6 7 8 V 10 VGS
2 0 0 10 20 30 40 A 60
ID
Semiconductor Group
6
07/96
BUZ 102
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 42 A, VGS = 10 V
0.065
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.055
98%
RDS (on) 0.050
0.045 0.040 0.035 0.030 0.025 0.020
VGS(th)
3.6 3.2 2.8 2.4
typ
98%
2.0
2%
typ
1.6 1.2
0.015 0.010 0.005 0.000 -60 -20 20 60 100 C 180 0.8 0.4 0.0 -60 -20 20 60 100 C 180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
A
C
pF
IF
10 2
Ciss
10 3
Coss
10 1
Tj = 25 C typ Tj = 175 C typ Crss Tj = 25 C (98%) Tj = 175 C (98%)
10 2 0 10 0 0.0
5
10
15
20
25
30
V 40 VDS
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 102
Avalanche energy EAS = (Tj ) parameter: ID = 42 A, VDD = 25 V RGS = 25 , L = 102 H
190 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 63 A
16
V 160
EAS
140 120 100 80
VGS
12
10 0,2 VDS max 0,8 VDS max
8
6 60 4 40 20 0 20 2 0 40 60 80 100 120 140 C 180 0 10 20 30 40 50 60 nC 80
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
62 V 60
V(BR)DSS 59
58 57 56 55 54 53 52 51 50 49 48 47 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/96
BUZ 102
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X