Part Number Hot Search : 
ADV71 RGP15MT MICRO P4SMA100 RN1907FE OC22T12S RGP15MT 01V9A
Product Description
Full Text Search
 

To Download BU508AFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BU208A BU508A/BU508AFI
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
s
s s
s
STMicroelectronics PREFERRED SALESTYPES HIGH VOLTAGE CAPABILITY U.L. RECOGNISED ISOWATT218 PACKAGE (U.L. FILE # E81734 (N) JEDEC TO-3 METAL CASE.
TO-3
1 2
APPLICATIONS: s HORIZONTAL DEFLECTION FOR COLOUR TV DESCRIPTION The BU208A, BU508A and BU508AFI are manufactured using Multiepitaxial Mesa technology for cost-effective high performance and use a Hollow Emitter structure to enhance switching speeds.
3 2
3 2
TO-218
1
ISOWATT218
1
INTERNAL SCHEMATIC DIAGRAM
For TO-3 : C = Tab E = Pin2.
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM P t ot T stg Tj Parameter Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current (tp < 5 ms) TO - 3 Total Dissipation at Tc = 25 o C St orage Temperature Max. Operating Junction Temperature 150 175 Value 1500 700 10 8 15 TO - 218 125 150 ISOW AT T218 50 -65 to 150 150 W
o o
Unit V V V A A
-65 to 175 -65 to 150
C C 1/8
November 1999
BU208A / BU508A / BU508AFI
THERMAL DATA
T O-3 R t hj-ca se Thermal Resistance Junction-case Max 1 TO -218 1 ISO WATT218 2.5
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES I EBO Parameter Collector Cut-off Current (V BE = 0) Emitter Cut-off Current (I C = 0) Test Cond ition s V CE = 1500 V V CE = 1500 V V EB = 5 V I C = 100 mA 700 TC = 125 C
o
Min.
Typ .
Max. 1 2 100
Un it mA mA A V
V CEO(sus ) Collector-Emitter Sustaining Voltage (I B = 0) V EBO V CE(sat ) V BE(s at) Emitter Base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitt er Saturation Voltage INDUCTIVE LO AD Storage Time Fall Time Transition Frequency
I E = 10 mA I C = 4.5 A I C = 4.5 A IB = 2 A IB = 2 A
10 1 1.3
V V V
ts tf fT
I C = 4.5 A hF E = 2.5 V CC = 140 V L C = 0.9 mH LB = 3 H I C = 0.1 A V CE = 5 V f = 5 MHz
7 0.55 7
s s MHz
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area (TO-3)
Safe Operating Areas (TO-218/ISOWATT218)
2/8
BU208A / BU508A / BU508AFI
DC Current Gain Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Switching Time Inductive Load
Switching Time Inductive Load (see figure 1)
3/8
BU208A / BU508A / BU508AFI
Figure 1: Inductive Load Switching Test Circuit.
4/8
BU208A / BU508A / BU508AFI
TO-3 MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.045 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D
C
U
V
O
N
R
B
P003F
5/8
E
BU208A / BU508A / BU508AFI
TO-218 (SOT-93) MECHANICAL DATA
mm MIN. A C D E F G H L2 L3 L5 L6 R O - 4 3.95 31 12.2 4.1 - 0.157 0.5 1.1 10.8 14.7 - 18 4.15 0.155 1.220 0.480 0.161 4.7 1.17 2.5 0.78 1.3 11.1 15.2 16.2 0.019 0.043 0.425 0.578 - 0.708 0.163 TYP. MAX. 4.9 1.37 MIN. 0.185 0.046 0.098 0.030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054
DIM.
A
C
L5 L3 L2
L6
D
E H F R 1 2 3
P025A
6/8
G
BU208A / BU508A / BU508AFI
ISOWATT218 MECHANICAL DATA
DIM. A C D D1 E F F2 F3 G H L L1 L2 L3 L4 L5 L6 N R DIA mm TYP. inch TYP.
MIN. 5.35 3.30 2.90 1.88 0.75 1.05 1.50 1.90 10.80 15.80 20.80 19.10 22.80 40.50 4.85 20.25 2.1
MAX. 5.65 3.80 3.10 2.08 0.95 1.25 1.70 2.10 11.20 16.20 21.20 19.90 23.60 42.50 5.25 20.75 2.3
MIN. 0.211 0.130 0.114 0.074 0.030 0.041 0.059 0.075 0.425 0.622 0.819 0.752 0.898 1.594 0.191 0.797 0.083
MAX. 0.222 0.150 0.122 0.082 0.037 0.049 0.067 0.083 0.441 0.638 0.835 0.783 0.929 1.673 0.207 0.817 0.091
9
0.354
4.6 3.5 3.7 0.138
0.181 0.146
- Weight : 4.9 g (typ.) - Maximum Torque (applied to mounting flange) Recommended 0.8 Nm; Maximum: 1 Nm : - The side of the dissipator must be flat within 80 m
P025C/A
7/8
BU208A / BU508A / BU508AFI
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of BU508AFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X