Part Number Hot Search : 
E3E1E XC6204 E003590 BAV99LT R16V2 TLP331 00121 PA12M
Product Description
Full Text Search
 

To Download BU2611A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
PLL frequency synthesizer for tuners
BU2611A / BU2611AF / BU2611AFS
The BU2611 PLL frequency synthesizers work up through the FM band. They feature built-in RF amps with low power dissipation and high sensitivity.
FApplications Tuners (Mini components, radio cassette players, radio equipment, etc.)
FFeatures 1) Built-in high-speed prescaler can divide 130 MHzVCO. 2) In addition to the reference FM and AM, also offers the following 7 frequencies: 100kHz, 50kHz, 25kHz, 10kHz, 9kHz, 5kHz, and 1kHz.
3) 4) 5) 6)
3-bit output port (open drain). Clock output (400kHz). Time base output (8Hz). Serial data input (CE, CK, DA).
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions
106
Audio ICs
FBlock diagram
BU2611A / BU2611AF / BU2611AFS
FPin descriptions
107
Audio ICs
BU2611A / BU2611AF / BU2611AFS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VDD = 5.0V)
FData format
(1)
Division data: For D0 through D13 (For AMN, use D4 through D13.)
(2)
Test data: T0 through T1 are taken as (0, 0).
108
Audio ICs
FData format (3) P0, P1, P2, P3, TB: port output, time base output
BU2611A / BU2611AF / BU2611AFS
(4)
R0, R1, R2, standard frequency data
(5)
S: input selection data 1: FMIN 0: AMIN
FExternal dimensions (Units: mm)
109


▲Up To Search▲   

 
Price & Availability of BU2611A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X