Part Number Hot Search : 
56F8357 60820 5925B WRB2412 011IST5X C0603 60N15 B8806
Product Description
Full Text Search
 

To Download BC548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC548 / BC548A / BC548B / BC548C
Discrete POWER & Signal Technologies
BC548 BC548A BC548B BC548C
E
B
TO-92
C
NPN General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 300 mA. Sourced from Process 10. See PN100A for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCES VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
30 30 5.0 500 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
BC548 / A / B / C 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
548-ABC, Rev B
BC548 / BC548A / BC548B / BC548C
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)CES V(BR)EBO ICBO Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current IC = 10 mA, IB = 0 IC = 10 A, IE = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = +150 C 30 30 30 5.0 15 5.0 V V V V nA A
ON CHARACTERISTICS
hFE DC Current Gain VCE = 5.0 V, IC = 2.0 mA 548 548A 548B 548C 110 110 200 420 800 220 450 800 0.25 0.60 0.70 0.77
VCE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter On Voltage
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5.0 mA VCE = 5.0 V, IC = 2.0 mA VCE = 5.0 V, IC = 10 mA
0.58
V V V V
SMALL SIGNAL CHARACTERISTICS
hfe NF Small-Signal Current Gain Noise Figure IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz VCE = 5.0 V, IC = 200 A, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz 125 900 10 dB


▲Up To Search▲   

 
Price & Availability of BC548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X