Part Number Hot Search : 
008226 GRM32ER M5S61AJ 50000 SI6955 TDA21201 U7001BG A6818SEP
Product Description
Full Text Search
 

To Download BAS70-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection
SOT-23
A
Dim A B C D E G H
K J L M
Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076
Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178
TOP VIEW
B
C
Mechanical Data
* * * * Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Approx. Weight: 0.008 grams
E D G H
J K L M
All Dimensions in mm
BAS70 Marking: K73, K7C
BAS70-04 Marking: K74, K7D
BAS70-05 Marking: K75, K7E
BAS70-06 Marking: K76, K7F
Maximum Ratings and Electrical Characteristics, Single Diode @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Junction Temperature Range Storage Temperature Range @ tp < 1.0s Symbol VRRM VRWM VR VR(RMS) IF IFSM Pd RqJA Tj TSTG BAS70 70 49 70 100 200 625 -55 to +125 -65 to +150 Unit V V mA mA mW K/W C C
Electrical Ratings
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IRM Cj trr -- 3/4 3/4 -- 410 1000 100 2.0 5.0 mV nA pF ns tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, RL =100W Min Max Unit Test Condition
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Peak Reverse Current Junction Capacitance Reverse Recovery Time Notes:
1. Valid Provided that terminals are kept at ambient temperature. 2. Test period <3000ms.
DS11007 Rev. L-2
1 of 1
BAS70/-04/-05/-06


▲Up To Search▲   

 
Price & Availability of BAS70-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X