Part Number Hot Search : 
30WQ20FN CH47AUG 10N10 VQ100 S2001 3000L CAT24 MC74ACT
Product Description
Full Text Search
 

To Download BAS70-04T-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70T/ -04T/ -05T/ -06T
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
NEW PRODCUT
* * * * * * * * * * * *
Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection Ultra-Small Surface Mount Package
B
SOT-523 Dim
A C TOP VIEW E G H K N L M BC
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
A B C D G H J K L M N a
Mechanical Data
Case: SOT-523, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Marking: See Diagrams Below & Page 2 Weight: 0.002 grams (approx.) Ordering Information, see Page 2
J
D
All Dimensions in mm
BAS70T Marking: 7C
BAS70-04T Marking: 7D
BAS70-05T Marking: 7E
BAS70-06T Marking: 7F
Maximum Ratings and Electrical Characteristics, Single Diode @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ tp < 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj TSTG Value 70 49 70 100 150 833 -55 to +125 -65 to +150 Unit V V mA mA mW C/W C C
Electrical Ratings
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Min 70 -- 3/4 3/4 -- Max -- 410 1000 100 2.0 5.0 Unit -- mV nA pF ns Test Condition IR = 10mA tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, Irr = 0.1 x IR, RL = 100W
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2) Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Notes:
trr
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30261 Rev. 4 - 2
1 of 2
BAS70T/ -04T/ -05T/ -06T
Ordering Information (Note 3)
NEW PRODUCT
Device BAS70T-7 BAS70-04T-7 BAS70-05T-7 BAS70-06T-7 Notes:
Packaging SOT-523 SOT-523 SOT-523 SOT-523
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXYM
XX = Product Type Marking Code (See Page 1, e.g. 7C = BAS70T) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R March 3 Apr 4 2005 S May 5 2006 T Jun 6 Jul 7 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30261 Rev. 4 - 2
2 of 2
BAS70T/ -04T/ -05T/ -06T


▲Up To Search▲   

 
Price & Availability of BAS70-04T-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X