Part Number Hot Search : 
VCO55CL AF139 0000T TB0296A GL5TR TSOP1233 RN296 1209SH
Product Description
Full Text Search
 

To Download BAR63-02W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAR 63-02W
Silicon PIN Diode * PIN diode for high speed switching of RF signals * Low forward resistance, small capacitance small inductance * Very low capacitance * For frequencies up to 3 GHz
2
1
VES05991
Type BAR 63-02W
Marking Ordering Code G Q62702-A1211
Pin Configuration 1=C 2=A
Package SCD-80
Maximum Ratings Parameter Diode reverse voltage Forward current Total power dissipation, T S = 115 C Junction temperature Operating temperature range Storage temperature Thermal Resistance Junction - ambient
1)
Symbol
Value 50 100 250 150 -55 ...+150 -55 ...+150
Unit V mA mW C C
VR IF Ptot Tj Top Tstg
RthJA RthJS
220 140
K/W
Junction - soldering point
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm Semiconductor Group Semiconductor Group 11
Sep-07-1998 1998-11-01
BAR 63-02W
Electrical Characteristics at TA = 25 =C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Breakdown voltage typ. 0.95 max. 10 1.2
Unit
V(BR) IR VF
50 -
V A V
I (BR) = 5 A
Reverse current
VR = 35 V
Forward voltage
I F = 100 mA
AC characteristics Diode capacitance
CT
0.3 0.21 0.09 0.3 -
pF
VR = 0 V, f = 100 MHz VR = 5 V, f = 1 MHz
Case capacitance
CC rf
f = 1 MHz
Forward resistance rr 1.2 1 75 0.6 2 s nH
I F = 5 mA, f = 100 MHz I F = 10 mA, f = 100 MHz
Charge carrier life time
I F = 10 mA, I R = 6 mA, I R = 3 mA
Series inductance
Ls
Semiconductor Group Semiconductor Group
22
Sep-07-1998 1998-11-01
BAR 63-02W
Forward current IF = f (TA*;TS)
*): mounted on alumina 15mm x 16.7mm x 0.7mm
120
mA
5
100 90 80
TS
IF
70 60 50 40 30 20 10 0 0 20 40 60 80
TA
100
120 C
150
TA,TS
Permissible Pulse Load R thJS = f(t p)
Permissible Pulse Load
IFmax / IFDC = f(tp)
10 3 10 1
K/W
IFmax / IFDC
10 2
-
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Semiconductor Group Semiconductor Group
33
Sep-07-1998 1998-11-01
BAR 63-02W
Diode capacitance CT = f (V R) f = 1MHz
Forward resistance rf = f(IF) f = 100MHz
10 3
Ohm
0.6
pF
10 2 0.4
CT
RF
10 1 10 0 10 -1 -2 10
0.3
0.2
0.1
0.0 0
5
10
15
20
V
30
10
-1
10
0
10
1
10
2
mA 10
3
VR
IF
Forward current IF = f (V F)
T A = 25C
10 3
mA
10 2
10 1
IF
10 0
10 -1
10 -2 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
V
1.0
VF
Semiconductor Group Semiconductor Group
44
Sep-07-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BAR63-02W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X