Part Number Hot Search : 
TDA72940 MSC80278 MMSZ5221 SA552 6KE16CA D50NH02 SC1815 SK1501
Product Description
Full Text Search
 

To Download BA6908F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA6908F
Motor driver ICs
Single-phase full-wave motor driver for fan motor
BA6908F
BA6908F is a single phase full-wave motor driver for fan motor corresponding to 5V and 12V. Switching noise is reduced by soft switching drive. This IC has lock detection and automatic restart functions as motor protection function.
Applications Motor drivers for fan motors
Features 1) Single-phase full-wave drive system. 2) Built-in power transistor. 3) Soft switching drive. 4) Lock detection and automatic restart circuit. 5) Thermal shut-down circuit. 6) Hall signal output.
Absolute maximum ratings (Ta=25C)
Parameter Supply voltage Power dissipation Operating temperature Storage temperature Output current Hall signal output current Output voltage Hall signal output voltage Junction temperature Symbol VCC Pd Topr Tstg IOUT IHO VOUT VHO Tjmax Limits 15 687
1
Unit V mW
-40 to +85 -55 to +150 0.7 15 15 15 150
2
C C
A mA V V
C
1 To use at temperature above Ta=25C reduce 5.5mW/C. (On 70.0mmx70.0mmx1.6mm glass epoxy board) 2 This value is not to be over Pd and ASO.
Recommended operating conditions (Ta=25C)
Parameter Supply voltage Symbol VCC Min. 3 Typ. - Max. 14 Unit V
1/7
BA6908F
Motor driver ICs
Block diagram
1
REG
8
2
LOCK DETECTION AND AUTO RESTART
7
3
Control
6
TSD
HALL AMP
4
5
Terminal function table
Pin No. 1 2 3 4 5 6 7 8 Pin name OUT2 HO LD VCC H+ H- OUT1 GND Output terminal 2 Hall signal output terminal Connection terminal of capacitor for lock detection, auto restart Power supply terminal Hall signal input terminal + Hall signal input terminal - Output teminal 1 GROUND terminal Function
2/7
BA6908F
Motor driver ICs
Input / output circuit
VCC
H+ H-
Fig.1

VCC

HO
OUT1
OUT2
Fig.2
Fig.3
3/7
BA6908F
Motor driver ICs
Electrical characteristics (Unless otherwise specified, Ta=25C, VCC=5V)
Parameter Symbol Min.
Typ.
Max.
Unit
Conditions
Supply current Charge current of capacitor for lock detection Discharge current of capacitor for lock detection Charge-discharge current ratio of capacitor for lock detection Clamp voltage of capacitor for lock detection Comparison voltage of capacitor for lock detection Output voltage L Output voltage H "HO" terminal voltage L "HO" terminal leak current Hall input offset voltage Hall input-output gain
This product is not designed for protection against radioactive rays.
ICC ILDC ILDD rCD VLDCL VLDCP VOL VOH VHOL IHOL Hofs GHO
1.5 1.50 0.24 4.2 1.14 0.47 - 3.9 - - -10 320
3.4 2.75
0.48 5.7 1.80
8.7 4.50 0.90 9.5 2.47 1.06 0.3 - 0.5 50 10 680
mA A A - V V V V V A mV -
At output : OFF VLD=1.1V VLD=1.1V rCD=ILDC/ILDD
0.76 0.2 4.1
0.3 0 - 500
IO=200mA IO=200mA IHO=5mA VHO=15V
Lock detect circuit, automatic restart circuit Charge and discharge time at motor lock condition varies with the value of external capacitor at LD terminal and is given by the following equation.
Ton (Charge time) = Toff (Discharge time) = C VLDCL VLDCP ILDC ILDD : : : : : C* (VLDCL-VLDCP) ILDC C* (VLDCL-VLDCP) ILDD Value of capacitor at LD terminal Clamp voltage of capacitor lock detection Comparison voltage of capacitor lock detection Charge current of capacitor lock detection Discharge current of capacitor lock detection
(1.80V (0.76V (2.75A (0.48A
Typ.) Typ.) Typ.) Typ.)
The following value shows charge time and discharge time at C=0.47F for reference. Charge time = 0.18SEC Discharge time = 1.02SEC (Output : ON) (Output : OFF)
H+
OUT1 Toff Output Tr OFF VLDCL LD VLDCP Ton ON
HO Motor lock Detect lock
Depend on the hall output Reset ordinary motion Lock cancel
Fig.4 Timing chart
4/7
BA6908F
Motor driver ICs
Application circuit
1
REG
8
M
2
LOCK DETECTION AND AUTO RESTART
7
3
Control
6
HALL
TSD
HALL AMP
4
5
Fig.5
Cautions 1) Thermal shut down(TSD) This IC is built-in TSD. TSD has the temperature hysteresis.
Output ON
TSD ON (Typ. : 175C) All output transistor OFF.
TSD OFF TSD ON
Output OFF 150 Junction temperature(C) 175
TSD OFF (Typ. : 150C) Reset ordinary motion. (It has the temperature hysteresis of 25C)
Fig.6 TSD
2)
Power dissipation IC power dissipation widely varies with supply voltage, output current and application of IC. Please be careful for the thermal design not to exceed the allowable power dissipation.
5/7
BA6908F
Motor driver ICs
3) Hall signal input terminals (H+, H-)
VCC
Hall amp input bias voltage range
VCC-2V
1/2VCC
GND
Fig.7 Hall amp input bias voltage range.
A. B. C.
Please adjust hall input bias voltage by value of resistor for hall element, so that hall signal contains amplitude input within rang from 0V to Vcc-2V. At this time, to set hall amp input bias voltage for Vcc/2 is recommended. Please be careful of input signal because hall amp of this IC doesn't have input hysteresis. The output signal of this IC is the amplified hall input signal. Therefore, the output signal depends on hall input signal. When the amplitude of hall signal is small, the output signal becomes gentle. Oppositely, when the amplitude is big, the output signal becomes steep. The hall-input/output gain is about 500 times (TYP), so please input the hall signal that is suitable to make adequate amplitude of the output signal.
(H+)-(H-)
OUT1
Fig.8 Difference of output signal depending on hall input signal
4)
ASO Please consider output transistors not to exceed absolute maximum ratings and ASO. GND Please keep up the voltage of GND less than the voltage of another terminal surely. This product is produced with strict quality control, but destroyed in using beyond absolute maximum ratings. Once IC destroyed, a failure mode cannot be defined (like short-mode or open-mode). Therefore, physical security counter measure like fuse is to be given when a specific mode to be beyond absolute maximum ratings is considered.
5)
6)
6/7
BA6908F
Motor driver ICs
Electrical characteristic curves
OUTPUT SATURATION VOLTAGE : VOL (V)
1200
POWER DISSIPATION : Pd (mW)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 OUTPUT CURRENT : IO (A)
CIRCUIT CURRENT : ICC (mA)
1000 800 600 400 200 0
5 4 3 2 1 0
0
25
50
75 85 100
125
150
0
2
4
6
8
10 12 14 16 18 20
AMBIENT TEMPERATURE : Ta (C)
SUPPLY VOLTAGE : VCC (V)
Fig.9 Power dissipation curve
Fig.10 Circuit current vs. Power supply voltage
Fig.11 Low level saturation voltage vs. Output current
OUTPUT SATURATION VOLTAGE : VOH (V)
5.0 4.8 4.6 4.4 4.2 4.0 3.8 3.6 3.4 3.2 3.0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 OUTPUT CURRENT : IO (A)
Fig.12 High level saturation voltage vs. Output current
External dimensions (Unit : mm)
5.00.2
8 5
6.20.3 4.40.2
1
4
1.50.1 0.11
0.150.1 0.1
1.27 0.40.1
SOP8
0.3Min.
7/7
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of BA6908F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X