Part Number Hot Search : 
CHT05PT 1N5927 968879 30AE3 TC5050 LBT12021 LH1502 2C2857
Product Description
Full Text Search
 

To Download BA6896 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players
BA6896FP
The BA6896FP is a 4-channel BTL driver designed for CD player motor and actuator drives. The internal 5V regulator and standard operational amplifier make this IC suitable for a wide spectrum of applications. FApplications CD players, CD-ROM drives FFeatures 1) HSOP 28-pin package, for application miniaturization. 2) A minimum of attached components. 3) Driver gain is adjustable with a single attached resistor. 4) Internal 5V regulator. (requires attached PNP transistor) FAbsolute maximum ratings (Ta = 25_C)
5) Internal standard operational amplifier. 6) Internal thermal shutdown function. 7) The output current between pins 1 and 2 is mutable with the external mute pin.
382
Optical disc ICs
FBlock diagram
BA6896FP
FPin descriptions
383
Optical disc ICs
FPin equivalent circuit diagrams
BA6896FP
384
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8)
BA6896FP
385
Optical disc ICs
FMeasurement circuit
BA6896FP
386
Optical disc ICs
FCircuit operation (1) Driver Inputs to the IC are the focus tracking error signal from the servo preamplifier and the control signal from the motor. The input signals, which normally center on 2.5V, are V / I converted by the preamplifier, generating a current corresponding to the input voltage. This current is
BA6896FP
passed through a resistor and into the internal reference voltage component, the preamplifier output being a signal centering on the internal reference voltage. Two systems (positive phase and negative phase) are created during V / I conversion, generating BTL output via the driver buffer.
(2) Regulator This is a typical series regulator that generates a reference voltage internally. A PNP low saturation transistor must be connected.
(3) Operational amplifier A standard 4558 type.
387
Optical disc ICs
FApplication example
BA6896FP
388
Optical disc ICs
FOperation notes (1) The BA6896FP has an internal thermal shutdown circuit. Output current is muted when the chip temperature exceeds 175_C (typically). (2) The output current can be muted be raising the mute pin (pin 7) voltage above 2.2V. Pin 7 should be open or pulled up above 0.4V during normal operation. (3) Muting also occurs when the bias pin (23 pin) drops below 1.4V (typically). Pin 23 should stay above 1.6V during normal operation. (4) The internal circuits turn off when the supply voltage drops below 4.5V (typically) and start up again when the supply voltage rises above 4.7V (typically).
BA6896FP
(5) Muting occurs during thermal shutdown, mute-on operations or a drop in the bias pin voltage or supply voltage. In each case, only the drivers are muted. During muting, the output pins remain at the internal bias voltage, roughly (VCC*VF) / 2. (6) Attach a bypass capacitor (roughly 0.1F) to the power supply, at the base of the IC. (7) The radiating fin is connected to the package's internal GND, but should also be connected to an external ground. (8) The capacitor between regulator output (pin 6) and GND also serves to prevent oscillation of the IC, so select one with good temperature characteristics.
FThermal derating curve
FElectrical characteristic curves
389
Optical disc ICs
BA6896FP
FExternal dimensions (Units: mm)
390


▲Up To Search▲   

 
Price & Availability of BA6896

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X