Part Number Hot Search : 
OM5234 PIC10F GCM1555 PE53828S L2610X HYS64T64 V25S115P 600ETTT
Product Description
Full Text Search
 

To Download AT49F001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Single Voltage Operation * * *
- 5V Read - 5V Reprogramming Fast Read Access Time - 55 ns Internal Program Control and Timer Sector Architecture - One 16K Byte Boot Block with Programming Lockout - Two 8K Byte Parameter Blocks - Two Main Memory Blocks (32K, 64K) Bytes Fast Erase Cycle Time - 10 seconds Byte By Byte Programming - 10 s/Byte Typical Hardware Data Protection DATA Polling for End of Program Detection Low Power Dissipation - 50 mA Active Current - 100 A CMOS Standby Current Typical 10,000 Write Cycles
* * * * * *
1-Megabit (128K x 8) 5-volt Only Flash Memory AT49F001 AT49F001N AT49F001T AT49F001NT
Description
The AT49F001(N)(T) is a 5-volt-only in-system reprogrammable Flash Memory. Its 1 megabit of memory is organized as 131,072 words by 8 bits. Manufactured with Atmel's advanced nonvolatile CMOS technology, the device offers access times to 55 ns with power dissipation of just 275 mW over the commercial temperature range. (continued)
Pin Configurations
Pin Name A0 - A16 CE OE WE RESET I/O0 - I/O7 NC DC Function Addresses Chip Enable Output Enable Write Enable RESET Data Inputs/Outputs No Connect Don't Connect PLCC Top View
A12 A15 A16 RESET * VCC WE NC
DIP Top View
* RESET A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC WE NC A14 A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
VSOP Top View (8 x 14 mm) or TSOP Top View (8 x 20 mm) Type 1
A11 A9 A8 A13 A14 NC WE VCC * RESET A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2 A3
I/O1 I/O2 GND I/O3 I/O4 I/O5 I/O6
14 15 16 17 18 19 20
A7 A6 A5 A4 A3 A2 A1 A0 I/O0
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
A14 A13 A8 A9 A11 OE A10 CE I/O7
Rev. 1008B-07/98
*Note: This pin is a DC on the AT49F001N(T). 1
When the device is deselected, the CMOS standby current is less than 100 A. For the AT49F001NT pin 1 for the DIP and PLCC packages and pin 9 for the TSOP package are don't connect pins. To allow for simple in-system reprogrammability, the AT49F001(N)(T) does not require high input voltages for programming. Five-volt-only commands determine the read and programming operation of the device. Reading data out of the device is similar to reading from an EPROM; it has standard CE, OE, and WE inputs to avoid bus contention. Reprogramming the AT49F001(N)(T) is performed by erasing a block of data and then programming on a byte by byte basis. The byte programming time is a fast 50 s. The end of a program cycle can be optionally detected by the DATA polling feature. Once the end of a byte program cycle has been detected, a new access for a read or program can begin. The typical number of program and erase cycles is in excess of 10,000 cycles.
The device is erased by executing the erase command sequence; the device internally controls the erase operations. There are two 8K byte parameter block sections and two main memory blocks. The device has the capability to protect the data in the boot block; this feature is enabled by a command sequence. The 16K-byte boot block section includes a reprogramming lock out feature to provide data integrity. The boot sector is designed to contain user secure code, and when the feature is enabled, the boot sector is protected from being reprogrammed. In the AT49F001N(T), once the boot block programming lockout feature is enabled, the contents of the boot block are permanent and cannot be changed. In the AT49F001(T), once the boot block programming lockout feature is enabled, the contents of the boot block cannot be changed with input voltage levels of 5.5 volts or less.
Block Diagram
AT49F001(N) DATA INPUTS/OUTPUTS I/O7 - I/O0 VCC GND OE WE CE RESET 8 INPUT/OUTPUT BUFFERS PROGRAM DATA LATCHES Y-GATING 1FFFF X DECODER MAIN MEMORY BLOCK 2 (64K BYTES) MAIN MEMORY BLOCK 1 (32K BYTES) PARAMETER BLOCK 2 (8K BYTES) PARAMETER BLOCK 1 (8K BYTES) BOOT BLOCK (16K BYTES) BOOT BLOCK (16K BYTES) 10000 0FFFF PARAMETER BLOCK 1 (8K BYTES) PARAMETER BLOCK 2 (8K BYTES) MAIN MEMORY BLOCK 1 (32K BYTES) MAIN MEMORY BLOCK 2 (64K BYTES) AT49F001(N)T DATA INPUTS/OUTPUTS I/O7 - I/O0 8 INPUT/OUTPUT BUFFERS PROGRAM DATA LATCHES Y-GATING 1FFFF 1C000 1BFFF
CONTROL LOGIC
Y DECODER ADDRESS INPUTS
08000 07FFF
1A000 19FFF
06000 05FFF
18000 17FFF
04000 03FFF 00000
10000 0FFFF
00000
2
AT49F001(N)(T)
AT49F001(N)(T)
Device Operation
READ: The AT49F001(N)(T) is accessed like an EPROM. When CE and OE are low and WE is high, the data stored at the memory location determined by the address pins is asserted on the outputs. The outputs are put in the high impedance state whenever CE or OE is high. This dual-line control gives designers flexibility in preventing bus contention. COMMAND SEQUENCES: When the device is first powered on it will be reset to the read or standby mode depending upon the state of the control line inputs. In order to perform other device functions, a series of command sequences are entered into the device. The command sequences are shown in the Command Definitions table. The command sequences are written by applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Standard microprocessor write timings are used. The address locations used in the command sequences are not affected by entering the command sequences. RESET: A RESET input pin is provided to ease some system applications. When RESET is at a logic high level, the device is in its standard operating mode. A low level on the RESET input halts the present device operation and puts the outputs of the device in a high impedence state. If the RESET pin makes a high to low transition during a program or erase operation, the operation may not be sucessfully completed and the operation will have to be repeated after a high level is applied to the RESET pin. When a high level is reasserted on the RESET pin, the device returns to the read or standby mode, depending upon the state of the control inputs. By applying a 12V 0.5V input signal to the RESET pin, the boot block array can be reprogrammed even if the boot block lockout feature has been enabled (see Boot Block Programming Lockout Override section). The RESET feature is not available for the AT49F001N(T). ERASURE: Before a byte can be reprogrammed, the main memory block or parameter block which contains the byte must be erased. The erased state of the memory bits is a logical "1". The entire device can be erased at one time by using a 6-byte software code. The software chip erase code consists of 6-byte load commands to specific address locations with a specific data pattern (please refer to the Chip Erase Cycle Waveforms). After the software chip erase has been initiated, the device will internally time the erase operation so that no external clocks are required. The maximum time needed to erase the whole chip is tEC. If the boot block lockout feature has been enabled, the data in the boot sector will not be erased. CHIP ERASE: If the boot block lockout has been enabled, the Chip Erase function will erase Parameter Block 1, Parameter Block 2, Main Memory Block 1, and Main Memory Block 2 but not the boot block. If the Boot Block Lockout has not been enabled, the Chip Erase function will erase the entire chip. After the full chip erase the device will return back to read mode. Any command during chip erase will be ignored. SECTOR ERASE: As an alternative to a full chip erase, the device is organized into sectors that can be individually erased. There are two 8K-byte parameter block sections and two main memory blocks. The 8K-byte parameter block sections can be independently erased and reprogrammed. The two main memory sections are designed to be used as alternative memory sectors. That is, whenever one of the blocks has been erased and reprogrammed, the other block should be erased and reprogrammed before the first block is again erased. The Sector Erase command is a six bus cycle operation. The sector address is latched on the falling WE edge of the sixth cycle while the 30H data input command is latched at the rising edge of WE. The sector erase starts after the rising edge of WE of the sixth cycle. The erase operation is internally controlled; it will automatically time to completion. BYTE PROGRAMMING: Once the memory array is erased, the device is programmed (to a logical "0") on a byte-by-byte basis. Please note that a data "0" cannot be programmed back to a "1"; only erase operations can convert "0"s to "1"s. Programming is accomplished via the internal device command register and is a 4 bus cycle operation (please refer to the Command Definitions table). The device will automatically generate the required internal program pulses. The program cycle has addresses latched on the falling edge of WE or CE, whichever occurs last, and the data latched on the rising edge of WE or CE, whichever occurs first. Programming is completed after the specified tBP cycle time. The DATA polling feature may also be used to indicate the end of a program cycle. BOOT BLOCK PROGRAMMING LOCKOUT: The device has one designated block that has a programming lockout feature. This feature prevents programming of data in the designated block once the feature has been enabled. The size of the block is 16K bytes. This block, referred to as the boot block, can contain secure code that is used to bring up the system. Enabling the lockout feature will allow the boot code to stay in the device while data in the rest of the device is updated. This feature does not have to be activated; the boot block's usage as a write protected region is optional to the user. The address range of the boot block is 00000 to 03FFF for the AT49F001(N) while the address
3
range of the boot block is 1C000 to 1FFFF for the AT49F001(N)T. Once the feature is enabled, the data in the boot block can no longer be erased or programmed with input voltage levels of 5.5V or less. Data in the main memory block can still be changed through the regular programming method. To activate the lockout feature, a series of six program commands to specific addresses with specific data must be performed. Please refer to the Command Definitions table. BOOT BLOCK LOCKOUT DETECTION: A software method is available to determine if programming of the boot block section is locked out. When the device is in the software product identification mode (see Software Product Identification Entry and Exit sections) a read from address location 00002H will show if programming the boot block is locked out for the AT49F001(N) and a read from address 1C002H will show if programming the boot block is locked out for the AT49F001(N)T. If the data on I/O0 is low, the boot block can be programmed; if the data on I/O0 is high, the program lockout feature has been activated and the block cannot be programmed. The software product identification exit code should be used to return to standard operation. BOOT BLOCK PROGRAMMING LOCKOUT OVERRIDE: The user can override the boot block programming lockout by taking the RESET pin to 12 volts. By doing this, protected boot block data can be altered through a chip erase, sector erase or word programming. When the RESET pin is brought back to TTL levels the boot block programming lockout feature is again active. This feature is not available on the AT49F001N(T).
PRODUCT IDENTIFICATION: The product identification mode identifies the device and manufacturer as Atmel. It may be accessed by hardware or software operation. The hardware operation mode can be used by an external programmer to identify the correct programming algorithm for the Atmel product. For details, see Operating Modes (for hardware operation) or Software Product Identification. The manufacturer and device code is the same for both modes. DATA POLLING: The AT49F001(N)(T) features DATA polling to indicate the end of a program cycle. During a program cycle an attempted read of the last byte loaded will result in the complement of the loaded data on I/O7. Once the program cycle has been completed, true data is valid on all outputs and the next cycle may begin. DATA polling may begin at any time during the program cycle. TOGGLE BIT: In addition to DATA polling the AT49F001(N)(T) provides another method for determining the end of a program or erase cycle. During a program or erase operation, successive attempts to read data from the device will result in I/O6 toggling between one and zero. Once the program cycle has completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may begin at any time during a program cycle. HARDWARE DATA PROTECTION: Hardware features protect against inadvertent programs to the AT49F001(N)(T) in the following ways: (a) V CC sense: if VCC is below 3.8V (typical), the program function is inhibited. (b) Program inhibit: holding any one of OE low, CE high or WE high inhibits program cycles. (c) Noise filter: pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a program cycle.
4
AT49F001(N)(T)
AT49F001(N)(T)
Command Definition (in Hex)(1)
Command Sequence Read Chip Erase Sector Erase Byte Program Boot Block Lockout(2) Product ID Entry Product ID Exit Product ID Exit Notes:
(3) (3)
Bus Cycles 1 6 6 4 6 3 3 1
1st Bus Cycle Addr Addr 5555 5555 5555 5555 5555 5555 XXXX Data DOUT AA AA AA AA AA AA F0
2nd Bus Cycle Addr Data
3rd Bus Cycle Addr Data
4th Bus Cycle Addr Data
5th Bus Cycle Addr Data
6th Bus Cycle Addr Data
2AAA 2AAA 2AAA 2AAA 2AAA 2AAA
55 55 55 55 55 55
5555 5555 5555 5555 5555 5555
80 80 A0 80 90 F0
5555 5555 Addr 5555
AA AA DIN AA
2AAA 2AAA
55 55
5555 SA
(4)
10 30
2AAA
55
5555
40
1. The DATA FORMAT in each bus cycle is as follows: I/O7 - I/O0 (Hex) 2. The 16K byte boot sector has the address range 00000H to 03FFFH for the AT49F001(N) and 1C000H to 1FFFFH for the AT49F001(N)T. 3. Either one of the Product ID Exit commands can be used. 4. SA = sector addresses For the AT49F001(N): SA = 10000 to 1FFFF for BOOT BLOCK Nothing will happen and the device goes back to the read mode in 100 ns SA = 04000 to 05FFF for PARAMETER BLOCK 1 SA = 06000 to 07FFF for PARAMETER BLOCK 2 SA = 08000 to 0FFFF for MAIN MEMORY ARRAY BLOCK 1 This command will erase - PB1, PB2 and MMB1 SA = 10000 to 1FFFF for MAIN MEMORY ARRAY BLOCK 2 For the AT49F001(N)T: SA = 1C000 to 1FFFF for BOOT BLOCK Nothing will happen and the device goes back to the read mode in 100 ns SA = 1A000 to 1BFFF for PARAMETER BLOCK 1 SA = 18000 to 19FFF for PARAMETER BLOCK 2 SA = 10000 to 17FFF for MAIN MEMORY ARRAY BLOCK 1 This command will erase - PB1, PB2 and MMB1 SA = 00000 to 0FFFF for MAIN MEMORY ARRAY BLOCK 2
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55C to +125C Storage Temperature ..................................... -65C to +150C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V Voltage on OE with Respect to Ground ...................................-0.6V to +13.5V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
5
DC and AC Operating Range
AT49F001(N)(T)-55 Operating Temperature (Case) VCC Power Supply
Operating Modes
AT49F001(N)(T)-70 0C - 70C -40C - 85C 5V 10%
AT49F001(N)(T)-90 0C - 70C -40C - 85C 5V 10%
AT49F001(N)(T)-12 0C - 70C -40C - 85C 5V 10%
Com. Ind.
0C - 70C -40C - 85C 5V 10%
Mode Read Program/Erase
(2)
CE VIL VIL VIH X X X X
OE VIL VIH X
(1)
WE VIH VIL X VIH X X X
RESET(6) VIH VIH VIH VIH VIH VIH VIL
Ai
Ai Ai X
I/O DOUT DIN High Z
Standby/Write Inhibit Program Inhibit Program Inhibit Output Disable Reset Product Identification
X VIL VIH X
High Z X High Z
Hardware
A1 - A16 = VIL, A9 = VH,(3) A0 = VIL VIL VIL VIH A1 - A16 = VIL, A9 = VH,(3) A0 = VIH A0 = VIL, A1 - A16=VIL A0 = VIH, A1 - A16=VIL
Manufacturer Code(4) Device Code(4) Manufacturer Code(4) Device Code(4)
Software(5)
Notes:
1. X can be VIL or VIH. 2. Refer to AC Programming Waveforms. 3. VH = 12.0V 0.5V. 4. Manufacturer Code: 1FH, Device Code: 05H - AT49F001(N), 04H - AT49F001(N)T 5. See details under Software Product Identification Entry/Exit. 6. This pin is not available on the AT49F001N(T).
DC Characteristics
Symbol ILI ILO ISB1 ISB2 ICC(1) VIL VIH VOL VOH1 VOH2 Parameter Input Load Current Output Leakage Current VCC Standby Current CMOS VCC Standby Current TTL VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output High Voltage CMOS IOL = 2.1 mA IOH = -400 A IOH = -100 A; VCC = 4.5V 2.4 4.2 2.0 .45 Condition VIN = 0V to VCC VI/O = 0V to VCC Com. CE = VCC - 0.3V to VCC CE = 2.0V to VCC f = 5 MHz; IOUT = 0 mA Ind. Min Max 10 10 100 300 3 50 0.8 Units A A A A mA mA V V V V V
Note:
1. In the erase mode, ICC is 90 mA.
6
AT49F001(N)(T)
AT49F001(N)(T)
AC Read Characteristics
AT49F001(N)(T)-50 Symbol tACC tCE
(1) (2)
AT49F001(N)(T)-70 Min Max 70 70 0 0 0 35 25
AT49F001(N)(T)-90 Min Max 90 90 0 0 0 40 25
AT49F001(N)(T)-12 Min Max 120 120 0 0 0 50 30 Units ns ns ns ns ns
Parameter Address to Output Delay CE to Output Delay OE to Output Delay CE or OE to Output Float Output Hold from OE, CE or Address, whichever occurred first
Min
Max 50 50
tOE tDF
0 0 0
30 25
(3)(4)
tOH
AC Read Waveforms (1)(2)(3)(4)
ADDRESS CE ADDRESS VALID
OE
tCE tOE t DF tACC tOH
OUTPUT VALID
OUTPUT
HIGH Z
Notes:
1. 2. 3. 4.
CE may be delayed up to tACC - tCE after the address transition without impact on tACC. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change without impact on tACC. tDF is specified from OE or CE whichever occurs first (CL = 5 pF). This parameter is characterized and is not 100% tested.
Input Test Waveform and Measurement Level
Output Load Test
55 ns 5.0V 1.8K OUTPUT PIN 30 pF 70/90/120 ns 5.0V 1.8K OUTPUT PIN 100 pF
tR, tF < 5 ns
1.3K
1.3K
Pin Capacitance
(f = 1 MHz, T = 25C) (1)
Typ CIN COUT Note: 4 8 1. This parameter is characterized and is not 100% tested. Max 6 12 Units pF pF Conditions VIN = 0V VOUT = 0V
7
AC Byte Load Characteristics
Symbol tAS, tOES tAH tCS tCH tWP tDS tDH, tOEH tWPH Parameter Address, OE Set-up Time Address Hold Time Chip Select Set-up Time Chip Select Hold Time Write Pulse Width (WE or CE) Data Set-up Time Data, OE Hold Time Write Pulse Width High Min 0 50 0 0 90 50 Max Units ns ns ns ns ns ns
0 90
ns ns
AC Byte Load Waveforms
WE Controlled
OE tOES ADDRESS CE tAS tCS tWPH tWP tDS DATA IN tDH tAH tCH tOEH
WE
CE Controlled
OE tOES ADDRESS tAS WE tCS CE tWPH tWP tDS DATA IN tDH tAH tCH tOEH
8
AT49F001(N)(T)
AT49F001(N)(T)
Program Cycle Characteristics
Symbol tBP tAS tAH tDS tDH tWP tWPH tEC Parameter Byte Programming Time Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Write Pulse Width Write Pulse Width High Erase Cycle Time 0 50 50 0 90 90 10 Min Typ 10 Max 50 Units s ns ns ns ns ns ns seconds
Program Cycle Waveforms
PROGRAM CYCLE
OE
CE
tWP tWPH tBP
WE
tAS tAH
5555
tDH
2AAA 5555 ADDRESS
A0-A16
tDS
DATA
AA
55
A0
INPUT DATA
Sector or Chip Erase Cycle Waveforms
OE
(1)
CE
tWP tWPH
WE
tAS tAH
5555
tDH
2AAA 5555 5555 2AAA Note 2
A0-A16
tDS
tEC
55 BYTE 1 80 BYTE 2 AA BYTE 3 55 BYTE 4 Note 3 BYTE 5
DATA
AA BYTE 0
Notes:
1. 2. 3.
OE must be high only when WE and CE are both low. For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased. (See note 4 under command definitions.) For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
9
Data Polling Characteristics(1)
Symbol tDH tOEH tOE tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay
(2)
Min 10 10
Typ
Max
Units ns ns ns
Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See tOE spec in AC Read Characteristics.
0
ns
DATA Polling Waveforms
WE CE tOEH OE tDH I/O7 A0-A16 An tOE HIGH Z tWR
An
An
An
An
Toggle Bit Characteristics(1)
Symbol tDH tOEH tOE tOEHP tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay(2) OE High Pulse Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See tOE spec in AC Read Characteristics. 150 0 Min 10 10 Typ Max Units ns ns ns ns ns
Toggle Bit Waveforms(1)(2)(3)
WE CE tOEH OE tDH I/O6 tOE HIGH Z tWR tOEHP
Notes:
1. 2. 3.
Toggling either OE or CE or both OE and CE will operate toggle bit. The tOEHP specification must be met by the toggling input(s). Beginning and ending state of I/O6 will vary. Any address location may be used but the address should not vary.
10
AT49F001(N)(T)
AT49F001(N)(T)
Software Product Identification Entry(1)
LOAD DATA AA TO ADDRESS 5555 LOAD DATA 55 TO ADDRESS 2AAA LOAD DATA 90 TO ADDRESS 5555 ENTER PRODUCT IDENTIFICATION MODE(2)(3)(5)
Boot Block Lockout Feature Enable Algorithm(1)
LOAD DATA AA TO ADDRESS 5555 LOAD DATA 55 TO ADDRESS 2AAA LOAD DATA 80 TO ADDRESS 5555 LOAD DATA AA TO ADDRESS 5555 LOAD DATA 55 TO ADDRESS 2AAA LOAD DATA 40 TO ADDRESS 5555
Software Product Identification Exit(1)
LOAD DATA AA TO ADDRESS 5555 LOAD DATA 55 TO ADDRESS 2AAA LOAD DATA F0 TO ADDRESS 5555 EXIT PRODUCT IDENTIFICATION MODE(4)
OR
LOAD DATA F0 TO ANY ADDRESS EXIT PRODUCT IDENTIFICATION MODE(4)
PAUSE 1 second(2)
Notes for boot block lockout feature enable: 1. Data Format: I/O7 - I/O0 (Hex); Address Format: A14 - A0 (Hex). 2. Boot block lockout feature enabled.
Notes for software product identification 1. Data Format: I/O7 - I/O0 (Hex); Address Format: A14 - A0 (Hex). 2. A1 - A16 = VIL. Manufacture Code is read for A0 = VIL; Device Code is read for A0 = VIH. 3. The device does not remain in identification mode if powered down. 4. The device returns to standard operation mode. 5. Manufacturer Code: 1FH Device Code: 05H - AT49F001(N) 04H - AT49F001(N)T
11
AT49F001 Ordering Information
tACC (ns) 55 ICC (mA) Active 50 Standby 0.1 Ordering Code AT49F001-55JC AT49F001-55PC AT49F001-55TC AT49F001-55VC AT49F001-55JI AT49F001-55PI AT49F001-55TI AT49F001-55VI AT49F001-70JC AT49F001-70PC AT49F001-70TC AT49F001-70VC AT49F001-70JI AT49F001-70PI AT49F001-70TI AT49F001-70VI AT49F001-90JC AT49F001-90PC AT49F001-90TC AT49F001-90VC AT49F001-90JI AT49F001-90PI AT49F001-90TI AT49F001-90VI AT49F001-12JC AT49F001-12PC AT49F001-12TC AT49F001-12VC AT49F001-12JI AT49F001-12PI AT49F001-12TI AT49F001-12VI Package 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V Operation Range Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
70
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
90
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
120
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
Package Type 32J 32P6 32T 32V 32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC) 32-Lead, 0.600" Wide, Plastic Dual In-line Package (PDIP) 32-Lead, Plastic Thin Small Outline Package (TSOP) 32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)
12
AT49F001(N)(T)
AT49F001(N)(T)
AT49F001N Ordering Information
tACC (ns) 55 ICC (mA) Active 50 Standby 0.1 Ordering Code AT49F001N-55JC AT49F001N-55PC AT49F001N-55TC AT49F001N-55VC AT49F001N-55JI AT49F001N-55PI AT49F001N-55TI AT49F001N-55VI AT49F001N-70JC AT49F001N-70PC AT49F001N-70TC AT49F001N-70VC AT49F001N-70JI AT49F001N-70PI AT49F001N-70TI AT49F001N-70VI AT49F001N-90JC AT49F001N-90PC AT49F001N-90TC AT49F001N-90VC AT49F001N-90JI AT49F001N-90PI AT49F001N-90TI AT49F001N-90VI AT49F001N-12JC AT49F001N-12PC AT49F001N-12TC AT49F001N-12VC AT49F001N-12JI AT49F001N-12PI AT49F001N-12TI AT49F001N-12VI Package 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V Operation Range Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
70
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
90
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
120
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
Package Type 32J 32P6 32T 32V 32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC) 32-Lead, 0.600" Wide, Plastic Dual In-line Package (PDIP) 32-Lead, Plastic Thin Small Outline Package (TSOP) 32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)
13
AT49F001T Ordering Information
tACC (ns) 55 ICC (mA) Active 50 Standby 0.1 Ordering Code AT49F001T-55JC AT49F001T-55PC AT49F001T-55TC AT49F001T-55VC AT49F001T-55JI AT49F001T-55PI AT49F001T-55TI AT49F001T-55VI AT49F001T-70JC AT49F001T-70PC AT49F001T-70TC AT49F001T-70VC AT49F001T-70JI AT49F001T-70PI AT49F001T-70TI AT49F001T-70VI AT49F001T-90JC AT49F001T-90PC AT49F001T-90TC AT49F001T-90VC AT49F001T-90JI AT49F001T-90PI AT49F001T-90TI AT49F001T-90VI AT49F001T-12JC AT49F001T-12PC AT49F001T-12TC AT49F001T-12VC AT49F001T-12JI AT49F001T-12PI AT49F001T-12TI AT49F001T-12VI Package 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V Operation Range Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
70
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
90
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
120
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
Package Type 32J 32P6 32T 32V 32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC) 32-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 32-Lead, Plastic Thin Small Outline Package (TSOP) 32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)
14
AT49F001(N)(T)
AT49F001(N)(T)
AT49F001NT Ordering Information
tACC (ns) 55 50 ICC (mA) 0.1 Ordering Code AT49F001NT-55JC AT49F001NT-55PC AT49F001NT-55TC AT49F001NT-55VC AT49F001NT-55JI AT49F001NT-55PI AT49F001NT-55TI AT49F001NT-55VI AT49F001NT-70JC AT49F001NT-70PC AT49F001NT-70TC AT49F001NT-70VC AT49F001NT-70JI AT49F001NT-70PI AT49F001NT-70TI AT49F001NT-70VI AT49F001NT-90JC AT49F001NT-90PC AT49F001NT-90TC AT49F001NT-90VC AT49F001NT-90JI AT49F001NT-90PI AT49F001NT-90TI AT49F001NT-90VI AT49F001NT-12JC AT49F001NT-12PC AT49F001NT-12TC AT49F001NT-12VC AT49F001NT-12JI AT49F001NT-12PI AT49F001NT-12TI AT49F001NT-12VI Package 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V 32J 32P6 32T 32V Operation Range Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
70
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
90
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
120
50
0.1
Commercial (0 to 70C)
50
0.3
Industrial (-40 to 85C)
Package Type 32J 32P6 32T 32V 32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC) 32-Lead, 0.600" Wide, Plastic Dual In-line Package (PDIP) 32-Lead, Plastic Thin Small Outline Package (TSOP) 32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)
15
AT49F001(N)(T)
Packaging Information
32J, 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-016 AE
32P6, 32-Lead, 0.600" Wide, Plastic Dual In-line Package (PDIP) Dimensions in Inches and (Millimeters)
.045(1.14) X 45
PIN NO. 1 IDENTIFY
.025(.635) X 30 - 45 .012(.305) .008(.203) .530(13.5) .490(12.4) .021(.533) .013(.330) .030(.762) .015(3.81) .095(2.41) .060(1.52) .140(3.56) .120(3.05)
1.67(42.4) 1.64(41.7)
PIN 1
.032(.813) .026(.660)
.553(14.0) .547(13.9) .595(15.1) .585(14.9)
.566(14.4) .530(13.5)
.050(1.27) TYP
.300(7.62) REF .430(10.9) .390(9.90) AT CONTACT POINTS
1.500(38.10) REF .220(5.59) MAX SEATING PLANE .161(4.09) .125(3.18)
.090(2.29) MAX .005(.127) MIN
.022(.559) X 45 MAX (3X) .453(11.5) .447(11.4) .495(12.6) .485(12.3)
.110(2.79) .090(2.29)
.065(1.65) .041(1.04) .630(16.0) .590(15.0) 0 REF 15 .690(17.5) .610(15.5)
.065(1.65) .015(.381) .022(.559) .014(.356)
.012(.305) .008(.203)
32T, 32-Lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)*
32V, 32-Lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)*
JEDEC OUTLINE MO-142 BA
INDEX MARK
INDEX MARK
18.5(.728) 18.3(.720)
20.2(.795) 19.8(.780)
12.5(.492) 12.3(.484)
14.2(.559) 13.8(.543)
0.50(.020) BSC
7.50(.295) REF 8.20(.323) 7.80(.307)
0.25(.010) 0.15(.006)
0.50(.020) BSC
7.50(.295) REF 8.10(.319) 7.90(.311)
0.25(.010) 0.15(.006)
1.20(.047) MAX
1.20(.047) MAX
0.15(.006) 0.05(.002) 0 5 REF 0.20(.008) 0.10(.004) 0.70(.028) 0.50(.020)
0 5 REF
0.15(.006) 0.05(.002) 0.20(.008) 0.10(.004) 0.70(.028) 0.50(.020)
*Controlling dimension: millimeters
*Controlling dimension: millimeters 16


▲Up To Search▲   

 
Price & Availability of AT49F001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X