Part Number Hot Search : 
9410B CS53L32A 16384 TS80L 2SC3242A UF9Z24 SR162 3NK60
Product Description
Full Text Search
 

To Download AT28HC256-12JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 70 ns * Automatic Page Write Operation * * * * * * * * *
- Internal Address and Data Latches for 64 Bytes - Internal Control Timer Fast Write Cycle Times - Page Write Cycle Time: 3 ms or 10 ms Maximum - 1 to 64-Byte Page Write Operation Low Power Dissipation - 80 mA Active Current - 3 mA Standby Current Hardware and Software Data Protection DATA Polling for End of Write Detection High Reliability CMOS Technology - Endurance: 104 or 105 Cycles - Data Retention: 10 Years Single 5V 10% Supply CMOS and TTL Compatible Inputs and Outputs JEDEC Approved Byte-Wide Pinout Full Military, Commercial, and Industrial Temperature Ranges
256 (32K x 8) High Speed Parallel EEPROMs AT28HC256
Description
The AT28HC256 is a high-performance Electrically Erasable and Programmable Read Only Memory. Its 256K of memory is organized as 32,768 words by 8 bits. Manufactured with Atmel's advanced nonvolatile CMOS technology, the AT28HC256 (continued)
Pin Configurations
Pin Name A0 - A14 CE OE WE I/O0 - I/O7 NC DC Function Addresses Chip Enable
TSOP Top View
OE A11 A9 A8 A13 WE VCC A14 A12 A7 A6 A5 A4 A3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2
Output Enable Write Enable Data Inputs/Outputs No Connect Don't Connect
LCC, PLCC Top View
A7 A12 A14 DC VCC WE A13
CERDIP PDIP FLATPACK , , Top View
A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
PGA Top View
I/O1 I/O2 GND DC I/O3 I/O4 I/O5
14 15 16 17 18 19 20
A6 A5 A4 A3 A2 A1 A0 NC I/O0
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
A8 A9 A11 NC OE A10 CE I/O7 I/O6
Rev. 0007G-10/98
Note: PLCC package pins 1 and 17 are DON'T CONNECT.
1
offers access times to 70 ns with power dissipation of just 440 mW. When the AT28HC256 is deselected, the standby current is less than 5 mA. The AT28HC256 is accessed like a Static RAM for the read or write cycle without the need for external components. The device contains a 64-byte page register to allow writing of up to 64 bytes simultaneously. During a write cycle, the address and 1 to 64 bytes of data are internally latched, freeing the addresses and data bus for other operations. Following the initiation of a write cycle, the device will automatically write the latched data using an internal control timer. The end of a write cycle can be detected by DATA
polling of I/O 7 . Once the end of a write cycle has been detected a new access for a read or write can begin. Atmel's 28HC256 has additional features to ensure high quality and manufacturability. The device utilizes internal error correction for extended endurance and improved data retention characteristics. An optional software data protection mechanism is available to guard against inadvertent writes. The device also includes an extra 64 bytes of EEPROM for device identification or tracking.
Block Diagram
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55C to +125C Storage Temperature ..................................... -65C to +150C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V Voltage on OE and A9 with Respect to Ground ...................................-0.6V to +13.5V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
2
AT28HC256
AT28HC256
Device Operation
READ: The AT28HC256 is accessed like a Static RAM. When CE and OE are low and WE is high, the data stored at the memory location determined by the address pins is asserted on the outputs. The outputs are put in the high impedance state when either CE or OE is high. This dualline control gives designers flexibility in preventing bus contention in their system. BYTE WRITE: A low pulse on the WE or CE input with CE or WE low (respectively) and OE high initiates a write cycle. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Once a byte write has been started it will automatically time itself to completion. Once a programming operation has been initiated and for the duration of tWC, a read operation will effectively be a polling operation. PAGE WRITE: The page write operation of the AT28HC256 allows 1 to 64 bytes of data to be written into the device during a single internal programming period. A page write operation is initiated in the same manner as a byte write; the first byte written can then be followed by 1 to 63 additional bytes. Each successive byte must be written within 150 s (tBLC) of the previous byte. If the tBLC limit is exceeded the AT28C256 will cease accepting data and commence the internal programming operation. All bytes during a page write operation must reside on the same page as defined by the state of the A6 - A14 inputs. That is, for each WE high to low transition during the page write operation, A6 - A14 must be the same. The A0 to A5 inputs are used to specify which bytes within the page are to be written. The bytes may be loaded in any order and may be altered within the same load period. Only bytes which are specified for writing will be written; unnecessary cycling of other bytes within the page does not occur. DATA POLLING: The AT28HC256 features DATA Polling to indicate the end of a write cycle. During a byte or page write cycle an attempted read of the last byte written will result in the complement of the written data to be presented on I/O 7. Once the write cycle has been completed, true data is valid on all outputs, and the next write cycle may begin. DATA Polling may begin at anytime during the write cycle. TOGGLE BIT: In addition to DATA Polling the AT28HC256 provides another method for determining the end of a write cycle. During the write operation, successive attempts to read data from the device will result in I/O 6 toggling between one and zero. Once the write has completed, I/O6 will stop toggling and valid data will be read. Testing the toggle bit may begin at any time during the write cycle. DATA PROTECTION: If precautions are not taken, inadvertent writes to any 5-volt-only nonvolatile memory may occur during transition of the host system power supply. Atmel has incorporated both hardware and software features that will protect the memory against inadvertent writes. HARDWARE PROTECTION: Hardware features protect against inadvertent writes to the AT28HC256 in the following ways: (a) VCC sense--if VCC is below 3.8V (typical) the write function is inhibited; (b) V CC power-on delay--once VCC has reached 3.8V the device will automatically time out 5 ms typical) before allowing a write; (c) write inhibit--holding any one of OE low, CE high or WE high inhibits write cycles; and (d) noise filter--pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a write cycle. SOFTWARE DATA PROTECTION: A software controlled data protection feature has been implemented on the AT28HC256. When enabled, the software data protection (SDP), will prevent inadvertent writes. The SDP feature may be enabled or disabled by the user; the AT28HC256 is shipped from Atmel with SDP disabled. SDP is enabled by the host system issuing a series of three write commands; three specific bytes of data are written to three specific addresses (refer to Software Data Protection Algorithm). After writing the 3-byte command sequence and after t WC the entire AT28HC256 will be protected against inadvertent write operations. It should be noted, that once protected the host may still perform a byte or page write to the AT28HC256. This is done by preceding the data to be written by the same 3-byte command sequence. Once set, SDP will remain active unless the disable command sequence is issued. Power transitions do not disable SDP and SDP will protect the AT28HC256 during power-up and power-down conditions. All command sequences must conform to the page write timing specifications. It should also be noted that the data in the enable and disable command sequences is not written to the device and the memory addresses used in the sequence may be written with data in either a byte or page write operation. After setting SDP, any attempt to write to the device without the three byte command sequence will start the internal write timers. No data will be written to the device; however, for the duration of tWC, read operations will effectively be polling operations. DEVICE IDENTIFICATION: An extra 64 bytes of EEPROM memory are available to the user for device identification. By raising A9 to 12V 0.5V and using address locations 7FC0H to 7FFFH the additional bytes may be written to or read from in the same manner as the regular memory array. OPTIONAL CHIP ERASE MODE: The entire device can be erased using a 6-byte software code. Please see Software Chip Erase application note for details.
3
DC and AC Operating Range
AT28HC256-70 Com. Operating Temperature (Case) VCC Power Supply Ind. Mil. 5V 10% 0C - 70C -40C - 85C AT28HC256-90 0C - 70C -40C - 85C -55C - 125C 5V 10% AT28HC256-12 0C - 70C -40C - 85C -55C - 125C 5V 10%
Operating Modes
Mode Read Write
(2)
CE VIL VIL VIH X X X VIL
OE VIL VIH X(1) X VIL VIH VH(3)
WE VIH VIL X VIH X X VIL
I/O DOUT DIN High Z
Standby/Write Inhibit Write Inhibit Write Inhibit Output Disable Chip Erase Notes: 1. X can be VIL or VIH. 2. Refer to AC Programming Waveforms. 3. VH = 12.0V 0.5V.
High Z High Z
DC Characteristics
Symbol ILI ILO ISB1 ISB2 ICC VIL VIH VOL VOH Parameter Input Load Current Output Leakage Current VCC Standby Current TTL VCC Standby Current CMOS VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 6.0 mA IOH = -4 mA 2.4 2.0 0.45 Condition VIN = 0V to VCC + 1V VI/O = 0V to VCC AT28HC256-90, -12 CE = 2.0V to VCC + 1V CE = -3.0V to VCC + 1V f = 5 MHz; IOUT = 0 mA AT28HC256-70 AT28HC256-90, -12 Min Max 10 10 3 60 300 80 0.8 Units A A mA mA A mA V V V V
4
AT28HC256
AT28HC256
AC Read Characteristics
AT28HC256-70 Symbol tACC tCE
(1) (2)
AT28C256-90 Min Max 90 90 0 0 0 40 40
AT28HC256-12 Min Max 120 120 0 0 0 50 50 Units ns ns ns ns ns
Parameter Address to Output Delay CE to Output Delay OE to Output Delay CE or OE to Output Float Output Hold from OE, CE or Address, whichever occurred first
Min
Max 70 70
tOE
0 0 0
35 35
tDF(3)(4) tOH
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change without impact on tACC. 3. tDF is specified from OE or CE whichever occurs first (CL = 5 pF). 4. This parameter is characterized and is not 100% tested.
Input Test Waveforms and Measurement Level
Output Test Load
tR, tF < 5 ns
Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Note: Typ 4 8 Max 6 12 Units pF pF Conditions VIN = 0V VOUT = 0V
1. This parameter is characterized and is not 100% tested.
5
AC Write Characteristics
Symbol tAS, tOES tAH tCS tCH tWP tDS tDH, tOEH tDV Note: Parameter Address, OE Set-up Time Address Hold Time Chip Select Set-up Time Chip Select Hold Time Write Pulse Width (WE or CE) Data Set-up Time Data, OE Hold Time Time to Data Valid 1. NR = No Restriction. Min 0 50 0 0 100 50 0 NR
(1)
Max
Units ns ns ns ns ns ns ns
AC Write Waveforms
WE Controlled
CE Controlled
6
AT28HC256
AT28HC256
Page Mode Write Characteristics
Symbol tWC tAS tAH tDS tDH tWP tBLC tWPH Parameter AT28HC256 Write Cycle Time AT28HC256F Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Write Pulse Width Byte Load Cycle Time Write Pulse Width High 50 0 50 50 0 100 150 2 3.0 ms ns ns ns ns ns s ns Min Typ 5 Max 10 Units ms
Page Mode Write Waveforms(1)(2)
Notes:
1. 2.
A6 through A14 must specify the same page address during each high to low transition of WE (or CE). OE must be high only when WE and CE are both low.
Chip Erase Waveforms
tS = tH = 5 sec (min.) tW = 10 msec (min.) VH = 12.0V 0.5V
7
Software Data Protection Enable Algorithm(1)
LOAD DATA AA TO ADDRESS 5555
Software Data Protection Disable Algorithm(1)
LOAD DATA AA TO ADDRESS 5555
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA A0 TO ADDRESS 5555
WRITES ENABLED(2)
LOAD DATA 80 TO ADDRESS 5555
LOAD DATA XX TO ANY ADDRESS(4)
LOAD DATA AA TO ADDRESS 5555
LOAD LAST BYTE TO LAST ADDRESS
ENTER DATA PROTECT STATE
LOAD DATA 55 TO ADDRESS 2AAA
Notes for software program code: 1. Data Format: I/O7 - I/O0 (Hex); Address Format: A14 - A0 (Hex). 2. Write Protect state will be activated at end of write even if no other data is loaded. 3. Write Protect state will be deactivated at end of write period even if no other data is loaded. 4. 1 to 64 bytes of data are loaded.
LOAD DATA 20 TO ADDRESS 5555
EXIT DATA PROTECT STATE(3)
LOAD DATA XX TO ANY ADDRESS(4)
LOAD LAST BYTE TO LAST ADDRESS
Software Protected Write Cycle Waveforms(1)(2)
Notes:
1. A6 through A14 must specify the same page address during each high to low transition of WE (or CE) after the software code has been entered. 2. OE must be high only when WE and CE are both low.
8
AT28HC256
AT28HC256
Data Polling Characteristics(1)
Symbol tDH tOEH tOE tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay
(2)
Min 0 0
Typ
Max
Units ns ns ns
Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See AC Read Characteristics.
0
ns
Data Polling Waveforms
Toggle Bit Characteristics(1)
Symbol tDH tOEH tOE tOEHP tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay(2) OE High Pulse Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See AC Read Characteristics. 150 0 Min 10 10 Typ Max Units ns ns ns ns ns
Toggle Bit Waveforms
Notes:
1. Toggling either OE or CE or both OE and CE will operate toggle bit. 2. Beginning and ending state of I/O6 will vary. 3. Any address location may be used but the address should not vary.
9
10
AT28HC256
AT28HC256
Ordering Information(1)
tACC (ns) 70 ICC (mA) Active 80 Standby 60 0.3 90 80 0.3 Ordering Code AT28HC256(E,F)-70JC AT28HC256(E,F)-70PC AT28HC256(E,F)-70JI AT28HC256(E,F)-70PI AT28HC256(E,F)-90JC AT28HC256(E,F)-90PC AT28HC256(E,F)-90JI AT28HC256(E,F)-90PI 80 0.3 AT28HC256(E,F)-90DM/883 AT28HC256(E,F)-90FM/883 AT28HC256(E,F)-90LM/883 AT28HC256(E,F)-90UM/883 AT28HC256(E,F)-12JC AT28HC256(E,F)-12PC AT28HC256(E,F)-12SC AT28HC256(E,F)-12TC AT28HC256(E,F)-12JI AT28HC256(E,F)-12PI AT28HC256(E,F)-12SI AT28HC256(E,F)-12TI AT28HC256(E,F)-12DM/883 AT28HC256(E,F)-12FM/883 AT28HC256(E,F)-12LM/883 AT28HC256(E,F)-12UM/883 Package 32J 28P6 32J 28P6 32J 28P6 32J 28P6 28D6 28F 32L 28U 32J 28P6 28S 28T 32J 28P6 28S 28T 28D6 28F 32L 28U Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Military/883C Class B, Fully Compliant (-55C to 125C) Commercial (0C to 70C)
120
80
0.3
80
0.3
Industrial (-40C to 85C)
80
0.3
Military/883C Class B, Fully Compliant (-55C to 125C)
Package Type 28D6 28F 32J 32L 28P6 28S 28T 28U W 28-Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline Package (Cerdip) 28-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack) 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) 32-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC) 28-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 28-Lead, 0.300" Wide Plastic Gull Wing Small Outline (SOIC) 28-Lead, Plastic Thin Small Outline Package (TSOP) 28-Pin, Ceramic Pin Grid Array (PGA) Die Options Blank E F Standard Device: Endurance = 10K Write Cycles; Write Time = 10 ms High Endurance Option: Endurance = 100K Write Cycles Fast Write Option: Write Time = 3 ms
11
Ordering Information(1) (Continued)
tACC (ns) 90 ICC (mA) Active 80 Standby 0.3 Ordering Code 5962-88634 03 UX 5962-88634 03 XX 5962-88634 03 YX 5962-88634 03 ZX 5962-88634 04 UX 5962-88634 04 XX 5962-88634 04 YX 5962-88634 04 ZX 5962-88634 01 UX 5962-88634 01 XX 5962-88634 01 YX 5962-88634 01 ZX 5962-88634 02 UX 5962-88634 02 XX 5962-88634 02 YX 5962-88634 02 ZX Package 28U 28D6 32L 28F 28U 28D6 32L 28F 28U 28D6 32L 28F 28U 28D6 32L 28F Operation Range Military/883C Class B, Fully Compliant (-55C to 125C) Military/883C Class B, Fully Compliant (-55C to 125C) Military/883C Class B, Fully Compliant (-55C to 125C) Military/883C Class B, Fully Compliant (-55C to 125C)
80
0.3
120
80
0.3
80
0.3
Note:
1. See Valid Part Numbers table on next page.
Package Type 28D6 28F 32J 32L 28P6 28S 28T 28U W 28-Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline Package (Cerdip) 28-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack) 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) 32-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC) 28-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 28-Lead, 0.300" Wide Plastic Gull Wing Small Outline (SOIC) 28-Lead, Plastic Thin Small Outline Package (TSOP) 28-Pin, Ceramic Pin Grid Array (PGA) Die Options Blank E F Standard Device: Endurance = 10K Write Cycles; Write Time = 10 ms High Endurance Option: Endurance = 100K Write Cycles Fast Write Option: Write Time = 3 ms
12
AT28HC256
AT28HC256
Ordering Information Note
Previous data sheets included the low power suffixes L, LE and LF on the At28HC256 for 120 ns and 90 ns speeds. The low power parameters are now standard; therefore, the L, LE and LF suffixes are no longer required.
Valid Part Numbers
The following table lists standard Atmel products that can be ordered:
Device Numbers AT28HC256 AT28HC256 AT28HC256E AT28HC256F AT28HC256 AT28HC256E AT28HC256F Speed 70 90 90 90 12 12 12 Package and Temperature Combinations JC, JI, PC, PI JC, JI, PC, PI, TC, TI, DM/883, FM/883, UM/883 JC, JI, PC, PI, TC, TI, DM/883, FM/883, UM/883 JC, JI, PC, PI, TC, TI, DM/883, FM/883, UM/883 JC, JI, PC, PI, TC, TI, DM/883, FM/883, UM/883 JC, JI, PC, PI, TC, TI, DM/883, FM/883, UM/883 JC, JI, PC, PI, TC, TI, DM/883, FM/883, UM/883
Die Products
Reference Section: Parallel EEPROM Die Products
13
Packaging Information
28D6, 28-Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline Package (Cerdip) Dimensions in Inches and (Millimeters)
MIL-STD-1835 D-10 CONFIG A
1.49(37.9) 1.44(36.6)
28F, 28-Lead, Non-Windowed, Ceramic BottomBrazed Flat Package (Flatpack) Dimensions in Inches and (Millimeters)
MIL-STD-1835 F-12 CONFIG B
PIN 1
PIN #1 ID
.370(9.40) .250(6.35) .019(.483) .015(.381) .050(1.27) BSC
.610(15.5) .510(13.0)
.728(18.5) .712(18.1)
1.300(33.02) REF .225(5.72) MAX SEATING PLANE .200(5.08) .125(3.18) .110(2.79) .090(2.29) .065(1.65) .045(1.14) .620(15.7) .590(15.0) 0 REF 15
.098(2.49) MAX .005(.127) MIN
.045(1.14) MAX
.060(1.52) .015(.381) .023(.584) .014(.356)
.416(10.6) .384(9.75)
.006(.152) .004(.102)
.119(3.02) .087(2.21)
.077(1.96) .043(1.09) .286(7.26) .274(6.96) .045(1.14) .026(.660)
.015(.381) .008(.203)
.700(17.8) MAX
32J, 32-Lead, Plastic J-Leaded Chip Carrier (PLCC) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-016 AE
32L, 32-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC) Dimensions in Inches and (Millimeters)*
MIL-STD-1835 C-12
.045(1.14) X 45
PIN NO. 1 IDENTIFY
.025(.635) X 30 - 45 .012(.305) .008(.203) .530(13.5) .490(12.4) .021(.533) .013(.330) .030(.762) .015(3.81) .095(2.41) .060(1.52) .140(3.56) .120(3.05)
.032(.813) .026(.660)
.553(14.0) .547(13.9) .595(15.1) .585(14.9)
.050(1.27) TYP
.300(7.62) REF .430(10.9) .390(9.90) AT CONTACT POINTS
.022(.559) X 45 MAX (3X) .453(11.5) .447(11.4) .495(12.6) .485(12.3)
*Controlling dimension: millimeters
14
AT28HC256
AT28HC256
Packaging Information
28P6, 28-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-011 AB
1.47(37.3) 1.44(36.6)
28S, 28-Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC) Dimensions in Inches and (Millimeters)
PIN 1
.566(14.4) .530(13.5)
1.300(33.02) REF .220(5.59) MAX SEATING PLANE .161(4.09) .125(3.18) .110(2.79) .090(2.29) .065(1.65) .041(1.04) .630(16.0) .590(15.0) 0 REF 15 .690(17.5) .610(15.5)
.090(2.29) MAX .005(.127) MIN
.065(1.65) .015(.381) .022(.559) .014(.356)
.012(.305) .008(.203)
28T, 28-Lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)*
28U, 28-Pin, Ceramic Pin Grid Array (PGA) Dimensions in Inches and (Millimeters)
INDEX MARK AREA 11.9 (0.469) 11.7 (0.461) 13.7 (0.539) 13.1 (0.516)
0.55 (0.022) BSC 7.15 (0.281) REF 8.10 (0.319) 7.90 (0.311)
0.27 (0.011) 0.18 (0.007)
1.25 (0.049) 1.05 (0.041)
0.20 (0.008) 0.10 (0.004) 0 5 REF 0.20 (0.008) 0.15 (0.006)
0.70 (0.028) 0.30 (0.012)
*Controlling dimension: millimeters
15
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL (408) 441-0311 FAX (408) 487-2600
Atmel Operations
Atmel Colorado Springs
1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL (719) 576-3300 FAX (719) 540-1759
Europe
Atmel U.K., Ltd. Coliseum Business Centre Riverside Way Camberley, Surrey GU15 3YL England TEL (44) 1276-686677 FAX (44) 1276-686697
Atmel Rousset
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4 42 53 60 00 FAX (33) 4 42 53 60 01
Asia
Atmel Asia, Ltd. Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon, Hong Kong TEL (852) 27219778 FAX (852) 27221369
Japan
Atmel Japan K.K. Tonetsu Shinkawa Bldg., 9F 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
Fax-on-Demand
North America: 1-(800) 292-8635 International: 1-(408) 441-0732
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
BBS
1-(408) 436-4309
(c) Atmel Corporation 1998. Atmel Cor poration makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's website. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual proper ty of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life suppor t devices or systems. Marks bearing
(R)
and/or
TM
are registered trademarks and trademarks of Atmel Corporation. Printed on recycled paper.
0007G-05/98/xM
Terms and product names in this document may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT28HC256-12JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X