Part Number Hot Search : 
20020 BRF1045 HC08D 120FC 1SMB60A TDA5142T 25ETT LF501RU
Product Description
Full Text Search
 

To Download AL1401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
General Description
The AL1401A OptoGen interface is designed to accept four stereo pairs of audio data and produce the data stream appropriate for the Alesis ADATa optical format, U.S. patent number 5,297,181. Use of this product requires a license agreement between manufacturer and Alesis Studio Electronics. Details and agreement information are available upon request from Alesis Semiconductor or Alesis Studio Electronics.
Features
Compatible with ADATa Type I and II formats 4 stereo pairs as inputs using standard DAC formats 4 user bit inputs to transmit timecode, MIDI data, etc. Internal PLL generates required clocks from Word Clock.
Applications
Transmit information compatible devices to ADATa
GND N/C N/C WDCLK RESET WDCLKNEG FMT0 FMT1 FMT2 FMT3
Figure A. 24 pin SOIC
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
eerf elpoep evitaerc tes taht strap eht ekam eW
G G G G G
VDD OPDIGOUT USER3 USER2 USER1 USER0 IN 7/8 IN 5/6 IN 3/4 IN 1/2
Table 1. Electrical Characteristics and Operating Conditions
Symbol Description Min Typ Max Units Electrical Characteristics and Operating Conditions
VDD IDD GND Fs Temp VOH VOL IOH IOL Supply Voltage Supply Current Ground Sample rate Temperature Logical "1" voltage Logical "0" voltage Logical "1" current Logical "0" current output output output output 4.5 30 0 0.9 VDD 5.0 1.5 0.0 48 25 5.5 55 70 0.1 VDD -8 8 V mA V kHz C VDD VDD mA mA
Outputs (OPDIGOUT)
Inputs (WDCLK, WDCLKNEG, FMT, IN, USER, RESET)
VIH VIL IIH IIL CIN Logical "1" input voltage Logical "0" input voltage Logical "1" input current Logical "0" input current Logic Input Capacitance 0.75 VDD 5 0.25 VDD 1 1 VDD VDD uA uA pF
Table 2. Pin Descriptions
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Name
GND N/C N/C WDCLK RESET WDCLKNEG FMT0 FMT1 FMT2 FMT3 IN 1/2 IN 3/4 IN 5/6 IN 7/8 USER0 USER1 USER2 USER3 OPDIGOUT VDD
Pin Type
Power Input Input Input Input Input Input Input Input Input Input Input Input Input Input Input Output Power Ground pin No connection No connection
Description
Word clock. Equal to sample frequency (Fs) Active low reset Sets phase of word clock Format0, Sets data format Format1. Sets data format Format2. Sets data format Format3. Sets data format Channels 1 and 2 data input Channels 3 and 4 data input Channels 5 and 6 data input Channels 7 and 8 data input User 0 data bit input. Used to transmit timecode. User 1 data bit input. Used to transmit MIDI data. User 2 data bit input. Reserved, tie low. User 3 data bit input. Reserved, tie low. Output to optical driver +5V power pin
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-2-
Table 3. Formats
Format0
0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Format1
0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
Format2
0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
Format3
0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
Mode
16-bit right justified 18-bit right justified 20-bit right justified 22-bit right justified 16-bit left justified 18-bit left justified 20-bit left justified 22-bit left justified Reserved Reserved Reserved Reserved 24-bit right justified 24-bit left justified Reserved Mute
one period WordClock, WordNeg Low
WordClock Right Just 16 Right Just 18 Right Just 20 Right Just 22 Left Just 16 Left Just 18 Left Just 20 Left Just 22 Right Just 24 Left Just 24
23 MSB 15 MSB 17 MSB 19 MSB 21 MSB 23 MSB 0 0 0 0 0 0 23 MSB 21 MSB 19 MSB 17 MSB 15 MSB 0 0 0 0 15 MSB 17 MSB 19 MSB 21 MSB 23 MSB 0 0 0 0 0 0 21 MSB 19 MSB 17 MSB 15 MSB 0 0 0 0
Figure B. Format Timing
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-3-
Figure C/Table 4. Input Timing
Symbol Description Setup of IN relative to center of bit period tSI Hold of IN relative to center of bit period tHI Setup of USER relative to end of right channel WDCLK time tSU Hold of USER relative to end of right channel WDCLK time tHU (Above specifications hold after 2000 WDCLK cycles) Min Typ 10 10 Max 30 30 100 100 Units nsec nsec nsec nsec
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-4-
Use The AL1401A OptoGen interface has been designed for ease of use and flexibility in systems designed to interface to the ADATa protocol. It supports both left and right justified 16, 18, 20, 22 and 24-bit data formats for ease of integration into existing devices as well as new devices. These formats allow it to operate in parallel with many standard DACs. The designer uses the WDCLKNEG, Format0, Format1, Format2 and Format3 pins to select the desired format. If WDCLKNEG is high, the falling edge of WDCLK signals the start of a new sample period. If low, the rising edge of WDCLK signals the start of a new sample period. In both cases, the first sample data sent is the odd numbered (left) channel. The second is the even numbered (right) channel. The format pins are summarized in Table 3. The AL1401A provides support for both the ADATa Type I format (16-bit) and the ADATa Type II format (20-bit). USER0 is used to transmit the ADAT format 32-bit timecode. USER1 is used to transmit MIDI data. USER2 and USER3 are reserved and should be tied low. User bits are sampled at the WDCLK edge that indicates the end of right channel data.
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-5-
Mechanical Specification
Table 5. Package Dimensions Dimensions (Typical) Inches Millimeters
A
20
11
C
B 1 10
A B C D E F G H J K L
.504" .295" .406" .100" .008" .025" .050" .017" .011" .352" .033"
12.80 7.50 10.30 2.50 0.20 0.64 1.27 0.42 0.27 8.94 0.83
Notes: 1) Dimension "A" does not include mold flash, protrusions or gate burrs.
7 nom
K
D E G F H
4 nom
J
L
Figure D. Mechanical Drawing
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-6-
Sample Application Schematic
+5V
0.1uF 5 NC INPUT VCC C_LIMIT GND NC
+5V
4 3 2 1 8.2k
OPTOGEN
19 4 5 6 20 VDD OPDGOUT WDCLK RESET WDCLKNEG USER0 USER1 USER2 USER3 FMT0 FMT1 FMT2 FMT3 IN 1/2 IN 3/4 IN 5/6 IN 7/8
0.1uF 11 12 13 14 IN IN IN IN 1/2 3/4 5/6 7/8 TIME CODE 15 16 17 18 7 8 9 10 MIDI DATA +5V
TOTX173* 6 OPTICAL OUT
WDCLK RESET
+5V
5 OUTPUT VCC GND1 GND2 1 3 2 4
47uH
+5V
NC 2 NC 3
NC NC
GND 1
+5V 0.1uF 0.1uF
TORX173*
6
OPTOREC
6 3 4 OPDIGIN FMT0 FMT1 24 VDD OPDIGTHRU OUT 1/2 OUT 3/4 OUT 5/6 OUT 7/8 19 10 11 12 13 OPDIGTHRU OUT 1/2 OUT 3/4 OUT 5/6 OUT 7/8
OPTICAL IN
ERROR
21 20 ERROR HOLDERR 23 2 5 22 LINMODE MODE0 MODE1 MUTE GND 1
USER0 USER1 USER2 USER3 DVCO SVCO WDCLK BCLK
14 15 16 17 18 7 8 9
TIME CODE NC NC MIDI DATA
DVCO SVCO (Master Mode, can be MCLK)
WDCLK (Slave Mode) WDCLK (Master Mode)
BCLK (Master Mode)
* Optical I/O parts shown are Toshiba parts. The Sharp GP1F33RT or equivalent is also compatible.
LEFTIN RIGHTIN INL/R WDCLK BCLK MCLK OUTL/R WDCLK BCLK MCLK
LEFTOUT RIGHTOUT
ADC
DAC
Figure E. OptoGen/OptoRec setup
The OptoGen accepts input from an ADC, then outputs the Alesis optical format. The OptoRec accepts input in Alesis optical format, then outputs to a DAC.
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-7-
NOTICE
Alesis Semiconductor reserves the right to make changes to their products or to discontinue any product or service without notice. All products are sold subject to terms and conditions of sale supplied at the time of order acknowledgement. Alesis Semiconductor assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Information contained herein are only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked, no responsibility is assumed for inaccuracies. Alesis Semiconductor products are not designed for use in applications which involve potential risks of death, personal injury, or severe property or environmental damage or life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. All trademarks and registered trademarks are property of their respective owners.
Contact Information: Alesis Semiconductor 12555 Jefferson Blvd., Suite 285 Los Angeles, CA 90066 Phone: (310) 301-0780 Fax: (310) 306-1551 Email: sales@alesis-semi.com
Copyright 2002 Alesis Semiconductor Datasheet July 2002
Reproduction, in part or in whole, without the prior written consent of Alesis Semiconductor is prohibited.
DS1401A-0702
Alesis Semiconductor 12555 Jefferson Blvd., Suite285 Los Angeles, CA 90066 Phone (310) 301-0780 Fax (310) 306-1551 www.alesis-semi.com
-8-


▲Up To Search▲   

 
Price & Availability of AL1401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X