Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download AIC1084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AIC1084 5A Low Dropout Positive Adjustable Regulator
n FEATURES
l l l l l
n DESCRIPTION
The AIC1084 is a low dropout three terminal regulator with 5A output current capability. The output voltage is adjustable with the use of a resistor divider or fixed 3.3V. Dropout voltage is guaranteed to be at maximum of 1.4V with the maximum output current. Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications. Current limit and thermal protection provide protection against any overload condition that would create excessive junction temperatures.
Dropout Voltage 1.3V at 5A Output Current.
Fast Transient Response. Extremely Tight Line and Load Regulation. Current Limiting and Thermal Protection. Adjustable Output Voltage or Fixed 1.5V, 1.8V, 3.3V. Standard 3-Pin Power Packages.
l
n APPLICATIONS
l l l l
Mother Board I/O Power Supplies. Microprocessor Power Supplies. High Current Regulator. Post Regulator for Switching Supply.
n TYPICAL APPLICATION CIRCUIT
VIN 5V 3 AIC1084 1 ADJ C1 + 10F 2 VREF VOUT 3.3V
RF1 125 1% + C2 RF2 10F 205 1%
VR E F=VOUT - VADJ =1.25V (typ.) VOUT =VREF x (1+RF2/RF1)+ IADJ x RF2 IADJ =55A (typ.)
(1) C1 needed if device is far away from filter capacitors. (2) C2 required for stability.
Adjustable Voltage Regulator
VIN 5V
3
AIC1084-33 1
2
VOUT 3.3V
C1 + 10F GND
+ C2 10F
Fixed Voltage Regulator
Analog Integrations Corporation DS-1084-03 Sep 21, 01
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC TEL: 886-3-5772500 FAX: 886-3-5772510
www.analog.com.tw
1
AIC1084
n ORDERING INFORMATION
AIC1084-XXCX
PACKAGING TYPE E: TO-252 M: TO-263 T: TO-220 MA: TO-263AA
ORDER NUMBER
AIC1084CE (TO-252)
PIN CONFIGURATION
FRONT VIEW 1: ADJ (GND) 2: VOUT (TAB) 3: VIN
1
2
3
OUTPUT VOLTAGE DEFAULT: ADJ. 15: 1.5V 18: 1.8V 33: 3.3V
AIC1084CM (TO-263)
FRONT VIEW 1: ADJ (GND) 2: VOUT (TAB) 3: VIN
1
2
3
AIC1084CMA (TO-263AA)
FRONT VIEW 1: ADJ (GND) 2: VOUT (TAB) 3: VIN
1
2
3
AIC1084CT (TO-220)
FRONT VIEW 1: ADJ (GND) 2: VOUT (TAB) 3: VIN
1
2
3
n ABSOLUTE MAXIMUM RATINGS
VIN pin to ADJ/GND pin ......................... ... .................. ... ... .......................... ........... 7V .................................. ... ... .... ... ................. - 65C ~ 150C TO-252 TO-252 TO-263AA TO-220 Lead Temperature (Soldering) 10 sec. ... ... ... ... ... ... ... ... ... ... ... ... ... 15C/W 6C /W ... ... ... ... ... ... ... ... ... ... ..... 100C/W ... ........ ... ........ ... ... ... ... ... 60C /W ... ..... ... ..... ... ........ ... ... 60C /W ... ....... ... ....... ... ... ... ... ... .. 50C /W TO-263, TO263AA, TO-220........ ... ... .... Thermal Resistance Junction to Ambient (Assume no ambient airflow, no heatsink) TO-263 Operating Junction Temperature Range ..................... ... ... ... ... ...................... 0C~ 125C Storage Temperature Range Thermal Resistance Junction to Case
........................ ... ... ..... ............... ... ..... .......260C
2
AIC1084
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
n
ELECTRICAL CHARACTERISTICS
specified)
(V IN =5V, TJ=25C, IO=10mA, Unless otherwise
PARAMETER Reference Voltage
TEST CONDITIONS AIC1084 (ADJ) TJ =25C AIC1084-15 VIN =5V AIC1084-18 VIN =5V AIC1084-33 VIN =5V ADJ : 2.65V VIN 7V VOUT=1.25V Fix : VOUT+1.4V VIN 7V TJ =25C 10mA < IO < 5A TJ =25C VOUT, VREF =1% 10mA IO 5A 0C TJ 125C 0C TJ 125C 2.65V VIN 7V 2.65V VIN 7V 0C TJ 125C IO=0.5A 0C TJ 125C 0C TJ 125C 10Hz f 10KHz 120Hz input ripple COUT=25F (V IN -V OUT)=3V
MIN. 1.238 1.48 1.78 3.26
TYP. 1.25 1.50 1.80 3.30
MAX. 1.262 1.52 1.82 3.34
UNIT V
Output Voltage
V
Line Regulation
0.015
0.2
%
Load Regulation
0.6
%
Dropout Voltage Current Limit Adjusted Pin Current Adjusted Pin Current Change (IADJ) Temperature Stability Minimum Load Current RMS Output Noise (% of VOUT) Ripple Rejection Ratio
1.3 5 6 55 0.2 0.5 5 0.003 60 72
1.4
V A
120 5
A A %
10
mA % dB
3
AIC1084
n BLOCK DIAGRAM
VIN
+ GM V REF + 1.25V
Current Amp.
-
Thermal Limit 55A
Current Limit VOUT For fixed voltage device
ADJ
GND
n PIN DESCRIPTIONS
ADJ PIN Providing VREF=1.25V (typ.) for adjustable VOUT. VREF=VOUT-V ADJ and IADJ=55A (typ.) GND PIN- Power ground. VOUT PIN VIN PIN Adjustable output voltage. Power Input.
n TYPICAL
Output Voltage (V, AC)
0.4 0.2 0 -0.2 -0.4
PERFORMANCE CHARACTERISTICS
Output Voltage (mV, AC)
50
0
-50
Input Voltage (V)
Load Current
VIN=5.0V CIN=1F(Tantalum) COUT=10F(Tantalum) VOUT=3.3V
-100
CIN=1F (Tantalum) COUT =10F (Tantalum) VOUT=3.3V
7.0 6.0
2.5A
0.1A
0
20
40
60
80
100
0
40
80
120
160
200
Fig. 1
Time (S) Load Transient Response
Fig. 2
Time (S) Line Transient Response
4
AIC1084
n TYPICAL
1.35
PERFORMANCE CHARACTERISTICS
Minimum Operating Current (mA)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1
(Continued)
Minimum differential Voltage (V)
1.30
1.25
1.20
1.15
1.10
1.05 0 1 2 3 4 5
2
3
4
5
Fig. 3
5
Output Current (A) Dropout Voltage (V OUT=3.3V)
8 7
Differential Voltage (V) Fig. 4 Minimum Operating Current
Minimum Operating Current (mA)
4
Short Circuit Current (A)
1 2 3 4 5 6 7 8 9
6 5 4 3 2 1
3
2
1
0
0
1
2
3
4
5
6
7
Differential Voltage (V) Fig. 5 Minimum Operating Current
VIN-V OUT (V)
Fig. 6 AIC1084 (ADJ.) Short Circuit Current
-20
Ripple Rejection Ratio (dB)
-30
C OUT=3.3F
-40 -50
COUT=10F
-60
-70 -80 1 10 2 10 3 10 4 10
C OUT=25F
5 10
6 10
7 10
Frequency (Hz)
Fig. 7
AIC1084 (ADJ.) Ripple Rejection
5
AIC1084
n PHYSICAL DIMENSIONS
l TO-220 (unit: mm)
A E F 3.810.27
SYMBOL A D E e e1 e2 F J1 L
MIN 3.56 14.23 9.66 2.29 0.50 0.51 2.04 12.70
MAX 4.82 16.51 10.66 2.79 1.15 1.10 1.39 2.92 14.73
D
L e1 J1 e e2
6


▲Up To Search▲   

 
Price & Availability of AIC1084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X