Part Number Hot Search : 
10471 XR1489A PS20047 131M000 EPR1405G LU5X34F 2N2283 S24FCJ
Product Description
Full Text Search
 

To Download AD7872 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Complete Monolithic 14-Bit ADC 2s Complement Coding Parallel, Byte and Serial Digital Interface 80 dB SNR at 10 kHz Input Frequency 57 ns Data Access Time Low Power--50 mW typ 83 kSPS Throughput Rate 16-Lead SOIC (AD7872) APPLICATIONS Digital Signal Processing High Speed Modems Speech Recognition and Synthesis Spectrum Analysis DSP Servo Control GENERAL DESCRIPTION
LC2MOS Complete 14-Bit, Sampling ADCs AD7871/AD7872
FUNCTIONAL BLOCK DIAGRAMS
The AD7871 and AD7872 are fast, complete, 14-bit analog-todigital converters. They consist of a track/hold amplifier, successive-approximation ADC, 3 V buried Zener reference and versatile interface logic. The ADC features a self-contained, laser trimmed internal clock, so no external clock timing components are required. The on-chip clock may be overridden to synchronize ADC operation to the digital system for minimum noise. The AD7871 offers a choice of three data output formats: a single, parallel, 14-bit word; two 8-bit bytes or a 14-bit serial data stream. The AD7872 is a serial output device only. The two parts are capable of interfacing to all modern microprocessors and digital signal processors. The AD7871 and AD7872 operate from 5 V power supplies, accept bipolar input signals of 3 V and can convert full power signals up to 41.5 kHz. In addition to the traditional dc accuracy specifications, the AD7871 and AD7872 are also fully specified for dynamic performance parameters including distortion and signal-to-noise ratio. Both devices are fabricated in Analog Devices' LC2MOS mixed technology process. The AD7871 is available in 28-pin plastic DIP and PLCC packages. The AD7872 is available in a 16-pin plastic DIP, hermetic DIP and 16-lead SOIC packages.
PRODUCT HIGHLIGHTS
1. Complete 14-Bit ADC on a Chip. 2. Dynamic Specifications for DSP Users. 3. Low Power.
REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1997
AD7871/AD7872-SPECIFICATIONS
Parameter
DYNAMIC PERFORMANCE Signal-to-Noise Ratio3 (SNR) @ +25C TMIN to TMAX Total Harmonic Distortion (THD) Peak Harmonic or Spurious Noise Intermodulation Distortion (IMD) Second Order Terms Third Order Terms Track/Hold Acquisition Time DC ACCURACY Resolution Minimum Resolution for Which No Missing Codes Are Guaranteed Integral Nonlinearity @ +25C Integral Nonlinearity Bipolar Zero Error Positive Gain Error4 Negative Gain Error4 ANALOG INPUT Input Voltage Range Input Current REFERENCE OUTPUT REF OUT @ +25C TMIN to TMAX REF OUT Tempco Reference Load Sensitivity (REF OUT/I)
2
(VDD = +5 V 5%, VSS = -5 V 5%, AGND = DGND = O V, fCLK = 2 MHz external, fSAMPLE = 83 kHz unless otherwise noted.) All Specifications TMIN to TMAX unless otherwise noted.
Test Conditions/Comments
VIN = 10 kHz Sine Wave SNR is Typically 82 dB for J, A K T, B Versions1 Version1 Versions1 Units
80 80 -86 -86 80 80 -88 -88 -85 -86 -86 2 14 14 12 12 12 3 500 2.99/3.01 2.98/3.02 1.2 -88 -85 -88 2 14 14 1/2 1 12 12 12 3 500 -85 2 14 14 1/2 1 12 12 12 3 500 79 79 -85 dB min dB min dB max dB typ dB max dB typ dB max dB typ dB max dB typ s max Bits Bits LSB typ LSB max LSB max LSB max LSB max Volts A max V min/V max V min/V max ppm/C max mV max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
2.99/3.01 2.99/3.01 2.98/3.02 2.98/3.02 40 40 1.2 1.2
Typically 35 ppm Reference Load Current Change (0 A-300 A); Reference Load Should Not Be Changed During Conversion VDD = 5 V 5% VDD = 5 V 5% VIN = 0 V to VDD VIN = VSS to VDD
LOGIC INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IIN Input Current (14/8/CLK Input Only) Input Capacitance, CIN5 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL DB13 - DB0 Floating-State Leakage Current Floating-State Output Capacitance5 CONVERSION TIME External Clock Internal Clock POWER REQUIREMENTS VDD VSS IDD ISS Power Dissipation
2.4 0.8 10 10 10 4.0 0.4 10 15 10 10.5 +5 -5 13 6 95
2.4 0.8 10 10 10 4.0 0.4 10 15 10 10.5 +5 -5 13 6 95
2.4 0.8 10 10 10 4.0 0.4 10 15 10 11 +5 -5 13 6 95
V min V max A max A max pF max V min V max A max pF max s max s max V nom V nom mA max mA max mW max
ISOURCE = 40 A ISINK = 1.6 mA
The Internal Clock Has a Nominal Value of 2 MHz 5% for Specified Performance 5% for Specified Performance Typically 6 mA Typically 4 mA Typically 50 mW
NOTES 1 Temperature ranges are as follows: J, K versions, 0C to +70C; A, B versions, -40C to +85C; T version; -55C to +125C. 2 VIN = 3 V. 3 SNR calculation includes distortion and noise components. 4 Measured with respect to internal reference. 5 Sample tested @ +25C to ensure compliance. Specifications subject to change without notice.
-2-
REV. D
AD7871/AD7872 TIMING CHARACTERISTICS1, 2 (V
Parameter t1 t2 t3 t4 t5 t6 3 t7 4 t8 t9 t10 t115 t126 t13 t14 t15 t16 t173 t18 t19 t20 50 0 60 0 70 57 5 50 0 0 100 440 155 140 20 4 100 60 120 200 0 0 0
DD
= +5 V
5%, VSS = -5 V
5%, AGND = DGND = O V. See Figures 9, 10, 11 and 12.)
Conditions/Comments CONVST Pulse Width CS to RD Setup Time (Mode 1) RD Pulse Width CS to RD Hold Time (Mode 1) RD to INT Delay Data Access Time after RD Bus Relinquish Time after RD HBEN to RD Setup Time HBEN to RD Hold Time SSTRB to SCLK Falling Edge Setup Time SCLK Cycle Time SCLK to Valid Data Delay. CL = 35 pF SCLK Rising Edge to SSTRB Bus Relinquish Time after SCLK CS to RD Setup Time (Mode 2) CS to BUSY Propagation Delay Data Setup Time Prior to BUSY CS to RD Hold Time (Mode 2) HBEN to CS Setup Time HBEN to CS Hold Time
Limit at TMIN, TMAX Limit at TMIN, TMAX (J, K, A, B Versions) (T Version) 50 0 75 0 70 70 5 50 0 0 100 440 155 150 20 4 100 60 120 200 0 0 0
Units ns min ns min ns min ns min ns min ns max ns min ns max ns min ns min ns min ns min ns max ns max ns min ns min ns max ns min ns max ns min ns min ns min ns min
NOTES 1 Timing Specifications in bold print are 100% production tested. All other times are sample tested at +25C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2 Serial timing is measured with a 4.7 k pull-up resistor on SDATA and SSTRB and a 2 k pull-up resistor on SCLK. The capacitance on all three outputs is 35 pF. 3 t6 and t17 are measured with the load circuits of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V. 4 t7 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 7, quoted in the Timing Characteristics is the true bus relinquish time of the part and is independent of bus loading. 5 SCLK mark/space ratio (measured from a voltage level of 1.6 V) is 40/60 to 60/40. 6 SDATA will drive higher capacitive loads, but this will add to t 12 since it increases the external RC time constant (4.7 k//CL) and hence the time to reach 2.4 V. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to -7 V AGND to DGND . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V VIN to AGND . . . . . . . . . . . . . . . . VSS -0.3 V to VDD + 0.3 V REF OUT, CREF to AGND . . . . . . . . . . . . . . . . . . 0 V to VDD Digital Inputs to DGND . . . . . . . . . . . -0.3 V to VDD + 0.3 V Digital Outputs to DGND . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating Temperature Range Commercial (J, K Versions) . . . . . . . . . . . . . . 0C to +70C Industrial (A, B Versions) . . . . . . . . . . . . . -40C to +85C Extended (T Version) . . . . . . . . . . . . . . . -55C to +125C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300C Power Dissipation (Any Package) to +75C . . . . . . . . 450 mW Derates above +75C by . . . . . . . . . . . . . . . . . . . . . 6 mW/C
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 1. Load Circuit for Access Time
Figure 2. Load Circuit for Output Float Delay CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily WARNING! accumulate on the human body and test equipment and can discharge without detection. Although the AD7871/AD7872 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD SENSITIVE DEVICE ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. D
-3-
AD7871/AD7872
AD7871 PIN FUNCTION DESCRIPTION
DIP No. 1 2 3 4 5 6
Mnemonic CONVST CS RD BUSY/INT CLK DB13/HBEN
Function Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This input is asynchronous to the CLK. CS and RD must be held high for the duration of this pulse. Chip Select. Active low logic input. The device is selected when this input is active. With CONVST tied low, a new conversion is initiated when CS goes low. Read. Active low logic input. This input is used in conjunction with CS low to enable the data outputs. Busy/Interrupt. Logic low output indicating converter status. See timing diagrams. Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying this pin to VSS enables the internal laser-trimmed oscillator. Data Bit 13 (MSB)/High Byte Enable. The function of this pin is dependent on the state of the 14/8/CLK input (see Pin 28). When 14-bit data is selected, this pin provides the DB13 output. When either byte or serial data is selected, this pin becomes the HBEN logic input. HBEN is used for 8-bit bus interfacing. When HBEN is low, DB7 to DB0 is the lower byte of data. With HBEN high, DB7 to DB0 is the upper byte of data (see Table I).
Table I. Byte Output Format
HBEN DB7
DB6 DB5 DB4 DB3 DB2
DB1 DB0
HIGH LOW LOW DB13 DB12 DB11 DB10 DB9 DB8 LOW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 7 8 DB12/SSTRB DB11/SCLK Data Bit 12/Serial Strobe. When 14-bit data is selected, this pin provides the DB12 data output. Otherwise it is an active low three-state output that provides a framing pulse for serial data. Data Bit 11/Serial Clock. When 14-bit data is selected, this pin provides the DB11 data output. Otherwise SCLK is the gated serial clock output that is derived from the internal or external ADC clock. If the 14/8/CLK input is held at -5 V, then the SCLK runs continuously. With 14/8/CLK at 0 V, it is gated off (three-state) after serial transmission is complete. Data Bit 10/Serial Data. When 14-bit parallel data is selected, this pin provides the DB10 data output. Otherwise it is the three-state serial data output used in conjunction with SCLK and SSTRB in serial data transmission. Serial data is valid on the falling edge of SCLK, when SSTRB is low. Three-State Data Outputs controlled by CS and RD. Their function depends on the state of the 14/8/CLK and the HBEN inputs. With 14/8/CLK high, they are always DB9-DB6; with 14/8/CLK low, their function depends on HBEN (see Table I). Digital Ground. Ground return for digital circuitry. Three-State Data Outputs controlled by CS and RD. Their function depends on the 14/8/CLK and HBEN inputs. With 14/8/CLK high, they are always DB5-DB0; with 14/8/CLK low or -5 V, their function is controlled by HBEN (see Table I). Positive Supply, +5 V 5%. Analog Ground. Ground reference for analog circuitry. Decoupling point for on-chip reference. Connect 10 nF between this pin and AGND. No Connect. Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load capability is 500 A. Analog Input. The input range is 3 V. Negative Supply, -5 V 5%. Three-Function Input. Defines both the parallel and serial data formats. With this pin at +5 V, the output data is 14-bit parallel only. With this pin at 0 V, both byte and serial data are available, and the SCLK is noncontinuous. With this pin at -5 V, both byte and serial data are available and the SCLK is continuous.
9
DB10/SDATA
10-13 DB9-DB6
14
DGND
15-20 DB5/DB13- DB0/DB8 21 22 23 24 25 26 27 28 VDD AGND CREF NC REF OUT VIN VSS 14/8/CLK
-4-
REV. D
AD7871/AD7872
AD7872 PIN FUNCTION DESCRIPTION
DIP No. 1 2 3 4 5
Mnemonic CONTROL CONVST CLK SSTRB SCLK
Function Control Input. With this pin at 0 V, the SCLK is noncontinuous; with this pin at -5 V, the SCLK is continuous. Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This input is asynchronous to the CLK. Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying this pin to VSS, enables the internal laser-trimmed oscillator. This is an active low three-state output that provides a framing pulse for serial data. An external 4.7 k pull-up resistor is required on SSTRB. Serial Clock. SCLK is the gated serial clock output derived from the internal or external ADC clock. If the 14/8/CLK input is at -5 V, then the SCLK runs continuously. With CONTROL at 0 V, it is gated off (three-state) after serial transmission is complete. SCLK is an open-drain output and requires an external 2 k pull-up resistor. Serial Data. This is the three-state serial data output used in conjunction with SCLK and SSTRB in serial data transmission. Serial data is valid on the falling edge of SCLK, when SSTRB is low. An external 4.7 k pull-up resistor is required on SDATA. No Connect. Digital Ground. Ground return for digital circuitry. Positive Supply for analog circuitry, +5 V 5%. No Connect. Decoupling point for on-chip reference. Connect 10 nF capacitor between this pin and AGND. Analog Ground. Ground reference for analog circuitry. Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load capability is 500 A. Analog Input. The input range is 3 V. Negative Supply, -5 V 5%. Positive Supply for analog circuitry, +5 V 5%. Pin 16 and Pin 9 should be connected together.
PIN CONFIGURATIONS DIP DIP, SOIC PLCC
6
SDATA
7 8 9 10 11 12 13 14 15 16
NC DGND VDD NC CREF AGND REF OUT VIN VSS VDD
REV. D
-5-
AD7871/AD7872
CONVERTER DETAILS
The AD7871/AD7872 is a complete 14-bit A/D converter, requiring no external components apart from power supply decoupling capacitors. It is comprised of a 14-bit successive approximation ADC based on a fast settling voltage-output DAC, a high speed comparator and CMOS SAR, a track/hold amplifier, a 3 V buried Zener reference, a clock oscillator and control logic.
INTERNAL REFERENCE
The operation of the track/hold amplifier is essentially transparent to the user. The track/hold amplifier goes from its tracking mode to its hold mode at the start of conversion. If the CONVST input is used to start conversion, then the track to hold transition occurs on the rising edge of CONVST. If CS on the AD7871 starts conversion, this transition occurs on the falling edge of CS.
ANALOG INPUT
The AD7871/AD7872 has an on-chip temperature compensated buried Zener reference that is factory trimmed to 3 V 10 mV. Internally it provides both the DAC reference and the dc bias required for bipolar operation. Reference noise is minimized by connecting a capacitor between CREF and AGND. For specified operation this capacitor should be 10 nF. The reference output is available (REF OUT) and capable of providing up to 500 A to an external load. The maximum recommended capacitance on REF OUT for normal operation is 50 pF. If the reference is required for use external to the AD7871/AD7872, it should be decoupled with a 200 resistor in series with a parallel combination of a 10 F tantalum capacitor and a 0.1 F ceramic capacitor. These decoupling components are required to remove voltage spikes caused by the AD7871/AD7872's internal operation.
Figure 4 shows the AD7871/AD7872 analog input. The analog input range is 3 V into an input resistance of typically 15 k. The designed code transitions occur midway between successive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs . . . FS -3/2 LSBs). The output code is twos-complement binary with 1 LSB = FS/16384 = 6 V/16384 = 366 V. The ideal input/output transfer function is shown in Figure 5.
Figure 5. Bipolar Input/Output Transfer Function Figure 3. Reference Circuit
TRACK-AND-HOLD AMPLIFIER BIPOLAR OFFSET AND FULL-SCALE ADJUSTMENT
The track-and-hold amplifier on the analog input of the AD7871/AD7872 allows the ADC to accurately convert an input sine wave of 6 V peak-peak amplitude to 14-bit accuracy. The input bandwidth of the track/hold amplifier is much greater than the Nyquist rate of the ADC even when the ADC is operated at its maximum throughput rate. The 0.1 dB cutoff frequency occurs typically at 500 kHz. The track/hold amplifier acquires an input signal to 14-bit accuracy in less than 2 s. The overall throughput rate is determined by the conversion time plus the track/hold amplifier acquisition time. For a 2 MHz input clock the throughput time is 12 s maximum.
When the AD7871/AD7872's offset and full-scale errors need to be adjusted, offset error must be adjusted first. This is achieved by trimming the offset of the op amp driving the analog input of the AD7871/AD7872 while the input voltage is 1/2 LSB below AGND. The trim procedure is as follows: apply a voltage of -0.183 mV (-1/2 LSB) at V1 in Figure 6 and adjust the op amp offset voltage until the ADC output code flickers between 11 1111 1111 1111 and 00 0000 0000 0000.
Figure 4. Analog Input
Figure 6. Bipolar Adjust Circuit
-6-
REV. D
AD7871/AD7872
Gain error can be adjusted at either the first code transition (ADC negative full scale) or the last code transition (ADC positive full scale). The trim procedures for both cases are as follows (see Figure 6).
Positive Full-Scale Adjust UNIPOLAR OFFSET AND FULL-SCALE ADJUSTMENT
Apply a voltage of 2.9995 V (FS/2 -3/2 LSBs) at V1 and adjust R2 until the ADC output code flickers between 01 1111 1111 1110 and 01 1111 1111 1111.
Negative Full-Scale Adjust
When absolute accuracy is required, offset and full-scale error can be adjusted to zero. Offset must be adjusted before fullscale. This is achieved by applying an input voltage of 1/2 LSB to V1 and adjust R6 until the ADC output code flickers between 10 0000 0000 0000 and 10 0000 0000 0001. For full-scale adjustment apply an input voltage of (FS -3/2 LSBs) to V1 and adjust R5 until the output code flickers between 01 1111 1111 1110 and 01 1111 1111 1111.
TIMING AND CONTROL
Apply a voltage of -2.9998 V (-FS/2 + 1/2 LSB) at V1 and adjust R2 until the ADC output code flickers between 10 0000 0000 0000 and 10 0000 0000 0001.
UNIPOLAR OPERATION
A typical unipolar circuit is shown in Figure 7. The AD7871/ AD7872 REF OUT is used to offset the analog input by 3 V. The analog input range is determined by the ratio of R3 to R4. The minimum range with which the circuit will work is 0 to +3 V. The resistor values are given in Figure 7 for input ranges of 0 to +5 V and 0 to +10 V. R5 and R6 are included for offset and full scale adjust only and should be omitted if adjustment is not required.
The conversion time for both external and internal clocks can vary from 19 to 20 rising clock edges depending on the conversion start to ADC clock synchronization. If a conversion is initiated within 30 ns prior to a rising edge of the ADC clock, the conversion time will consist of 20 rising clock edges. There are two basic operating modes for the AD7871. In the first mode (Mode 1) the CONVST line is used to start conversion and drive the track/hold into its hold mode. At the end of conversion, the track/hold returns to its tracking mode. It is principally intended for digital signal processing and other applications where precise sampling in time is required. In these applications, it is important that the signal sampling occurs at exactly equal intervals to minimize errors due to sampling uncertainty or jitter. For these cases, the CONVST line is driven by a timer or some precise clock source. The second mode is achieved by hard-wiring the CONVST line low. This mode (Mode 2) is intended for use in systems where the microprocessor has total control of the ADC, both initiating the conversion and reading the data. CS and RD start conversion, and the microprocessor will normally be driven into a WAIT state for the duration of conversion by BUSY/INT. The AD7872 has one operating mode only. This is Mode 1, described above, which uses CONVST to start conversion.
DATA OUTPUT FORMATS
Figure 7. Unipolar Circuit
The ideal input/output transfer function is shown in Figure 8. The output can be converted to straight binary by inverting the MSB.
The AD7871 offers a choice of three data output formats, one serial and two parallel. The parallel data formats include a single 14-bit parallel word for 16-bit data buses and a two-byte format for 8-bit data buses. The data format is controlled by the 14/8/CLK input. A logic high on this pin selects the 14-bit parallel output format only. A logic low or -5 V applied to this pin allows the user access to either serial or byte formatted data. Three of the pins previously assigned to the four MSBs in parallel form are now used for serial communications while the fourth pin becomes a control input for the byte-formatted data. The three possible data output formats can be selected in either of the modes of operation. The AD7872 is a serial output device only. The serial data format is exactly the same as the AD7871.
Parallel Output Format
Figure 8. Unipolar Transfer Function
The two parallel formats available on the AD7871 are a 14-bit wide data word and a 2-byte data word. In the first, all 14 bits of data are available at the same time on DB13 (MSB) through DB0 (LSB). In the second, two reads are required to access the data. When this data format is selected, the DB13/HBEN pin assumes the HBEN function. HBEN selects which byte of data is to be read from the AD7871. When HBEN is low, the lower eight bits of data are placed on the data bus during a read operation; with HBEN high, the upper six bits of the 14-bit word are -7-
REV. D
AD7871/AD7872
placed on the data bus. These six bits are right justified and thereby occupy the lower six bits of the byte while the upper two bits are zeros.
Serial Output Format
Figure 9 shows the Mode 1 timing diagram for a 14-bit parallel data output format (14/8/CLK = +5 V). A read to the AD7871 at the end of conversion accesses all 14 bits of data at the same time. Serial data is not available for this data output format.
Serial data is available on the AD7871 when the 14/8/CLK input is at 0 V or -5 V and in this case the DB12/SSTRB, DB11/SCLK and DB10/SDATA pins assume their serial functions. The AD7872 is a serial output device only. The serial function on both devices is identical. Serial data is available during conversion with a word length of 16 bits; two leading zeros, followed by the 14-bit conversion result starting with the MSB. The data is synchronized to the serial clock output (SCLK) and is framed by the serial strobe (SSTRB). Data is clocked out on a low to high transition of the serial clock and is valid on the falling edge of this clock while the SSTRB output is low. SSTRB goes low at the start of conversion and the first serial data bit (which is the first leading zero) is valid on the first falling edge of SCLK. All the serial lines are open-drain outputs and require external pull-up resistors. The serial clock out is derived from the ADC master clock source which may be internal or external. Normally, SCLK is required during the serial transmission only. In these cases it can be shut down (i.e., placed into three-state) at the end of conversion to allow multiple ADCs to share a common serial bus. However, some serial systems (e.g., TMS32020) require a serial clock that runs continuously. Both options are available on the AD7871 and AD7872. With the 14/8/CLK input on the AD7871 at -5 V, the serial clock (SCLK) runs continuously; when 14/8/CLK is at 0 V, SCLK goes into three-state at the end of transmission. The CONTROL pin on the AD7872 performs the same function. When this is at 0 V, SCLK is noncontinuous and when it is at -5 V, SCLK is continuous. The SCLK, SDATA and SSTRB lines are open-drain outputs. If these are required to drive capacitive loads in excess of 35 pF, buffering is recommended.
MODE 1 INTERFACE
Figure 9. Mode 1 Timing Diagram, 14-Bit Parallel Read
The Mode 1 function timing diagram for byte and serial data is shown in Figure 10. INT goes low at the end of conversion and is reset high by the first falling edge of CS and RD. This first read at the end of conversion can either access the low byte or high byte of data depending on the status of HBEN (Figure 10 shows low byte for example only). The diagram shows both the SCLK output going into three-state at the end of transmission and a continuously running clock (dashed line).
MODE 2 INTERFACE
Conversion is initiated by a low going pulse on the CONVST input. The rising edge of this CONVST pulse starts conversion and drives the track/hold amplifier into its hold mode. The BUSY/INT status output assumes its INT function in this mode. INT is normally high and goes low at the end of conversion. This INT line can be used to interrupt the microprocessor. A read operation to the AD7871 accesses the data and the INT line is reset high on the falling edge of CS and RD. The CONVST input must be high when CS and RD are brought low for the AD7871 to operate correctly in this mode. It is important, especially in systems where the conversion start (CONVST) pulse is asynchronous to the microprocessor, to ensure that a parallel or byte data read is not attempted during a conversion. Trying to read data during a conversion can cause errors to the conversion in progress. Avoid pulsing the CONVST line a second time before conversion end since it can cause errors in the conversion result. In applications where precise sampling is not critical, the CONVST pulse can be generated from microprocessor WR line OR-gated with the AD7871 CS input. In some applications, depending on power supply turn-on time, the AD7871/AD7872 may perform a conversion on power-up. In this case, the INT line on the AD7871 will power up low, and a dummy read to the device will be required to reset the INT line before starting conversion. -8-
The second interface mode is achieved by hard-wiring CONVST low and conversion is initiated by taking CS low while HBEN is low. The track/hold amplifier goes into the hold mode on the falling edge of CS. In this mode the BUSY/INT pin assumes its BUSY function. BUSY goes low at the start of conversion, stays low during the conversion and returns high when the conversion is complete. It is normally used in parallel interfaces to drive the microprocessor into a WAIT state for the duration of conversion. Figure 11 shows the Mode 2 timing diagram for the 14-bit parallel data output format (14/8/CLK = +5 V). In this case the ADC behaves like slow memory. The major advantage of this interface is that it allows the microprocessor to start conversion, WAIT and then read data with a single READ instruction. The user does not have to worry about servicing interrupts or ensuring that software delays are long enough to avoid the reading during conversion. The Mode 2 timing diagram for byte and serial data is shown in Figure 12. For 2-byte data read, the lower byte (DB0-DB7) has to be accessed first since HBEN must be low to start con-version. The ADC behaves like slow memory for this first read, but the second read to access the upper byte of data is a normal read. Operation to the serial functions is identical between Mode 1 and Mode 2. Once again, the timing diagram of Figure 12 shows SCLK going into three-state or running continuously (dashed line).
REV. D
AD7871/AD7872
Figure 10. Mode 1 Timing Diagram, Byte or Serial Read
Figure 11. Mode 2 Timing Diagram, 14-Bit Parallel Read
Figure 12. Mode 2 Timing Diagram, Byte or Serial Read
REV. D
-9-
AD7871/AD7872
DYNAMIC SPECIFICATIONS Effective Number of Bits
The AD7871/AD7872 is specified and tested for dynamic performance specifications as well as traditional dc specifications such as Integral and Differential Nonlinearity. These ac specifications are required for signal processing applications such as Speech Recognition, Spectrum Analysis and High Speed Modems. These applications require information on the effects on the spectral content of the input signal. Hence, the parameters for which the AD7871/AD7872 is specified include SNR, Harmonic Distortion, Intermodulation Distortion and Peak Harmonics. These terms are discussed in more detail in the following sections.
Signal-to-Noise Ratio (SNR)
The formula given in Equation 1 relates the SNR to the number of bits. Rewriting the formula, as in Equation 2, it is possible to get a measure of performance expressed in effective number of bits (N).
N= SNR -1.76 6.02
(2)
The effective number of bits for a device can be calculated directly from its measured SNR. Figure 14 shows a typical plot of effective number of bits versus frequency for the AD7871/ AD7872 with a sampling frequency of 60 kHz.
SNR is the measured signal-to-noise ratio at the output of the ADC. The signal is the rms magnitude of the fundamental. Noise is the rms sum of all the nonfundamental signals up to half the sampling frequency (fs/2) excluding dc. SNR is dependent upon the number of quantization levels used in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal to noise ratio for a sine wave input is given by: SNR(dB) = (6.02N + 1.76) (1) where N is the number of bits in the ADC. Thus for an ideal 14-bit converter, SNR = 86 dB. The output spectrum from the ADC is evaluated by applying a sine wave signal of very low distortion to the VIN input, which is sampled at an 83 kHz sampling rate. A Fast Fourier Transform (FFT) plot is generated from which the SNR data can be obtained. Figure 13 shows a typical 2048 point FFT plot of the AD7871/AD7872, with an input signal of 10 kHz and a sampling frequency of 83 kHz. The SNR obtained from this graph is 80 dB. It should be noted that the harmonics are included when calculating the SNR.
Figure 14. Effective Number of Bits vs. Frequency
Harmonic Distortion
Harmonic Distortion is the ratio of the rms sum of harmonics to the fundamental. For the AD7871/AD7872, Total Harmonic Distortion (THD) is defined as THD(dB) = 20 log
V22+V32+V42+V52+V62
V1
where V1 is the rms amplitude of the fundamental and V2, V3, V4, V5 and V6 are the rms amplitudes of the second through the sixth harmonic. The THD is also derived from the FFT plot of the ADC output spectrum. Figure 15 shows how the THD varies with input frequency.
Figure 15. Total Harmonic Distortion vs. Frequency
Intermodulation Distortion
Figure 13. Fast Fourier Transform Plot
With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which neither m nor n are equal to zero. For example, the second order terms include (fa+fb) and (fa-fb), while the third order terms include (2fa+fb), (2fa-fb), (fa+2fb) and (fa-2fb). -10- REV. D
AD7871/AD7872
Using the CCIF standard where two input frequencies near the top end of the input bandwidth are used, the second and third order terms are of different significance. The second order terms are usually distanced in frequency from the original sine waves while the third order terms are usually at a frequency close to the input frequencies. As a result, the second and third order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the fundamental expressed in dBs. In this case, the input consists of two, equal amplitude, low distortion sine waves. Figure 16 shows a typical IMD plot for the AD7871/AD7872. microprocessor and the conversion result is read from the ADC with the following instruction: ADSP-2100 MR0 = DM(ADC) TMS32020/C25: IN D,ADC MR0 = ADSP-2100 MR0 Register D = Data Memory Address ADC = AD7871 Address
Figure 17. AD7871 to ADSP-2100 Parallel Interface
Figure 16. IMD Plot
Peak Harmonic or Spurious Noise
Peak Harmonic or Spurious Noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fs/2 and excluding dc) to the rms value of the fundamental. Normally, the value of this specification will be determined by the largest harmonic in the spectrum, but for parts where the harmonics are buried in the noise floor, peak will be a noise peak.
MICROPROCESSOR INTERFACE
The AD7871 and AD7872 have a wide variety of interfacing options. The AD7871 offers two operating modes and three data-output formats, while the AD7872 is a dedicated serial output device. The fast data access times on the parallel modes of the AD7871 allow interfacing to the very fast DSPs. The serial mode on both the AD7871 and AD7872 is compatible with the serial port structures on all the popular DSPs.
Parallel Read Interfacing
Figure 18. AD7871 to TMS32020/C25 Interface
Figures 17 and 18 show interfaces to the ADSP-2100 and the TMS32020/C25 DSP processors. The AD7871 is operating in Mode 1, parallel read for both interfaces. An external timer controls conversion start asynchronously to the microprocessor. At the end of each conversion the ADC BUSY/INT interrupts the
Some applications may require that conversions be initiated by the microprocessor rather than an external timer. One option is to decode the AD7871 CONVST from the address bus so that a write operation to the ADC starts a conversion. Data is read at the end of conversion as described earlier. Note, a read operation must not be attempted during conversion.
REV. D
-11-
AD7871/AD7872
Serial Interfacing
Both the AD7871 and the AD7872 have an identical serial interface. The diagrams that follow show the AD7872 interfaces only, but the AD7871 could just as easily be used in these circuits. Figures 19, 20 and 21 show the AD7872 connected to three popular DSPs. In all three interfaces, CONVST is used to start conversion since this does not activate the parallel bus. Thus, the microprocessor can continue to use its parallel bus regardless of the state of the AD7872. The interfaces show a timer driving the CONVST input but this could be generated from a decoded address if required. AD7872-DSP56000 Serial Interface Figure 19 shows a serial interface between the AD7872 and the DSP56000. The interface arrangement is two-wire with the AD7872 configured for noncontinuous clock operation CONTROL = 0 V). The DSP56000 is configured for Normal Mode Asynchronous Operation with Gated Clock. It is set up for a 16-bit word with SCK as an input and the FSL control bit set to a 0. In this configuration, the DSP56000 assumes valid data on the first falling edge of SCK. Since the AD7872 provides valid data on this first edge, there is no need for a strobe or framing pulse for the data. SCLK and SDATA are three-stated when the AD7872 is not performing a conversion. During conversion, data is valid on the SDATA output of the AD7872 and is clocked into the Receive Data Shift Register of the DSP56000. When this register has received 16 bits of data, it generates an internal interrupt on the DSP56000 to read the data from the register.
Figure 20. AD7872 to TMS32020/C25 Interface
AD7872-ADSP-2101/ADSP-2102 Serial Interface Figure 21 shows a serial interface between the AD7872 and the ADSP-2101/ADSP-2102 DSP Microcomputer. The AD7872 is configured for continuous clock operation. Data is clocked into the serial port register of the microcomputer during conversion. As with the previous interfaces, when a 16-bit data word is received by the ADSP-2101/ADSP-2102 an internal microprocessor interrupt is generated and the data is read from the serial port register.
Figure 21. AD7872 to ADSP-2101/ADSP-2102 Serial Interface Figure 19. AD7872 to DSP56000 Interface
STAND-ALONE OPERATION
The DSP56000 and AD7872 can also be configured for continuous clock operation. In this case a strobe pulse is required by the DSP56000 to indicate when data is valid. The SSTRB output of the AD7872 is inverted and applied to the SC1 input of the DSP56000 to provide this strobe pulse. All other conditions and connections are the same as for the gated clock operation. AD7872-TMS32020/C25 Serial Interface Figure 20 shows a serial interface between the AD7872 and the TMS32020/C25. The AD7872 is configured for continuous clock operation. Note, the ADC will not interface correctly to the TMS32020/C25 if it is configured for a noncontinuous clock. Data is clocked into the Data Receive Register (DRR) of the TMS32020/C25 during conversion. As with the previous interfaces, when a 16-bit word is received by the DSP it generates an internal interrupt to read the data from the DRR.
The AD7871 can be used in its Mode 2, parallel mode for stand-alone operation. In this case, conversion is initiated with a pulse to the CS input. This pulse must be longer than the conversion time of the ADC. The BUSY output is used to drive the RD input. Data is latched from the AD7871 DB0-DB11 outputs to an external latch on the rising edge of BUSY.
APPLICATION HINTS
Good printed circuit board (PCB) layout is as important as the circuit design itself in achieving high speed A/D performance. The AD7871/AD7872 is required to make bit decisions on an LSB size of 366 V. Thus, the designer has to be conscious of noise both in the ADC itself and in the preceding analog circuitry. Switching mode power supplies are not recommended as the switching spikes will feed through to the comparator causing noisy code transitions. Other causes of concern are ground loops and digital feedthrough from microprocessors. These are factors that influence any ADC; a proper PCB layout that minimizes these effects is essential for best performance.
-12-
REV. D
AD7871/AD7872
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the digital and analog signal lines separated as much as possible. Take care not to run a digital track alongside an analog signal track. Guard (screen) the analog input with AGND. Establish a single point analog ground (star ground) separate from the logic system ground at the AD7871/AD7872 AGND pin or as close as possible to the AD7871/AD7872. Connect all other grounds and the AD7871/AD7872 DGND to this single analog ground point. Do not connect any other digital grounds to this analog ground point. Low impedance analog and digital power supply common returns are essential to low noise operation of the ADC, so make the foil width for these tracks as wide as possible. The use of ground planes minimizes impedance paths and also guards the analog circuitry from digital noise. The circuit layout of Figures 26 and 27 have both analog and digital ground planes that are kept separated and joined together only at the AD7871/AD7872 AGND pin.
NOISE
terrupts labelled EIRQ0 to EIRQ3. The AD7871 BUSY/INT output connects to EIRQ0. There is a single wait state generator connected to EDMACK to allow the AD7871 to interface to the faster versions of the ADSP-2100. SKT4 is a 26-way (2-row) IDC connector. This contains the same signal contacts as SKT6 except for EDMACK, which is connected to SKT6 only. It also contains decoded R/W and STRB inputs necessary for TMS32020 interfacing. SKT5 is a 5-way D-type connector meant for serial interfacing only. An inverted DB11/SCLK output is also provided on this connector for systems that accept data on a rising clock edge. SKT1, SKT2 and SKT3 are three BNC connectors providing connections for the analog input, the CONVST input and an external clock.
Keep the input signal leads to VIN and signal return leads from AGND as short as possible to minimize input noise coupling. In applications where this is not possible, use a shielded cable between the source and the ADC. Reduce the ground circuit impedance as much as possible since any potential difference in grounds between the signal source and the ADC appears as an error voltage in series with the input signal.
DATA ACQUISITION BOARD
Figure 24 shows the AD7871/AD7872 in a data acquisition circuit. The corresponding printed circuit board (PCB) layout has three interface ports: one serial and two parallel. Note that the AD7871/AD7872 serial lines are buffered by a 74HC244. This allows long lines with large capacitive loads to be driven. One of the parallel ports is directly compatible with the ADSP-2100 evaluation board expansion connector. The only additional component required for a full data acquisition system is an anti-aliasing filter. There is a component grid provided near the analog input on the PCB, which may be used for such a filter or any other input conditioning circuitry. To facilitate this option, there is a shorting plug (labelled LK1 on the PCB) on the analog input track. If this shorting plug is used, the analog input connects to the buffer amplifier driving the AD7871/ AD7872; if this shorting plug is omitted, a wire link can be used to connect the analog input to the PCB component grid.
INTERFACE CONNECTIONS
Figure 22. SKT4 Pinout
Figure 23. SKT5 Pinout
POWER SUPPLY CONNECTIONS
The PCB requires two analog power supplies and one 5 V logic supply. The analog supplies are labelled V+ and V-, and the range for both supplies is 12 V to 15 V. Connection to the 5 V digital supply is made through any of the connectors SKT4 to SKT6. The 5 V supply required by the AD7871 and AD7872 is generated from voltage regulators on the V+ and V- power supplies input (IC6 and IC7 in Figure 24).
SHORTING PLUG OPTIONS
There are seven shorting plug options which must be set before using the board. These are outlined below: LK1 Connects the analog input to a buffer amplifier. The analog input may also be connected to a component grid for signal conditioning. LK2 Selects either the AD7871/AD7872 internal clock or an external clock source. LK3 Configures the AD7871 14/8/CLK input for the appropriate serial or parallel interface. LK4 Connects the AD7871 RD input directly to the two parallel connectors or to a decoded STRB and R/W input. LK5 Connects the pull-up resistor R3 to SSTRB. LK6 Connects the pull-up resistor R4 to SCLK. LK7 Connects the pull-up resistor R5 to SDATA. Note that LK5 to LK7 should be removed for parallel interfacing.
There are two parallel connectors labeled SKT4 and SKT6, and one serial connector labeled SKT5. A shorting plug option (LK3 in Figure 24) configures the ADC for the appropriate interface. SKT6 is a 96-contact (3-row) Eurocard connector that is directly compatible with the ADSP-2100 Evaluation Board Prototype Expansion Connector. The expansion connector on the ADSP-2100 has eight decoded chip enable outputs labeled ECE1 to ECE8. ECE6 is used to drive the AD7871 CS input on the board. To avoid selecting the onboard RAM sockets at the same time, LK6 on the ADSP-2100 board must be removed. In addition, the ADSP-2100 expansion connector has four inREV. D
-13-
AD7871/AD7872
Figure 24. Data Acquisition Circuit Using the AD7871/AD7872
Figure 25. PCB Silkscreen for Figure 24
-14-
REV. D
AD7871/AD7872
Figure 26. PCB Component Side Layout for Figure 24
Figure 27. PCB Solder Side Layout for Figure 24
REV. D
-15-
AD7871/AD7872
AD7871 ORDERING GUIDE
Model1, 2 AD7871JN AD7871KN AD7871JP AD7871KP AD7871TQ4 Temperature Range 0C to +70C 0C to +70C 0C to +70C 0C to +70C -55C to +125C Relative Package Accuracy Option3 1 max 1 max 1 max N-28A N-28A P-28A P-28A Q-28
AD7872 ORDERING GUIDE Model1 AD7872AN AD7872JN AD7872KN AD7872BR AD7872JR AD7872KR AD7872TQ3 Temperature Range -40C to +85C 0C to +70C 0C to +70C -40C to +85C 0C to +70C 0C to +70C -55C to +125C Relative Package Accuracy Option2 N-16 N-16 N-16 R-16 R-16 R-16 Q-16
SNR 80 dBs min 80 dBs min 80 dBs min 80 dBs min 79 dBs min
SNR 80 dBs min 80 dBs min 80 dBs min 79 dBs min 80 dBs min 80 dBs min 79 dBs min
NOTES 1 To order MIL-STD-883, Class B, processed parts, add /883B to part number. Contact local sales office for military data sheet. 2 Contact local sales office for LCCC availability. 3 N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC);Q = Cerdip. 4 Available to /883B processing only.
1 max 1 max
NOTES 1 To order MIL-STD-883, Class B, processed parts, add /883B to part number. Contact local sales office for military data sheet. 2 N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC). 3 Available to /883B processing only.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic DIP (N-16)
0.755 (19.18) 0.745 (18.93)
16 9 8
28-Pin Plastic DIP (N-28A)
1.450 (36.83) 1.440 (36.576)
PIN 1
1
0.26 (6.61) 0.24 (6.1) 0.14 (3.56) 0.12 (3.05) 0.175 (4.45) 0.12 (3.05)
28
15
0.306 (7.78) 0.294 (7.47)
PIN 1 0.200 (5.080) MAX SEATING PLANE 0.065 (1.65) 0.020 (0.508) 0.045 (1.14) 0.015 (0.381) 0.105 (2.67) 0.095 (2.41)
1 14
0.550 (13.97) 0.530 (13.462) 0.606 (15.39) 0.594 (15.09) 0.160 (4.06) 0.140 (3.56) 0.175 (4.45) 0.120 (3.05)
0.17 (4.32) MAX SEATING PLANE
0.065 (1.66) 0.02 (0.508) 0.105 (2.67) 0.045 (1.15) 0.015 (0.381) 0.095 (2.42)
15 0
0.012 (0.305) 0.008 (0.203)
15 0
LEAD NO. 1 IDENTIFIED BY NOT OR NOTCH. LEADS ARE SOLDER OF TIN-PLATED KOVAR OR ALLOY 42.
0.012 (0.305) 0.008 (0.203)
LEAD NO. 1 IDENTIFIED BY NOT OR NOTCH. LEADS ARE SOLDER DIPPED OF TIN-PLATED ALLOY 42 OR COPPER.
16-Pin Cerdip (Q-16)
0.785 (19.94) 0.75 (19.05)
16 9
28-Pin Cerdip (Q-28)
1.490 (37.84) MAX
PIN 1
1 8
0.30 (7.62) 0.24 (6.1) 0.18 (4.572) 0.14 (3.56) 0.20 (5.08) 0.125 (3.175) 0.023 (0.584) 0.015 (0.381) 0.11 (2.794) 0.09 (2.28)
28
15
0.32 (8.128) 0.29 (7.366)
PIN 1
1 14
0.525 (13.33) 0.515 (13.08) 0.62 (15.74) 0.59 (14.93) 0.18 (4.57) MAX 0.125 (3.175) MIN 0.11 (2.79) 0.099 (2.28) 0.02 (0.5) 0.016 (0.406) 15 0 0.012 (0.305) 0.008 (0.203)
0.155 (3.937) MIN SEATING PLANE 0.07 (1.778) 0.03 (0.762)
GLASS SEALANT
15 0
0.015 (0.381) 0.008 (0.203)
0.22 (5.59) MAX SEATING PLANE
LEAD NO. 1 IDENTIFIED BY NOT OR NOTCH. LEADS ARE SOLDER OF TIN-PLATED KOVAR OR ALLOY 42.
16-Pin SOIC (R-16)
0.413 (10.49) 0.398 (10.11)
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH. LEADS ARE SOLDER OF TIN-PLATED KOVAR OR ALLOY 42.
28-Pin PLCC (P-28A)
16 9
0.300 (7.62) 0.292 (7.42)
1 8
0.419 (10.64) 0.394 (10.01)
5
0.456 (11.582) SQ 0.450 (11.430)
4 PIN 1 IDENTIFIER 26 25
0.180 (4.51) 0.165 (4.20)
PIN 1 0.350 (8.89) 0.011 (0.279) 0.004 (0.102) STANDOFF 0.104 (2.64) 0.093 (2.36) 0.050 (1.27) BSC 0.019 (0.483) SEATING 0.014 (0.356) PLANE
0.02 (0.508) x 45 C CHAMP
11 12
0.021 (0.533) 0.013 (0.331) 0.050 0.005 (1.27 0.13) 0.032 (0.812) 0.026 (0.661) 0.430 (10.5) 0.390 (9.9)
TOP VIEW
(PINS DOWN) 19 18
0.01 (0.254)
0.050 (1.27)
0.495 (12.57) SQ 0.485 (12.32)
0.120 (3.04) 0.090 (2.29)
-16-
REV. D
PRINTED IN U.S.A.
C1374e-10-1/97
1 max 1 max


▲Up To Search▲   

 
Price & Availability of AD7872

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X