Part Number Hot Search : 
HC00M PC924 H15H2 KSC945G 2SD1803 2203161 74HCT NSS4020
Product Description
Full Text Search
 

To Download W29C020C-90B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W29C020C 256K x 8 CMOS FLASH MEMORY
GENERAL DESCRIPTION
The W29C020C is a 2-megabit, 5-volt only CMOS flash memory organized as 256K x 8 bits. The device can be written (erased and programmed) in-system with a standard 5V power supply. A 12-volt VPP is not required. The unique cell architecture of the W29C020C results in fast write (erase/program) operations with extremely low current consumption compared to other comparable 5volt flash memory products. The device can also be written (erased and programmed) by using standard EPROM programmers.
FEATURES
* Single 5-volt write (erase and program)
* *
Software and hardware data protection Low power consumption - Active current: 25 mA (typ.) - Standby current: 20 A (typ.)
operations
* Fast page-write operations
- 128 bytes per page - Page write (erase/program) cycle: 10 mS (max.) - Effective byte-write (erase/program) cycle time: 39 S - Optional software-protected data write
* Fast chip-erase operation: 50 mS * Two 8 KB boot blocks with lockout * Whole chip cycling: 10K (typ.) * Read access time: 70/90/120 nS * Twenty-year data retention
* Automatic write (erase/program) timing with
internal VPP generation
* End of write (erase/program) detection
- Toggle bit - Data polling
* Latched address and data * All inputs and outputs directly TTL compatible * JEDEC standard byte-wide pinouts * Available packages: 32-pin 600 mil DIP, 32-pin
TSOP, and 32-pin PLCC
-1-
Publication Release Date: April 2000 Revision A2
W29C020C
PIN CONFIGURATIONS BLOCK DIAGRAM
VDD
NC A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 VDD WE A17 A14 A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3
VSS CE OE WE CONTROL OUTPUT BUFFER DQ0 . . DQ7
32-pin DIP
26 25 24 23 22 21 20 19 18 17
A0 . . . DECODER
8K Byte Boot Block (Optional)
CORE ARRAY
8K Byte Boot Block (Optional)
A 1 2 4 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 5 6 7 8 9 10 11 12 13
AA 11 56 3 2
N C
V/ DW DE
A 1 7
A17
1 32 31 30 29 28 27 A14 A13 A8 A9 A11 OE A10 CE DQ7
32-pin PLCC
26 25 24 23 22 21
14 15 16 17 18 19 20
PIN DESCRIPTION
SYMBOL A0-A17
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
DDGD QQNQ 12D3
DDD QQQ 456
PIN NAME Address Inputs Data Inputs/Outputs Chip Enable Output Enable Write Enable Power Supply Ground No Connection
A11 A9 A8 A13 A14 A17 WE VDD NC A16 A15 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 GND DQ2 DQ1 DQ0 A0 A1 A2 A3
DQ0-DQ7 CE OE WE VDD GND NC
32-pin TSOP
-2-
W29C020C
FUNCTIONAL DESCRIPTION
Read Mode
The read operation of the W29C020C is controlled by CE and OE , both of which have to be low for the host to obtain data from the outputs. CE is used for device selection. When CE is high, the chip is de-selected and only standby power will be consumed. OE is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE or OE is high. Refer to the read cycle timing waveforms for further details.
Page Write Mode
The W29C020C is written (erased/programmed) on a page basis. Every page contains 128 bytes of data. If a byte of data within a page is to be changed, data for the entire page must be loaded into the device. Any byte that is not loaded will be erased to "FF hex" during the write operation of the page. The write operation is initiated by forcing CE and WE low and OE high. The write procedure consists of two steps. Step 1 is the byte-load cycle, in which the host writes to the page buffer of the device. Step 2 is an internal write (erase/program) cycle, during which the data in the page buffers are simultaneously written into the memory array for non-volatile storage. During the byte-load cycle, the addresses are latched by the falling edge of either CE or WE , whichever occurs last. The data are latched by the rising edge of either CE or WE , whichever occurs first. If the host loads a second byte into the page buffer within a byte-load cycle time (TBLC) of 200 S after the initial byte-load cycle, the W29C020C will stay in the page load cycle. Additional bytes can then be loaded consecutively. The page load cycle will be terminated and the internal write (erase/program) cycle will start if no additional byte is loaded into the page buffer A7 to A17 specify the page address. All bytes that are loaded into the page buffer must have the same page address. A0 to A6 specify the byte address within the page. The bytes may be loaded in any order; sequential loading is not required. In the internal write cycle, all data in the page buffers, i.e., 128 bytes of data, are written simultaneously into the memory array. Before the completion of the internal write cycle, the host is free to perform other tasks such as fetching data from other locations in the system to prepare to write the next page.
Software-protected Data Write
The device provides a JEDEC-approved optional software-protected data write. Once this scheme is enabled, any write operation requires a three-byte command sequence (with specific data to a specific address) to be performed before the data load operation. The three-byte load command sequence begins the page load cycle, without which the write operation will not be activated. This write scheme provides optimal protection against inadvertent write cycles, such as cycles triggered by noise during system power-up and power-down. The W29C020C is shipped with the software data protection enabled. To enable the software data protection scheme, perform the three-byte command cycle at the beginning of a page load cycle. The device will then enter the software data protection mode, and any subsequent write operation must be preceded by the three-byte command sequence cycle. Once enabled, the software data protection will remain enabled unless the disable commands are issued. A power transition will not reset the software data protection feature. To reset the device to unprotected mode, a six-byte command Publication Release Date: April 2000 Revision A2
-3-
W29C020C
sequence is required. For information about specific codes, see the Command Codes for Software Data Protection in the Table of Operating Modes. For information about timing waveforms, see the timing diagrams below.
Hardware Data Protection
The integrity of the data stored in the W29C020C is also hardware protected in the following ways: (1) Noise/Glitch Protection: A WE pulse of less than 15 nS in duration will not initiate a write cycle. (2) VDD Power Up/Down Detection: The write operation is inhibited when VDD is less than 2.5V. (3) Write Inhibit Mode: Forcing OE low, CE high, or WE high will inhibit the write operation. This prevents inadvertent writes during power-up or power-down periods. (4) VDD power-on delay: When VDD reaches its sense level, the device will automatically timeout for 5 mS before any write (erase/program) operation.
Chip Erase Modes
The entire device can be erased by using a six-byte software command code. See the Software Chip Erase Timing Diagram.
Boot Block Operation
There are two boot blocks (8K bytes each) in this device, which can be used to store boot code. One of them is located in the first 8K bytes and the other is located in the last 8K bytes of the memory. The first 8K or last 8K of the memory can be set as a boot block by using a seven-byte command sequence. See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set the data for the designated block cannot be erased or programmed (programming lockout); other memory locations can be changed by the regular programming method. Once the boot block programming lockout feature is activated, the chip erase function will be disabled. In order to detect whether the boot block feature is set on the two 8K blocks, users can perform a six-byte command sequence: enter the product identification mode (see Command Codes for Identification/Boot Block Lockout Detection for specific code), and then read from address "00002 hex" (for the first 8K bytes) or "3FFF2 hex" (for the last 8K bytes). If the output data is "FF hex," the boot block programming lockout feature is activated; if the output data is "FE hex," the lockout feature is deactivated and the block can be programmed. To return to normal operation, perform a three-byte command sequence to exit the identification mode. For the specific code, see Command Codes for Identification/Boot Block Lockout Detection.
Data Polling (DQ7)- Write Status Detection
The W29C020C includes a data polling feature to indicate the end of a write cycle. When the W29C020C is in the internal write cycle, any attempt to read DQ7 from the last byte loaded during the page/byte-load cycle will receive the complement of the true data. Once the write cycle is completed. DQ7 will show the true data. See the OE Polling Timing Diagram.
-4-
W29C020C
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W29C020C provides another method for determining the end of a write cycle. During the internal write cycle, any consecutive attempts to read DQ6 will produce alternating 0's and 1's. When the write cycle is completed, this toggling between 0's and 1's will stop. The device is then ready for the next operation. See Toggle Bit Timing Diagram.
Product Identification
The product ID operation outputs the manufacturer code and device code. The programming equipment automatically matches the device with its proper erase and programming algorithms. The manufacturer and device codes can be accessed through software or by hardware operation. In the software access mode, a six-byte command sequence can be used to access the product ID. A read from address "00000 hex" outputs the manufacturer code "DA hex." A read from address "00001 hex" outputs the device code "45 hex." The product ID operation can be terminated by a three-byte command sequence. In the hardware access mode, access to the product ID is activated by forcing CE and OE low, WE high, and raising A9 to 12 volts.
TABLE OF OPERATING MODES
Operating Mode Selection
Operating Range: 0 to 70 C (Ambient Temperature), VDD = 5V 10%, VSS = 0V, VHH = 12V
MODE CE Read Write Standby Write Inhibit VIL VIL VIH X X Output Disable 5-Volt Software Chip Erase Product ID X VIL VIL VIL OE VIL VIH X VIL X VIH VIH VIL VIL WE VIH VIL X X VIH X VIL VIH VIH AIN AIN X X X X AIN
PINS ADDRESS Dout Din High Z High Z/DOUT High Z/DOUT High Z DIN Manufacturer Code DA (Hex) Device Code 45 (Hex) DQ.
A0 = VIL; A1-A17 = VIL; A9 = VHH A0 = VIH; A1-A17 = VIL; A9 = VHH
-5-
Publication Release Date: April 2000 Revision A2
W29C020C
Command Codes for Software Data Protection
BYTE SEQUENCE
0 Write 1 Write 2 Write 3 Write 4 Write 5 Write -
TO ENABLE PROTECTION
ADDRESS 5555H 2AAAH 5555H DATA AAH 55H A0H
TO DISABLE PROTECTION
ADDRESS 5555H 2AAAH 5555H 5555H 2AAAH 5555H DATA AAH 55H 80H AAH 55H 20H
Software Data Protection Acquisition Flow
Software Data Protection Enable Flow
Load data AA to address 5555
Software Data Protection Disable Flow
Load data AA to address 5555
Load data 55 to address 2AAA
Load data 55 to address 2AAA
Load data A0 to address 5555
Load data 80 to address 5555
(Optional page-load operation)
Sequentially load up to 128 bytes of page data
Load data AA to address 5555
Pause 10 mS
Load data 55 to address 2AAA
Exit
Load data 20 to address 5555
Pause 10 mS
Exit
Notes for software program code: Data Format: DQ7-DQ0 (Hex) Address Format: A14-A0 (Hex)
-6-
W29C020C
Command Codes for Software Chip Erase
BYTE SEQUENCE 0 Write 1 Write 2 Write 3 Write 4 Write 5 Write ADDRESS 5555H 2AAAH 5555H 5555H 2AAAH 5555H DATA AAH 55H 80H AAH 55H 10H
Software Chip Erase Acquisition Flow
Load data AA to address 5555
Load data 55 to address 2AAA
Load data 80 to address 5555
Load data AA to address 5555
Load data 55 to address 2AAA
Load data 10 to address 5555
Pause 50 mS
Exit
Notes for software chip erase: Data Format: DQ7-DQ0 (Hex) Address Format: A14-A0 (Hex)
-7-
Publication Release Date: April 2000 Revision A2
W29C020C
Command Codes for Product Identification and Boot Block Lockout Detection
BYTE SEQUENCE ALTERNATE PRODUCT (7) IDENTIFICATION/BOOT BLOCK LOCKOUT DETECTION ENTRY ADDRESS 0 Write 1 Write 2 Write 3 Write 4 Write 5 Write 5555 2AAA 5555 Pause 10 S DATA AA 55 90 SOFTWARE PRODUCT IDENTIFICATION/BOOT BLOCK LOCKOUT DETECTION ENTRY ADDRESS 5555H 2AAAH 5555H 5555H 2AAAH 5555H Pause 10 S DATA AAH 55H 80H AAH 55H 60H SOFTWARE PRODUCT IDENTIFICATION/BOOT BLOCK LOCKOUT DETECTION EXIT ADDRESS 5555H 2AAAH 5555H Pause 10 S DATA AAH 55H F0H -
Software Product Identification and Boot Block Lockout Detection Acquisition Flow
Product Identification Entry (1)
Load data AA to address 5555 (2)
Read address = 00000 data = DA
Product Identification and Boot Block Lockout Detection Mode (3)
Product Identification Exit (1)
Load data 55 to address 2AAA
Load data AA to address 5555
Load data 80 to address 5555
(2)
Read address = 00001 data = 45
Load data 55 to address 2AAA
Load data AA to address 5555
(4)
Read address = 00002 data = FF/FE
Load data F0 to address 5555
Load data 55 to address 2AAA
(5)
Read address = 3FFF2 data = FF/FE
Pause 10 S
Load data 60 to address 5555
(6) Normal Mode
Pause 10 S
Notes for software product identification/boot block lockout detection: (1) Data Format: DQ7-DQ0 (Hex); Address Format: A14-A0 (Hex) (2) A1-A16 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH. (3) The device does not remain in identification and boot block (address 0002 Hex/3FFF2 Hex respond to first 8K/last 8K) lockout detection mode if power down. (4), (5) If the output data is "FF Hex," the boot block programming lockout feature is activated; if the output data "FE Hex," the lockout feature is inactivated and the block can be programmed. (6) The device returns to standard operation mode. (7) This product supports both the JEDEC standard 3 byte command code sequence and original 6 byte command code sequence. For new designs, Winbond recommends that the 3 byte command code sequence be used.
-8-
W29C020C
Command Codes for Boot Block Lockout Enable
BYTE SEQUENCE BOOT BLOCK LOCKOUT FEATURE SET ON FIRST 8K ADDRESS BOOT BLOCK ADDRESS 5555H 2AAAH 5555H 5555H 2AAAH 5555H 00000H Pause 10 S DATA AAH 55H 80H AAH 55H 40H 00H BOOT BLOCK LOCKOUT FEATURE SET ON LAST 8K ADDRESS BOOT BLOCK ADDRESS 5555H 2AAAH 5555H 5555H 2AAAH 5555H 3FFFFH Pause 10 S DATA AAH 55H 80H AAH 55H 40H FFH
0 Write 1 Write 2 Write 3 Write 4 Write 5 Write 6 Write
Boot Block Lockout Enable Acquisition Flow
Boot Block Lockout Feature Set on First 8K Address Boot Block
Load data AA to address 5555
Boot Block Lockout Feature Set on Last 8K Address Boot Block
Load data AA to address 5555
Load data 55 to address 2AAA
Load data 55 to address 2AAA
Load data 80 to address 5555
Load data 80 to address 5555
Load data AA to address 5555
Load data AA to address 5555
Load data 55 to address 2AAA
Load data 55 to address 2AAA
Load data 40 to address 5555
Load data 40 to address 5555
Load data 00 to address 00000
Load data FF to address 3FFFF
Pause 10 mS
Pause 10 mS
Notes for boot block lockout enable: 1. Data Format: DQ7-DQ0 (Hex) 2. Address Format: A14-A0 (Hex) 3. If you have any questions about this commend sequence, please contact the local distributor or Winbond Electronics Corp.
-9-
Publication Release Date: April 2000 Revision A2
W29C020C
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER Power Supply Voltage to VSS Potential Operating Temperature Storage Temperature D.C. Voltage on Any Pin to Ground Potential Except A9 Transient Voltage (<20 nS ) on Any Pin to Ground Potential Voltage on A9 and OE Pin to Ground Potential
device.
RATING -0.5 to +7.0 0 to +70 -65 to +150 -0.5 to VDD +1.0 -1.0 to VDD +1.0 -0.5 to 12.5
UNIT V C C V V V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
Operating Characteristics
(VDD = 5.0V 10%, VSS = 0V, TA = 0 to 70 C)
PARAMETER
SYM.
TEST CONDITIONS MIN.
LIMITS TYP. MAX. 50
UNIT
Power Supply Current
ICC
CE = OE = VIL, WE = VIH, all DQs open
-
mA
Address inputs = VIL/VIH, at f = 5 MHz Standby VDD Current (TTL input) Standby VDD Current (CMOS input) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output High Voltage CMOS ISB1 CE = VIH, all DQs open Other inputs = VIL/VIH ISB2 ILI ILO VIL VIH VOL VOH1 VOH2 IOL = 2.0 mA IOH = -400 A IOH = -100 A; VCC = 4.5V CE = VDD -0.3V, all DQs open VIN = GND to VDD VIN = GND to VDD 2.0 2.4 4.2 20 100 10 10 0.8 0.45 A A A V V V V V 2 3 mA
- 10 -
W29C020C
Power-up Timing
PARAMETER Power-up to Read Operation Power-up to Write Operation SYMBOL TPU. READ TPU. WRITE TYPICAL 100 5 UNIT S mS
CAPACITANCE
(VDD = 5.0V, TA = 25 C, f = 1 MHz)
PARAMETER DQ Pin Capacitance Input Pin Capacitance
SYMBOL CDQ CIN
CONDITIONS VDQ = 0V VIN = 0V
MAX. 12 6
UNIT pF pF
AC CHARACTERISTICS
AC Test Conditions
(VDD = 5.0V 10% for 90 nS and 120 nS; VDD = 5.0V 5% for 70 nS)
PARAMETER Input Pulse Levels Input Rise/Fall Time Input/Output Timing Level Output Load 0V to 3V <5 nS 1.5V/1.5V
CONDITIONS
1 TTL Gate and CL = 100 pF for 90/120 nS CL = 30 pF for 70 nS
AC Test Load and Waveform
+5V
1.8K
D OUT
100 pF for 90/120 nS 30 pF for 70 nS (Including Jig and Scope)
1.3K
Input
3V 1.5V 0V Test Point
Output
1.5V
Test Point
- 11 -
Publication Release Date: April 2000 Revision A2
W29C020C
AC Characteristics, continued
Read Cycle Timing Parameters
(VDD = 5.0V 10% for 90 nS and 120 nS; VDD = 5.0V 5% for 70 nS, VSS = 0V, TA = 0 to 70 C)
PARAMETER
SYM.
W29C020C-70 W29C020C-90 W29C020C-12 UNIT
MIN. Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time
CE High to High-Z Output
MAX. 70 70 35 25 25 -
MIN. 90 0
MAX. 90 90 40 25 25 -
MIN. 120 0
MAX. 120 120 50 30 30 nS nS nS nS nS nS nS
TRC TCE TAA TOE TCHZ TOHZ TOH
70 0
OE High to High-Z Output Output Hold from Address change
Byte/Page-write Cycle Timing Parameters
PARAMETER Write Cycle (erase and program) Address Setup Time Address Hold Time
WE and CE Setup Time WE and CE Hold Time
SYMBOL TWC TAS TAH TCS TCH TOES TOEH TCP TWP TWPH TDS TDH TBLC
MIN. 0 50 0 0 0 0 70 70 100 50 0 -
TYP. -
MAX. 10 200
UNIT mS nS nS nS nS nS nS nS nS nS nS nS S
OE High Setup Time OE High Hold Time CE Pulse Width
WE Pulse Width WE High Width
Data Setup Time Data Hold Time Byte Load Cycle Time
Note: All AC timing signals observe the following guideline for determining setup and hold times: Reference level is VIH for high-level signal and VIL for low-level signal.
- 12 -
W29C020C
AC Characteristics, continued
DATA Polling Characteristics (1)
PARAMETER Data Hold Time OE Hold Time OE to Output Delay (2) Write Recovery Time SYMBOL TDH TOEH TOE TWR MIN. 10 10 0 TYP. MAX. UNIT nS nS nS nS
Notes: (1) These parameters are characterized and not 100% tested. (2) See TOE spec in A.C. Read Cycle Timing Parameters.
Toggle Bit Characteristics (1)
PARAMETER Data Hold Time OE Hold Time OE to Output Delay (2) OE High Pulse Write Recovery Time SYMBOL TDH TOEH TOE TOEHP TWR MIN. 10 10 150 0 TYP. MAX. UNIT nS nS nS nS nS
Notes: (1) These parameters are characterized and not 100% tested. (2) See TOE spec in A.C. Read Cycle Timing Parameters.
TIMING WAVEFORMS
Read Cycle Timing Diagram
TRC Address A17-0 CE TCE
OE
T OE
VIH WE TOH DQ7-0 High-Z Data Valid TAA Data Valid T CHZ
TOHZ
High-Z
- 13 -
Publication Release Date: April 2000 Revision A2
W29C020C
Timing Waveforms, continued
WE Controlled Write Cycle Timing Diagram
TWC TAS Address A17-0 TAH
CE
TCS TOES
TCH TOEH
OE TWP TWPH
WE
TDS DQ7-0 Data Valid TDH Internal write starts
CE Controlled Write Cycle Timing Diagram
TAS
TAH
TWC
Address A17-0 TWPH CE TOES OE WE TDS DQ7-0 High Z Data Valid TCS TCP
TOEH TCH
TDH Internal Write Starts
- 14 -
W29C020C
Timing Waveforms, continued
Page Write Cycle Timing Diagram
TWC Address A17-0
DQ7-0
CE
OE TWP WE Byte 0 TWPH
TBLC
Byte 1
Byte 2
Byte N-1 Internal Write Start
Byte N
DATA Polling Timing Diagram
Address A15-0
WE
CE TOEH OE TDH DQ7 TOE
HIGH-Z
TWR
- 15 -
Publication Release Date: April 2000 Revision A2
W29C020C
Timing Waveforms, continued
Toggle Bit Timing Diagram
WE
CE OE
TOEH TDH
TOE
HIGH-Z
TWR
DQ6
Page Write Timing Diagram Software Data Protection Mode
Three-byte sequence for software data protection mode Address A15-0 5555 2AAA 5555
Byte/page load cycle starts
TWC
DQ7-0 CE
AA
55
A0
OE TWP WE TWPH SW0
TBLC
SW1
SW2
Word 0
Word N-1
Word N (last word) Internal write starts
- 16 -
W29C020C
Timing Waveforms, continued
Reset Software Data Protection Timing Diagram
Six-byte sequence for resetting software data protection mode Address A15-0 5555 2AAA 5555 5555 2AAA 5555
TWC
DQ7-0
AA
55
80
AA
55
20
CE
OE WE
TWP TWPH SW0
TBLC
SW1
SW2
SW3
SW4
SW5 Internal programming starts
Software Chip Erase Timing Diagram
Six-byte code for 5V-only software chip erase Address A15-0 5555 2AAA 5555 5555 2AAA 5555
TWC
DQ7-0 CE
AA
55
80
AA
55
10
OE WE
TWP TWPH SW0
TBLC
SW1
SW2
SW3
SW4
SW5 Internal erasing starts
- 17 -
Publication Release Date: April 2000 Revision A2
W29C020C
ORDERING INFORMATION
PART NO. ACCESS TIME (nS) 70 90 120 70 90 120 70 90 120 POWER SUPPLY CURRENT MAX. (mA) 50 50 50 50 50 50 50 50 50 STANDBY VDD CURRENT MAX. (A) 100 100 100 100 100 100 100 100 100 PACKAGE CYCLING
W29C020C-70B W29C020C-90B W29C020C-12B W29C020CT70B W29C020CT90B W29C020CT12B W29C020CP70B W29C020CP90B W29C020CP12B
600 mil DIP 600 mil DIP 600 mil DIP Type one TSOP Type one TSOP Type one TSOP 32-pin PLCC 32-pin PLCC 32-pin PLCC
10K 10K 10K 10K 10K 10K 10K 10K 10K
Notes: 1. Winbond reserves the right to make changes to its products without prior notice. 2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in applications where personal injury might occur as a consequence of product failure.
- 18 -
W29C020C
PACKAGE DIMENSIONS
32-pin P-DIP
Dimension in inches
Dimension in mm
Symbol
Min. Nom. Max. Min. Nom. Max.
0.210 0.010 0.150 0.016 0.048 0.008 0.155 0.018 0.050 0.010 1.650 0.590 0.545 0.090 0.120 0 0.630 0.650 0.600 0.550 0.100 0.130 0.160 0.022 0.054 0.014 1.660 0.610 0.555 0.110 0.140 15 0.670 0.085 14.99 13.84 2.29 3.05 0 16.00 16.51 0.25 3.81 0.41 1.22 0.20 3.94 0.46 1.27 0.25 41.91 15.24 13.97 2.54 3.30 4.06 0.56 1.37 0.36 42.16 15.49 14.10 2.79 3.56 15 17.02 2.16 5.33
D
32 17
E1
A A1 A2 B B1 c D E E1 e1 L
a
1
16
eA S Notes:
E c
S
A A2 L B B1
A1
Base Plane Seating Plane
e1
a
eA
1.Dimensions D Max. & S include mold flash or tie bar burrs. 2.Dimension E1 does not include interlead flash. 3.Dimensions D & E1 include mold mismatch and . are determined at the mold parting line. 4.Dimension B1 does not include dambar protrusion/intrusion. 5.Controlling dimension: Inches. 6.General appearance spec. should be based on final visual inspection spec.
32-pin TSOP
HD
Symbol
Dimension in Inches Min. Nom. Max.
0.047 0.002 0.037 0.007 0.005 0.720 0.311 0.780
Dimension in mm Min. Nom. Max.
1.20 0.15 1.05 0.23 0.17 18.50 8.10 20.20
D c
A A1 A2
__
__ __
0.039 0.008 0.006 0.724 0.315 0.787 0.020 0.020 0.031 0.006 0.041 0.009 0.007 0.728 0.319 0.795
__
0.05 0.95 0.17 0.12 18.30 7.90 19.80
__ __
1.00 0.20 0.15 18.40 8.00 20.00 0.50 0.50 0.80
M
e E
b c D
0.10(0.004)
b
E HD e L L
A A2 L L1 A1
1
__
0.016
__
0.024
__
0.40
__
0.60
__
0.000 1
__
0.004 5
__
0.00 1
__
0.10 5
Y
__
3
__
3
Y
Note:
Controlling dimension: Millimeters
- 19 -
Publication Release Date: April 2000 Revision A2
W29C020C
Package Dimensions, continued
32-pin PLCC
HE E 4 1 32 30
Symbol
5 29
Dimension in Inches
Dimension in mm
Min.
0.020 0.105 0.026 0.016 0.008 0.547 0.447 0.044 0.490 0.390 0.585 0.485 0.075
Nom.
Max.
0.140
Min.
0.50
Nom.
Max.
3.56
GD D HD
13
21
14
20
c
A A1 A2 b1 b c D E e GD GE HD HE L y Notes:
0.110 0.028 0.018 0.010 0.550 0.450 0.050 0.510 0.410 0.590 0.490 0.090
0.115 0.032 0.022 0.014 0.553 0.453 0.056 0.530 0.430 0.595 0.495 0.095 0.004
2.67 0.66 0.41 0.20 13.89 11.35 1.12 12.45 9.91 14.86 12.32 1.91
2.80 0.71 0.46 0.25 13.97 11.43 1.27 12.95 10.41 14.99 12.45 2.29
2.93 0.81 0.56 0.35 14.05 11.51 1.42 13.46 10.92 15.11 12.57 2.41 0.10
0
10
0
10
L A2 A
Seating Plane
e
b b1 GE
A1 y
1. Dimensions D & E do not include interlead flash. 2. Dimension b1 does not include dambar protrusion/intrusion. 3. Controlling dimension: Inches. 4. General appearance spec. should be based on final visual inspection sepc.
- 20 -
W29C020C
VERSION HISTORY
VERSION A1 A2 DATE May 1999 Apr. 2000 PAGE 12 Initial Issued Change Byte Load Cycle Time from 150 S to 200 S DESCRIPTION
Headquarters
No. 4, Creation Rd. III, Science-Based Industrial Park, Hsinchu, Taiwan TEL: 886-3-5770066 FAX: 886-3-5796096 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-7197006
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, 123 Hoi Bun Rd., Kwun Tong, Kowloon, Hong Kong TEL: 852-27513100 FAX: 852-27552064
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2727 N. First Street, San Jose, CA 95134, U.S.A. TEL: 408-9436666 FAX: 408-5441798
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-7190505 FAX: 886-2-7197502
Note: All data and specifications are subject to change without notice.
- 21 -
Publication Release Date: April 2000 Revision A2


▲Up To Search▲   

 
Price & Availability of W29C020C-90B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X