Part Number Hot Search : 
12D12 2N350707 SKT55 CY22050 MAX2837 24M05 KBP410K 1N1185R
Product Description
Full Text Search
 

To Download UPD4724GS-GJG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD4724
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
The PD4724 is a high breakdown voltage silicon gate CMOS line driver/receiver based on the EIA/TIA-232-E standard. This IC features various functions, such as standby, and incorporates a DC/DC converter that switches boost multiples, enabling operation at both +3.3 V and +5 V single supply voltage. The PD4724 incorporates three drivers and five receivers, so an RS-232 interface circuit can be easily constructed by connecting five external capacitors. FEATURES * Based on EIA/TIA-232-E (RS-232-C) standard. * Single power supply: +3.3 V or +5 V (selectable with the VCHA pin) * Standby mode: Setting the standby pin to low level switches this IC into the standby mode and makes the driver outputs high-impedance. * Enable mode: When the enable pin is high level during the standby mode, two receivers can operate as inverters without hysteresis width (The other three receivers are fixed to high level).
ORDERING INFORMATION
Part number Package 30-pin plastic shrink SOP (300 mil)
PD4724GS-GJG
Document No. S12201EJ2V0DS00 (2nd edition) (Previous No. IC-3228) Date Published January 1997 N Printed in Japan
(c)
1993
PD4724
BLOCK DIAGRAM/PIN CONFIGURATION (TOP VIEW)
+10 V C3 + +
1
VDD
C4+
30
+ C4 + C2
2
C1+
GND
29
C1 +3.3 V or +5 V
3
VCC
C4-
28
4
C1-
VSS
27
-10 V
C5
+
5
C5+
26 STBY
6
GND
25 VCHA
7
C5- Note 300 300 300
24 EN
DIN1
8
23 DOUT1
DIN2
9
22 DOUT2
DIN3
10
21 DOUT3
ROUT1
11 5.5 k
20 RIN1
ROUT2
12 5.5 k
19 RIN2
ROUT3
13 5.5 k
18 RIN3
ROUT4
14 5.5 k
17 RIN4
ROUT5
15 5.5 k
16 RIN5
Note The pull-up resistors of the driver inputs are active resistors. Remark 1. 2. 3. VDD and VSS are pins that output the voltage boosted internally. Don't connect these pins to the load. Capacitors with a breakdown voltage of 20 V or higher are recommended for C1 to C5. And it is recommended to insert the capacitor that is 0.1 F to 1 F between VCC and GND. The capacitor C5 does not have to be connected when the IC is used in 5 V mode (VCHA = L).
2
PD4724
TRUTH TABLE
Driver STBY L H H Receiver RIN STBY EN L L L H H L H H x x ROUT Remark Standby mode1 (D/D converter OFF) Standby mode2 (D/D converter OFF, R4 and R5 operate) Standby mode2 (D/D converter OFF, R4 and R5 operate) Mark level input Space level input DIN x L H DOUT Z H L Remark Standby mode (D/D converter OFF) Space level output Mark level output
R4 to R5 R1 to R3 R4 to R5 R1 to R3 x L H L H x x x H H L H L H H H
3 V and 5 V SwitchingNote VCHA L H Operation mode 5 V mode (Double boost) 3 V mode (Triple boost)
H: High level, L: Low level, Z: High-impedance, x: Don't care Note Be sure to switch the VCHA pin in standby mode (STBY = L).
3
PD4724
ABSOLUTE MAXIMUM RATINGS (TA = +25 C)
Parameter Supply Voltage (VCHA = L) Supply Voltage (VCHA = H) Driver Input Voltage Receiver Input Voltage Control Input Voltage (STBY, VCHA, EN) Driver Output Voltage Receiver Output Voltage Input Current (DIN, STBY, VCHA, EN) Operating Temperature Storage Temperature Power Dissipation Symbol VCC VCC DIN RIN VIN DOUT ROUT IIN TA Tstg PT Ratings -0.5 to +7.0 -0.5 to +4.5 -0.5 to VCC + 0.5 -30.0 to +30.0 -0.5 to VCC + 0.5 -25.0 to +25.0 Note -0.5 to VCC + 0.5 20.0 -40 to +85 -55 to +150 0.5 Unit V V V V V V V mA C C W
Note Pulse width = 1 ms, duty cycle = 10 % MAX. RECOMMENDED OPERATING CONDITIONS
Parameter Supply Voltage (VCHA = L, 5 V mode) Supply Voltage (VCHA = H, 3 V mode) High Level Input Voltage (DIN) Low Level Input Voltage (DIN) High Level Input Voltage (STBY, VCHA, EN) Low Level Input Voltage (STBY, VCHA, EN) Receiver Input Voltage Operating Temperature Capacitance of External Capacitor Symbol VCC VCC VIH VIL VIH VIL RIN TA
Note
MIN. 4.5 3.0 2.0 0 2.4 0 -30 -40 0.33
TYP. 5.0 3.3
MAX. 5.5 3.6 VCC 0.8 VCC 0.6 +30 +85 4.7
Unit V V V V V V V C
F
Note If the use of an electrolytic capacitor at low temperature is likely, set the capacitance with sufficient margin, because the capacitance of an electrolytic capacitor is smaller at lower temperatures (0 C or lower). Care must be taken to minimize the wiring length between the capacitor and this IC. Using capacitors of excellent high frequency characteristics (such as tantalum, multi-layer ceramic capacitors, and aluminum electrolytic capacitors for switching power supplies) is highly recommended.
4
PD4724
ELECTRICAL SPECIFICATIONS FOR THE IC AS A WHOLE (TA = -40 to +85 C and C1 to C5 = 1 F Unless Otherwise Specified)
Parameter Symbol Test Conditions VCC = +3.3 V, unloaded, RIN pin is open, STBY = H Circuit Current ICC1 VCC = +5.0 V, unloaded, RIN pin is open, STBY = H VCC = +3.3 V, RL = 3 k(DOUT), DIN = GND, RIN and ROUT pins are open, STBY = H Circuit Current ICC2 VCC = +5.0 V, RL = 3 k(DOUT), DIN = GND, RIN and ROUT pins are open, STBY = H VCC = +3.3 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = L, TA = 25 C VCC = +3.3 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = L ICC3 VCC = +5.0 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = L, TA = 25 C VCC = +5.0 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = L VCC = +3.3 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = H, TA = 25 C VCC = +3.3 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = H ICC4 VCC = +5.0 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = H, TA = 25 C VCC = +5.0 V, No load, DIN and RIN pins are OPEN, STBY = L, EN = H High Level Input Voltage VIH VCC = +3.0 to +5.5 V, STBY, VCHA, and EN pins VCC = +3.0 to +5.5 V, STBY, VCHA, and EN pins VCC = +5.5 V, VI = +5.5 V, STBY, VCHA, and EN pins VCC = +5.5 V, VI = 0 V, STBY, VCHA, and EN pins Driver and receiver inputs, VCC = +3.3 V, to GND, f = 1 MHz Input Capacitance CIN Driver and receiver inputs, VCC = +5.0 V, to GND, f = 1 MHz STBY - VCHA Time VCHA - STBY Time STBY - VCC Time VCC - STBY Time tSCH tCHS tSC tCS VCC = +3.0 to +5.5 V, STBY VCHA Note VCC = +3.0 to +5.5 V, VCHA STBY Note VCC = +3.0 to +5.5 V, STBY VCC Note VCC = +3.0 to +5.5 V, VCC STBY Note 10 pF 2.4 2 5 2 5 19 28 mA 5.5 11 mA MIN. TYP. 7.5 MAX. 15 Unit mA
25
35
mA
1
3
A A A A
Circuit Current at Standby (Standby Mode 1)
5
10
1
3
A A A A
V
5
Circuit Current at Standby (Standby Mode 2)
10
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
1
A A
pF
Low Level Input Current
IIL
-1
10
1 1 1 1
s s s s
Remark TYP. values are valid only at TA = 25 C and should be used for reference only.
5
PD4724
Note Test points for these parameters
5V 3.3 V STBY 0.6 V 0V tSCH 3.3 V 2.4 V VCHA 0V 5V VCC 3.3 V tSC 4.5 V 3.6 V 0.6 V tCS 2.4 V 0.6 V tSC tCS 4.5 V 3.6 V tCHS tSCH tCHS 0.6 V 0.6 V 0.6 V
6
PD4724
ELECTRICAL SPECIFICATIONS FOR THE DRIVERS (TA = -40 to +85 C and C1 to C5 = 1 F) 3 V Mode (VCHA = H, VCC = 3.0 to 3.6 V Unless Otherwise Specified)
Parameter Low Level Input Voltage High Level Input Voltage Low Level Input Current High Level Input Current Symbol VIL VIH IIL IIH VCC = +3.6 V, VI = 0 V VCC = +3.6 V, VI = 3.6 V VCC = +3.3 V, RL = , TA = 25 C Output Voltage VDO VCC = +3.3 V, RL = 3 k, TA = Topt. VCC = +3.0 V, RL = 3 k, TA = 25 C Output Short-Circuit Current Slew RateNote 1 ISC SR tPHL tPLH RO tDAZ tDZA tPRA VCC = +3.3 V, to GND CL = 10 pF, RL = 3 to 7 k CL = 2500 pF, RL = 3 to 7 k Propagation Delay TimeNote 1 RL = 3 k, CL = 2500 pF VCC = VDD = VSS = 0 V VOUT = 2 V RL = 3 k, CL = 2500 pF,Note 2 RL = 3 k, CL = 2500 pF,Note 2 RL = 3 k, CL = 2500 pF,Note 3 3.0 3.0 2.5 5.0 5.0 40 30 30 9.5 6.0 2.0 -25 1.0 Test Conditions MIN. TYP. MAX. 0.8 Unit V V
A A
V V V mA V/s V/s
s
Output Resistance Output Transfer Time in Standby State Output Transfer Time in Standby State Power On Output Transfer Time
300 4 1 1 10 3 3
s
ms ms
Remark TYP. values are valid only at TA = 25 C and should be used for reference only. 5 V Mode (VCHA = L, VCC = 5.0 V 10 % Unless Otherwise Specified)
Parameter Low Level Input Voltage High Level Input Voltage Low Level Input Current High Level Input Current Symbol VIL VIH IIL IIH VCC = +5.5 V, VI = 0 V VCC = +5.5 V, VI = 5.5 V VCC = +5.0 V, RL = , TA = 25 C Output Voltage VDO VCC = +5.0 V, RL = 3 k, TA = Topt. VCC = +4.5 V, RL = 3 k, TA = Topt. Output Short-Circuit Current Slew Rate Note 1 ISC SR CL = 2500 pF, RL = 3 to 7 k Propagation Delay Time Note 1 tPHL tPLH RO RL = 3 k, CL = 2500 pF VCC = VDD = VSS = 0 V VOUT = 2 V RL = 3 k, CL = 2500 pF,Note 2 RL = 3 k, CL = 2500 pF,Note 2 4.0 2 30 V/s VCC = +5.0 V, to GND CL = 10 pF, RL = 3 to 7 k 4.0 6.0 5.0 40 30 9.7 2.0 -40 1.0 Test Conditions MIN. TYP. MAX. 0.8 Unit V V
A A
V V V mA V/s
s
Output Resistance Output Transfer Time in Standby State Output Transfer Time in Standby State Power-On Output Transfer Time
300 4 0.5 0.5 10 1 1
tDAZ
tDZA tPRA
s
ms ms
RL = 3 k, CL = 2500 pF,Note 2
Remark TYP. values are valid only at TA = 25 C and should be used for reference only.
7
PD4724
Note 1 Test points for slew rate, tPHL, and tPLH
VCC 2.0 V 0.8 V 0V tPLH VD0+ +5 V DOUT -3 V VD0- SR+ SR- +3 V +3 V -3 V -5 V tPHL
DIN
Note 2
Test points for tDAZ, and tDZA
VCC 2.4 V STBY 0V tDAZ VD0+ +5 V High-impedance DOUT VD0- -5 V -5 V +5 V tDZA 0.6 V
Driver outputs are indefinite during transition time (tDZA).
8
PD4724
Note 3 Test points for tPRA in 3 V mode
3.3 V 3.0 V VCC 0V tPRA VD0+ +5 V High-impedance DOUT -5 V VD0-
Driver outputs are indefinite during transition time (tPRA).
Note 4
Test points for tPRA in 5 V mode
5V 4.5 V VCC 0V tPRA VD0+ +5 V High-impedance DOUT -5 V VD0
-
Driver outputs are indefinite during transition time (tPRA).
9
PD4724
ELECTRICAL SPECIFICATIONS FOR THE RECEIVERS (VCC = 3.0 to 5.5 V, TA = -40 to +85 C and C1 to C5 = 1 F Unless Otherwise Specified)
Parameter Low Level Output Voltage High Level Output Voltage Low-Level Output Voltage High Level Output Voltage Propagation Delay Time (STBY = H) Propagation Delay Time (STBY = L) Propagation Delay Time (STBY = L) Input Resistance Input Terminal Release Voltage Symbol VOL1 VOH1 VOL2 VOH2 tPHL tPLH tPHL tPLH tPHA tPAH RI VIO VIH Input Threshold Voltage (STBY = H) VIL VH Input Threshold Voltage (STBY = L, EN = H) Output Transition Time in Standby State Output Transition Time in Standby State VIH VIL tDAH tDHA VCC = +3.0 to + 5.5 V VCC = +3.0 to + 5.5 V VCC = +3.0 to + 5.5 V (Hysteresis width) VCC = +3.0 to + 5.5 V VCC = +3.0 to + 5.5 V
Note 4
Test Conditions IOUT = 4 mA IOUT = -4 mA IOUT = 4 mA, STBY = L IOUT = -4 mA, STBY = L RIN ROUT, CL = 150 pF VCC = +3.0 V,Note 1 RIN ROUT, CL = 150 pF VCC = +3.0 V,Note 2 EN ROUT, CL = 150 pF VCC = +3.0 V,Note 3
MIN.
TYP.
MAX. 0.4
Unit V V
VCC-0.4 0.5 VCC-0.5 0.2 0.1 100 3 5.5 300 7 0.5 1.7 0.7 0.5 2.7 2.3 1.1 1.2 1.5 1.5 0.2 0.6 0.3 1 0.5 0.7 3 3 1 3 1 2.7 1.7 1.8
V V
s s
ns k V V V V V V
s
ms ms ms ms
VCHA = H (3 V mode), Note 4 VCHA = L (5 V mode),
Note 4 Note 5
Power-On Reset Release Time
tPRA
VCHA = H (3 V mode),
VCHA = L (5 V mode), Note 6
Remark TYP. values are valid only at TA = 25 C and should be used for reference only. Note 1 Test points for tPHL, tPLH
+3 V 2.7 V RIN 0V 0.7 V
-3 V tPLH VOH ROUT VOL 2.0 V 0.8 V tPHL
10
PD4724
Note 2 Test points for tPHL, tPLH
+3 V 2.7 V RIN 0.7 V 0V
-3 V tPLH VOH ROUT VOL 2.0 V 0.8 V tPHL
Note 3
Test points for tPHA, tPAH
VCC EN 0V tPHA VOH 2.0 V ROUT 0.8 V VOL tPAH 2.4 V 0.6 V
Note 4
Test points for tDAH, tDHA
VCC STBY 0.6 V 0V tDAH VOH ROUT VOL 2.0 V 0.8 V tDHA 2.4 V
Receiver outputs are indefinite during transition time (tDHA).
11
PD4724
Note 5 Test points for tPRA in 3 V mode
3.3 V 3.0 V VCC 0V tPRA VOH ROUT 0.8 V VOL
Receiver outputs are indefinite during reset release time (tPRA).
Note 6
Test points for tPRA in 5 V mode
5V 4.5 V VCC 0V tPRA VOH ROUT 0.8 V VOL
Receiver outputs are indefinite during reset release time (tPRA).
REFERENCE MATERIAL * IC PACKAGE MANUAL (C10943X) * NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY (IEI-1212)
12
PD4724
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product. Please consult with our sales offices in case other soldering process is used, or in case soldering is done under different conditions. TYPES OF SURFACE MOUNT DEVICE For more details, refer to our document "SMT MANUAL" (C10535E).
PD4724GS-GJG
Soldering process Infrared ray reflow
Soldering conditions Peak package's surface temperature: 230 C or below, Reflow time: 30 seconds or below (210 C or higher), Number of reflow process: 2, Exposure limit*: None Peak package's surface temperature: 215 C or below, Reflow time: 40 seconds or below (200 C or higher), Number of reflow process: 2, Exposure limit*: None Solder temperature: 260 C or below, Flow time: 10 seconds or below, Number of flow process: 1, Exposure limit*: None Terminal temperature: 300 C or below, Flow time: 10 seconds or below, Exposure limit*: None
Symbol IR30-00-2
VPS
VP15-00-2
Wave soldering
WS60-00-1
Partial heating method
* Exposure limit before soldering after dry-pack package is opened. Sotrage conditions: 25 C and relative humidity at 65 % or less. Note Do not apply more than a single process at once, except for "Partial heating method".
13
PD4724
30 PIN PLASTIC SHRINK SOP (300 mil)
30 16 detail of lead end
1 A
15 H I J
F
G
E
K
C D MM
N
B
L P30GS-65-300B-1 ITEM A B C D E F G H I J K L M N MILLIMETERS 10.11 MAX. 0.51 MAX. 0.65 (T.P.) 0.30+0.10 -0.05 0.125 0.075 2.0 MAX. 1.7 0.1 8.1 0.2 6.1 0.2 1.0 0.2 0.15+0.10 -0.05 0.5 0.2 0.10 0.10 INCHES 0.398 MAX. 0.020 MAX. 0.026 (T.P.) 0.012+0.004 -0.003 0.005 0.003 0.079 MAX. 0.067 0.004 0.319 0.008 0.240 0.008 0.039+0.009 -0.008 0.006+0.004 -0.002 0.020+0.008 -0.009 0.004 0.004
NOTE Each lead centerline is located within 0.10 mm (0.004 inch) of its true position (T.P.) at maximum material condition.
14
3 +7 -3
PD4724
[MEMO]
15
PD4724
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5
16


▲Up To Search▲   

 
Price & Availability of UPD4724GS-GJG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X