Part Number Hot Search : 
AD7523 COMPACT 1THAV BSX52B SS13M 1ETTE 1414O6 YRT110S
Product Description
Full Text Search
 

To Download TPC8001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC8001
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
TPC8001
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
Small footprint due to small and thin package Low drain-source ON resistance High forward transfer admittance Low leakage current Enhancement-mode : RDS (ON) = 15 m (typ.) : |Yfs| = 11 S (typ.) Unit: mm
: IDSS = 10 A (max) (VDS = 30 V) : Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1) (t = 10 s) (Note 2a) (t = 10 s) (Note 2b) Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR EAR Tch Tstg Rating 30 30 20 7 28 2.4 1.0 64 7 0.24 150 -55 to 150 Unit V V V A W W mJ A mJ C C
JEDEC JEITA TOSHIBA
2-6J1B
Drain power dissipation Drain power dissipation
Weight: 0.080 g (typ.)
Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Note 2a) (Note 4) Channel temperature Storage temperature range
Circuit Configuration
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the next page. This transistor is an electrostatic sensitive device. Please handle with caution.
1
2002-02-06
TPC8001
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Thermal resistance, channel to ambient (t = 10 s) (Note 2b) Symbol Rth (ch-a) Rth (ch-a) Max 52.1 125 Unit C/W C/W
Marking (Note 5)
TPC8001
Type
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
(a)
(b)
Note 3: VDD = 24 V, Tch = 25C (initial), L = 1.0 mH, RG = 25 , IAR = 7 A Note 4: Reptitve rating; pulse width limited by maximum channel temperature Note 5: on lower left of the marking indicates Pin 1. shows lot number. (year of manufacture: last decimal digit of the year of manufacture, month of manufacture: January to December are denoted by letters A to L respectively.)
2
2002-02-06
TPC8001
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS IDSS V (BR) DSS Vth RDS (ON) RDS (ON) |Yfs| Ciss Crss Coss tr VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 30 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 4 V, ID = 3.5 A VGS = 10 V, ID = 3.5 A VDS = 10 V, ID = 3.5 A Min -- 30 0.8 5.5 Typ. 25 16 11 1250 190 760 9 Max 10 10 2.0 30 20 pF Unit A A V V m m S
Turn-on time Switching time Fall time
ton tf toff Qg Qgs Qgd VDD 24 V, VGS = 10 V, ID = 7 A
17
ns
24
Turn-off time Total gate charge (Gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge

100 40 27 13
nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Drain reverse current Pulse (Note 1) Symbol IDRP VDSF IDR = 7 A, VGS = 0 V Test Condition -- Min -- -- Typ. -- -- Max 28 -1.2 Unit A V
Forward voltage (diode)
3
2002-02-06
TPC8001
4
2002-02-06
TPC8001
5
2002-02-06
TPC8001
6
2002-02-06
TPC8001
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2002-02-06


▲Up To Search▲   

 
Price & Availability of TPC8001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X