Part Number Hot Search : 
MPSA14G D240SC4M RATIO 19139 D240SC4M HCTS390K LTC4400 CMOZ5V1
Product Description
Full Text Search
 

To Download TLE4484 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual Voltage Regulator with 5 V and 15 V Outputs
TLE 4484
Features * * * * * * * * Dual output: 5 V and 15 V High input voltage range: up to 45 V High output current capability High output voltage accuracy Very low current consumption Short circuit protected Over-temperature protected Thermal and space optimized package Ordering Code Q67006-A9396
SOT-223
Type TLE 4484 G Functional Description
Package P-SOT223-4-2 (SMD)
The TLE 4484 G is a monolithic integrated voltage regulator providing two output voltages, output Q5 is a 5 V output for loads up to 25 mA and output Q15 is a 15 V output providing up to 30 mA. The device is based on the Infineon double isolated bipolar technology DOPL with high accuracy polysilicon resistors and is available in the SOT223 (SMD) package. The TLE 4484 G is designed to supply systems with a microcontroller (5 V) and a standard MOS-driver-IC (15 V) under severe conditions and is therefore equipped with additional protection functions. Both outputs are protected against overload, short circuit to ground and to the input voltage. A build-in shutdown-circuit protects the device against overheat. The IC operates in a wide input voltage range up to 45 V. The output voltages are regulated to VQ5 = 5 V and VQ15 = 15 V with a drop voltage less than 1.5 V. The standard SOT223 (SMD) package is especially suitable for this kind of application, saves PCB-board-space and reduces system cost.
Data Sheet Rev. 1.0
1
2000-08-04
TLE 4484
Pin Configuration (top view)
GND
4 1 2 3
I
Q5
Q15
AEP02857
Figure 1 Pin Definitions and Functions Pin No. 1 2 3 4 Symbol I Q5 Q15 GND Function Input voltage; block to ground directly at the IC with a ceramic capacitor. Output voltage for microcontroller and logic circuit; block to ground with a ceramic capacitor. Output voltage for MOS driver circuit; block to ground with a ceramic capacitor. Ground
Data Sheet Rev. 1.0
2
2000-08-04
TLE 4484
I
Q5
Overcurrent Protection Buffer Reference 1.25 V
Thermal Protection Q15
Overcurrent Protection Buffer
Reference 1.25 V
GND
AEB02862
Figure 2
Block Diagram
Data Sheet Rev. 1.0
3
2000-08-04
TLE 4484
Absolute Maximum Ratings Parameter Symbol Limit Values min. Input Voltage Current Output Q5 Voltage Current Output Q15 Voltage Current GND Current Temperatures Junction temperature Storage temperature max. Unit Remarks
VI II
- 0.3 -
45 -
V -
- internally limited
VQ5 IQ5
-1 -
45 -
V -
VQ5 < VI
internally limited
VQ15 IQ15
-1 -
45 -
V -
VQ15 < VI
internally limited
IGND
-5
5
mA
-
Tj Tstg
- 50 - 50
150 150
C C
1)
-
ESD-Protection (Human Body Model) all pins
1)
VESD
-2
2
kV
The overtemperature protection will be set to 150 C min. The voltage regulator should not be operated continuously at 170 C as device reliability will be reduced to 500 h.
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Data Sheet Rev. 1.0
4
2000-08-04
TLE 4484
Operating Range Parameter Output Q5 input voltage Output Q15 input voltage Junction temperature Thermal Resistances Junction ambient Symbol Limit Values min. max. 45 45 150 V V C - - - 6.5 16.5 - 40 Unit Remarks
VI1 VI1 Tj
Rth,j-a
-
165
K/W
zero airflow, zero heat sink area
Note: In the operating range, the functions given in the circuit description are fulfilled.
Data Sheet Rev. 1.0
5
2000-08-04
TLE 4484
Electrical Characteristics 17 V < VI < 42 V; - 40 C < Tj < 125 C; all voltages with respect to ground; positive current defined flowing out of pin; unless otherwise specified. Parameter Symbol Limit Values min. Current Consumption Quiescent current; Iq = II - (IQ5 + IQ15) Quiescent current; Iq = II - (IQ5 + IQ15) 5 V Output Q5 Output voltage Output voltage Output current limitation Output current limitation Output drop voltage; VDRQ5 = VI - VQ5 Load regulation Line regulation typ. max. Unit Test Condition
Iq Iq
- -
450
550
A mA
0.76 1
IQ5 = 1 mA; IQ15 = 1 mA IQ5 = 25 mA; IQ15 = 30 mA
VQ5 VQ5 IQ5 IQ5 VDRQ5
VQ5 VQ5
4.85 4.75 16 30 - - - - 1.0 -
5.00 - 40 - 0.9 25 20 50 - -
5.15 5.25 - - 1.5 50 50 - - 2.0
V V mA mA V mV mV dB F
IQ5 = 10 mA; Tj = 25 C 1 mA < IQ5 < 25 mA
1)
Tj = 25 C IQ5 = 25 mA1)
1 mA < IQ5 < 25 mA; VI = 17 V
Power-Supply-Ripple PSRR5 -Rejection Value of output cap ESR of output cap
IQ5 = 1 mA; 7 V < VI < 27 V 20 Hz < fr < 20 kHz; Vr = 5 VSS
- -
CQ5 RESRQ5
Data Sheet Rev. 1.0
6
2000-08-04
TLE 4484
Electrical Characteristics (cont'd) 17 V < VI < 42 V; - 40 C < Tj < 125 C; all voltages with respect to ground; positive current defined flowing out of pin; unless otherwise specified. Parameter Symbol Limit Values min. 15 V Output Q15 Output voltage Output voltage Output current limitation Output drop voltage; VDRQ15 = VI - VQ15 Load regulation Line regulation typ. max. Unit Test Condition
VQ15 VQ15 IQ15 VDRQ15
VQ15 VQ15
14.4 14.25 40 - - - -
15.0
15.6
V
15.75 V - 0.9 10 80 50 - - - 1.5 50 150 - - 4.0 mA V mV mV dB F
IQ15 = 15 mA; Tj = 25 C 1 mA < IQ15 < 30 mA
1)
IQ15 = 30 mA1)
1 mA < IQ15 < 30 mA; VI = 17 V
Power-Supply-Ripple PSRR15 -Rejection Value of output cap ESR of output cap
1)
IQ15 = 5 mA; 16 V < VI < 36 V 20 Hz < fr < 20 kHz; Vr = 5 VSS
- -
CQ15 1.0 RESRQ15 -
Measured when the output voltage VQ has dropped 100 mV from the nominal value.
Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical characteristics specify mean values expected over the production spread. If not otherwise specified, typical characteristics apply at TA = 25 C and the given supply voltage.
Data Sheet Rev. 1.0
7
2000-08-04
TLE 4484
Supply 22 nF 10 F
I
Q5
Overcurrent Protection Buffer Reference 1.25 V
CQ5
VQ5
Thermal Protection Q15
Overcurrent Protection Buffer
CQ15
VQ15
Reference 1.25 V
GND
AES02863
Figure 3
Application Circuit
Data Sheet Rev. 1.0
8
2000-08-04
TLE 4484
Typical Performance Characteristics Output Voltage VQ5 and VQ15 versus Input Voltage VI
VQ
32 V 28 24 20
80
AED02858
Output Current Limit IQ5 and IQ15 versus Junction Temperature Tj
IQ
140 mA 120 100 Q15
AED02861
16 12
VQ15
60 40
8
VQ5
4 0
Q5 20 0 -50 -25
0
4
8
12
16
20 V 24
0
25 50 75 100
C 150
VI
TI
Current Consumption Iq versus Junction Temperature Tj
600
AED02859
Iq
A
480 420 360 300 240 180 120 60 0 -50 -25 0
VI = 42 V
VI = 17 V
25 50 75 100
C 150
Tj
Data Sheet Rev. 1.0
9
2000-08-04
TLE 4484
Package Outlines P-SOT223-4-2 (SMD) (Plastic Dual Small Outline)
A
6.5 0.2 3 0.1 0.1 max
1.6 0.1
B
7 0.3
15max
4
1 0.7 0.1
2
3 2.3 4.6
0.5 min
0.28 0.04
0.25
M
A
0.25
M
B
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information" SMD = Surface Mounted Device Data Sheet Rev. 1.0 10
3.5 0.2
+0.2 acc. to DIN 6784
Dimensions in mm 2000-08-04
TLE 4484
)HMXMSR 4YFPMWLIH F] -RJMRISR 8IGLRSPSKMIW %+ 7X1EVXMR7XVEWWI ( 1RGLIR +IVQER]
-RJMRISR 8IGLRSPSKMIW %+
%PP 6MKLXW 6IWIVZIH %XXIRXMSR TPIEWI
8LI MRJSVQEXMSR LIVIMR MW KMZIR XS HIWGVMFI GIVXEMR GSQTSRIRXW ERH WLEPP RSX FI GSRWMH IVIH EW [EVVERXIH GLEVEGXIVMWXMGW 8IVQW SJ HIPMZIV] ERH VMKLXW XS XIGLRMGEP GLERKI VIWIVZIH ;I LIVIF] HMWGPEMQ ER] ERH EPP [EVVERXMIW MRGPYHMRK FYX RSX PMQMXIH XS [EVVERXMIW SJ RSRMRJVMRKIQIRX VIKEVHMRK GMVGYMXW HIWGVMT XMSRW ERH GLEVXW WXEXIH LIVIMR -RJMRISR 8IGLRSPSKMIW MW ER ETTVSZIH ')'' QERYJEGXYVIV -RJSVQEXMSR *SV JYVXLIV MRJSVQEXMSR SR XIGLRSPSK] HIPMZ IV] XIVQW ERH GSRHMXMSRW ERH TVMGIW TPIEWI GSRXEGX ]SYV RIEVIWX -RJMRISR 8IGLRSPSKMIW 3JJMGI MR +IVQER] SV SYV -RJMRISR 8IGLRSPS KMIW 6ITVIWIRXEXMZIW [SVPH[MHI WII EH HVIWW PMWX ;EVRMRKW (YI XS XIGLRMGEP VIUYMVIQIRXW GSQTSRIRXW QE] GSRXEMR HERKIVSYW WYFWXERGIW *SV MR JSVQEXMSR SR XLI X]TIW MR UYIWXMSR TPIEWI GSRXEGX ]SYV RIEVIWX -RJMRISR 8IGLRSPSKMIW 3JJMGI -RJMRISR 8IGLRSPSKMIW 'SQTSRIRXW QE] SRP] FI YWIH MR PMJIWYTTSVX HIZMGIW SV W]WXIQW [MXL XLI I\TVIWW [VMXXIR ETTVSZEP SJ -RJMRISR 8IGLRSPSKMIW MJ E JEMPYVI SJ WYGL GSQTSRIRXW GER VIEWSREFP] FI I\TIGXIH XS GEYWI XLI JEMP YVI SJ XLEX PMJIWYTTSVX HIZMGI SV W]WXIQ SV XS EJJIGX XLI WEJIX] SV IJJIGXMZIRIWW SJ XLEX HI ZMGI SV W]WXIQ 0MJI WYTTSVX HIZMGIW SV W]W XIQW EVI MRXIRHIH XS FI MQTPERXIH MR XLI LY QER FSH] SV XS WYTTSVX ERHSV QEMRXEMR ERH WYWXEMR ERHSV TVSXIGX LYQER PMJI -J XLI] JEMP MX MW VIEWSREFPI XS EWWYQI XLEX XLI LIEPXL SJ XLI YWIV SV SXLIV TIVWSRW QE] FI IRHER KIVIH
Data Sheet Rev. 1.0
11
2000-08-04


▲Up To Search▲   

 
Price & Availability of TLE4484

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X