Part Number Hot Search : 
PCF82 MLL3595 C1223 RSFML SD200N 4ACT240F MB8870 P4SMA250
Product Description
Full Text Search
 

To Download TL074CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by TL071C/D
TL071C,AC TL072C,AC Low Noise, JFET Input Operational Amplifiers
These low noise JFET input operational amplifiers combine two state-of-the-art analog technologies on a single monolithic integrated circuit. Each internally compensated operational amplifier has well matched high voltage JFET input device for low input offset voltage. The BIFET technology provides wide bandwidths and fast slew rates with low input bias currents, input offset currents, and supply currents. Moreover, the devices exhibit low noise and low harmonic distortion, making them ideal for use in high fidelity audio amplifier applications. These devices are available in single, dual and quad operational amplifiers which are pin-compatible with the industry standard MC1741, MC1458, and the MC3403/LM324 bipolar products.
TL074C,AC
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
SEMICONDUCTOR TECHNICAL DATA
* * * * * * *
Low Input Noise Voltage: 18 nV/ Hz Typ Low Harmonic Distortion: 0.01% Typ Low Input Bias and Offset Currents High Input Impedance: 1012 Typ High Slew Rate: 13 V/s Typ Wide Gain Bandwidth: 4.0 MHz Typ Low Supply Current: 1.4 mA per Amp
8 8 1 1
P SUFFIX PLASTIC PACKAGE CASE 626
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
PIN CONNECTIONS
Offset Null 1 Inv + Input 2 Noninvt Input 3 VEE 4 + 8 NC 7 VCC 6 Output 5 Offset Null
TL071 (Top View) Output A 1 Inputs A 2 3
- + - +
8
VCC
VEE 4
7 Output B 6 Inputs B 5
TL072 (Top View)
14 1
N SUFFIX PLASTIC PACKAGE CASE 646 (TL074 Only)
PIN CONNECTIONS
Output 1 1 14 Output 4
- + -
ORDERING INFORMATION
Op Amp Function Single TL071ACP TL072CD Dual TL072ACP Quad TL074CN, ACN TA = 0 to +70C TA = 0 to +70C Device TL071CD TA = 0 to +70C Operating Temperature Range Package SO-8 Plastic DIP SO-8 Plastic DIP Plastic DIP
Inputs 1
2 3
13 12
1
4
+
Inputs 4
VCC 4 Inputs 2 5 6 Output 2 7 TL074 (Top View)
+ -
11 VEE 2 3
+ -
10 9
Inputs 3
8 Output 3
(c) Motorola, Inc. 1997
Rev 1
MOTOROLA ANALOG IC DEVICE DATA
1
TL071C,AC TL072C,AC TL074C,AC
MAXIMUM RATINGS
Rating Supply Voltage Differential Input Voltage Input Voltage Range (Note 1) Output Short Circuit Duration (Note 2) Power Dissipation Plastic Package (N, P) Derate above TA = 47C Operating Ambient Temperature Range Storage Temperature Range Symbol VCC VEE VID VIDR tSC PD 1.0/JA TA Tstg Value 18 -18 30 15 Continuous 680 10 0 to +70 -65 to +150 mW mW/C C C Unit V V V
NOTES: 1. The magnitude of the input voltage must not exceed the magnitude of the supply voltage or 15 V, whichever is less. 2. The output may be shorted to ground or either supply. Temperature and/or supply voltages must be limited to ensure that power dissipation ratings are not exceeded. 3. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VEE = -15 V, TA = Thigh to Tlow [Note 1])
Characteristics Input Offset Voltage (RS 10 k, VCM = 0) TL071C, TL072C TL074C TL07_AC Input Offset Current (VCM = 0) (Note 2) TL07_C TL07_AC Input Bias Current (VCM = 0) (Note 2) TL07_C TL07_AC Large-Signal Voltage Gain (VO = 10 V, RL 2.0 k) TL07_C TL07_AC Output Voltage Swing (Peak-to-Peak) (RL 10 k) (RL 2.0 k) Symbol VIO - - - IIO - - IIB - - AVOL 15 25 VO 24 20 - - - - - - - - V - - 7.0 7.0 V/mV - - 2.0 2.0 nA - - - 13 13 7.5 nA Min Typ Max Unit mV
NOTES: 1. Tlow = 0C for TL071C,AC Thigh = 70C for TL071C,AC 0C for TL072C,AC Thigh = 70C for TL072C,AC 0C for TL074C,AC Thigh = 70C for TL074C,AC 2. Input Bias currents of JFET input op amps approximately double for every 10C rise in junction temperature as shown in Figure 3. To maintain junction temperature as close to ambient temperature as possible, pulse techniques must be used during testing.
Figure 1. Unity Gain Voltage Follower
Figure 2. Inverting Gain of 10 Amplifier
10 k
- + Vin RL = 2.0 k CL = 100 pF VO Vin
1.0 k
- + VO
RL
CL = 100 pF
2
MOTOROLA ANALOG IC DEVICE DATA
TL071C,AC TL072C,AC TL074C,AC
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VEE = -15 V, TA = 25C, unless otherwise noted.)
Characteristics Input Offset Voltage (RS 10 k, VCM = 0) TL071C, TL072C TL074C TL07_AC Average Temperature Coefficient of Input Offset Voltage RS = 50 , TA = Tlow to Thigh (Note 1) Input Offset Current (VCM = 0) (Note 2) TL07_C TL07_AC Input Bias Current (VCM = 0) (Note 2) TL07_C TL07_AC Input Resistance Common Mode Input Voltage Range TL07_C TL07_AC Large-Signal Voltage Gain (VO = 10 V, RL 2.0 k) TL07_C TL07_AC Output Voltage Swing (Peak-to-Peak) (RL = 10 k) Common Mode Rejection Ratio (RS 10 k) TL07_C TL07_AC Supply Voltage Rejection Ratio (RS 10 k) TL07_C TL07_AC Supply Current (Each Amplifier) Unity Gain Bandwidth Slew Rate (See Figure 1) Vin = 10 V, RL = 2.0 k, CL = 100 pF Rise Time (See Figure 1) Overshoot (Vin = 20 mV, RL = 2.0 k, CL = 100 pF) Equivalent Input Noise Voltage RS = 100 , f = 1000 Hz Equivalent Input Noise Current RS = 100 , f = 1000 Hz Total Harmonic Distortion VO (RMS) = 10 V, RS 1.0 k, RL 2.0 k, f = 1000 Hz Channel Separation AV = 100 Symbol VIO - - - VIO/T IIO - - IIB - - ri VICR - 10 11 25 50 VO CMRR 70 80 PSRR 70 80 ID BW SR tr OS en in THD CS - - - - - - - - - 100 100 1.4 4.0 13 0.1 10 18 0.01 0.01 120 - - 2.5 - - - - - - - - mA MHz v/s s % nV/ Hz pA/ Hz % dB 100 100 - - dB 24 30 30 1012 15, -12 15, -12 150 150 28 200 200 - - - V/mV - - - V dB V 5.0 5.0 50 50 pA - 3.0 3.0 3.0 10 10 10 6.0 - V/C pA Min Typ Max Unit mV
AVOL
NOTES: 1. Tlow = 0C for TL071C,AC Thigh = 70C for TL071C,AC 0C for TL072C,AC Thigh = 70C for TL072C,AC 0C for TL074C,AC Thigh = 70C for TL074C,AC 2. Input Bias currents of JFET input op amps approximately double for every 10C rise in junction temperature as shown in Figure 3. To maintain junction temperature as close to ambient temperature as possible, pulse techniques must be used during testing.
MOTOROLA ANALOG IC DEVICE DATA
3
TL071C,AC TL072C,AC TL074C,AC
Figure 3. Input Bias Current versus Temperature
100 VO, OUTPUT VOLTAGE SWING (Vpp ) IIB , INPUT BIAS CURRENT (nA) VCC/VEE = 15 V 35 30 25 20 15 10 5.0 0 100 1.0 k 10 k 100 k 1.0 M 10 M 5.0 V 10 V VCC/VEE = 15 V RL = 2.0 k TA = 25C (See Figure 2)
Figure 4. Output Voltage Swing versus Frequency
10
1.0
0.1
0.01 -100 -75
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (C)
f, FREQUENCY (Hz)
Figure 5. Output Voltage Swing versus Load Resistance
40 VO, OUTPUT VOLTAGE SWING (Vpp ) VO, OUTPUT VOLTAGE SWING (Vpp ) 30 20 10 VCC/VEE = 15 V TA = 25C (See Figure 2) 40
Figure 6. Output Voltage Swing versus Supply Voltage
RL = 2.0 k TA = 25C 30
20
10
5.0 0 0.1
0.2
0.4
0.7 1.0
2.0
4.0
7.0
10
0
0
5.0
10
15
20
RL, LOAD RESISTANCE (k)
VCC, |VEE| , SUPPLY VOLTAGE (V)
Figure 7. Output Voltage Swing versus Temperature
40 VO, OUTPUT VOLTAGE SWING (Vpp ) 35 30 25 20 15 10 5.0 0 -75 -50 -25 0 25 50 75 100 125 RL = 2.0 k ID , SUPPLY DRAIN CURRENT (mA) VCC/VEE = 15 V (See Figure 2) RL = 10 k 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75
Figure 8. Supply Current per Amplifier versus Temperature
VCC/VEE = 15 V
-50
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
4
MOTOROLA ANALOG IC DEVICE DATA
TL071C,AC TL072C,AC TL074C,AC
Figure 9. Large Signal Voltage Gain and Phase Shift versus Frequency
108 VVOL, VOLTAGE GAIN (V/mV) 107 VVOL, OPEN-LOOP GAIN 106 105 104 103 102 101 1.0 1.0 10 100 Phase Shift Gain 0 45 90 135 100 k 1.0 M 180 10 M 100 M 1.0 -100 -75 -50 -25 0 25 50 75 100 125 150 PHASE SHIFT (DEGREES) VCC/VEE = 15 V RL = 2.0 k TA = 25C 1000
Figure 10. Large Signal Voltage Gain versus Temperature
VCC/VEE = 15 V VO = 10 V RL = 2.0 k
100
10
1.0 k
10 k
f, FREQUENCY (Hz)
TA, AMBIENT TEMPERATURE (C)
1.20 1.15 NORMALIZED SLEW RATE 1.10 1.05 1.0 0.95 0.90 0.85 0.80 -75 -50 -25 0 25 50 75 100 125
en, EQUIVALENT INPUT NOISE VOLTAGE ( nV/ Hz )
Figure 11. Normalized Slew Rate versus Temperature
Figure 12. Equivalent Input Noise Voltage versus Frequency
70 60 50 40 30 20 10 0 0.01 0.05 0.1 0.5 1.0 f, FREQUENCY (Hz) 5.0 10 50 100 VCC/VEE = 15 Vdc AV = 10 RS = 100 TA = 25C
TA, AMBIENT TEMPERATURE (C)
Figure 13. Total Harmonic Distortion versus Frequency
THD, TOTAL HARMONIC DISTORTION (%) 1.0 0.5 0.1 0.05 0.01 0.005 0.001 0.1 VCC/VEE = 15 V AV = 1.0 VO = 6.0 V (RMS) TA = 25C
0.5
1.0
5.0
10
50
100
f, FREQUENCY (Hz)
MOTOROLA ANALOG IC DEVICE DATA
5
TL071C,AC TL072C,AC TL074C,AC
Representative Schematic Diagram (Each Amplifier)
Output Bias Circuitry Common to All Amplifiers VCC Q3 Q4 Q5 Q2 Q1
Q6 - Inputs + J1 J2 2.0 k Q17 Q20 Q15 10 pF Q14 Q21 Q12 Q10 Q13 Q11 Q16 Q9 Q8 Q7 Q18 Offset Null (TL071 only) 1.5 k 1.5 k VEE Q25 Q22 Q24 Q19 Q23 24 J3
Figure 14. Audio Tone Control Amplifier
Input 10 k 100 k 10 k
0.033 F
0.033 F 10 k
VCC - TL071 + 68 k
Output
3.3 k 0.033 F 100 k 0.033 F
VEE Turn-Over Frequency = 1.0 kHz Bass Boost/Cut -- 20 dB at 20 Hz Treble Boost/Cut -- 19 dB at 20 kHz
Figure 15. High Q Notch Filter
R Input
R C1
- TL071 +
R1
C
C
1 + 2pRC + 350 Hz R + 2R1 + 1.5 M C + C1 + 300 pF 2 fo
6
MOTOROLA ANALOG IC DEVICE DATA
TL071C,AC TL072C,AC TL074C,AC
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
8 5
-B-
1 4
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE S A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
q
MOTOROLA ANALOG IC DEVICE DATA
7
TL071C,AC TL072C,AC TL074C,AC
OUTLINE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 646-06 ISSUE M
14 8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 18.80 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10_ 0.38 1.01
A F N -T-
SEATING PLANE
L C
K H G D 14 PL 0.13 (0.005)
M
J M
DIM A B C D F G H J K L M N
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
8
MOTOROLA ANALOG IC DEVICE DATA
TL071C/D


▲Up To Search▲   

 
Price & Availability of TL074CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X