Part Number Hot Search : 
NBSG53A AN12946A R1C102 3P242L 1E50UM AN2514S SI3443DV R1C102
Product Description
Full Text Search
 

To Download TL064CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TL064 TL064A - TL064B
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
s s
s s s
s s s
VERY LOW POWER CONSUMPTION : 200A WIDE COMMON-MODE (UP TO VCC+) AND DIFFERENTIAL VOLTAGE RANGES LOW INPUT BIAS AND OFFSET CURRENTS OUTPUT SHORT-CIRCUIT PROTECTION HIGH INPUT IMPEDANCE J-FET INPUT STAGE INTERNAL FREQUENCY COMPENSATION LATCH UP FREE OPERATION HIGH SLEW RATE : 3.5V/s
N DIP14 (Plastic Package) D SO14 (Plastic Micropackage)
DESCRIPTION The TL064, TL064A and TL064B are high speed J-FET input quad operational amplifiers. Each of these J-FET input operational amplifiers incorporates well matched, high voltage J-FET and bipolar transistors in a monolithic integrated circuit. The device features high slew rate, low input bias and offsetcurrents, andlow offset voltage temperature coefficient. PIN CONNECTIONS (top view) ORDER CODES
Part Number TL064M/AM/BM TL064I/AI/BI TL064C/AC/BC Example : TL064IN Temperature Range -55 C, +125 C -40 C, +105 C 0oC, +70oC
o o o o
Package N * * * D * * *
Output 1 1 Inverting Input 1 2 Non-inverting Input 1 3 VCC + 4 Non-inverting Input 2 5 Inverting Input 2 6 Output 2 7 + + + +
14 Output 4 13 Inverting Input 4 12 Non-inverting Input 4 11 VCC 10 Non-inverting Input 3 9 8 Inverting Input 3 Output 3
October 1997
1/10
TL064 - TL064A - TL064B
SCHEMATIC DIAGRAM
V CC
220
Inverting Input
Non-inverting Input
45k
64
Output
1/4 TL064
270
3.2k
4.2k
100
V CC
MAXIMUM RATINGS
Symbol VCC Vi Vid Ptot Toper Tstg Parameter Supply Voltage - (note 1) Input Voltage - (note 3) Differential Input Voltage - (note 2) Power Dissipation Output Short-Circuit Duration (Note 4) Operating Free-Air Temperature Range Storage Temperature Range TL064M,AM,BM 18 15 30 680 Infinite -55 to +125 -65 to +150 TL064I,AI,BI 18 15 30 680 Infinite -40 to +105 -65 to +150 TL064C,AC,BC 18 15 30 680 Infinite 0 to +70 -65 to +150
o
Unit V V V mW C C
o
Notes : 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC+ and VCC-. 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
2/10
TL064 - TL064A - TL064B
ELECTRICAL CHARACTERISTICS VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (Rs = 50) o Tamb = 25 C Tmin. Tamb Tmax. Temperature Coefficient of Input Offset Voltage (Rs = 50) Input Offset Current * Tamb = 25oC Tmin. Tamb Tmax. Input Bias Current * Tamb = 25oC Tmin. Tamb Tmax. Input Common Mode Voltage Range Output Voltage Swing (RL = 10k) o Tamb = 25 C Tmin. Tamb Tmax. Large Signal Voltage Gain (RL = 10k, Vo = 10V) o Tamb = 25 C Tmin. Tamb Tmax. Gain Bandwidth Product o (Tamb = 25 C, RL = 10k CL = 100pF) Input Resistance Common Mode Rejection Ratio (Rs = 50) Supply Voltage Rejection Ratio (Rs = 50) Supply Current (Per Amplifier) (Tamb = 25oC, no load, no signal) Channel Separation o (Av = 100, Tamb = 25 C) Total Power Consumption o (Tamb = 25 C, no load, no signal) 80 80 11.5 TL064M Min. Typ. Max. 3 6 15 Min. TL064I Typ. Max. Min. 3 6 9 TL064C Typ. Max. 3 15 20 V/ C
o
Unit mV
DVio Iio
10 5 100 20 200 50 11.5
10 5 100 10 200 20 11
10 5 200 5 400 10
pA nA pA nA V
Iib
30
30
30
Vicm
+15 -12 27
+15 -12 27
+15 -12 V 27 V/mV
VOPP
20 20
20 20
20 20
Avd
4 4
6
4 4
6
3 3
6 MHz
GBP
1 10
12
1 10 80 80 250
12
1 10 70 70 250
12
Ri CMR SVR Icc VO1/VO2 PD
dB
86 95 200 120 6 7.5
86 95 200 120 6 7.5
76 dB 95 200 120 mW 6 7.5 250 A dB
* The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
ELECTRICAL CHARACTERISTICS (continued) VCC = 15V, Tamb = 25oC
Symbol SR tr KOV en Parameter Slew Rate (Vi = 10V, RL = 10k, CL = 100pF, AV = 1) Rise Time (Vi = 20mV, RL = 10k, CL = 100pF, AV = 1) (see Figure 1) Overshoot Factor (Vi = 20mV, RL = 10k, CL = 100pF, AV = 1) (see figure 1) Equivalent Input Noise Voltage (Rs = 100, f = 1KHz) TL064C,I,M Min. 1.5 Typ. 3.5 0.2 10 42 nV Hz Max. Unit V/s s %
3/10
TL064 - TL064A - TL064B
ELECTRICAL CHARACTERISTICS (continued) VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (Rs = 50) o Tamb = 25 C Tmin. Tamb Tmax. Temperature Coefficient of Input Offset Voltage (Rs = 50) Input Offset Current * Tamb = 25oC Tmin. Tamb Tmax. Input Bias Current * Tamb = 25oC Tmin. Tamb Tmax. Input Common Mode Voltage Range Output Voltage Swing (RL = 10k) o Tamb = 25 C Tmin. Tamb Tmax. Large Signal Voltage Gain (RL = 10k, Vo = 10V) o Tamb = 25 C Tmin. Tamb Tmax. Gain Bandwidth Product o (Tamb = 25 C, RL = 10k, CL = 100pF) Input Resistance Common Mode Rejection Ratio (R s = 50) 80 SVR Icc VO1/VO2 PD SR tr KOV en Supply Voltage Rejection Ratio (Rs = 50) 80 Supply Current (Per Amplifier) (Tamb = 25oC, no load, no signal) Channel Separation (Av = 100, Tamb = 25oC) Total Power Consumption (Each Amplifier) o (Tamb = 25 C, no load, no signal) Slew Rate (Vi = 10V, RL = 10k, CL = 100pF, AV = 1) Rise Time (Vi = 20mV, RL = 10k, CL = 100pF, AV = 1) Overshoot Factor (Vi = 20mV, RL = 10k, CL = 100pF, AV = 1) - (see figure 1) Equivalent Input Noise Voltage (Rs = 100, f = 1KHz) 1.5 95 200 120 6 3.5 0.2 10 42 7.5 1.5 250 80 95 200 120 mW 6 3.5 0.2 10 42 nV Hz 7.5 V/s s % 250 A dB 86 80 86 dB 11.5 TL064AC,AI,AM Min. Typ. Max. 3 6 7.5 TL064BC,BI,BM Min. Typ. Max. 2 3 5 V/ C
o
Unit mV
DVio Iio
10 5 100 3 200 7 11.5
10 5 100 3 200 7
pA nA pA nA V V
Iib
30 +15 -12 27
30 +15 -12 27
Vicm VOPP
20 20 4 4
20 20 4 4
Avd
V/mV 6 6 MHz 1 1012 1 1012 dB
GBP Ri CMR
* The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
4/10
TL064 - TL064A - TL064B
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS SUPPLY VOLTAGE
30 MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V) 25 20 15 10 5 R L = 1 0 k T a m b= +25C See fig ure 2
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREE AIR TEMP.
MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V)
30 25 20 15 10 5 0 -7 5 -5 0 - 25 0 25 50 75 -50 125 F R EE A I R T EM P E R AT U R E ( C )
VC C =
R
L
15V
= 10k
See Figure 2
0
2
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS LOAD RESISTANCE
MAXIMUM PEAK-TO-PEAK OUTPUT
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
30 25
VOLTAGE (V)
MAXIMUM PEAK-TO-PEAK OUTPUT
30 25
VOLTAGE (V)
VCC = 15V
VC C = 12V
R L = 10k Tamb = +25C See Figure 2
20
15 10
20
15
10
VCC = 15V
Tamb = +25C See Figure 2 400 700 1k 2k
VCC =
VCC =
5V
2V
5
0 100 200
5 0
1k
4k
7k 10k
10K
100K
1M
10M
LOAD RESISTANCE (k)
FREQUENCY (Hz)
DIFFERENTIAL VOLTAGE AMPLIFICATION VERSUS FREE AIR TEMPERATURE
LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT VERSUS FREQUENCY
6
10
DIFFERENTIAL VOLTAGE DIFFERENTIAL VOLTAGE
10
AMPLIFICATION (V/V)
7
AMPLIFICATION (V/mV)
105 4 10
10
VCC = 5V to 15V RL = 2k Tamb = +25C
DIFFER ENTIAL VOLTAGE AMPLIFICATION (left scale) PHASE SHIFT (right scale)
0
4
3
45
90 135
2
102
101
VCC = 15V R L = 10k
-75
1
-50
-25 0 25 50 75 100 FREE AIR TEMPERATURE (C)
125
1
10
100
1k
10k
100k
1M
180 10M
FREQUENCY (Hz)
5/10
TL064 - TL064A - TL064B
SUPPLY CURRENT PER AMPLIFIER VERSUS SUPPLY VOLTAGE
250
SUPPLY CURRENT (A)
SUPPLY CURRENT PER AMPLIFIER VERSUS FREE AIR TEMPERATURE
250
SUPPLY CURRENT (A)
200
150 100
200
150 100
50
0
T amb = +25C No signal
No load
50
0
VCC = 15V
No signal No load
0
2
4 10 12 6 8 SUPPLY VOLTAGE ( V)
14
16
-75
-50
-25 0 25 50 75 100 125 FREE AIR TEMPERATURE (C)
TOTAL POWER DISSIPATED VERSUS FREE AIR TEMPERATURE
30 25
COMMON MODE REJECTION RATIO (dB)
TOTAL POWER DISSIPATED (mW)
COMMON MODE REJECTION RATIO VERSUS FREE AIR TEMPERATURE
87 86 85 84 83 82 81 -75
20
15 10
VCC = 15V
No signal No load
5 0
VC C = R
L
1 5V
= 1 0k
-75 -50
-25
0
25
50
75 100 125
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (C)
FREE AIR TEMPERATURE (C)
NORMALIZED UNITY GAIN BANDWIDTH SLEW RATE, AND PHASE SHIFT VERSUS TEMPERATURE
INPUT BIAS CURRENT VERSUS FREE AIR TEMPERATURE
100
NORMALIZED UNITY-GAIN BANDWIDTH AND SLEW RATE
UNITY -GAIN-BANDWIDTH (left scale) PHASE SHIFT (right scale)
INPUT BIAS CURRENT (nA)
1.3
1.2 1.1
1.03
1.02 1.01
VCC = 15V
10
1
NORMALIZED PHASESHIFT
1
0.9
0.8 0.7 -75
S LEW RAT E (left scale)
1 0.99
0.98
VCC = 15V
R L = 10k f = B1for phase shift
-50 -25
0.1
0
25
50
0.97 75 100 125
FREE AIR TEMPERATURE (C)
0.01 -50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (C)
6/10
TL064 - TL064A - TL064B
VOLTAGE FOLLOWER LARGE SIGNAL RESPONSE
INPUT AND OUTPUT VOLTAGES
OUTPUT VOLTAGE VERSUS ELAPSED TIME
28 24 OUTPUT VOLTAGE (mV)
OVERSHOOT
6 4
INPUT
2
(V)
20 16 12 8 4
10%
OUTPUT
90%
0 -2
-4
VCC = 15V R L = 10k
CL = 100pF Tamb = +25C
V
CC
= 15V
0 t -4 0 0.2
r
R L = 10k Tamb = +25C 0.4 0.6 0.8 1 12 14
-6 0 2 4 6 TIME (s) 8 10
TIME ( s)
EQUIVALENT INPUT NOISE VOLTAGE VERSUS FREQUENCY
100 90 EQUIVALENT INPUT NOISE VOLTAGE (nV/VHz) 80 70 60 50 40 30 20 10 0 40 10 100 400 1k 4k 10k 40k 100k FREQUENCY (Hz)
15V VC C = R S = 100 T a m b = +25C
7/10
TL064 - TL064A - TL064B
PARAMETER MEASUREMENT INFORMATION Figure 1 : Voltage follower
Figure 2 : Gain-of-10 inverting amplifier
10k 1k 1k
10k
eI
1/4
eI
1/4
TL064 RL
eo
TL064 RL
eo
CL = 100pF
CL = 100pF
TYPICAL APPLICATION AUDIO DISTRIBUTION AMPLIFIER
fO = 1 00 kHz
1/ 4
1M
TL0 64
Output A
1 F Input 100k
1/ 4
TL064
1 /4
TL064
Output B
100k
100k
V CC+ -
1OO
F
100k
1/ 4
TL0 64
Output C
8/10
TL064 - TL064A - TL064B
PACKAGE MECHANICAL 14 PINS - PLASTIC DIP
Dimensions a1 B b b1 D E e e3 F i L Z
Min. 0.51 1.39
Millimeters Typ.
Max. 1.65
Min. 0.020 0.055
Inches Typ.
Max. 0.065
0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 1.27 2.54 0.050
0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
DIP14.TBL
9/10
PM-DIP14.EPS
TL064 - TL064A - TL064B
PACKAGE MECHANICAL 14 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 b b1 C c1 D E e e3 F G L M S
Min. 0.1 0.35 0.19
Millimeters Typ.
Max. 1.75 0.2 1.6 0.46 0.25 45 (typ.)
o
Min. 0.004 0.014 0.007
Inches Typ.
Max. 0.069 0.008 0.063 0.018 0.010
0.5 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8 (max.)
o
0.020 8.75 6.2 0.336 0.228 0.050 0.300 0.150 0.181 0.020 0.157 0.208 0.050 0.027 0.334 0.244
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this pub lication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
ORDER CODE :
(c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOM SON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
10/10
SO14.TBL
PM-SO14.EPS


▲Up To Search▲   

 
Price & Availability of TL064CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X