Part Number Hot Search : 
10207 SZ1051 GER20M 74AC377 010001 SZ10B0 ZCAT3035 SL545C
Product Description
Full Text Search
 

To Download SY10EL57 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 SY100EL57
FEATURES
s Useful as either 4:1 or 2:1 multiplexer s VBB output for single-ended operation s 75K internal input pulldown resistors s Available in 150 mil 16-pin SOIC package
DESCRIPTION
The SY10/100EL57 are fully differential 4:1 multiplexers. By leaving the SEL1 line open (pulled LOW via the input pulldown resistors) the device can also be used as a differential 2:1 multiplexer with SEL0 input selecting between D0 and D1. The fully differential architecture of the EL57 makes it ideal for use in low skew applications such as clock distribution. The SEL1 is the most significant select line. The binary number applied to the select inputs will select the same numbered data input (i.e., 00 selects D0). Multiple VBB outputs are provided for single-ended or AC coupled interfaces. In these scenarios, the VBB output should be connected to the data bar inputs and bypassed via a 0.01F capacitor to ground. Note that the VBB output can source/sink up to 0.5mA of current without upsetting the voltage level.
PIN CONFIGURATION/BLOCK DIAGRAM
VCC
16
SEL0
15
SEL1
14
Q
13
Q
12
VBB1
11
VBB2
10
VEE
9
4:1
1
2
3
4
5
6
7
8
D0
D0
D1
D1
D2
D2
D3
D3
SOIC TOP VIEW
TRUTH TABLE
SEL1 L L H H SEL0 L H L H DATA OUT D0 D1 D2 D3
PIN NAMES
Pin D0-3 SEL0, 1 VBB1, 2 Q Function Differential Data Inputs Mux Select Inputs Reference Outputs Data Outputs
Rev.: E
Amendment: /0
1
Issue Date: August, 1998
Micrel
SY10EL57 SY100EL57
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VEE VI IOUT Power Supply (VCC = 0V) Input Voltage (VCC = 0V) Output Current - Continuous - Surge Operating Temperature Range Operating Range(1), (2) Rating Value -8.0 to 0 0 to -6.0 50 100 -40 to +85 -5.7 to -4.2 Unit V V mA C V
TA VEE
NOTES: 1. ABSOLUTE MAXIMUM RATINGS, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet. 2. Parametric values specified at: 5 volt Power Supply Range 100EL57 Series: -4.2V to -5.5V. 10EL57 Series -4.75V to -5.5V.
10EL DC CHARACTERISTICS
VEE = VEE (Min) - VEE (Max); VCC = GND(1) TA = -40C Symbol VOH VOL VIH VIL IIL Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Min. -1080 -1950 -1230 -1950 0.5 Max. -890 -1650 -890 -1500 -- TA = 0C Min. -1020 -1950 -1170 -1950 0.5 Max. -840 -1630 -840 -1480 -- TA = +25C MIn. -980 -1950 -1130 -1950 0.5 Max. -810 -1630 -810 -1480 -- TA = +85C Min. -910 -1950 -1060 -1950 0.5 Max. -720 -1595 -720 -1445 -- Unit mV mV mV mV A
NOTE: 1. 10EL circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. Outputs are terminated through a 50 resistor to -2.0V except where otherwise specified on the individual data sheets.
100EL DC CHARACTERISTICS
VEE = VEE (Min) - VEE (Max); VCC = GND(1)
TA =-40C Symbol VOH VOL VOHA VOLA VIH VIL IIL
NOTE: 1. The same DC parameter values at VEE = -4.5V now apply across the full VEE range of -4.2V to -5.5V. Outputs are terminated through a 50 resistor to -2.0V except where otherwise specified on the individual data sheets.
TA =0C to 85C Max. -880 -1555 -- -1555 -880 -1475 -- Min. -1025 -1810 -1035 -- -1165 -1810 0.5 Typ. -955 -1705 -- -- -- -- -- Max. -880 -1620 -- -1610 -880 -1475 -- Unit mV mV mV mV mV mV A VIN = VIL (Max) Condition VIN = VIH (Max) or VIL (Min) VIN = VIH (Max) or VIL (Min) VIN = VIH (Min) or VIL (Max) VIN = VIH (Min) or VIL (Max)
Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current
Min. -1085 -1830 -1095 -- -1165 -1810 0.5
Typ. -1005 -1695 -- -- -- -- --
2
Micrel
SY10EL57 SY100EL57
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min) - VEE (Max); VCC = GND
TA = -40C Symbol IEE VBB IIH Parameter Power Supply Current 10EL 100EL Min. -- -- -1.43 -1.38 -- Typ. 15 15 -- -- -- Max. 24 24 -1.30 -1.26 150 Min. -- -- -1.38 -1.38 -- TA = 0C Typ. 15 15 -- -- -- Max. 24 24 -1.27 -1.26 150 -- -- -1.35 -1.38 -- TA = +25C Min. Typ. 15 15 -- -- -- Max. 24 24 -1.25 -1.26 150 -- -- -1.31 -1.38 -- TA = +85C Min. Typ. 15 15 -- -- -- Max. Unit 24 27 -1.19 -1.26 150 mA V A
Output Reference 10EL Voltage 100EL Input HIGH Current
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min) - VEE (Max); VCC = GND
TA = -40C Symbol tPLH tPHL tskew VPP VCMR tr tf Parameter Propagation Delay DATA to Q/Q SEL to Q/Q Input Skew DATA to Q Minmum Input Swing DATA Common Mode Range DATA Output Rise/Fall Times Q (20% - 80%) Min. 350 440 -- 150 -2.0 125 Typ. -- -- -- -- -- -- Max. 550 690 50 -- -0.4 375 Min. 350 440 -- 150 -2.0 125 TA = 0C Typ. -- -- -- -- -- -- Max. 550 690 50 -- -0.4 375 TA = +25C Min. 360 440 -- 150 -2.0 125 Typ. -- -- -- -- -- -- Max. 560 690 50 -- -0.4 375 TA = +85C Min. 380 460 -- 150 -2.0 125 Typ. -- -- -- -- -- -- Max. 580 710 50 -- V -0.4 375 ps ps mV Unit ps
PRODUCT ORDERING CODE
Ordering Code SY10EL57ZC SY10EL57ZCTR SY100EL57ZC SY100EL57ZCTR Package Type Z16-2 Z16-2 Z16-2 Z16-2 Operating Range Commercial Commercial Commercial Commercial
3
Micrel
SY10EL57 SY100EL57
16 LEAD SOIC .150" WIDE (Z16-2)
Rev. 02
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY10EL57

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X