Part Number Hot Search : 
89233 BSP75 05N50 AVIIVA IRHNJ AM29L 76000 752DU
Product Description
Full Text Search
 

To Download SL74HC640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL74HC640
Octal 3-State Inverting Bus Transceiver
High-Performance Silicon-Gate CMOS
The SL74HC640 is identical in pinout to the LS/ALS640. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. The SL74HC640 is a 3 -state transceiver that is used for 2 -way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION SL74HC640N Plastic SL74HC640D SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Control Inputs PIN 20=VCC PIN 10 = GND Output Enable L Direction L Operation Data Transmitted from Bus B to Bus A (inverted) Data Transmitted from Bus A to Bus B (inverted) Buses Isolated (High Impedance State)
L
H
H
X
X = don't care
System Logic Semiconductor
SLS
SL74HC640
MAXIMUM RATINGS *
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, t f Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must be left open. I/O pins must be connected to a properly terminated line or bus.
SLS
System Logic Semiconductor
SL74HC640
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 0.5 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 5.0 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 10 A A V Unit
VIH
Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA IOUT 7.8 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum Low-Level Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 6.0 mA IOUT 7.8 mA
IIN IOZ
Maximum Input Leakage Current Maximum Three-State Leakage Current
VIN=VCC or GND, Pin 1 or 19 Output in High-Impedance State VIN= VIL or VIH VOUT=VCC or GND VIN=VCC or GND IOUT=0A
ICC
Maximum Quiescent Supply Current (per Package)
6.0
4.0
40
160
A
SLS
System Logic Semiconductor
SL74HC640
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input t r=t f=6.0 ns)
VCC Symbol tPLH, t PHL Parameter Maximum Propagation Delay, A to B , B to A (Figures 1 and 3) Maximum Propagation Delay , Direction or Output Enable to A or B (Figures 2 and 4) Maximum Propagation Delay , Direction or Output Enable to A or B (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 3) Maximum Input Capacitance (Pin 1 or Pin 19) Maximum Three-State I/O Capacitance (Output in High-Impedance State) Power Dissipation Capacitance (Per Transceiver Channel) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55C 75 15 13 110 22 19 110 22 19 60 12 10 10 15 85C 95 19 16 140 28 24 140 28 24 75 15 13 10 15 125C 110 22 19 165 33 28 165 33 28 90 18 15 10 15 Unit ns
tPLZ, t PHZ
ns
tPZL, t PZH
ns
tTLH, t THL
ns
CIN COUT
pF pF
Typical @25C,VCC=5.0 V 40 pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
SLS
System Logic Semiconductor
SL74HC640
Figure 3. Test Circuit
Figure 4. Test Circuit
EXPANDED LOGIC DIAGRAM
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL74HC640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X