Part Number Hot Search : 
NTE995M CSNE531 AVD05S SMP4861 PI3B1 BY399 19080357 LF15ABDT
Product Description
Full Text Search
 

To Download SA5204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
SA5204A Wide-band high-frequency amplifier
Product specification Replaces data of Feb 25, 1992 IC17 Data Handbook 1997 Nov 07
Philips Semiconductors
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
DESCRIPTION
The SA5204A family of wideband amplifiers replaces the SA5204 family. The `A' parts are fabricated on a rugged 2m bipolar process featuring excellent statistical process control. Electrical performance is nomically identical to the original parts. The SA5204A is a high-frequency amplifier with a fixed insertion gain of 20dB. The gain is flat to 0.5dB from DC to 200MHz. The -3dB bandwidth is greater than 350MHz. This performance makes the amplifier ideal for cable TV applications. The SA5204A operates with a single supply of 6V, and only draws 25mA of supply current, which is much less than comparable hybrid parts. The noise figure is 4.8dB in a 75 system and 6dB in a 50 system. The SA5204A is a relaxed version of the SA5205. Minimum guaranteed bandwidth is relaxed to 350MHz and the "S" parameter Min/Max limits are specified as typicals only. Until now, most RF or high-frequency designers had to settle for discrete or hybrid solutions to their amplification problems. Most of these solutions required trade-offs that the designer had to accept in order to use high-frequency gain stages. These include high power consumption, large component count, transformers, large packages with heat sinks, and high part cost. The SA5204A solves these problems by incorporating a wideband amplifier on a single monolithic chip. The part is well matched to 50 or 75 input and output impedances. The standing wave ratios in 50 and 75 systems do not exceed 1.5 on either the input or output over the entire DC to 350MHz operating range. Since the part is a small, monolithic IC die, problems such as stray capacitance are minimized. The die size is small enough to fit into a very cost-effective 8-pin small-outline (SO) package to further reduce parasitic effects. No external components are needed other than AC-coupling capacitors because the SA5204A is internally compensated and matched to 50 and 75. The amplifier has very good distortion specifications, with second and third-order intermodulation intercepts of +24dBm and +17dBm, respectively, at 100MHz. The part is well matched for 50 test equipment such as signal generators, oscilloscopes, frequency counters, and all kinds of signal analyzers. Other applications at 50 include mobile radio, CB radio, and data/video transmission in fiber optics, as well as broadband LANs and telecom systems. A gain greater than 20dB can be achieved by cascading additional SA5204As in series as required, without any degradation in amplifier stability.
PIN CONFIGURATION
D Packages
VCC VIN GND GND
1 20dB 2 3 4 TOP VIEW
8 7 6 5
VCC VOUT GND GND
SR00193
Figure 1. Pin Configuration
FEATURES
* Bandwidth (min.)
200 MHz, 0.5dB 350 MHz, -3dB
* 20dB insertion gain * 4.8dB (6dB) noise figure ZO=75 (ZO=50) * No external components required * Input and output impedances matched to 50/75 systems * Surface-mount package available * Cascadable * 2000V ESD protection
APPLICATIONS
* Antenna amplifiers * Amplified splitters * Signal generators * Frequency counters * Oscilloscopes * Signal analyzers * Broadband LANs * Networks * Modems * Mobile radio * Security systems * Telecommunications
ORDERING INFORMATION
DESCRIPTION 8-Pin Plastic Small Outline (SO) package TEMPERATURE RANGE -40 to +85C ORDER CODE SA5204AD DWG # SOT96-1
2
853-1599 18662
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC VIN TA Supply voltage AC input voltage Operating ambient temperature range SA grade PDMAX Maximum power TA=25C(still-air) D package TJ TSTG TSOLD Junction temperature Storage temperature range Lead temperature (soldering 60s) dissipation1, 2 780 150 -55 to +150 300 mW C C C -40 to +85 C PARAMETER RATING 9 5 UNIT V VP-P
NOTES: 1. Derate above 25C, at the following rates D package at 6.2mW/C 2. See "Power Dissipation Considerations" section.
EQUIVALENT SCHEMATIC
VCC
R1 Q3 Q6
R2
R0 VOUT
Q2 VIN Q1 RF1 RE2 RE1 Q4 R3
Q5 RF2
SR00194
Figure 2. Equivalent Schematic
1997 Nov 07
3
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
DC ELECTRICAL CHARACTERISTICS
VCC=6V, ZS=ZL=ZO=50 and TA=25C, in all packages, unless otherwise specified. SYMBOL VCC ICC S21 S11 S22 S12 BW BW PARAMETER Operating supply voltage range Supply current Insertion gain Input return loss Output return loss Isolation Bandwidth Bandwidth Noise figure (75) Noise figure (50) Saturated output power 1dB gain compression Third-order intermodulation intercept (output) Second-order intermodulation intercept (output) tR tP Rise time Propagation delay TEST CONDITIONS Over temperature Over temperature f=100MHz, over temperature f=100MHz DC -550MHz f=100MHz DC -550MHz f=100MHz DC -550MHz 0.5dB -3dB f=100MHz f=100MHz f=100MHz f=100MHz f=100MHz f=100MHz 200 350 LIMITS Min 5 19 16 25 19 25 12 27 12 -25 -18 350 550 4.8 6.0 +7.0 +4.0 +17 +24 500 500 Typ Max 8 33 22 UNIT V mA dB dB dB dB MHz MHz dB dB dBm dBm dBm dBm ps ps
35 34 SUPPLY CURRENT--mA NOISE FIGURE--dBm 32 30 28 26 24 22 20 18 16 5 5.5 6 6.5 7 7.5 8 SUPPLY VOLTAGE--V TA = 25oC
9
8
vcc = 8v vcc = 7v vcc = 6v vcc = 5v
ZO = 50 TA = 25oC
7
6
5
101
2
4
SR00195
6 8 102 2 FREQUENCY--MHz
4
6
8 103
SR00196
Figure 3. Supply Current vs Supply Voltage
Figure 4. Noise Figure vs Frequency
1997 Nov 07
4
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
25 vcc = 8v INSERTION GAIN--dB 20 OUTPUT LEVEL--dBm vcc = 7v
vcc = 6v 15 ZO = 50 TA = 25oC 10 101 vcc = 5v
10 9 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 101
VCC = 8V VCC = 6V VCC = 7V
VCC = 5V
ZO = 50 TA = 25oC
2
4
6 8 102 2 FREQUENCY--MHz
4
6
8 103
SR00197
2
4
6 8 102 2 FREQUENCY--MHz
4
6
8 103
SR00198
Figure 5. Insertion Gain vs Frequency (S21)
Figure 8. 1dB Gain Compression vs Frequency
SECOND-ORDER INTERCEPT--dBm
25 TA = 55oC TA = 25oC 20
40 35 30 25 20 15 10 4 5 6 7 8 9 10 POWER SUPPLY VOLTAGE--V ZO = 50 TA = 25oC
INSERTION GAIN--dB
TA = 85oC 15 VCC = 8V ZO = 50 10 101 TA = 125oC
2
4
6
8 102
2
4
6
8 103
FREQUENCY--MHz
SR00199
SR00200
Figure 6. Insertion Gain vs Frequency (S21)
Figure 9. Second-Order Output Intercept vs Supply Voltage
11 10 9 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 101
30 THIRD-ORDER INTERCEPT--dBm
25
OUTPUT LEVEL--dBm
VCC = 7V VCC = 6V VCC = 5V VCC = 8V
20 ZO = 50 TA = 25oC
15
10
ZO = 50 TA = 25oC
5
2
4
6
8 102
2
4
6
8 103
4
5
6
7
8
9
10
FREQUENCY--MHz
POWER SUPPLY VOLTAGE--V
SR00201
SR00202
Figure 7. Saturated Output Power vs Frequency
Figure 10. Third-Order Intercept vs Supply Voltage
1997 Nov 07
5
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
2.0 1.9 1.8 INPUT VSWR 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 101 ZO = 50 ZO = 75 TA = 25oC VCC = 6V
10
.
ISOLATION--dB
-15
ZO = 50 TA = 25oC VCC = 6V
-20
-25
-30
2
4
6 8 102
2
4
6 8 103
SR00203
101
2
4
6 8 102
2
4
6 8 103
FREQUENCY--MHz
FREQUENCY--MHz
SR00204
Figure 11. Input VSWR vs Frequency
25 2.0 1.9 1.8 INPUT VSWR 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 101 ZO = 50 10 ZO = 75 Tamb = 25oC VCC = 6V ISOLATION GAIN--dB 20
Figure 14. Isolation vs Frequency (S12)
vcc = 8v vcc = 7v
vcc = 6v 15 ZO = 75 TA = 25oC 101 vcc = 5v
2
4
2
4
6 8 102
2
4
6 8103
SR00205
6 8 102 2 FREQUENCY--MHz
4
6
8 103
FREQUENCY--MHz
SR00206
Figure 12. Output VSWR vs Frequency
Figure 15. Insertion Gain vs Frequency (S21)
40 OUTPUT RETURN LOSS--dB INPUT RETURN LOSS--dB INSERTION GAIN--dB 35 30 OUTPUT 25 20 15 10 101 VCC = 6V ZO = 50 TA = 25oC
25
TA = -55oC TA = 25oC
20
TA = 85oC TA = 125oC ZO = 75 VCC = 6V
INPUT
15
2
4
6 8 102
2
4
6 8103
10
101
2
4
6
8 102
2
4
6
8 103
FREQUENCY--MHz
FREQUENCY--MHz
SR00207
SR00208
Figure 13. Input (S11) and Output (S22) Return Loss vs Frequency
Figure 16. Insertion Gain vs Frequency (S21)
1997 Nov 07
6
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
THEORY OF OPERATION
The design is based on the use of multiple feedback loops to provide wide-band gain together with good noise figure and terminal impedance matches. Referring to the circuit schematic in Figure 17, the gain is set primarily by the equation: V OUT V IN + (R F1 ) R E1)
eliminates problems of shunt-feedback loading on the output. The value of RF1=140 is chosen to give the desired nominal gain. The DC output voltage VOUT can be determined by: VOUT=VCC-(IC2+IC6)R2,(4) where VCC=6V, R2=225, IC2=8mA and IC6=5mA.
R E1
(1)
which is series-shunt feedback. There is also shunt-series feedback due to RF2 and RE2 which aids in producing wide-band terminal impedances without the need for low value input shunting resistors that would degrade the noise figure. For optimum noise performance, RE1 and the base resistance of Q1 are kept as low as possible, while RF2 is maximized. The noise figure is given by the following equation: KT 2ql C1
From here, it can be seen that the output voltage is approximately 3.1V to give relatively equal positive and negative output swings. Diode Q5 is included for bias purposes to allow direct coupling of RF2 to the base of Q1. The dual feedback loops stabilize the DC operating point of the amplifier. The output stage is a Darlington pair (Q6 and Q2) which increases the DC bias voltage on the input stage (Q1) to a more desirable value, and also increases the feedback loop gain. Resistor R0 optimizes the output VSWR (Voltage Standing Wave Ratio). Inductors L1 and L2 are bondwire and lead inductances which are roughly 3nH. These improve the high-frequency impedance matches at input and output by partially resonating with 0.5pF of pad and package capacitance.
r b ) R E1 ) NF + 10Log 1) RO
dB
(2)
POWER DISSIPATION CONSIDERATIONS
where IC1=5.5mA, RE1=12, rb=130, KT/q=26mV at 25C and R0=50 for a 50 system and 75 for a 75 system. The DC input voltage level VIN can be determined by the equation: VIN=VBE1+(IC1+IC3) RE1(3) where RE1=12, VBE=0.8V, IC1=5mA and IC3=7mA (currents rated at VCC=6V). Under the above conditions, VIN is approximately equal to 1V. Level shifting is achieved by emitter-follower Q3 and diode Q4, which provide shunt feedback to the emitter of Q1 via RF1. The use of an emitter-follower buffer in this feedback loop essentially
VCC
When using the part at elevated temperature, the engineer should consider the power dissipation capabilities. At the nominal supply voltage of 6V, the typical supply current is 25mA (32mA max). For operation at supply voltages other than 6V, see Figure 3 for ICC versus VCC curves. The supply current is inversely proportional to temperature and varies no more than 1mA between 25C and either temperature extreme. The change is 0.1% per C over the range. The recommended operating temperature ranges are air-mount specifications. Better heat-sinking benefits can be realized by mounting the SO package body against the PC board plane.
R1 650 Q3
R2 225
R0 10
L2 3nH VOUT
Q6 VIN L1 Q1 3nH Q4 R3 140 RF1 140 RE1 12 RE2 12 Q2
Q5
RF2 200
SR00209
Figure 17. Schematic Diagram 1997 Nov 07 7
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
PC BOARD MOUNTING
In order to realize satisfactory mounting of the SA5204A to a PC board, certain techniques need to be utilized. The board must be double-sided with copper and all pins must be soldered to their respective areas (i.e., all GND and VCC pins on the package). The power supply should be decoupled with a capacitor as close to the VCC pins as possible, and an RF choke should be inserted between the supply and the device. Caution should be exercised in the connection of input and output pins. Standard microstrip should be observed wherever possible. There should be no solder bumps or burrs or any obstructions in the signal path to cause launching problems. The path should be as straight as possible and lead lengths as short as possible from the part to the cable connection. Another important consideration is that the input and output should be AC-coupled. This is because at VCC=6V, the input is approximately at 1V while the output is at 3.1V. The output must be decoupled into a low-impedance system, or the DC bias on the output of the amplifier will be loaded down, causing loss of output power. The easiest way to decouple the entire amplifier is by soldering a high-frequency chip capacitor directly to the input and output pins of the device. This circuit is shown in Figure 18. Follow these recommendations to get the best frequency response and noise immunity. The board design is as important as the integrated circuit design itself. Actual S-parameter measurements using an HP network analyzer (model 8505A) and an HP S-parameter tester (models 8503A/B) are shown in Figure 20. Values for the figures below are measured and specified in the data sheet to ease adaptation and comparison of the SA5204A to other high-frequency amplifiers. The most important parameter is S21. It is defined as the square root of the power gain, and, in decibels, is equal to voltage gain as shown below: ZD=ZIN=ZOUT for the SA5204A V IN ) ZD
2
SA5204A ZD V OUT ZD V IN ZD
2 2
P IN
P OUT )
V OUT ZD
2
N
P OUT P IN
+
+
V OUT V IN
2
2
+ PI
PI=VI 2 PI=Insertion Power Gain
SCATTERING PARAMETERS
The primary specifications for the SA5204A are listed as S-parameters. S-parameters are measurements of incident and reflected currents and voltages between the source, amplifier, and load as well as transmission losses. The parameters for a two-port network are defined in Figure 19.
VI=Insertion Voltage Gain Measured value for the SA5204A = |S21 | 2 = 100 + | S 21 | 2 + 100 P IN V OUT + P I + S 21 + 10 and V I + V IN In decibels: PI(dB) =10 Log | S21 | 2 = 20dB NP I + P OUT
VCC
RF CHOKE DECOUPLING CAPACITOR VIN AC COUPLING CAPACITOR 5204A AC COUPLING CAPACITOR VOUT
VI(dB) = 20 Log S21 = 20dB PI(dB) = VI(dB) = S21(dB) = 20dB Also measured on the same system are the respective voltage standing wave ratios. These are shown in Figure 21. The VSWR can be seen to be below 1.5 across the entire operational frequency range.
SR00210
Figure 18. Circuit Schematic for Coupling and Power Supply Decoupling
Relationships exist between the input and output return losses and the voltage standing wave ratios. These relationships are as follows:
1997 Nov 07
8
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
POWER REFLECTED FROM INPUT PORT S11 -- INPUT RETURN LOSS S21 S11 = POWER AVAILABLE FROM GENERATOR AT INPUT PORT
S11
S22
S12 -- REVERSE TRANSMISSION LOSS OSOLATION
S12 =
REVERSE TRANSDUCER POWER GAIN
S21 -- FORWARD TRANSMISSION LOSS OR INSERTION GAIN S12 S22 -- OUTPUT RETURN LOSS
S21 =
TRANSDUCER POWER GAIN
S22 =
POWER REFLECTED FROM OUTPUT PORT POWER AVAILABLE FROM GENERATOR AT OUTPUT PORT
a. Two-Port Network Defined Figure 19.
b.
SR00211
1997 Nov 07
9
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
50 System
25 vcc = 8v INSERTION GAIN--dB vcc = 7v 20 ISOLATION GAIN--dB 20 25
75 System
vcc = 8v vcc = 7v
vcc = 6v 15 ZO = 50 TA = 25oC 10 101 vcc = 5v
vcc = 6v 15 ZO = 75 TA = 25oC vcc = 5v
2
4
6
8 102
2
4
6
8 103
10 101
2
4
6
8 102
2
4
6
8 103
FREQUENCY--MHz
FREQUENCY--MHz
a. Insertion Gain vs Frequency (S21)
10 10
b. Insertion Gain vs Frequency (S21)
ISOLATION--dB
ISOLATION--dB
-15
ZO = 50 TA = 25oC VCC = 6V
-15
-20
-20
ZO = 75 TA = 25oC VCC = 6V
-25
-25
-30 -30 101
2
4
6
8 102
2
4
6 8 103
101
2
4
6
8 102
2
4
6 8 103
FREQUENCY--MHz
FREQUENCY--MHz
c. Isolation vs Frequency (S12)
40 INPUT RETURN LOSS--dB OUTPUT RETURN LOSS--dB INPUT RETURN LOSS--dB OUTPUT RETURN LOSS--dB 35 30 OUTPUT 25 20 15 10 101 VCC = 6V ZO = 50 TA = 25oC 40 35 30 25 20
d. S12 Isolation vs Frequency
OUTPUT
INPUT
INPUT 15 10
VCC = 6V ZO = 75 TA = 25oC
2
4
6
8 102
2
4
6 8 103
101
2
4
6
8 102
2
4
6 8 103
FREQUENCY--MHz
FREQUENCY--MHz
e. Input (S11) and Output (S22) Return Loss vs Frequency
f. Input (S11) and Output (S22) Return Loss vs Frequency
SR00212
INPUT RETURN LOSS=S11dB S11dB=20 Log | S11 | OUTPUT RETURN LOSS=S22dB S22dB=20 Log | S22 | INPUT VSWR=1.5 OUTPUT VSWR=1.5
Figure 20. 1dB from its low power value. The decrease is due to nonlinearities in the amplifier, an indication of the point of transition between small-signal operation and the large signal mode. The saturated output power is a measure of the amplifier's ability to deliver power into an external load. It is the value of the amplifier's output power when the input is heavily overdriven. This includes the sum of the power in all harmonics.
INTERMODULATION INTERCEPT TESTS 1DB GAIN COMPRESSION AND SATURATED OUTPUT POWER
The 1dB gain compression is a measurement of the output power level where the small-signal insertion gain magnitude decreases 1997 Nov 07 10 The intermodulation intercept is an expression of the low level linearity of the amplifier. The intermodulation ratio is the difference in dB between the fundamental output signal level and the generated distortion product level. The relationship between intercept and
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
intermodulation ratio is illustrated in Figure 22, which shows product output levels plotted versus the level of the fundamental output for two equal strength output signals at different frequencies. The upper line shows the fundamental output plotted against itself with a 1dB to 1dB slope. The second and third order products lie below the fundamentals and exhibit a 2:1 and 3:1 slope, respectively. The intercept point for either product is the intersection of the extensions of the product curve with the fundamental output. The intercept point is determined by measuring the intermodulation ratio at a single output level and projecting along the appropriate product slope to the point of intersection with the fundamental. When the intercept point is known, the intermodulation ratio can be determined by the reverse process. The second order IMR is equal to the difference between the second order intercept and the fundamental output level. The third order IMR is equal to twice the difference between the third order intercept and the fundamental output level. These are expressed as: IP2=POUT+IMR2 IP3=POUT+IMR3/2 where POUT is the power level in dBm of each of a pair of equal level fundamental output signals, IP2 and IP3 are the second and third order output intercepts in dBm, and IMR2 and IMR3 are the
2.0 1.9 1.8 INPUT VSWR 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 101 ZO = 75 ZO = 50 TA = 25oC VCC = 6V
second and third order intermodulation ratios in dB. The intermodulation intercept is an indicator of intermodulation performance only in the small signal operating range of the amplifier. Above some output level which is below the 1dB compression point, the active device moves into large-signal operation. At this point the intermodulation products no longer follow the straight line output slopes, and the intercept description is no longer valid. It is therefore important to measure IP2 and IP3 at output levels well below 1dB compression. One must be careful, however, not to select too low levels because the test equipment may not be able to recover the signal from the noise. For the SA5204A we have chosen an output level of -10.5dBm with fundamental frequencies of 100.000 and 100.01MHz, respectively.
ADDITIONAL READING ON SCATTERING PARAMETERS
For more information regarding S-parameters, please refer to High-Frequency Amplifiers by Ralph S. Carson of the University of Missouri, Rolla, Copyright 1985; published by John Wiley & Sons, Inc. "S-Parameter Techniques for Faster, More Accurate Network Design", HP App Note 95-1, Richard W. Anderson, 1967, HP Journal. "S-Parameter Design", HP App Note 154, 1972.
2.0 1.9 1.8 . INPUT VSWR 1.7 1.6 1.5 1.4 1.3 1.2 1.1 ZO = 50 1.0 101 ZO = 75 Tamb = 25oC VCC = 6V
2
4
6 8 102 2 FREQUENCY--MHz
4
6 8 103
2
4
6 8 102 2 FREQUENCY--MHz
4
6 8 103
SR00213
a. Input VSWR vs Frequency
b. Output VSWR vs Frequency
Figure 21. Input/Output VSWR vs Frequency
+30 THIRD ORDER INTERCEPT POINT 1dB COMPRESSION POINT 2ND ORDER INTERCEPT POINT
+20
+10 OUTPUT LEVEL dBm
0
FUNDAMENTAL RESPONSE
-10 2ND ORDER RESPONSE 3RD ORDER RESPONSE
-20
-30
-40 -60 -50 -40 -30 -20 -10 0 +10 +20 +30 +40 INPUT LEVEL dBm
SR00214
Figure 22.
1997 Nov 07
11
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
SO8: plastic small outline package; 8 leads; body width 3.9mm
SOT96-1
1997 Nov 07
12
Philips Semiconductors
Product specification
Wide-band high-frequency amplifier
SA5204A
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1997 All rights reserved. Printed in U.S.A.
Philips Semiconductors
1997 Nov 07 13


▲Up To Search▲   

 
Price & Availability of SA5204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X