Part Number Hot Search : 
AD7687 PIC16F P4KE11 ESD9B5VD D5SB60 015L00 E213I C740004
Product Description
Full Text Search
 

To Download REF191 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Initial Accuracy: 2 mV max Temperature Coefficient: 5 ppm/C max Low Supply Current: 45 A max Sleep Mode: 15 A max Low Dropout Voltage Load Regulation: 4 ppm/mA Line Regulation: 4 ppm/V High Output Current: 30 mA Short Circuit Protection APPLICATIONS Portable Instrumentation A-to-D and D-to-A Converters Smart Sensors Solar Powered Applications Loop Current Powered Instrumentations GENERAL DESCRIPTION
Precision Micropower, Low Dropout, Voltage References REF19x Series
PIN CONFIGURATIONS 8-Lead Narrow-Body SO and TSSOP (S Suffix and RU Suffix)
TP VS SLEEP GND 1 2 3 4 8 NC
REF19x SERIES
TOP VIEW (Not to Scale)
7 NC 6 OUTPUT 5 TP
8-Lead Epoxy DIP (P Suffix)
TP VS SLEEP GND 1 2 3 4 8 NC NC OUTPUT TP
REF19x SERIES
TOP VIEW (Not to Scale)
7 6 5
REF19x series precision bandgap voltage references use a patented temperature drift curvature correction circuit and laser trimming of highly stable thin film resistors to achieve a very low temperature coefficient and a high initial accuracy. The REF19x series are micropower, Low Dropout Voltage (LDV) devices providing a stable output voltage from supplies as low as 100 mV above the output voltage and consuming less than 45 A of supply current. In sleep mode, which is enabled by applying a low TTL or CMOS level to the sleep pin, the output is turned off and supply current is further reduced to less than 15 A. The REF19x series references are specified over the extended industrial temperature range (-40C to +85C) with typical performance specifications over -40C to +125C for applications such as automotive. All electrical grades are available in 8-Lead SOIC; the PDIP and TSSOP are only available in the lowest electrical grade. Products are also available in die form.
Test Pins (TP) Model REF19xGP REF19xES 3 REF19xFS3 REF19xGS REF19xGRU REF19xGBC
NC = NO CONNECT TP PINS ARE FACTORY TEST POINTS NO USER CONNECTION
Table I
Part Number REF191 REF192 REF193 REF194 REF195 REF196 REF198
Nominal Output Voltage (V) 2.048 2.50 3.00 4.50 5.00 3.30 4.096
ORDERING GUIDE
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C +25C
Package Description 8-Lead Plastic DIP2 8-Lead SOIC 8-Lead SOIC 8-Lead SOIC 8-Lead TSSOP DICE
Package Option1 N-8 SO-8 SO-8 SO-8 RU-8
The test pins, Pin 1 and Pin 5, are reserved for in-package zener-zap. To achieve the highest level of accuracy at the output, the zener-zapping technique is used to trim the output voltage. Since each unit may require a different amount of adjustment, the resistance value at the test pins will vary widely from pin-to-pin as well as from part-to-part. The user should not make any physical nor electrical connections to Pin 1 and Pin 5.
NOTES 1 N = Plastic DIP, SO = Small Outline, RU = Thin Shrink Small Outline. 2 8-Lead plastic DIP only available in "G" grade. 3 REF193 and REF196 are available in "G" grade only.
REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
REF19x Series
REF191-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = 3.3 V, T = +25 C unless otherwise noted)
S A
Parameter INITIAL ACCURACY "E" Grade "F" Grade "G" Grade
1
Symbol VO
Condition IOUT = 0 mA
Min 2.046 2.043 2.038
Typ 2.048
Max 2.050 2.053 2.058 4 8 10 15 0.95 1.25 1.55
Units V V V ppm/V ppm/V ppm/mA ppm/mA V V V mV V p-p
LINE REGULATION2 "E" Grade "F & G" Grades LOAD REGULATION2 "E" Grade "F & G" Grades DROPOUT VOLTAGE
VO /VIN
3.0 V VS 15 V, I OUT = 0 mA
2 4 4 6
VO /VLOAD V S - VO
VS = 5.0 V, 0 IOUT 30 mA VS = 3.15 V, ILOAD = 2 mA VS = 3.3 V, ILOAD = 10 mA VS = 3.6 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz
LONG-TERM STABILITY3 NOISE VOLTAGE
VO eN
1.2 20
NOTES 1 Initial accuracy includes temperature hysteresis effect. 2 Line and load regulation specifications include the effect of self-heating. 3 Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V = 3.3 V, -40 C T +85 C unless otherwise noted)
S A
Parameter TEMPERATURE COEFFICIENT 1, 2 "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE
Symbol TCVO/C
Condition IOUT = 0 mA
Min
Typ 2 5 10 5 10 5 10
Max 5 10 25 10 20 15 20 0.95 1.25 1.55
Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V V V A V A A A
VO /VIN
3.0 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.0 V, 0 IOUT 25 mA VS = 3.15 V, ILOAD = 2 mA VS = 3.3 V, ILOAD = 10 mA VS = 3.6 V, ILOAD = 25 mA 2.4
SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current SUPPLY CURRENT Sleep Mode
VH IH VL IL No Load No Load
-8 0.8 -8 45 15
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
-2-
REV. D
REF19x Series
REF191-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE
1, 2
S
= 3.3 V, -40 C TA +125 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ 2 5 10 10 20 10 20 1.25 1.55 Max Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V
Symbol TCVO/C
VO /VIN
3.0 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.0 V, 0 IOUT 20 mA VS = 3.3 V, ILOAD = 10 mA VS = 3.6 V, ILOAD = 20 mA
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
REV. D
-3-
REF19x Series
REF192-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
Parameter INITIAL ACCURACY "E" Grade "F" Grade "G" Grade
1
S
= 3.3 V, TA = +25 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ Max Units V V V ppm/V ppm/V ppm/mA ppm/mA V V mV V p-p
Symbol VO
2.498 2.500 2.502 2.495 2.505 2.490 2.510 2 4 4 6 4 8 10 15 1.00 1.40 1.2 25
LINE REGULATION2 "E" Grade "F & G" Grades LOAD REGULATION2 "E" Grade "F & G" Grades DROPOUT VOLTAGE LONG-TERM STABILITY3 NOISE VOLTAGE
VO /VIN
3.0 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO VO eN
VS = 5.0 V, 0 IOUT 30 mA VS = 3.5 V, ILOAD = 10 mA VS = 3.9 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz
NOTES 1 Initial accuracy includes temperature hysteresis effect. 2 Line and load regulation specifications include the effect of self-heating. 3 Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V
Parameter TEMPERATURE COEFFICIENT 1, 2 "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current SUPPLY CURRENT Sleep Mode Symbol TCVO /C
S
= 3.3 V, TA = -40 C TA +85 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ 2 5 10 5 10 5 10 Max 5 10 25 10 20 15 20 1.00 1.50 2.4 -8 0.8 -8 No Load No Load 45 15 Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V V A V A A A
VO /VIN
3.0 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.0 V, 0 IOUT 25 mA VS = 3.5 V, ILOAD = 10 mA VS = 4.0 V, ILOAD = 25 mA
VH IH VL IL
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
-4-
REV. D
REF19x Series
REF192-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = 3.3 V, -40 C T +125 C unless otherwise noted)
S A
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE
1, 2
Symbol TCVO /C
Condition IOUT = 0 mA
Min
Typ 2 5 10 10 20 10 20
Max
Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA
VO /VIN
3.0 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.0 V, 0 IOUT 20 mA VS = 3.5 V, ILOAD = 10 mA VS = 4.0 V, ILOAD = 20 mA
1.00 1.50
V V
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
REF193-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter INITIAL ACCURACY "G" Grade LINE REGULATION "G" Grades
2 1
(@ VS = 3.3 V, TA = +25 C unless otherwise noted)
Condition IOUT = 0 mA 3.3 V, VS 15 V, IOUT = 0 mA VS = 5.0 V, 0 IOUT 30 mA VS = 3.8 V, ILOAD = 10 mA VS = 4.0 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz 1.2 30 Min 2.990 Typ 3.0 4 6 Max 3.010 8 15 0.80 1.00 Units V ppm/V ppm/mA V V mV V p-p
Symbol VO
VO/VIN
2
LOAD REGULATION "G" Grade
VO/VLOAD
DROPOUT VOLTAGE LONG-TERM STABILITY 3 NOISE VOLTAGE
VS - VO
VO
eN
NOTES 1Initial accuracy includes temperature hysteresis effect. 2Line and load regulation specifications include the effect of self-heating. 3Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
REV. D
-5-
REF19x Series
REF193-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter TEMPERATURE COEFFICIENT "G" Grade 3 LINE REGULATION "G" Grade
4 1, 2
(@ V S = 3.3 V, TA = -40 C TA +85 C unless otherwise noted)
Condition IOUT = 0 mA 3.3 V VS 15 V, I OUT = 0 mA VS = 5.0 V, 0 IOUT 25 mA VS = 3.8 V, ILOAD = 10 mA VS = 4.1 V, ILOAD = 30 mA 2.4 -8 0.8 -8 No Load No Load 45 15 Min Typ 10 10 10 Max 25 20 20 0.80 1.10 Units ppm/C ppm/V ppm/mA V V V A V A A A
Symbol TCVO/C VO /VIN
4
LOAD REGULATION "G" Grade
VO /VLOAD V S - VO
DROPOUT VOLTAGE SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current SUPPLY CURRENT Sleep Mode
VH IH VL IL
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V = 3.3 V, -40 C T +125 C unless otherwise noted)
S A
Parameter TEMPERATURE COEFFICIENT "G" Grade 3 LINE REGULATION4 "G" Grade LOAD REGULATION4 "G" Grade DROPOUT VOLTAGE
1, 2
Symbol TCVO/C VO /VIN VO /VLOAD V S - VO
Condition IOUT = 0 mA 3.3 V VS 15 V, I OUT = 0 mA VS = 5.0 V, 0 IOUT 20 mA VS = 3.8 V, ILOAD = 10 mA VS = 4.1 V, ILOAD = 20 mA
Min
Typ 10 20 10
Max
Units ppm/C ppm/V ppm/mA
0.80 1.10
V V
NOTES 1For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2TCV is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. O TCV O = (V max-V min)/V O (TMAX -TMIN ). 3Guaranteed by characterization. 4Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
-6-
REV. D
REF19x Series
REF194-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = 5.0 V, T = +25 C unless otherwise noted)
S A
Parameter INITIAL ACCURACY "E" Grade "F" Grade "G" Grade
1
Symbol VO
Condition IOUT = 0 mA
Min
Typ
Max 4.502 4.505 4.510 4 8 4 8 0.50 1.30
Units V V V ppm/V ppm/V ppm/mA ppm/mA V V mV V p-p
4.498 4.5 4.495 4.490 2 4 2 4
LINE REGULATION2 "E" Grade "F & G" Grades LOAD REGULATION2 "E" Grade "F & G" Grades DROPOUT VOLTAGE LONG-TERM STABILITY3 NOISE VOLTAGE
VO /VIN
4.75 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO VO eN
VS = 5.8 V, 0 IOUT 30 mA VS = 5.00 V, ILOAD = 10 mA VS = 5.8 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz
2 45
NOTES 1 Initial accuracy includes temperature hysteresis effect. 2 Line and load regulation specifications include the effect of self-heating. 3 Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current SUPPLY CURRENT Sleep Mode
1, 2
(@ V S = 5.0 V, TA = -40 C TA +85 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ 2 5 10 5 10 5 10 Max 5 10 25 10 20 15 20 0.5 1.30 2.4 -8 0.8 -8 No Load No Load 45 15 Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V V A V A A A
Symbol TCVO /C
VO /VIN
4.75 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.80 V, 0 IOUT 25 mA VS = 5.00 V, ILOAD = 10 mA VS = 5.80 V, ILOAD = 25 mA
VH IH VL IL
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
REV. D
-7-
REF19x Series
REF194-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE
1, 2
S
= 5.0 V, -40 C T A +125 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ 2 5 10 5 10 5 10 0.60 1.45 Max Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V
Symbol TCVO /C
VO /VIN
4.75 V VS 15 V, IOUT = 0 mA
VO /VLOAD V S - VO
VS = 5.80 V, 0 IOUT 20 mA VS = 5.10 V, ILOAD = 10 mA VS = 5.95 V, ILOAD = 20 mA
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
-8-
REV. D
REF19x Series
REF195-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = 5.10 V, T = +25 C unless otherwise noted)
S A
Parameter INITIAL ACCURACY1 "E" Grade "F" Grade "G" Grade LINE REGULATION2 "E" Grade "F & G" Grades LOAD REGULATION2 "E" Grade "F & G" Grades DROPOUT VOLTAGE LONG-TERM STABILITY3 NOISE VOLTAGE
Symbol VO
Condition IOUT = 0 mA
Min 4.998 4.995 4.990
Typ 5.0
Max 5.002 5.005 5.010 4 8 4 8 0.50 1.30
Units V V V ppm/V ppm/V ppm/mA ppm/mA V V mV V p-p
VO /VIN
5.10 V VS 15 V, I OUT = 0 mA
2 4 2 4
VO /VLOAD V S - VO VO eN
VS = 6.30 V, 0 IOUT 30 mA VS = 5.50 V, ILOAD = 10 mA VS = 6.30 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz
1.2 50
NOTES 1 Initial accuracy includes temperature hysteresis effect. 2 Line and load regulation specifications include the effect of self-heating. 3 Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current SUPPLY CURRENT Sleep Mode
1, 2
(@ VS = 5.15 V, TA = -40 C T A +85 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ 2 5 10 5 10 5 10 Max 5 10 25 10 20 10 20 0.50 1.30 2.4 -8 0.8 -8 No Load No Load 45 15 Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V V A V A A A
Symbol TCVO /C
VO /VIN
5.15 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 6.30 V, 0 IOUT 25 mA VS = 5.50 V, ILOAD = 10 mA VS = 6.30 V, ILOAD = 25 mA
VH IH VL IL
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice. .
REV. D
-9-
REF19x Series
REF195-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = +5.20 V, -40 C T +125 C unless otherwise noted)
S A
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE
1, 2
Symbol TCVO /C
Condition IOUT = 0 mA
Min
Typ 2 5 10 5 10 5 10
Max
Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA
VO /VIN
5.20 V VS 15 V, IOUT = 0 mA
VO /VLOAD V S - VO
VS = 6.45 V, 0 I OUT 20 mA VS = 5.60 V, I LOAD = 10 mA VS = 6.45 V, I LOAD = 20 mA
0.60 1.45
V V
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
REF196-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = +3.5 V, T = +25 C unless otherwise noted)
S A
Parameter INITIAL ACCURACY "G" Grade LINE REGULATION "G" Grades
1
Symbol VO VO /VIN
2
Condition IOUT = 0 mA 3.50 V VS 15 V, I OUT = 0 mA VS = 5.0 V, 0 IOUT 30 mA VS = 4.1 V, ILOAD = 10 mA VS = 4.3 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz
Min 3.290
Typ 3.3 4 6
Max 3.310 8 15 0.80 1.00
Units V ppm/V ppm/mA V V mV V p-p
2
LOAD REGULATION "G" Grade
VO /VLOAD V S - VO VO eN
DROPOUT VOLTAGE LONG-TERM STABILITY3 NOISE VOLTAGE
1.2 33
NOTES 1Initial accuracy includes temperature hysteresis effect. 2Line and load regulation specifications include the effect of self-heating. 3Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
-10-
REV. D
REF19x Series
REF196-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter TEMPERATURE COEFFICIENT "G" Grade 3 LINE REGULATION "G" Grade
4 1, 2
(@ V S = +3.5 V, TA = -40 C TA +85 C unless otherwise noted)
Condition IOUT = 0 mA 3.5 V VS 15 V, I OUT = 0 mA VS = 5.0 V, 0 IOUT 25 mA VS = 4.1 V, ILOAD = 10 mA VS = 4.3 V, ILOAD = 25 mA 2.4 -8 0.8 -8 No Load No Load 45 15 Min Typ 10 10 10 Max 25 20 20 0.80 1.00 Units ppm/C ppm/V ppm/mA V V V A V A A A
Symbol TCVO/C VO /VIN VO /VLOAD V S - VO
LOAD REGULATION4 "G" Grade DROPOUT VOLTAGE SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current SUPPLY CURRENT Sleep Mode
VH IH VL IL
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
Parameter TEMPERATURE COEFFICIENT "G" Grade 3 LINE REGULATION "G" Grade
4 1, 2
(@ VS = +3.50 V, -40 C T A +125 C unless otherwise noted)
Condition IOUT = 0 mA 3.50 V VS 15 V, I OUT = 0 mA VS = 5.0 V, 0 IOUT 20 mA VS = 4.1 V, ILOAD = 10 mA VS = 4.4 V, ILOAD = 20 mA Min Typ 10 20 20 0.80 1.10 Max Units ppm/C ppm/V ppm/mA V V
Symbol TCVO /C VO /VIN
4
LOAD REGULATION "G" Grade
VO /VLOAD V S - VO
DROPOUT VOLTAGE
NOTES 1For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2TCV is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. O TCV O = (V max-V min)/V O (TMAX -TMIN ). 3Guaranteed by characterization. 4Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
REV. D
-11-
REF19x Series
REF198-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
Parameter INITIAL ACCURACY1 "E" Grade "F" Grade "G" Grade LINE REGULATION2 "E" Grade "F & G" Grades LOAD REGULATION2 "E" Grade "F & G" Grades DROPOUT VOLTAGE LONG-TERM STABILITY3 NOISE VOLTAGE Symbol VO
S
= 5.0 V, TA = +25 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ Max Units V V V ppm/V ppm/V ppm/mA ppm/mA V V mV V p-p
4.094 4.096 4.098 4.091 4.101 4.086 4.106 2 4 2 4 4 8 4 8 0.50 1.30 1.2 40
VO /VIN
4.5 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO VO eN
VS = 5.4 V, 0 IOUT 30 mA VS = 4.6 V, ILOAD = 10 mA VS = 5.4 V, ILOAD = 30 mA 1000 Hours @ +125C 0.1 Hz to 10 Hz
NOTES 1 Initial accuracy includes temperature hysteresis effect. 2 Line and load regulation specifications include the effect of self-heating. 3 Long-term drift is guaranteed by 1000 hours life test performed on three independent wafer lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS (@ V = +5.0 V, -40 C T +85 C unless otherwise noted)
S A
Parameter TEMPERATURE COEFFICIENT 1, 2 "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE SLEEP PIN Logic High Input Voltage Logic High Input Current Logic Low Input Voltage Logic Low Input Current
.
Symbol TCVO /C
Condition IOUT = 0 mA
Min
Typ 2 5 10 5 10 5 10
Max 5 10 25 10 20 10 20 0.50 1.30
Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V V A V A A A
VO /VIN
4.5 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.4 V, 0 IOUT 25 mA VS = 4.6 V, ILOAD = 10 mA VS = 5.4 V, ILOAD = 25 mA 2.4
VH IH VL IL No Load No Load
-8 0.8 -8 45 15
SUPPLY CURRENT Sleep Mode
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
-12-
REV. D
REF19x Series
REF198-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter TEMPERATURE COEFFICIENT "E" Grade "F" Grade "G" Grade 3 LINE REGULATION4 "E" Grade "F & G" Grades LOAD REGULATION4 "E" Grade "F & G" Grades DROPOUT VOLTAGE
1, 2
(@ VS = +5.0 V, -40 C T A +125 C unless otherwise noted)
Condition IOUT = 0 mA Min Typ 2 5 10 5 10 5 10 0.60 1.50 Max Units ppm/C ppm/C ppm/C ppm/V ppm/V ppm/mA ppm/mA V V
Symbol TCVO /C
VO /VIN
4.5 V VS 15 V, I OUT = 0 mA
VO /VLOAD V S - VO
VS = 5.6 V, 0 IOUT 20 mA VS = 4.7 V, ILOAD = 10 mA VS = 5.6 V, ILOAD = 20 mA
NOTES 1 For proper operation, a 1 F capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/ C. TCV O = (V max-V min)/V O (TMAX -TMIN ). 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. Specifications subject to change without notice.
REV. D
-13-
REF19x Series
WAFER TEST LIMITS (@ I
Parameter INITIAL ACCURACY REF191 REF192 REF193 REF194 REF195 REF196 REF198 LINE REGULATION LOAD REGULATION DROPOUT VOLTAGE SLEEP MODE INPUT Logic Input High Logic Input Low SUPPLY CURRENT Sleep Mode Symbol VO
LOAD
= 0 mA, TA = +25C unless otherwise noted)
Condition Limits 2.043/2.053 2.495/2.505 2.990/3.010 4.495/4.505 4.995/5.005 3.290/3.310 4.091/4.101 (VO + 0.5 V) < VIN < 15 V, IOUT = 0 mA 0 mA < ILOAD < 30 mA, VIN = (VO + 1.3 V) ILOAD = 10 mA ILOAD = 30 mA 15 15 1.25 1.55 2.4 0.8 No Load No Load 45 15 Units V V V V V V V ppm/V ppm/mA V V V V A A
VO /VIN VO /ILOAD VO - V+
VIH VIL VIN = 15 V
NOTE For proper operation, a 1 F capacitor is required between the output pins and the GND pin of the REF19x. Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
ABSOLUTE MAXIMUM RATINGS 1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V, +18 V Output to GND . . . . . . . . . . . . . . . . . . . . . . -0.3 V, VS + 0.3 V Output to GND Short-Circuit Duration . . . . . . . . . . Indefinite Storage Temperature Range P, S Package . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Operating Temperature Range REF19x . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Junction Temperature Range P, S Package . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300C Package Type 8-Lead Plastic DIP (P) 8-Lead SOIC (S) 8-Lead TSSOP
2 JA JC
DICE CHARACTERISTICS
OUTPUT 6 OUTPUT 6
Units C/W C/W C/W
2 V+ 3 SLEEP 4 GND
103 158 240
43 43 43
NOTES 1 Absolute maximum rating applies to both DICE and packaged parts, unless otherwise noted. 2 JA is specified for worst case conditions, i.e., JA is specified for device in socket for P-DIP, and JA is specified for device soldered in circuit board for SOIC package.
REF19x Die Size 0.041 x 0.057 Inch, 2,337 Sq. Mils Substrate Is Connected to V+, Number of Transistors: Bipolar 25, MOSFET4. Process: CBCMOS1
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the REF19x features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-14-
REV. D
REF19x Series
5.004 5.003 OUTPUT VOLTAGE - Volts 5.002 5.001 5.000 4.999 4.998 4.997 4.996 -50 3 TYPICAL PARTS 5.15V < VIN < 15V PERCENTAGE OF PARTS - % 50 45 40 35 30 25 20 15 10 5 -25 0 25 50 TEMPERATURE - C 75 100 0 -20 -15 -10 -5 0 5 TC-VOUT - ppm/ C 10 15 20 BASED ON 600 UNITS, 4 RUNS -40 C TA +85 C
Figure 1. REF195 Output Voltage vs. Temperature
Figure 4. TC - V OUT Distribution
32 28 +5.15V LINE REGULATION - ppm/V 24 -40 C 20 16 12 +85 C 8 4 0 VS 15V A
40 35 NORMAL MODE 30 25 20 15 10 SLEEP MODE 5 0 -50
+25 C
0
5
10
15 ILOAD - mA
20
25
30
SUPPLY CURRENT -
-25
0 25 50 TEMPERATURE - C
75
100
Figure 2. REF195 Line Regulation vs. ILOAD
Figure 5. Quiescent Current vs. Temperature
20 O LOAD REGULATION - ppm/mA 16 SLEEP PIN CURRENT - A +25 C 12 -40 C IOUT < 25mA
-6
+85 C
-5
-4
-3
8
-2 VL -1 VH
4
0
4
6
8
10 VIN - Volts
12
14
16
0 -50
-25
0 25 50 TEMPERATURE - C
75
100
Figure 3. REF195 Load Regulation vs. VIN
Figure 6. SLEEP Pin Current vs. Temperature
REV. D
-15-
REF19x Series
VIN = 15V 0 RIPPLE REJECTION - dB -20 -40 -60 -80 -100 -120 1mA LOAD
10
2 4
REF19x
6 10mA 1F 0
Figure 9b. Load Transient Response Measurement Circuit
2V
100 90
10
100
1k 10k FREQUENCY - Hz
100k
1M
30mA LOAD
Figure 7a. Ripple Rejection vs. Frequency
10 F
0%
2V
100 s
Figure 10a. Power ON Response Time
1k VIN = +15V 10 F REF 2
REF19x
4
6 1F 1k
10 F OUTPUT 2 VIN = 7.0V 4 6
REF19x
1F
Figure 7b. Ripple Rejection vs. Frequency Measurement Circuit
Figure 10b. Power ON Response Time Measurement Circuit
VIN = 7V 2
REF19x
6
200 VG = 2V p-p Z VS = 4.00V ON OFF
100 90
5V
1F
41F
VOUT 4 3 IO - 2 1 0
10 0%
IL = 1mA IL = 10mA
1V
2ms
Figure 11a. Sleep Response Time
10 100 1k 10k 100k FREQUENCY - Hz 1M 10M VIN = 15V 2 3
Figure 8. Output Impedance vs. Frequency
REF19x
4
6 1F
VOUT
5V
OFF ON
100 90
Figure 11b. Sleep Response Time Measurement Circuit
10 0%
20mV
100 s
Figure 9a. Load Transient Response
-16-
REV. D
REF19x Series
35
5V
100 90
30 LOAD CURRENT - mA 25 20 15 10 5
10 0%
200mV
200 s
Figure 12. Line Transient Response
0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 REF195 DROPOUT VOLTAGE - V 0.8 0.9
Figure 13. Dropout Voltage vs. Load Current
+V
Output Voltage Bypassing
VOUT
SHUTDOWN
For stable operation, low dropout voltage regulators and references, in general, require a bypass capacitor connected from their VOUT pins to their GND pins. Although the REF19x family of references is capable of stable operation with capacitive loads exceeding 100 F, a 1 F capacitor is sufficient to guarantee rated performance. The addition of a 0.1 F ceramic capacitor in parallel with the bypass capacitor will improve load current transient performance. For best line voltage transient performance, it is recommended that the voltage inputs of these devices be bypassed with a 10 F electrolytic capacitor in parallel with a 0.1 F ceramic capacitor.
Sleep Mode Operation
GND
Figure 14. Simplified Schematic
APPLICATIONS SECTION Output Short Circuit Behavior
The REF19x family of devices is totally protected from damage due to accidental output shorts to GND or to V+. In the event of an accidental short circuit condition, the reference device will shutdown and limit its supply current to 100 A.
Device Power Dissipation Considerations
The REF19x family of references is capable of delivering load currents to 30 mA with an input voltage that ranges from 3.3 V to 15 V. When these devices are used in applications with large input voltages, care should be exercised to avoid exceeding these devices' maximum internal power dissipation. Exceeding the published specifications for maximum power dissipation or junction temperature could result in premature device failure. The following formula should be used to calculate a device's maximum junction temperature or dissipation:
All REF19x devices include a sleep capability that is TTL/CMOS level compatible. Internal to the REF19x at the SLEEP pin, a pull-up current source to VIN is connected. This permits the SLEEP pin to be driven from an open collector/drain driver. A logic LOW or a zero volt condition on the SLEEP pin is required to turn the output stage OFF. During sleep, the output of the references becomes a high impedance state where its potential would then be determined by external circuitry. If the sleep feature is not used, it is recommended that the SLEEP pin be connected to VIN (Pin 2).
Basic Voltage Reference Connections
The circuit in Figure 15 illustrates the basic configuration for the REF19x family of references. Note the 10 F/0.1 F bypass network on the input and the 1 F/0.1 F bypass network on the output. It is recommended that no connections be made to Pins 1, 5, 7 and 8. If the sleep feature is not required, Pin 3 should be connected to VIN.
NC 1 2 8 NC
PD
T - TA =J JA
VIN 10 F 0.1 F
REF19x
7 NC OUTPUT 6 5 NC 1F TANT 0.1 F
SLEEP 3 4
In this equation, TJ and TA are the junction and ambient temperatures, respectively, PD is the device power dissipation and JA is the device package thermal resistance. REV. D
Figure 15. Basic Voltage Reference Configuration
-17-
REF19x Series
Membrane Switch Controlled Power Supply
With output load currents in the tens of mA, the REF19x family of references can operate as a low dropout power supply in hand-held instrument applications. In the circuit shown in Figure 16, a membrane ON/OFF switch is used to control the operation of the reference. During an initial power-on condition, the SLEEP pin is held to GND by the 10 k resistor. Recall that this condition disables (read: three-state) the REF19x output. When the membrane ON switch is pressed, the SLEEP pin is momentarily pulled to VIN, enabling the REF19x output. At this point, current through the 10 k is reduced and the internal current source connected to the SLEEP pin takes control. Pin 3 assumes and remains at the same potential as VIN. When the membrane OFF switch is pressed, the SLEEP pin is momentarily connected to GND, which once again disables the REF19x output.
NC 1 VIN 2 1k 5% ON 7 NC 8 NC
In this circuit, the power supply current of reference U1 flowing through R1-R2 develops a base drive for Q1, whose collector provides the bulk of the output current. With a typical gain of 100 in Q1 for 100 mA-200 mA loads, U1 is never required to furnish more than a few mA, so this factor minimizes temperature related drift. Short circuit protection is provided by Q2, which clamps drive to Q1 at about 300 mA of load current with values as shown. With this separation of control and power functions, dc stability is optimum, allowing best advantage use of premium grade REF19x devices for U1. Of course, load management should still be exercised. A short, heavy, low DCR (DC Resistance) conductor should be used from U1-6 to the VOUT sense point "S," where the collector of Q1 connects to the load, point "F." Because of the current limiting configuration, the dropout voltage circuit is raised about 1.1 V over that of the REF19x devices, due to the VBE of Q1 and the drop across current sense resistor R4. However, overall dropout is typically still low enough to allow operation of a 5 V to 3.3 V regulator/reference using the REF196 for U1 as noted, with a VS as low as 4.5 V and a load current of 150 mA. The requirement for a heat sink on Q1 depends on the maximum input voltage and short circuit current. With VS = 5 V and a 300 mA current limit, the worst case dissipation of Q1 is 1.5 W, less than the TO-220 package 2 W limit. However, if smaller TO-39 or TO-5 packaged devices such as the 2N4033 are used, the current limit should be reduced to keep maximum dissipation below the package rating. This is accomplished by simply raising R 4. A tantalum output capacitor is used at C1 for its low ESR (Equivalent Series Resistance), and the higher value is required for stability. Capacitor C2 provides input bypassing and can be an ordinary electrolytic. Shutdown control of the booster stage is shown as an option, and when used some cautions are in order. Because of the additional active devices in the VS line to U1, direct drive to Pin 3 does not work as with an unbuffered REF19x device. To enable shutdown control, the connection to U1-2 is broken at the "X," and diode D1 then allows a CMOS control source VC to drive U1-3 for ON-OFF operation. Startup from shutdown is not as clean under heavy load as it is in basic REF19x series and can require several milliseconds under load. Nevertheless, it is still effective and can fully control 150 mA loads. When shutdown control is used, heavy capacitive loads should be minimized.
REF19x
3 4 6 5 NC
OUTPUT 1F TANT
10k OFF
Figure 16. Membrane Switch Controlled Power Supply
Current-Boosted References with Current Limiting
While the 30 mA rated output current of the REF19x series is higher than typical of other reference ICs, it can be boosted to higher levels if desired, with the addition of a simple external PNP transistor, as shown in Figure 17. Full time current limiting is used for protection of the pass transistor against shorts.
R4 2 R1 1k R2 1.5k C3 0.1 F S C1 10 F/25V
(TANTALUM)
Q1 TIP32A
(SEE TEXT)
+VS = 6 TO 9V
(SEE TEXT)
OUTPUT TABLE U1 REF192 REF193 REF196 REF194 REF195 VOUT (V) 2.5 3.0 3.3 4.5 5.0
Q2 2N3906 C2 100 F/25V D1 VC 1N4148
(SEE TEXT ON SLEEP)
F
U1 REF196
(SEE TABLE)
+VOUT 3.3V @ 150mA R1
R3 1.82k VS COMMON
S F VOUT COMMON
Figure 17. A Boosted 3.3 V Reference with Current Limiting
-18-
REV. D
REF19x Series
A Negative Precision Reference without Precision Resistors Stacking Reference ICs for Arbitrary Outputs
In many current-output CMOS DAC applications, where the output signal voltage must be of the same polarity as the reference voltage, it is often required to reconfigure a current-switching DAC into a voltage-switching DAC through the use of a 1.25 V reference, an op amp and a pair of resistors. Using a current-switching DAC directly requires an additional operational amplifier at the output to reinvert the signal. A negative voltage reference is then desirable from the point that an additional operational amplifier is not required for either reinversion (current-switching mode) or amplification (voltage switching mode) of the DAC output voltage. In general, any positive voltage reference can be converted into a negative voltage reference through the use of an operational amplifier and a pair of matched resistors in an inverting configuration. The disadvantage to that approach is that the largest single source of error in the circuit is the relative matching of the resistors used. The circuit illustrated in Figure 18 avoids the need for tightly matched resistors with the use of an active integrator circuit. In this circuit, the output of the voltage reference provides the input drive for the integrator. The integrator, to maintain circuit equilibrium, adjusts its output to establish the proper relationship between the reference's VOUT and GND. Thus, any desired negative output voltage can be chosen by simply substituting for the appropriate reference IC. The sleep feature is maintained in the circuit with the simple addition of a PNP transistor and a 10 k resistor. One caveat with this approach should be mentioned: although rail-to-rail output amplifiers work best in the application, these operational amplifiers require a finite amount (mV) of headroom when required to provide any load current. The choice for the circuit's negative supply should take this issue into account.
VIN 10k 2N3906 VIN SLEEP VREF 1F +5V 100
Some applications may require two reference voltage sources that are a combined sum of standard outputs. The circuit of Figure 19 shows how this "stacked output" reference can be implemented.
OUTPUT TABLE U1/U2 REF192/REF192 REF192/REF194 REF192/REF195 C1 0.1 F VOUT1 (V) VOUT2 (V) 2.5 2.5 2.5 5.0 7.0 7.5
+VS VS > VOUT2 +0.15V
U2 REF19x
(SEE TABLE)
+VOUT2 VO (U2) C2 1F
C3 0.1 F
U1 REF19x
(SEE TABLE)
+VOUT1 VO (U1) C4 1F R1 3.9k
(SEE TEXT)
VIN COMMON
VOUT COMMON
Figure 19. Stacking Voltage References with the REF19x
Two reference ICs are used, fed from a common unregulated input, VS . The outputs of the individual ICs are simply connected in series as shown, which provides two output voltages, VOUT1 and VOUT2 . VOUT1 is the terminal voltage of U1, while VOUT2 is the sum of this voltage and the terminal voltage of U2. U1 and U2 are simply chosen for the two voltages that supply the required outputs (see table). If, for example, both U1 and U2 are REF192s, the two outputs are 2.5 V and 5.0 V. While this concept is simple, some cautions are in order. Since the lower reference circuit must sink a small bias current from U2 (50 A-100 A), plus the base current from the series PNP output transistor in U2, either the external load of U1 or R1 must provide a path for this current. If the U1 minimum load is not well defined, resistor R1 should be used, set to a value that will conservatively pass 600 A of current with the applicable VOUT1 across it. Note that the two U1 and U2 reference circuits are locally treated as macrocells, each having its own bypasses at input and output for best stability. Both U1 and U2 in this circuit can source dc currents up to their full rating. The minimum input voltage, VS, is determined by the sum of the outputs, VOUT2 , plus the dropout voltage of U2. A related variation on stacking two three-terminal references is shown in Figure 19, where U1, a REF192, is stacked with a two-terminal reference diode such as the AD589. Like the three-terminal stacked reference above, this circuit provides two outputs, VOUT1 and VOUT2, which are the individual terminal voltages of D1 and U1 respectively. Here this is 1.235 and 2.5, which provides a VOUT2 of 3.735 V. When using two-terminal reference diodes such as D1, the rated minimum and maximum device currents must be observed and the maximum load current from VOUT1 can be no greater than the current set up by R1 and VO(U1). In the case with VO(U1) equal to 2.5 V, R1 provides a 500 A bias to D1, so the maximum load current available at VOUT1 is 450 A or less.
SLEEP TTL/CMOS
1k
REF19x
GND 1F 10k 100k
A1
-VREF
-5V A1 = 1/2 OP295, 1/2 OP291
Figure 18. A Negative Precision Voltage Reference Uses No Precision Resistors
REV. D
-19-
REF19x Series
Switched Output 5 V/3.3 V Reference
VS > VOUT2 +0.15V +VS
C1 0.1 F
U1 REF192
VO (U1)
C2 1F
R1 4.99k
+VOUT2 3.735V
(SEE TEXT)
Applications often require digital control of reference voltages, selecting between one stable voltage and a second. With the sleep feature inherent to the REF19x series, switched output reference configurations are easily implemented with relatively little additional hardware. The circuit of Figure 22 illustrates the general technique, which takes advantage of the output "wire-OR" capability of the REF19x device family. When OFF, a REF19x device is effectively an open circuit at the output node with respect to the power supply. When ON, a REF19x device can source current up to its current rating, but sink only a few A (essentially just the relatively low current of the internal output scaling divider). As a result, for two devices wired together at their common outputs, the output voltage is simply that of the ON device. The OFF state device will draw a small standby current of 15 A (max), but otherwise will not interfere with operation of the ON device, which can operate to its full current rating. Note that the two devices in the circuit conveniently share both input and output capacitors, and with CMOS logic drive, it is power efficient. Using dissimilar REF19x series devices with this configuration allows logic selection between the U1/U2 specified terminal voltages. For example, with U1 (a REF195) and U2 (a REF196), as noted in the table, changing the CMOS compatible VC logic control voltage from HI to LO selects between a nominal output of 5.000 V and 3.300 V and vice versa. Other REF19x family units can also be used for U1/U2, with similar operation in a logic sense, but with outputs as per the individual paired devices (see table, again). Of course, the exact output voltage tolerance, drift and overall quality of the reference voltage will be consistent with the grade of individual U1 and U2 devices.
OUTPUT TABLE
D1 AD589 VIN COMMON
VO (D1)
C3 1F
+VOUT1 1.235V
VOUT COMMON
Figure 20. Stacking Voltage References with the REF19x
A Precision Current Source
Many times, in low power applications, the need arises for a precision current source that can operate on low supply voltages. As shown in Figure 21, any one of the devices in the REF19x family of references can be configured as a precision current source. The circuit configuration illustrated is a floating current source with a grounded load. The reference's output voltage is bootstrapped across RSET, which sets the output current into the load. With this configuration, circuit precision is maintained for load currents in the range from the reference's supply current (typically, 30 A) to approximately 30 mA. The low dropout voltage of these devices maximizes the current source's output voltage compliance without excess headroom.
VIN
VIN
REF19x
SLEEP GND 1F ISY ADJUST VREF R1 RSET P1 +VS = 6V 1 2 3 4 U1/U2 REF195/ REF196 REF194/ REF195 VC* VOUT (V) HI LO HI LO 5.0 3.3 4.5 5.0
VIN
IOUT IOUT * RL (MAX) + VSY (MIN) RL V IOUT = OUT + ISY (REF19x) RSET VOUT E.G. REF195 : VOUT = 5V >> ISY IOUT = 5mA RSET R1 = 953 P1 = 100 , 10-TURN
VC
U1 REF19x
(SEE TABLE)
* CMOS LOGIC LEVELS
U3A 74HC04
U3B 74HC04
+VOUT
Figure 21. A Low Dropout, Precision Current Source
U2 REF19x
(SEE TABLE)
C2 1F
The circuit's governing equations are:
V IN = IOUT x RL (max)+V SY (min, REF19x) V OUT IOUT = + I SY (REF19x) RSET V OUT I (REF19x) RSET SY
VIN COMMON
C1 0.1 F VOUT COMMON
Figure 22. Switched Output Reference
-20-
REV. D
REF19x Series
There is one application caveat that should be understood about this circuit, which comes about due to the wire-OR nature. Since U1 and U2 can only source current effectively, negative going output voltage changes, which require the sinking of current, will necessarily take longer than positive going changes. In practice, this means that the circuit is quite fast when undergoing a transition from 3.3 to 5 V, but the transition from 5 to 3.3 V will take longer. Exactly how much longer will be a function of the load resistance, R L, seen at the output and the typical 1 F value of C2. In general, a conservative transition time here will be on the order of several milliseconds for load resistances in the range of 100 -1 k. Note that for highest accuracy at the new output voltage, several time constants should be allowed (>7.6 time constants for <1/2 LSB error @ 10 bits, for example).
Kelvin Connections
resistance within the forcing loop of the op amp. Since the op amp senses the load voltage, op amp loop control forces the output to compensate for the wiring error and to produce the correct voltage at the load. Depending on the reference device chosen, operational amplifiers that can be used in this application are the OP295, the OP291 and the OP183/OP283.
VIN VIN RLW VIN 2 3 1F A1 +VOUT SENSE +VOUT FORCE RL A1 = 1/2 OP295 1/2 OP292 1/2 OP283
REF19x
SLEEP VOUT GND
1
RLW
100k
In many portable instrumentation applications where PC board cost and area go hand-in-hand, circuit interconnects are very often of dimensionally minimum width. These narrow lines can cause large voltage drops if the voltage reference is required to provide load currents to various functions. In fact, a circuit's interconnects can exhibit a typical line resistance of 0.45 m/ square (1 oz. Cu, for example). In those applications where these devices are configured as low dropout voltage regulators, these wiring voltage drops can become a large source of error. To circumvent this problem, force and sense connections can be made to the reference through the use of an operational amplifier, as shown in Figure 23. This method provides a means by which the effects of wiring resistance voltage drops can be eliminated. Load currents flowing through wiring resistance produce an I-R error (ILOAD x RWIRE) at the load. However, the Kelvin connection overcomes the problem by including the wiring
+VBAT
Figure 23. A Low Dropout, Kelvin Connected Voltage Reference
A Fail-Safe 5 V Reference
Some critical applications require a reference voltage to be maintained constant, even with a loss of primary power. The low standby power of the REF19x series and the switched output capability allow a "fail-safe" reference configuration to be implemented rather easily. This reference maintains a tight output voltage tolerance for either a primary power source (ac line derived) or a standby (battery derived) power source, automatically switching between the two as the power conditions change. The circuit in Figure 24 illustrates the concept, which borrows from the switched output idea of Figure 21, again using the REF19x device family output "wire-OR" capability. In this case, since a constant 5 V reference voltage is desired for all
C2 0.1 F
+VS R1 1.1M R3 10M 3 2 R2 100k 7 6 R6 100
U1 REF195
+5.000V Q1 2N3904 C1 0.1 F
U3 4 AD820
R4 900k
U2 REF195
C3 1F
VS, VBAT COMMON
C4 0.1 F
R5 100k
VOUT COMMON
Figure 24. A Fail-Safe 5 V Reference
REV. D
-21-
REF19x Series
conditions, two REF195 devices are used for U1 and U2, with their ON/OFF switching controlled by the presence or absence of the primary dc supply source, VS. VBAT is a 6 V battery backup source that supplies power to the load only when VS fails. For normal (VS present) power conditions, VBAT sees only the 15 A (max) standby current drain of U1 in its OFF state. In operation, it is assumed that for all conditions either U1 or U2 is ON and a 5 V reference output is available. With this voltage constant, a scaled down version is applied to the comparator IC U3, providing a fixed 0.5 V input to the (-) input for all power conditions. The R1-R2 divider provides a signal to the U3 (+) input proportional to VS, which switches U3 and U1/U2 dependent upon the absolute level of VS. Op amp U3 is configured here as a comparator with hysteresis, which provides for clean, noise free output switching. This hysteresis is important to eliminate rapid switching at the threshold due to VS ripple. Further, the device chosen is the AD820, a rail-rail output device, which provides HI and LO output states within a few mV of VS and ground for accurate thresholds and compatible drive for U2 for all VS conditions. R3 provides positive feedback for circuit hysteresis, changing the threshold at the (+) input as a function of U3's output. For VS levels lower than the LOWER threshold, U3's output is low, thus U2 and Q1 are OFF, while U1 is ON. For VS levels higher than the UPPER threshold, the situation reverses, with U1 OFF and both U2 and Q1 ON. In the interest of battery power conservation, all of the comparison switching circuitry is powered from VS and is so arranged that when VS fails the default output comes from U1. For the R1-R3 values as shown, the LOWER/UPPER VS switching thresholds are approximately 5.5 V and 6 V, respectively. These can obviously be changed to suit other VS supplies, as can the REF19x devices used for U1 and U2, over a range of 2.5 V to 5 V of output. U3 can operate down to a VS of 3.3 V, which is generally compatible with all family devices.
2.21k
A Low Power, Strain Gage Circuit
As shown in Figure 25, the REF19x family of references can be used in conjunction with low supply voltage operational amplifiers, such as the OP492 and the OP283, in a self-contained strain gage circuit. In this circuit, the REF195 was used as the core of this low power, strain gage circuit. Other references can be easily accommodated by changing circuit element values. The references play a dual role as the voltage regulator to provide the supply voltage requirements of the strain gage and the operational amplifiers as well as a precision voltage reference for the current source used to stimulate the bridge. A distinct feature of the circuit is that it can be remotely controlled ON or OFF by digital means via the SLEEP pin.
100
REF195
10 F 1F
10 F
57k 1%
0.1 F
0.1 F
10k 1%
1/4 OP492
2N2222
500 0.1%
10k 1%
0.01 F 20k 1%
1/4 OP492
10k 1%
20k 1%
1/4 OP492
OUTPUT
1/4 OP492
20k 1% 20k 1%
Figure 25. A Low Power, Strain Gage Circuit
-22-
REV. D
REF19x Series
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP (P Suffix) (N-8)
0.430 (10.92) 0.348 (8.84)
8 5
0.280 (7.11) 0.240 (6.10)
1 4
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93)
0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN SEATING PLANE
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.022 (0.558) 0.100 0.070 (1.77) 0.014 (0.356) (2.54) 0.045 (1.15) BSC
0.015 (0.381) 0.008 (0.204)
8-Lead Narrow Body SO (S Suffix) (SO-8)
0.1968 (5.00) 0.1890 (4.80)
8 1 5 4
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
SEATING PLANE
0.0500 0.0192 (0.49) (1.27) 0.0138 (0.35) BSC
0.0098 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
8-Lead TSSOP (RU Suffix) (RU-8)
0.122 (3.10) 0.114 (2.90)
8
5
0.177 (4.50) 0.169 (4.30)
0.256 (6.50) 0.246 (6.25)
1
4
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090)
SEATING PLANE
8 0
0.028 (0.70) 0.020 (0.50)
REV. D
-23-
PRINTED IN U.S.A.
C1951d-2-3/99


▲Up To Search▲   

 
Price & Availability of REF191

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X