Part Number Hot Search : 
SXX18 HT46R4A 10240 00145 MC100ELT GP210 112RKI80 LM1640
Product Description
Full Text Search
 

To Download PMAD1108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05106
PMAD1108
Only One Name Means ProT ek'TionTM
STEERING DIODE ARRA Y
APPLICA TIONS High Frequency Data Lines RS-232 & RS-422 Interface Networks Ethernet - 10/100 Base T Computer I/O Ports IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 24A, 8/20s Level 2 (Line-Ground) & Level 3 (Line-Line) FEA TURES 500 Milliwatt Continuous Power Dissipation ESD Protection > 40 kilovolts Provides Protection for 8 I/O Lines Working Voltage > 50 Volts Low Insertion Loss & Cross-talk LOW LEAKAGE CURRENT < 0.1A ULTRA LOW CAPACITANCE: 5pF Per Diode MECHANICAL CHARACTERISTICS Molded 16 Pin Dual-In-Line (DIP) Package Weight 1.2 grams (Approximate) Flammability rating UL 94V-0 Packaging: 25 Pieces Per Tube Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
16 PIN DIP
CIRCUIT DIAGRAM
PIN CONFIGURA TION
+
I/O PORT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND OR (-)
8 ISOLATED DIODE ARRAY 8 LINES OF PROTECTION
05106.R5 8/03
1
www.protekdevices.com
PMAD1108
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Continuous Power Dissipation Continuous Forward Current (Single Diode) Repetitive Peak Forward Current @ tp=5s, F=50kHz Operating Temperature Storage Temperature SYMBOL PPK IF I FRM TJ TSTG VALUE 500 400 700 -55C to 150C -55C to 150C UNITS Milliwatts mA mA C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER REPETITIVE PEAK REVERSE VOLTAGE @ 10A VRRM VOLTS 50 MAXIMUM FORWARD PEAK PULSE CURRENT @8/20s IFM AMPS 40 MAXIMUM FORWARD VOLTAGE @100mA VF VOLTS 1.2 MAXIMUM REVERSE LEAKAGE CURRENT VRRM @ 40V IR A 0.1 MAXIMUM CAPACITANCE (Per Diode) @ 4V, 1 MHz Cj pF 5
PMAD1108
120
IPP - Peak Pulse Current - % of IPP
FIGURE 1 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
05106.R5 8/03
2
www.protekdevices.com
PMAD1108
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
16 PIN DIP
A
DIMENSIONS
Orientation Dot (Pin #1) B C I 12 Places F
DIM A B C D E F G H I J K L
MILLIMETERS MIN MAX 6.10 7.37 0.25 0 0.51 3.17 0.84 TYP 0.38 2.54 TYP
INCHES MIN MAX
G D 16 Places E H L
J 12 Places K 16 Places
0.780 19.8 0.240 0.260 6.60 0.290 0.310 7.87 0.010 0.020 0.50 0 10 10 0.020 0.200 5.08 0.125 0.070 1.78 0.84 TYP 0.033 TYP 0.033 TYP 0.015 0.021 0.53 2.54 TYP 0.100 TYP 0.100 TYP
NOTES: 1. Dimensions are exclusive of mold flash and metal burrs. BULK ORDERING NOMENCLATURE:
1. No Suffix = Product Shipped in Tubes of 25 pcs per Tube.
Outline & Dimensions: Rev 1 - 11/01, 06003
COPYRIGHT (c) ProTek Devices 2003 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05106.R5 8/03
3
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PMAD1108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X