|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PIC18 Microcontroller Family The PIC18 microcontroller family provides PICmicro(R) devices in 18- to 80-pin packages, that are both socket and software upwardly compatible to the PIC16 family. The PIC18 family includes all the popular peripherals, such as MSSP ESCI, CCP flexible 8- and 16-bit timers, PSP 10-bit , , , ADC, WDT, POR and CAN 2.0B Active for the maximum flexible solution. Most PIC18 devices will provide FLASH program memory in sizes from 8 to 128 Kbytes and data RAM from 256 to 4 Kbytes; operating from 2.0 to 5.5 volts, at speeds from DC to 40 MHz. Optimized for high-level languages like ANSI C, the PIC18 family offers a highly flexible solution for complex embedded applications. High Performance RISC CPU: * * * * * * 77 instructions C-Language friendly architecture PIC16 source code compatible Linear program memory addressing to 2 Mbyte Linear data memory addressing up to 4 Kbytes Up to 10 MIPs operation: - DC - 40 MHz osc/clock input - 4 MHz - 10 MHz clock with PLL active * 16-bit wide instructions, 8-bit wide data path * Priority levels for interrupts * 8 x 8 Single Cycle Hardware Multiplier Analog Features (Continued): * Programmable Low Voltage Detection (LVD) module - Supports interrupt-on-low voltage detection * Programmable Brown-out Reset (BOR) * Comparators Special Microcontroller Features: * Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) * Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation * Programmable code protection * In-Circuit Serial ProgrammingTM (ICSPTM) via two pins Peripheral Features: * * * * * * High current sink/source 25 mA/25 mA Up to four external interrupt pins Up to three 16-bit timer/counters Up to two 8-bit timer/counters with 8-bit period register (time-base for PWM) Secondary LP oscillator clock option - Timer1 Up to five Capture/Compare/PWM (CCP) modules CCP pins can be configured as: - Capture input: 16-bit, resolution 6.25 ns (TCY/16) - Compare: 16-bit, max. resolution 100 ns (TCY) - PWM output: PWM resolution is 1- to 10-bit Max. PWM frequency @: 8-bit resolution = 156 kHz 10-bit resolution = 39 kHz Master Synchronous Serial Port (MSSP) module Two modes of operation: - 3-wire SPITM (supports all 4 SPI modes) - I2CTM Master and Slave mode Up to 2 Addressable USART modules (ESCI) - Supports interrupt on Address bit Parallel Slave Port (PSP) module CMOS Technology: * Fully static design * Wide operating voltage range (2.0V to 5.5V) * Industrial and Extended temperature ranges Power Managed Features: * Dynamically switch to secondary LP oscillator * Internal RC oscillator for ADC operation during SLEEP * SLEEP mode (IPD < 1 A typ.) - up to 23 individually selectable wake-up events - 3 edge selectable wake-up inputs - 4 state change wake-up inputs * Internal RC oscillator for WDT (period wake-up) * RAM retention mode (VDD as low as 1.5V) * Up to 6 more Power Managed modes available on selected models (PIC18F1320/2320/4320 and PIC18F1220/2220/4220) * * * Analog Features: * 10-bit Analog-to-Digital Converter module (A/D) with: - Fast sampling rate - Up to 16 channels input multiplexor - Conversion available during SLEEP - DNL = 1 LSb, INL = 1 LSb Microchip Technology Inc.* The Embedded Control Solutions Company(R) Additional Information: * Microchip's web site: www.microchip.com * Microchip's PICmicro 18C MCU Reference Manual, Order No. DS39500 * Microchip's CD-ROMs available: - Technical Library, Order No. DS00161 * Microchip's Data Sheets available: - PIC18CXX2, Order No. DS39026 - PIC18CXX8, Order No. DS30475 - PIC18C601/801, Order No. DS39541 * Application Notes are available in: - Embedded Control Handbook, Order No. DS00092 - Embedded Control Handbook, Volume 2, Math Library, Order No. DS00167 - Embedded Control Handbook Update 2000, Order No. DS00711 * Microchip's Quality Systems and Customer Interface System, Order No. DS00169 * Demo Boards Available: - PICDEMTM 2 Demonstration Board - ROMless - CAN/LIN bus * Third Party Tools Available: - C Compilers HI-TECH - PICCTM, www.htsoft.com IAR - EWB-PIC, www.iar.com CCS PIC18 C Compiler, www.ccsinfo.com PIC18 Microcontroller Family Program Memory Type Bytes FLASH 4K FLASH 8K FLASH 4K FLASH 8K OTP 16K OTP 32K FLASH 16K FLASH 32K FLASH 32K FLASH 4K FLASH 8K OTP 16K OTP 32K FLASH 16K FLASH 32K FLASH 32K -- ROMless OTP 32K FLASH 32K FLASH 64K FLASH 128K -- ROMless OTP 32K FLASH 32K FLASH 64K FLASH 128K Data Memory RAM EEPROM Bytes Bytes 256 256 256 256 512 256 512 256 512 -- 1536 -- 512 256 1536 256 1536 256 512 256 512 256 512 -- 1536 -- 512 256 1536 256 1536 256 1536 -- 1536 -- 2048 1024 3840 1024 3840 1024 1536 -- 1536 -- 2048 1024 3840 1024 3840 1024 I/O Ports 16 16 23 23 23 23 23 23 22 34 34 34 34 34 34 33 31 52 52 52 52 42 68 68 68 68 ADC 10-bit 7 7 10 10 5 5 5 5 5 13 13 8 8 8 8 5 8 12 12 12 12 12 16 16 16 16 CCP/ Timers PWM 8/16-bit 1 1/3 1 1/3 2 1/3 2 1/3 2 1/3 2 1/3 2 1/3 2 1/3 1 1/3 2 1/3 2 1/3 2 1/3 2 1/3 2 1/3 2 1/3 1 1/3 2 1/3 2 1/3 5 2/3 5 2/3 5 2/3 2 1/3 2 1/3 5 2/3 5 2/3 5 2/3 Product PIC18F1220 PIC18F1320 PIC18F2220 PIC18F2320 PIC18C242 PIC18C252 PIC18F242 PIC18F252 PIC18F258 PIC18F4220 PIC18F4320 PIC18C442 PIC18C452 PIC18F442 PIC18F452 PIC18F458 PIC18C601 PIC18C658 PIC18F6520 PIC18F6620 PIC18F6720 PIC18C801 PIC18C858 PIC18F8520 PIC18F8620 PIC18F8720 MSSP -- -- I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI I2C/SPI USART 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 1 1 2 2 2 Other 6x PMM 6x PMM 6x PMM 6x PMM -- -- -- -- CAN 2.0B 6x PMM 6x PMM -- -- -- -- CAN 2.0B -- CAN 2.0B -- -- -- -- CAN 2.0B EMA EMA EMA Packages DIP SOIC, SSOP QFN , , DIP SOIC, SSOP QFN , , DIP SOIC , DIP SOIC , DIP SOIC , DIP SOIC , DIP SOIC, SSOP , DIP SOIC, SSOP , DIP SOIC , DIP TQFP QFN , , DIP TQFP QFN , , DIP PLCC, TQFP , DIP PLCC, TQFP , DIP PLCC, TQFP , DIP PLCC, TQFP , DIP PLCC, TQFP , PLCC, TQFP PLCC, TQFP TQFP TQFP TQFP PLCC, TQFP PLCC, TQFP TQFP TQFP TQFP Pins 18 18 28 28 28 28 28 28 28 40/44 40/44 40/44 40/44 40/44 40/44 40/44 64/68 64/68 64 64 64 80/84 80/84 80 80 80 Abbreviation: ADC = Analog-to-Digital Converter PWM = Pulse Width Modulation CCP = Capture/Compare/PWM SPI = Serial Peripheral Interface I2C = Inter-Integrated Circuit Bus PMM = Power Managed Mode USART = Universal Synchronous/Asynchronous Receiver/Transmitter Development Tools from Microchip MPLAB(R) IDE MPASMTM Assembler MPLINKTM Linker/MPLIBTM Librarian MPLAB(R) SIM MPLAB(R) ICE 2000/4000 MPLAB(R) ICD 2 C compiler PRO MATE(R) II Device Programmer PICSTART(R) Plus Programmer Integrated Development Environment (IDE) Universal PICmicro Macro-Assembler Linker/Librarian Software Simulator Full Featured Modular In-Circuit Emulator In-Circuit Debugger Microchip MPLAB(R)C18 or supported by third-party vendors (HI-TECH, IAR, CCS) Full Featured Modular Device Programmer Entry Level Development Kit with Programmer Resale Price* FREE FREE FREE FREE Starting at $2,045 Starting at $159 Contact Vendor Starting at $854 $199 *All prices are manufacturer's suggested resale for North America. Microchip Technology Inc. * 2355 W. Chandler Blvd. * Chandler, AZ 85224-6199 * (480) 792-7200 * Fax (480) 792-9210 Information subject to change. The Microchip name and logo, the Microchip logo, KEELOQ, MPLAB, PIC, PICmicro, PICSTART and PRO MATE are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Inc. in the U.S.A. dsPIC, dsPICDEM.net, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Inc. in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Inc. in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2002 Microchip Technology Inc. All rights reserved. Printed in the U.S.A. DS30327B 9/02 *DS30327B* |
Price & Availability of PIC18F242 |