Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download PALCE16V8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FINAL
COM'L: H-5/7/10/15/25, Q-10/15/25 IND: H-10/15/25, Q-20/25
PALCE16V8 Family
EE CMOS 20-Pin Universal Programmable Array Logic
DISTINCTIVE CHARACTERISTICS
s Pin and function compatible with all 20-pin GAL devices s Electrically erasable CMOS technology provides reconfigurable logic and full testability s High-speed CMOS technology -- 5-ns propagation delay for "-5" version -- 7.5-ns propagation delay for "-7" version s Direct plug-in replacement for the PAL16R8 series and most of the PAL10H8 series s Outputs programmable as registered or combinatorial in any combination s Peripheral Component Interconnect (PCI) compliant s Programmable output polarity s Programmable enable/disable control s Preloadable output registers for testability s Automatic register reset on power up s Cost-effective 20-pin plastic DIP, PLCC, and SOIC packages s Extensive third-party software and programmer support through FusionPLD partners s Fully tested for 100% programming and functional yields and high reliability s 5 ns version utilizes a split leadframe for improved performance
GENERAL DESCRIPTION
The PALCE16V8 is an advanced PAL device built with low-power, high-speed, electrically-erasable CMOS technology. It is functionally compatible with all 20-pin GAL devices. The macrocells provide a universal device architecture. The PALCE16V8 will directly replace the PAL16R8 and PAL10H8 series devices, with the exception of the PAL16C1. The PALCE16V8 utilizes the familiar sum-of-products (AND/OR) architecture that allows users to implement complex logic functions easily and efficiently. Multiple levels of combinatorial logic can always be reduced to sum-of-products form, taking advantage of the very wide input gates available in PAL devices. The equations are programmed into the device through floatinggate cells in the AND logic array that can be erased electrically. The fixed OR array allows up to eight data product terms per output for logic functions. The sum of these products feeds the output macrocell. Each macrocell can be programmed as registered or combinatorial with an activehigh or active-low output. The output configuration is determined by two global bits and one local bit controlling four multiplexers in each macrocell. AMD's FusionPLD program allows PALCE16V8 designs to be implemented using a wide variety of popular industry-standard design tools. By working closely with the FusionPLD partners, AMD certifies that the tools provide accurate, quality support. By ensuring that thirdparty tools are available, costs are lowered because a designer does not have to buy a complete set of new tools for each device. The FusionPLD program also greatly reduces design time since a designer can use a tool that is already installed and familiar.
2-36
Publication# 16493 Rev. D Issue Date: February 1996
Amendment /0
AMD
BLOCK DIAGRAM
I1 - I8 CLK/I0
8
Programmable AND Array 32 x 64
MACRO MC0
MACRO MC1
MACRO MC2
MACRO MC3
MACRO MC4
MACRO MC5
MACRO MC6
MACRO MC7
OE/I9
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7 16493D-1
CONNECTION DIAGRAMS Top View DIP/SOIC
CLK/I0 I1 I2 I3 I4 I5 I6 I7 I8 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 OE/I9 I3 I4 I5 I6 I7 4 5 6 7 8 9 I8 I2
PLCC/LCC
CLK/I0 VCC I/O7
3
I1 2
1
20 19 18 17 16 15 14 I/O6 I/O5 I/O4 I/O3 I/O2
16493D-2
10 11 12 13 OE/I9 GND I/O0 I/O1
16493D-3
Note: Pin 1 is marked for orientation.
PIN DESIGNATIONS
CLK GND I I/O OE VCC = = = = = = Clock Ground Input Input/Output Output Enable Supply Voltage PALCE16V8 Family
2-37
AMD
ORDERING INFORMATION Commercial and Industrial Products
AMD programmable logic products for commercial and industrial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of: PAL CE 16 V 8 H -5 P C /5
FAMILY TYPE PAL = Programmable Array Logic TECHNOLOGY CE = CMOS Electrically Erasable NUMBER OF ARRAY INPUTS OUTPUT TYPE V = Versatile NUMBER OF OUTPUTS POWER H = Half Power (90 - 125 mA ICC) Q = Quarter Power (55 mA ICC) SPEED -5 = 5 ns tPD -7 = 7.5 ns tPD -10 = 10 ns tPD -15 = 15 ns tPD -20 = 20 ns tPD -25 = 25 ns tPD
OPTIONAL PROCESSING Blank = Standard Processing PROGRAMMING DESIGNATOR Blank = Initial Algorithm /4 = First Revision /5 = Second Revision (Same Algorithm as /4)
OPERATING CONDITIONS C = Commercial (0C to +75C) I = Industrial (-40C to +85C) PACKAGE TYPE P = 20-Pin Plastic DIP (PD 020) J = 20-Pin Plastic Leaded Chip Carrier (PL 020) S = 20-Pin Plastic Gull-Wing Small Outline Package (SO 020)
Valid Combinations PALCE16V8H-5 PALCE16V8H-7 PALCE16V8H-10 PALCE16V8Q-10 PALCE16V8H-15 PALCE16V8Q-15 PALCE16V8Q-20 PALCE16V8H-25 PALCE16V8Q-25 JC PC, JC PC, JC, SC, PI, JI PC, JC, SC PC, JC, SC, PI, JI PC, JC PI, JI PC, JC, SC, PI, JI PC, JC, PI, JI /5 /4 /5
Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations.
Blank, /4
2-38
PALCE16V8H-5/7/10/15/25, Q-10/15/25 (Com'l) H-10/15/25, Q-20/25 (Ind)
AMD
FUNCTIONAL DESCRIPTION
The PALCE16V8 is a universal PAL device. It has eight independently configurable macrocells (MC0-MC7). Each macrocell can be configured as registered output, combinatorial output, combinatorial I/O or dedicated input. The programming matrix implements a programmable AND logic array, which drives a fixed OR logic array. Buffers for device inputs have complementary outputs to provide user-programmable input signal polarity. Pins 1 and 11 serve either as array inputs or as clock (CLK) and output enable (OE), respectively, for all flip-flops. Unused input pins should be tied directly to VCC or GND. Product terms with all bits unprogrammed (disconnected) assume the logical HIGH state and product terms with both true and complement of any input signal connected assume a logical LOW state. The programmable functions on the PALCE16V8 are automatically configured from the user's design
specification. The design specification is processed by development software to verify the design and create a programming file (JEDEC). This file, once downloaded to a programmer, configures the device according to the user's desired function. The user is given two design options with the PALCE16V8. First, it can be programmed as a standard PAL device from the PAL16R8 and PAL10H8 series. The PAL programmer manufacturer will supply device codes for the standard PAL device architectures to be used with the PALCE16V8. The programmer will program the PALCE16V8 in the corresponding architecture. This allows the user to use existing standard PAL device JEDEC files without making any changes to them. Alternatively, the device can be programmed as a PALCE16V8. Here the user must use the PALCE16V8 device code. This option allows full utilization of the macrocell.
11 0X 10
OE VCC
11 10 00 01
To Adjacent Macrocell
SL0 X SG1 11 0X D SL1X CLK Q Q 10 11 0X * SG1 SL0X 10 I/OX
From Adjacent Pin
16493D-4
*In macrocells MC0 and MC7, SG1 is replaced by SG0 on the feedback multiplexer.
PALCE16V8 Macrocell
PALCE16V8 Family
2-39
AMD
Configuration Options
Each macrocell can be configured as one of the following: registered output, combinatorial output, combinatorial I/O, or dedicated input. In the registered output configuration, the output buffer is enabled by the OE pin. In the combinatorial configuration, the buffer is either controlled by a product term or always enabled. In the dedicated input configuration, it is always disabled. With the exception of MC0 and MC7, a macrocell configured as a dedicated input derives the input signal from an adjacent I/O. MC0 derives its input from pin 11 (OE) and MC7 from pin 1 (CLK). The macrocell configurations are controlled by the configuration control word. It contains 2 global bits (SG0 and SG1) and 16 local bits (SL00 through SL07 and SL10 through SL17). SG0 determines whether registers will be allowed. SG1 determines whether the PALCE16V8 will emulate a PAL16R8 family or a PAL10H8 family device. Within each macrocell, SL0x, in conjunction with SG1, selects the configuration of the macrocell, and SL1x sets the output as either active low or active high for the individual macrocell. The configuration bits work by acting as control inputs for the multiplexers in the macrocell. There are four multiplexers: a product term input, an enable select, an output select, and a feedback select multiplexer. SG1 and SL0x are the control signals for all four multiplexers. In MC0 and MC7, SG0 replaces SG1 on the feedback multiplexer. This accommodates CLK being the adjacent pin for MC7 and OE the adjacent pin for MC0.
use the feedback path of MC7 and pin 11 will use the feedback path of MC0.
Combinatorial I/O in a Non-Registered Device
The control bit settings are SG0 = 1, SG1 = 1, and SL0x = 1. Only seven product terms are available to the OR gate. The eighth product term is used to enable the output buffer. The signal at the I/O pin is fed back to the AND array via the feedback multiplexer. This allows the pin to be used as an input. Because CLK and OE are not used in a non-registered device, pins 1 and 11 are available as inputs. Pin 1 will use the feedback path of MC7 and pin 11 will use the feedback path of MC0.
Combinatorial I/O in a Registered Device
The control bit settings are SG0 = 0, SG1 = 1 and SL0x = 1. Only seven product terms are available to the OR gate. The eighth product term is used as the output enable. The feedback signal is the corresponding I/O signal.
Dedicated Input Configuration
The control bit settings are SG0 = 1, SG1 = 0 and SL0x = 1. The output buffer is disabled. Except for MC0 and MC7 the feedback signal is an adjacent I/O. For MC0 and MC7 the feedback signals are pins 1 and 11. These configurations are summarized in Table 1 and illustrated in Figure 2. Table 1. Macrocell Configuration
Registered Output Configuration
The control bit settings are SG0 = 0, SG1 = 1 and SL0x = 0. There is only one registered configuration. All eight product terms are available as inputs to the OR gate. Data polarity is determined by SL1x. The flip-flop is loaded on the LOW-to-HIGH transition of CLK. The feedback path is from Q on the register. The output buffer is enabled by OE.
Combinatorial Configurations
The PALCE16V8 has three combinatorial output configurations: dedicated output in a non-registered device, I/O in a non-registered device and I/O in a registered device.
SG0 SG1 SL0X Cell Configuration Devices Emulated Device Uses Registers 0 1 0 Registered Output PAL16R8, 16R6, 16R4 0 1 1 Combinatorial I/O PAL16R6, 16R4 Device Uses No Registers 1 0 0 Combinatorial PAL10H8, 12H6, Output 14H4, 16H2, 10L8, 12L6, 14L4, 16L2 1 0 1 Input PAL12H6, 14H4, 16H2, 12L6, 14L4, 16L2 1 1 1 Combinatorial I/O PAL16L8
Programmable Output Polarity
The polarity of each macrocell can be active-high or active-low, either to match output signal needs or to reduce product terms. Programmable polarity allows Boolean expressions to be written in their most compact form (true or inverted), and the output can still be of the desired polarity. It can also save "DeMorganizing" efforts. Selection is through a programmable bit SL1x which controls an exclusive-OR gate at the output of the AND/ OR logic. The output is active high if SL1x is 1 and active low if SL1x is 0.
Dedicated Output in a Non-Registered Device
The control bit settings are SG0 = 1, SG1 = 0 and SL0x = 0. All eight product terms are available to the OR gate. Although the macrocell is a dedicated output, the feedback is used, with the exception of pins 15 and 16. Pins 15 and 16 do not use feedback in this mode. Because CLK and OE are not used in a non-registered device, pins 1 and 11 are available as input signals. Pin 1 will 2-40
PALCE16V8 Family
AMD
OE OE
D CLK
Q Q CLK
D
Q Q
Registered Active Low
Registered Active High
Combinatorial I/O Active Low
Combinatorial I/O Active High
VCC
VCC
Note 1
Note 1
Combinatorial Output Active Low
Combinatorial Output Active High
Notes: 1. Feedback is not available on pins 15 and 16 in the combinatorial output mode. 2. This configuration is not available on pins 15 and 16.
Adjacent I/O pin Note 2
Dedicated Input Figure 2. Macrocell Configurations PALCE16V8 Family
16493D-5
2-41
AMD
Power-Up Reset
All flip-flops power up to a logic LOW for predictable system initialization. Outputs of the PALCE16V8 will depend on whether they are selected as registered or combinatorial. If registered is selected, the output will be HIGH. If combinatorial is selected, the output will be a function of the logic.
Programming and Erasing
The PALCE16V8 can be programmed on standard logic programmers. It also may be erased to reset a previously configured device back to its virgin state. Erasure is automatically performed by the programming hardware. No special erase operation is required.
Quality and Testability
The PALCE16V8 offers a very high level of built-in quality. The erasability of the device provides a direct means of verifying performance of all AC and DC parameters. In addition, this verifies complete programmability and functionality of the device to provide the highest programming yields and post-programming functional yields in the industry.
Register Preload
The register on the PALCE16V8 can be preloaded from the output pins to facilitate functional testing of complex state machine designs. This feature allows direct loading of arbitrary states, making it unnecessary to cycle through long test vector sequences to reach a desired state. In addition, transitions from illegal states can be verified by loading illegal states and observing proper recovery.
Technology
The high-speed PALCE16V8 is fabricated with AMD's advanced electrically erasable (EE) CMOS process. The array connections are formed with proven EE cells. Inputs and outputs are designed to be compatible with TTL devices. This technology provides strong input clamp diodes, output slew-rate control, and a grounded substrate for clean switching.
Security Bit
A security bit is provided on the PALCE16V8 as a deterrent to unauthorized copying of the array configuration patterns. Once programmed, this bit defeats readback and verification of the programmed pattern by a device programmer, securing proprietary designs from competitors. The bit can only be erased in conjunction with the array during an erase cycle.
PCI Compliance
The PALCE22V10H-7/10 is fully compliant with the PCI Local Bus Specification published by the PCI Special Interest Group. The PALCE22V10H-7/10's predictable timing ensures compliance with the PCI AC specifications independent of the design.
Electronic Signature Word
An electronic signature word is provided in the PALCE16V8 device. It consists of 64 bits of programmable memory that can contain user-defined data. The signature data is always available to the user independent of the security bit.
2-42
PALCE16V8 Family
AMD
LOGIC DIAGRAM
0 CLK/I 0 1 34 78 11 12 15 16 19 20 23 24 27 28 31
11 0X 10 VCC
11 10 00 01
20 V CC
0
SL0 7 SG1 11 0X D Q Q 10 11 0X SG0 SL0 7 10
19 I/O7
7 I1 2
SL1 7
11 0X 10 VCC
11 10 00 01
SL0 6
8
SG1
11 0X D Q Q 10 11 0X SG1 SL0 6 10
18 I/O6
15 I2 3
SL16
11 0X 10 VCC
11 10 00 01
SL0 5
16
SG1
11 0X D Q Q 10
17 I/O5
23
SL1 5
I3 4
SG1
10 11 0X SL0 5
11 0X 10 VCC
11 10 00 01
SL0 4
24
SG1
11 0X D Q Q 10
16 I/O4
31 I4 5
SL1 4 10 11 0X SG1 SL0 4
0
34
78
11 12 15 16 19 20 23 24 27 28
31
CLK OE
16493D-6
PALCE16V8 Family
2-43
AMD
LOGIC DIAGRAM (continued)
0 34 7 8 11 12 15 16 19 20 23 24 27 28 31
CLK OE
11 0X 10 VCC
11 10 00 01
32
SL0 3 SG1 11 0X D Q Q 10 11 0X SG1 SL0 3 10
15 I/O 3
39
SL1 3
I5 6
11 0X 10 VCC
11 10 00 01
SL0 2
40
SG1
11 0X D Q Q 10 11 0X SG1 SL0 2 10
14 I/O 2
47 I6 7
SL1 2
11 0X 10 VCC
11 10 00 01
SL0 1
48
SG1
11 0X D Q Q 10 11 0X SG1 SL0 1 10
13 I/O1
55 I7 8
SL1 1
11 0X 10 VCC
11 10 00 01
SL0 0
56
SG1
11 0X D Q Q 10 11 0X SG0 SL00 10
12 I/O 0
63 I8 9
SL1 0
11 OE/I 9
0 GND 10
34
78
11 12 15 16 19 20
23 24 27 28 31
16493D-6 (concluded)
2-44
PALCE16V8 Family
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V Latchup Current (TA = 0C to 75C) . . . . . . . . . . . . . . . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC (Static) Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA VCC = Min IOL = 24 mA VCC = Min VIN = VIH or VIL VIN = VIH or VIL 2.0 0.8 10 -100 10 -100 -30 -150 125 Min 2.4 0.5 Max Unit V V V V A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) VIN = 5.25 V, VCC = Max (Note 2) VIN = 0 V, VCC = Max (Note 2) VOUT = 5.25 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) Outputs Open (IOUT = 0 mA), VIN = 0 V VCC = Max
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
PALCE16V8H-5 (Com'l)
2-45
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Descriptions Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 5 8 Unit pF pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tSKEWR tWL tWH Clock Width Maximum Frequency (Note 3) OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output Skew Between Registered Outputs (Note 4) LOW HIGH External Feedback Internal Feedback (fCNT), No Feedback 1/(tS+tCO) 1/(tS+tCF) (Note 6) 1/(tWH+tWL) 3 3 142.8 166 166 1 1 2 2 6 5 6 5 Min (Note 5) 1 3 0 1 4 1 Max 5 Unit ns ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
fMAX
tPZX tPXZ tEA tER
Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 4. Skew testing takes into account pattern and switching direction differences between outputs that have equal loading. 5. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values therefore, minimum values are recommended for simulation purposes only. 6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
2-46
PALCE16V8H-5 (Com'l)
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 1.0 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 1.0 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V Latchup Current (TA = 0C to +75C) . . . . . . . . . . . . . . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . +4.75 V to +5.25 V
Operating Ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC (Dynamic) Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA VCC = Min IOL = 24 mA VCC = Min VIN = VIH or VIL VIN = VIH or VIL 2.0 0.8 10 -100 10 -100 -30 -150 115 Min 2.4 0.5 Max Unit V V V V A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) VIN = 5.5 V, VCC = Max (Note 2) VIN = 0 V, VCC = Max (Note 2) VOUT = 5.5 V, VCC = Max, VIN = VIL or VIH (Note 2) VOUT = 0 V, VCC = Max VIN = VIL or VIH (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) Outputs Open, (IOUT = 0 mA), VCC = Max, f = 25 MHz
Notes: 1. These are absolute values with respect to the device ground and all overshoots due to system and tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be tested at a time. Duration of the short-circuit test should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
PALCE16V8H-7 (Com'l)
2-47
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Descriptions Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 5 8 Unit pF pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tSKEWR tWL tWH fMAX tPZX tPXA tEA tER Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback Hold Time Clock to Output Skew Between Registered Outputs (Note 4) Clock Width Maximum Frequency (Note 3) LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback 1/(tS + tCO) 1/(tS + tCF) (Note 6) 1/(tWH + tWL) 4 4 100 125 125 1 1 3 3 6 6 9 9 8 Outputs Switching 1 Output Switching Min (Note 5) 3 3 5 0 1 5 1 Max 7.5 7 Unit ns ns ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control
Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 4. Skew testing takes into account pattern and switching direction differences between outputs that have equal loading. 5. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values therefore, minimum values are recommended for simulation purposes only. 6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
2-48
PALCE16V8H-7 (Com'l)
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V Latchup Current (TA = -40C to +85C) . . . . . . . . . . . . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . . . . +4.75 V to +5.25 V Industrial (I) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . -40C to +85C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC (Dynamic) Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Commercial Supply Current Industrial Supply Current Test Conditions IOH = -3.2 mA VCC = Min IOL = 24 mA VCC = Min VIN = VIH or VIL VIN = VIH or VIL 2.0 0.8 10 -100 10 -100 -30 -150 115 130 Min 2.4 0.5 Max Unit V V V V A A A A mA mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) VIN = 5.25 V, VCC = Max (Note 2) VIN = 0 V, VCC = Max (Note 2) VOUT = 5.25 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V VCC = Max (Note 3)
Outputs Open (IOUT = 0 mA) VCC = Max, f = 15 MHz
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
PALCE16V8H-10 (Com'l, Ind)
2-49
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Descriptions Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 5 8 Unit pF pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH Clock Width Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output LOW HIGH External Feedback fMAX Maximum Frequency (Note 3) OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control Internal Feedback (fCNT) No Feedback 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) Min (Note 4) 3 7.5 0 3 6 6 66.7 71.4 83.3 2 2 3 3 10 10 10 10 7.5 Max 10 Unit ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
tPZX tPXZ tEA tER
Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 4. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values therefore, minimum values are recommended for simulation purposes only. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
2-50
PALCE16V8H-10 (Com'l, Ind)
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . . -0.5 V to +7.0 V DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V Latchup Current (TA = 0C to 75C) . . . . . . . . . . . . . . . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current (Dynamic) Test Conditions IOH = -3.2 mA VCC = Min IOL = 24 mA VCC = Min VIN = VIH or VIL VIN = VIH or VIL 2.0 0.8 10 -100 10 -100 -30 -150 55 Min 2.4 0.5 Max Unit V V V V A A A A mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) VIN = 5.25 V, VCC = Max (Note 2) VIN = 0 V, VCC = Max (Note 2) VOUT = 5.25 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) Outputs Open (IOUT = 0 mA) VCC = Max, f = 15 MHz
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
PALCE16V8Q-10 (Com'l)
2-51
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Descriptions Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 5 8 Unit pF pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH Clock Width Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback 1/(tS + tCO) 1/(tS + tCF) (Note 5) 1/(tWH + tWL) Min (Note 4) 3 7.5 0 3 6 6 66.7 71.4 83.3 2 2 3 3 10 10 10 10 7.5 Max 10 Unit ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
fMAX
Maximum Frequency (Note 3) OE to Output Enable OE to Output Disable
tPZX tPXZ tEA tER
Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control
Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 4. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements may alter these values therefore, minimum values are recommended for simulation purposes only. 5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
2-52
PALCE16V8Q-10 (Com'l)
AMD
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied . . . . . . . . . . . . . -55C to +125C Supply Voltage with Respect to Ground . . . . . . . . . . . . -0.5 V to + 7.0 V DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V DC Output or I/O Pin Voltage . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V Latchup Current (TA = -40C to +85C) . . . . . . . . . . . . . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . . . 0C to +75C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . . . . +4.75 V to +5.25 V Industrial (I) Devices Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . -40C to +85C Supply Voltage (VCC) with Respect to Ground . . . . . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC (Dynamic) ICC (Dynamic) Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Commercial Supply Current Industrial Supply Current Test Conditions IOH = -3.2 mA VCC = Min IOL = 24 mA VCC = Min VIN = VIH or VIL VIN = VIH or VIL 2.0 0.8 10 -100 10 -100 -30 H Q H Q -150 90 55 130 65 Min 2.4 0.5 Max Unit V V V V A A A A mA mA mA
Guaranteed Input Logical HIGH Voltage for all Inputs (Note 1) Guaranteed Input Logical LOW Voltage for all Inputs (Note 1) VIN = 5.25 V, VCC = Max (Note 2) VIN = 0 V, VCC = Max (Note 2) VOUT = 5.25 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0 V, VCC = Max VIN = VIH or VIL (Note 2) VOUT = 0.5 V, VCC = Max (Note 3) Outputs Open (IOUT = 0 mA) VCC = Max, f = 15 MHz Outputs Open (IOUT = 0 mA) VCC = Max, f = 15 MHz
Notes: 1. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 3. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
PALCE16V8H-15/25, Q-15/25 (Com'l, Ind), Q-20 (Ind)
2-53
AMD
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Descriptions Input Capacitance Output Capacitance Test Conditions VIN = 2.0 V VOUT = 2.0 V VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 5 8 Unit pF pF
Note: 1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges (Note 2)
Parameter Symbol tPD tS tH tCO tWL tWH Maximum Frequency (Note 3) -15 Parameter Description Input or Feedback to Combinatorial Output Setup Time from Input or Feedback to Clock Hold Time Clock to Output Clock Width LOW HIGH External Feedback Internal Feedback (fCNT) No Feedback tPZX tPXZ tEA tER OE to Output Enable OE to Output Disable Input to Output Enable Using Product Term Control Input to Output Disable Using Product Term Control 1/(tS + tCO) 1/(tS + tCO) (Note 4) 1/(tWH + tWL) 8 8 45.5 50 62.5 15 15 15 15 12 0 10 10 10 41.6 45.4 50.0 18 18 18 18 Min Max 15 13 0 11 12 12 37 40 41.6 20 20 20 20 -20 Min Max 20 15 0 12 -25 Min Max 25 Unit ns ns ns ns ns ns MHz MHz MHz ns ns ns ns
fMAX
Notes: 2. See Switching Test Circuit for test conditions. 3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where frequency may be affected. 4. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation: tCF = 1/fMAX (internal feedback) - tS.
2-54
PALCE16V8H-15/25, Q-15/25 (Com'l, Ind), Q-20 (Ind)
AMD
SWITCHING WAVEFORMS
Input or Feedback tS tPD Combinatorial Output VT VT
16493D-7
Input or Feedback
VT tH
VT
Clock Registered Output
tCO VT
16493D-8
Combinatorial Output
Registered Output
Input tWH Clock tWL
16493D-9
VT tER tEA VOH - 0.5V VOL + 0.5V VT
VT
Output
16493D-10
Clock Width
Input to Output Disable/Enable
VT OE tPXZ Output VOH - 0.5V VOL + 0.5V tPZX VT
16493D-11
OE to Output Disable/Enable
Notes: 1. VT = 1.5 V 2. Input pulse amplitude 0 V to 3.0 V. 3. Input rise and fall times 2 ns - 5 ns typical.
PALCE16V8 Family
2-55
AMD
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Must be Steady May Change from H to L May Change from L to H Don't Care, Any Change Permitted Does Not Apply OUTPUTS Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is HighImpedance "Off" State
KS000010-PAL
SWITCHING TEST CIRCUIT
5V
S1
R1 Output R2 Test Point
CL
16493D-12
Commercial Specification tPD, tCO tEA tER S1 Closed Z H: Open Z L: Closed H Z: Open L Z: Closed 50 pF 5 pF 200 390 H-5: 200 CL R1 R2
Measured Output Value 1.5 V 1.5 V H Z: VOH - 0.5 V L Z: VOL + 0.5 V
2-56
PALCE16V8 Family
AMD
TYPICAL ICC CHARACTERISTICS VCC = 5 V, TA = 25C
150
125
16V8H-5
100
16V8H-7 ICC (mA) 75 16V8H-10 16V8H-15/25
50 16V8Q-10/15/25
25
0 0 10 20 30 40 50
16493D-13
Frequency (MHz)
ICC vs. Frequency
The selected "typical" pattern utilized 50% of the device resources. Half of the macrocells were programmed as registered, and the other half were programmed as combinatorial. Half of the available product terms were used for each macrocell. On any vector, half of the outputs were switching. By utilizing 50% of the device, a midpoint is defined for ICC. From this midpoint, a designer may scale the ICC graphs up or down to estimate the ICC requirements for a particular design.
PALCE16V8 Family
2-57
AMD
ENDURANCE CHARACTERISTICS
The PALCE16V8 is manufactured using AMD's advanced Electrically Erasable process. This technology uses an EE cell to replace the fuse link used in bipolar
Symbol tDR N Parameter Min Pattern Data Retention Time Min Reprogramming Cycles
parts. As a result, the device can be erased and reprogrammed--a feature which allows 100% testing at the factory.
Min 10 20 100 Unit Years Years Cycles
Test Conditions Max Storage Temperature Max Operating Temperature Normal Programming Conditions
2-58
PALCE16V8 Family
AMD
ROBUSTNESS FEATURES
PALCE16V8X-X/5 devices have some unique features that make them extremely robust, especially when operating in high-speed design environments. Pull-up resistors on inputs and I/O pins cause unconnected pins to default to a known state. Input clamping circuitry limits negative overshoot, eliminating the possibility of false
clocking caused by subsequent ringing. A special noise filter makes the programming circuitry completely insensitive to any positive overshoot that has a pulse width of less than about 100 ns for the /5 versions. Selected /4 devices are also being retrofitted with these robustness features. See chart below for device listings.
INPUT/OUTPUT EQUIVALENT SCHEMATICS FOR /5 VERSIONS AND SELECTED /4 VERSIONS*
VCC VCC
> 50 k
ESD Protection and Clamping
Programming Pins only
Programming Voltage Detection
Positive Overshoot Filter
Programming Circuitry
Typical Input
VCC
VCC
> 50 k
Provides ESD Protection and Clamping Preload Circuitry Feedback Input
Typical Output
16493D-14
*
Rev Letter Topside Marking: Filter Only Filter and Pullups AMD CMOS PLD's are marked on the top of the package in the PALCE16V8H-10 E, F, K L following manner: PALCE16V8H-15 D, E, F, G, I, J, K L, M PALCEXXXX Date Code (3 numbers) Lot ID (4 characters)- -(Rev. Letter) PALCE16V8Q-15 D, G, J M The Lot ID and Rev Letter are separated by two spaces. PALCE16V8H-25 D, G, J M Device PALCE16V8Q-25 D, G, J M
PALCE16V8 Family
2-59
AMD
POWER-UP RESET
The PALCE16V8 has been designed with the capability to reset during system power-up. Following power-up, all flip-flops will be reset to LOW. The output state will be HIGH independent of the logic polarity. This feature provides extra flexibility to the designer and is especially valuable in simplifying state machine initialization. A timing diagram and parameter table are shown below. Due to the synchronous operation of the power-up reset
Parameter Symbol tPR tS tWL Parameter Descriptions Power-Up Reset Time Input or Feedback Setup Time Clock Width LOW
and the wide range of ways VCC can rise to its steady state, two conditions are required to insure a valid power-up reset. These conditions are: The VCC rise must be monotonic. Following reset, the clock input must not be driven from LOW to HIGH until all applicable input and feedback setup times are met.
Min
Max 1000
Unit ns
See Switching Characteristics
4V Power
VCC tPR
Registered Output
tS
Clock
tWL
16493D-15
Power-Up Reset Waveform
2-60
PALCE16V8 Family
AMD
TYPICAL THERMAL CHARACTERISTICS /4 Devices (PALCE16V8H-10/4)
Measured at 25C ambient. These parameters are not tested.
Parameter Symbol jc ja jma Typ Parameter Description Thermal Impedance, Junction to Case Thermal Impedance, Junction to Ambient Thermal Impedance, Junction to Ambient with Air Flow 200 Ifpm air 400 Ifpm air 600 Ifpm air 800 Ifpm air PDIP 25 71 61 55 51 47 PLCC 22 64 55 51 47 45 Unit C/W C/W C/W C/W C/W C/W
/5 Devices (PALCE16V8H-7/5)
Measured at 25C ambient. These parameters are not tested.
Parameter Symbol jc ja jma Typ Parameter Description Thermal Impedance, Junction to Case Thermal Impedance, Junction to Ambient Thermal Impedance, Junction to Ambient with Air Flow 200 Ifpm air 400 Ifpm air 600 Ifpm air 800 Ifpm air PDIP 29 70 64 58 53 X PLCC 23 61 53 47 44 X Unit C/W C/W C/W C/W C/W C/W
Plastic jc Considerations The data listed for plastic jc are for reference only and are not recommended for use in calculating junction temperatures. The heat-flow paths in plastic-encapsulated devices are complex, making the jc measurement relative to a specific location on the package surface. Tests indicate this measurement reference point is directly below the die-attach area on the bottom center of the package. Furthermore, jc tests on packages are performed in a constant-temperature bath, keeping the package surface at a constant temperature. Therefore, the measurements can only be used in a similar environment.
PALCE16V8 Family
2-61


▲Up To Search▲   

 
Price & Availability of PALCE16V8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X