Part Number Hot Search : 
AN5070 NJM555V 2SC35 KRA727E 2SC5006 L7603 AXX49S SA12CA
Product Description
Full Text Search
 

To Download N74F64D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F64 4-2-3-2-input AND-OR-invert gate
Product specification IC15 Data Handbook 1996 Mar 14
Philips Semiconductors
Philips Semiconductors
Product specification
4-2-3-2-input AND-OR-invert gate
74F64
TYPE 74F64
TYPICAL PROPAGATION DELAY 4.0ns
TYPICAL SUPPLY CURRENT (TOTAL) 2.5mA
PIN CONFIGURATION
Dc Da Db 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC Dd De Df Dk Dj Q
ORDERING INFORMATION
DESCRIPTION 14-pin plastic DIP 14-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F64N N74F64D PKG. DWG. #
Dg Dh Di
SOT27-1 SOT108-1
GND
SF00094
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS Dn Q Data inputs Data output DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 50/33 LOAD VALUE HIGH/LOW 20A/0.6mA 1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
IEC/IEEE SYMBOL
2
& &
1
2
3
1
13
12
11
4
5
6
9
10
3 1 13 12
Da Db Dc
Dd
De
Df
Dg
Dh
Di
Dj
Dk
11 4
8
Q
&
5 6 9
8 VCC = Pin 14 GND = Pin 7
&
10
SF00095
SF00096
1996 Mar 14
2
853-0334 16574
Philips Semiconductors
Product specification
4-2-3-2-input AND-OR-invert gate
74F64
LOGIC DIAGRAM
Da Db Dc Dd De Df Dg Dh Di Dj Dk VCC = Pin 14 GND = Pin 7 2 3 1 13 12 11 8 4 5 6 9 10 Q
SF00097
FUNCTION TABLE
INPUTS Da H X X X Db H X X X Dc X H X X Dd X H X X De X H X X Df X H X X Dg X X H X Dh X X H X Di X X H X Dj X X X H Dk X X X H OUTPUT Q L L L L H
All other combinations NOTES: 1. H = High voltage level 2. L = Low voltage level 3. X = Don't care
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air temperature range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 -65 to +150 UNIT V V mA V mA C C
1996 Mar 14
3
Philips Semiconductors
Product specification
4-2-3-2-input AND-OR-invert gate
74F64
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIK IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Operating free-air temperature range 0 PARAMETER MIN 4.5 2.0 0.8 -18 -1 20 +70 NOM 5.0 MAX 5.5 V V V mA mA mA C UNIT
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 VCC = MIN, VIL = MAX VIH = MIN, IOH = MAX Low-level Low level output voltage Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 Supply current (total) ICCH ICCL VCC = MIN, VIL = MAX VIH = MIN, IOL = MAX VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX VCC = MAX VIN = GND VIN = 4.5V -60 1.9 3.1 10%VCC 5%VCC 10%VCC 5%VCC LIMITS MIN 2.5 2.7 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -150 2.8 4.7 TYP2 MAX UNIT V V V V V A A mA mA mA
VO OH
High-level High level output voltage
VO OL VIK II IIH IIL IOS ICC
mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
1996 Mar 14
4
Philips Semiconductors
Product specification
4-2-3-2-input AND-OR-invert gate
74F64
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION VCC = +5.0V Tamb = +25C CL = 50pF, RL = 500 MIN tPLH tPHL Propagation delay Dn to Q Waveform 1 2.5 2.0 TYP 4.6 3.2 MAX 6.0 4.5 VCC = +5.0V 10% Tamb = 0C to +70C CL = 50pF, RL = 500 MIN 2.5 2.0 MAX 7.0 5.5 ns UNIT
AC WAVEFORMS
For all waveforms, VM = 1.5V.
Dn
VM tPHL
VM tPLH
Q
VM
VM
SF00098
Waveform 1. Propagation Delay for Inverting Outputs
TEST CIRCUIT AND WAVEFORM
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
1996 Mar 14
5
Philips Semiconductors
Product specification
4-2-3-2 Input AND-OR Invert Gate
74F64
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1
1996 Mar 14
6
Philips Semiconductors
Product specification
4-2-3-2 Input AND-OR Invert Gate
74F64
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1996 Mar 14
7
Philips Semiconductors
Product specification
4-2-3-2-input AND-OR-invert gate
74F64
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 Philips Semiconductors and Philips Electronics North America Corporation register eligible circuits under the Semiconductor Chip Protection Act. (c) Copyright Philips Electronics North America Corporation 1996 All rights reserved. Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of N74F64D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X