Part Number Hot Search : 
BA540605 21A155M 74107 ASCF2 A2012 XC6215B A2012 00145
Product Description
Full Text Search
 

To Download MOC8101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC8101/D
MOC8101
[CTR = 50-80%] GlobalOptoisolatorTM
6-Pin DIP Optoisolators for Power Supply Applications (No Base Connection)
The MOC8101, MOC8102, MOC8103, MOC8104 and MOC8105 devices consist of a gallium arsenide LED optically coupled to a silicon phototransistor in a dual-in-line package. * Closely Matched Current Transfer Ratio (CTR) Minimizes Unit-to-Unit Variation * Narrow (CTR) Windows that translate to a Narrow and Predictable Open Loop Gain Window * Very Low Coupled Capacitance along with No Chip to Pin 6 Base Connection for Minimum Noise Susceptibility * To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option. Applications * Switchmode Power Supplies (Feedback Control) * AC Line/Digital Logic Isolation * Interfacing and coupling systems of different potentials and impedances MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Forward Current -- Continuous Forward Current -- Peak (PW = 100 s, 120 pps) Reverse Voltage LED Power Dissipation @ TA = 25C Derate above 25C OUTPUT TRANSISTOR Collector-Emitter Voltage Emitter-Collector Voltage Collector Current -- Continuous Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Input-Output Isolation Voltage(1) (f = 60 Hz, t = 1 sec.) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(2) Storage Temperature Range(2) Lead Soldering Temperature (1/16 from case, 10 sec. duration) VISO PD TA Tstg TL 7500 250 2.94 - 55 to +100 - 55 to +150 260 Vac(pk) mW mW/C C C C VCEO VECO IC PD 30 7 150 150 1.76 Volts Volts mA mW mW/C IF IF(pk) VR PD 60 1 6 120 1.41 mA A Symbol Value Unit
MOC8102
[CTR = 73-117%]
MOC8103
[CTR = 108-173%]
MOC8104
[CTR = 160-256%]
MOC8105 *
[CTR = 65-133%] *Motorola Preferred Device
STYLE 3 PLASTIC
6
1
STANDARD THRU HOLE CASE 730A-04
SCHEMATIC
1 Volts mW mW/C 2 3 PIN 1. 2. 3. 4. 5. 6. NC
NC
6 5 4
ANODE CATHODE NO CONNECTION EMITTER COLLECTOR NO CONNECTION
1. Input-Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc.
REV 1
Motorola Optoelectronics Device Data
1
MOC8101 MOC8102 MOC8103 MOC8104 MOC8105
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(1)
Characteristic INPUT LED Forward Voltage (IF = 10 mA) Reverse Leakage Current (VR = 5.0 V) Capacitance OUTPUT TRANSISTOR Collector-Emitter Dark Current (VCE = 10 V, TA = 25C) (VCE = 10 V, TA = 100C) Collector-Emitter Breakdown Voltage (IC = 1.0 mA) Emitter-Collector Breakdown Voltage (IE = 100 A) Collector-Emitter Capacitance (f = 1.0 MHz, VCE = 0) COUPLED Output Collector Current (IF = 10 mA, VCE = 10 V) MOC8101 MOC8102 MOC8103 MOC8104 MOC8105 IC (CTR)(2) 5.0 (50) 7.3 (73) 10.8 (108) 16 (160) 6.5 (65) -- -- -- -- -- 7500 1011 -- 6.5 (65) 9.0 (90) 14 (140) 20 (200) 10 (100) 0.15 7.5 5.7 3.2 4.7 -- -- 0.2 8.0 (80) 11.7 (117) 17.3 (173) 25.6 (256) 13.3 (133) 0.4 20 20 -- -- -- -- -- mA (%) ICEO1 ICEO2 V(BR)CEO V(BR)ECO CCE -- -- 30 7.0 -- 1.0 1.0 45 7.8 7.0 50 -- -- -- -- nA A V V pF VF IR C 1.0 -- -- 1.15 0.05 18 1.5 10 -- V A pF Symbol Min Typ(1) Max Unit
Collector-Emitter Saturation Voltage (IC = 500 A, IF = 5.0 mA) Turn-On Time (IC = 2.0 mA, VCC = 10 V, RL = 100 )(3) Turn-Off Time (IC = 2.0 mA, VCC = 10 V, RL = 100 )(3) Rise Time (IC = 2.0 mA, VCC = 10 V, RL = 100 )(3) Fall Time (IC = 2.0 mA, VCC = 10 V, RL = 100 )(3) Isolation Voltage (f = 60 Hz, t = 1.0 sec.)(4) Isolation Resistance (VI-O = 500 V)(4) Isolation Capacitance (VI-O = 0, f = 1.0 MHz)(4) 1. 2. 3. 4.
VCE(sat) ton toff tr tf VISO RISO CISO
V s s s s Vac(pk) pF
Always design to the specified minimum/maximum electrical limits (where applicable). Current Transfer Ratio (CTR) = IC/IF x 100%. For test circuit setup and waveforms, refer to Figure 7. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common.
TYPICAL CHARACTERISTICS
2 VF, FORWARD VOLTAGE (VOLTS) 1.8 PULSE ONLY PULSE OR DC I C , OUTPUT COLLECTOR CURRENT (NORMALIZED)
NORMALIZED TO: IF = 10 mA 1
1.6 1.4 TA = -55C 25C 100C 1 10 100 IF, LED FORWARD CURRENT (mA) 1000 1.2 1
0.1
0.01
0.5
1 2 5 10 20 IF, LED INPUT CURRENT (mA)
50
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
2
Motorola Optoelectronics Device Data
MOC8101 MOC8102 MOC8103 MOC8104 MOC8105
IC , OUTPUT COLLECTOR CURRENT (NORMALIZED) 10 7 5 2 1 0.7 0.5 0.2 0.1 -60 -40 -20 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100 NORMALIZED TO TA = 25C IC, OUTPUT COLLECTOR CURRENT (mA)
IF = 10 mA 20 MOC8104 16 12 8 4 0 0 1 MOC8103 MOC8105 MOC8102 MOC8101
2 3 4 5 6 7 8 9 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
Figure 3. Collector Current versus Collector-Emitter Voltage
ICEO, COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
Figure 4. Output Current versus Ambient Temperature
20
C, CAPACITANCE (pF)
100
NORMALIZED TO: VCE = 10 V TA = 25C
18 16 14 12 10 8 6 4 2
CLED
f = 1 MHz
10 VCE = 30 V 1 10 V 0 20 40 60 80 TA, AMBIENT TEMPERATURE (C) 100
CCE
0.1
0 0.05 0.1
0.2
0.5 1 2 5 V, VOLTAGE (VOLTS)
10
20
50
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Capacitance versus Voltage
TEST CIRCUIT
VCC = 10 V IF = 10 mA INPUT RL = 100 10% OUTPUT
WAVEFORMS
INPUT PULSE
OUTPUT PULSE 90% tr ton tf toff
Figure 7. Switching Time Test Circuit and Waveforms
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Motorola Optoelectronics Device Data
3
MOC8101 MOC8102 MOC8103 MOC8104 MOC8105
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 STYLE 3: PIN 1. 2. 3. 4. 5. 6. MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
ANODE CATHODE NC EMITTER COLLECTOR NC
CASE 730A-04 ISSUE G
-A-
6 1 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
-B-
3
S
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
DIM A B C D E F G H J K L S M
TB
M
A
B
M
CASE 730C-04 ISSUE D
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
*MOC8101/D*
Motorola OptoelectronicsMOC8101/D Device Data


▲Up To Search▲   

 
Price & Availability of MOC8101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X