Part Number Hot Search : 
NTE23 74AUP 54HC04 Z8F041A DTC123 2SC37 VR51B 01907
Product Description
Full Text Search
 

To Download MOC8101-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1
FEATURES
The MOC810X and CNY17F-X devices consist of a gallium arsenide LED optically coupled to a silicon phototransistor in a dual-in-line package. * Closely Matched Current Transfer Ratio (CTR) Minimizes Unit-to-Unit Variation * Narrow (CTR) Windows that Translate to a Narrow and Predictable Open Loop Gain Window * Very Low Coupled Capacitance along with No Chip to Pin 6 Base Connection for Minimum Noise Susceptibility * To order devices that are tested and marked per VDE 0884 requirements, the suffix ".300" must be included at the end of part number. e.g. MOC8101.300 VDE 0884 is a test option.
MOC8102 MOC8106 CNY17F-2
MOC8103 MOC8107 CNY17F-3
MOC8104 MOC8108 CNY17F-4
6 1
6
1
6 1
APPLICATIONS
* Switchmode Power Supplies (Feedback Control) * AC Line/Digital Logic Isolation * Interfacing and coupling systems of different potentials and impedances
ABSOLUTE MAXIMUM RATINGS
Parameter INPUT LED Forward Current - Continuous Forward Current - Peak (PW = 1s, 300pps) Reverse Voltage LED Power Dissipation @ TA = 25C Derate above 25C OUTPUT TRANSISTOR Collector-Emitter Voltage MOC8106/7/8, CNY17F-1/2/3/4 MOC8101/2/3/4/5 Emitter-Collector Voltage Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Input-Output Isolation Voltage(1) (f = 60 Hz, t = 1 min.) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range Storage Temperature Range Lead Soldering Temperature (1/16" from case, 10 sec. duration) NOTE
(TA =25C Unless otherwise specified) Symbol IF IF(pk) VR PD Value 100 1 6 140 1.33 Unit
1
SCHEMATIC
NC
6
mA A Volts mW mW/C
PIN 1. ANODE 2. CATHODE 3. NO CONNECTION 4. EMITTER 5. COLLECTOR 6. NO CONNECTION 3 NC 4 2 5
VCEO
70 30 7 200 2.67
Volts
VECO PD
Volts mW mW/C Vac(rms) mW mW/C C C C
VISO PD TOPR TSTG TSOL
5300 260 2.94 -55 to +100 -55 to +150 260
1. Input-Output Isolation Voltage,VISO, is an internal device dielectric breakdown rating.
2001 Fairchild Semiconductor Corporation DS300266 9/18/01
1 OF 10
www.fairchildsemi.com
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
ELECTRICAL CHARACTERISTICS
Characteristic INPUT LED Forward Voltage (IF = 60 mA) Reverse Leakage Current (VR = 5.0 V) Capacitance OUTPUT TRANSISTOR Collector-Emitter Dark Current Collector-Emitter Breakdown Voltage MOC8101/2/3/4/5 MOC8106/7/8, CNY17F-1/2/3/4 Emitter-Collector Breakdown Voltage Collector-Emitter Capacitance COUPLED
(TA =25C Unless otherwise specified)(1) Symbol VF IR C Min 1.0 -- -- -- -- 30 70 V(BR) ECO CCE 7.0 -- 50 73 108 160 65 (CTR)(2) 50 100 250 40 63 100 160 VCE(sat) VISO RISO CISO -- 5300 1011 -- Typ** 1.4 0.001 18 1.0 1.0 100 100 10 8 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0.5 Max 1.65 10 -- 50 -- -- -- -- -- 80 117 173 256 133 150 300 600 80 125 200 320 0.4 -- -- -- pF V Vac(rms) % V pF Unit V A pF nA A V
(VCE = 10 V, TA = 25C) (VCE = 10 V, TA = 100C) (IC = 1.0 mA) (IC = 1.0 mA) (IE = 100 A) (f = 1.0 MHz, VCE = 0) MOC8101 MOC8102 MOC8103 MOC8104 MOC8105 MOC8106 MOC8107 MOC8108 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4
ICEO1 ICEO2 V(BR) CEO
Output Collector Current (IF = 10 mA, VCE = 10 V)
(IF = 10 mA, VCE = 5 V)
Collector-Emitter Saturation Voltage CNY17F-1/2/3/4 MOC8101/2/3/4/5/6/7/8 Isolation Voltage Isolation Resistance Isolation Capacitance ** All typicals at TA = 25C (IC = 2.5 mA, IF = 10 mA) (IC = 500 A, IF = 5.0 mA) (f = 60 Hz, t = 1.0 min.)(4) (VI-O = 500 V)(4) (VI-O = 0, f = 1.0 MHz)(4)
www.fairchildsemi.com
2 OF 10
9/18/01
DS300266
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
TRANSFER CHARACTERISTICS
AC Characteristic NON-SATURATED SWITCHING TIME Turn-on Time Turn-off Time Turn-On Time All Devices Turn-Off Time All Devices Rise Time All Devices Fall Time All Devices Turn-on Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Rise Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Turn-off Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 Fall Time CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 ** All typicals at TA = 25C CNY17F-1/2/3/4 Only CNY17F-1/2/3/4 Only
(TA =25C Unless otherwise specified) Test Conditions (RL = 100 , IC = 2 mA) (VCC = 10 V) )(3) )(3) )(3) )(3) Symbol ton toff ton toff tr tf Min -- -- -- -- -- -- Typ** 2 3 2 3 1 2 Max 10 10 -- s -- -- s -- Unit s
(IC = 2.0 mA, VCC = 10 V, RL = 100 (IC = 2.0 mA, VCC = 10 V, RL = 100 (IC = 2.0 mA, VCC = 10 V, RL = 100 (IC = 2.0 mA, VCC = 10 V, RL = 100
SATURATED SWITCHING TIMES (IF = 20 mA, VCE = 0.4 V) ton (IF = 10 mA, VCE = 0.4 V) -- -- 8.0 -- -- 5.5 s
(IF = 20 mA, VCE = 0.4 V) tr (IF = 10 mA, VCE = 0.4 V)
--
--
4.0 s
--
--
6.0
(IF = 20 mA, VCE = 0.4 V) toff (IF = 10 mA, VCE = 0.4 V)
--
--
34 s
--
--
39
(IF = 20 mA, VCE = 0.4 V) tf (IF = 10 mA, VCE = 0.4 V)
--
--
20 s
--
--
24
NOTES: 1. Always design to the specified minimum/maximum electrical limits (where applicable). 2. Current Transfer Ratio (CTR) = IC/IF x 100%. 3. For test circuit setup and waveforms, refer to Figure 7. 4, For this test, Pins 1 and 2 are common, and Pins 4 are 5 are common.
DS300266
9/18/01
3 OF 10
www.fairchildsemi.com
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
TYPICAL PERFORMANCE CURVES
Fig. 1 LED Forward Voltage vs. Forward Current
1.8 1.4 TA = 25C VCE = 5.0 V 1.2 Normalized to IF = 10 mA
Fig. 2 Normalized CTR vs. Forward Current
1.7
VF - FORWARD VOLTAGE (V)
1.6 1.0 1.5 TA = 55C 1.4
NORMALIZED CTR
100
0.8
0.6
1.3
1.2 TA = 25C 1.1 TA = 100C 1.0 1 10
0.4
0.2
0.0 0 5 10 15 20
IF - LED FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
Fig. 3 Normalized CTR vs. Ambient Temperature
1.6 1.0 0.9 1.4 IF = 5 mA 0.8
Fig. 4 CTR vs. RBE (Saturated)
NORMALIZED CTR
NORMALIZED CTR
1.2 IF = 10 mA 1.0
0.7 0.6 0.5 0.4 0.3
IF = 20 mA
IF = 10 mA
0.8 IF = 20 mA 0.6 Normalized to IF = 10 mA TA = 25C -50 -25 0 25 50 75
o
IF = 5 mA 0.2 0.1 0.0 100 125 10 100 1000 TA = 25C VCE = 0.3 V Normalized to CTR @ RBE = Open
0.4 -75
TA - AMBIENT TEMPERATURE (C)
RBE - BASE RESISTANCE (k)
www.fairchildsemi.com
4 OF 10
9/18/01
DS300266
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
Fig. 5 CTR vs. RBE (Unsaturated)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA IF = 20 mA
VCE (sat) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
Fig. 6 Collector Emitter Saturation Voltage vs Collector Current
100
10
NORMALIZED CTR
1 IF = 2.5 mA 0.1
TA = 25C VCE = 5.0 V Normalized to CTR @ RBE = Open
0.01 IF = 5 mA TA = 25C 0.001 0.01 0.1 1 IF = 10 mA
IF = 20 mA
10
RBE - BASE RESISTANCE (k)
IC - COLLECTOR CURRENT (mA)
Fig. 7 Normalized ton vs. RBE
6.0 5.5 5.0 4.5 1.4 1.3 1.2 1.1 1.0
Fig. 8 Normalized toff vs. RBE
VCC = 10 V IC = 2 mA RL = 100 Normalized to toff@ RBE = Open
NORMALIZED ton
NORMALIZED toff
VCC = 10 V IC = 2 mA RL = 100 Normalized to ton@ RBE = Open 10 100 1000 10000
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 10 100 1000 10000
RBE - BASE RESISTANCE (k)
RBE - BASE RESISTANCE (k)
DS300266
9/18/01
5 OF 10
www.fairchildsemi.com
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
Fig. 9 Switching Speed vs. Load Resistor
1000 IF = 10 mA VCC = 10 V TA = 25C 1e+1
Fig. 10 Dark current vs. Ambient Temperature.
ICEO - COLLECTOR-EMITTER DARK CURRENT (A)
1e+0
VCE = 10V
SWITCHING SPEED - (s)
100
1e-1
Toff Tf 10
1e-2
1e-3
Ton 1 Tr
1e-4
1e-5
0.1 0.1 1 10 100
1e-6 0 25 50 75 100 125
R-LOAD RESISTOR (k)
TA - AMBIENT TEMPERATURE (C)
www.fairchildsemi.com
6 OF 10
9/18/01
DS300266
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
Figure 7. Switching Time Test Circuit and Waveforms
TEST CIRCUIT
VCC = 10V
WAVE FORMS
INPUT PULSE
IF INPUT
IC
RL = 100
10% 90% tr ton tf toff OUTPUT PULSE
OUTPUT
Adjust IF to produce IC = 2 mA
DS300266
9/18/01
7 OF 10
www.fairchildsemi.com
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
Package Dimensions (Through Hole)
PIN 1 ID.
Package Dimensions (Surface Mount)
0.350 (8.89) 0.330 (8.38)
3 0.270 (6.86) 0.240 (6.10)
2
1
PIN 1 ID.
0.270 (6.86) 0.240 (6.10)
SEATING PLANE
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
4
5
6
0.070 (1.78) 0.045 (1.14)
0.300 (7.62) TYP
0.200 (5.08) 0.135 (3.43)
0.200 (5.08) 0.165 (4.18) 0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20) 0.022 (0.56) 0.016 (0.41) 0.300 (7.62) TYP 0.020 (0.51) MIN 0.100 (2.54) TYP
0.016 (0.41) 0.008 (0.20)
0.154 (3.90) 0.100 (2.54)
0.016 (0.40) MIN 0.315 (8.00) MIN 0.405 (10.30) MAX
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
Lead Coplanarity : 0.004 (0.10) MAX
Package Dimensions (0.4"Lead Spacing)
Recommended Pad Layout for Surface Mount Leadform
0.270 (6.86) 0.240 (6.10)
0.070 (1.78)
0.060 (1.52)
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
0.415 (10.54)
0.100 (2.54) 0.030 (0.76)
SEATING PLANE
0.295 (7.49)
0.200 (5.08) 0.135 (3.43)
0.154 (3.90) 0.100 (2.54)
0.004 (0.10) MIN
0.016 (0.40) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15 0.400 (10.16) TYP
NOTE All dimensions are in inches (millimeters)
www.fairchildsemi.com
8 OF 10
9/18/01
DS300266
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1
ORDERING INFORMATION
Option
S SD W 300 300W 3S 3SD
MOC8102 MOC8106 CNY17F-2
MOC8103 MOC8107 CNY17F-3
MOC8104 MOC8108 CNY17F-4
Order Entry Identifier
.S .SD .W .300 .300W .3S .3SD
Description
Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
QT Carrier Tape Specifications ("D" Taping Orientation)
12.0 0.1 4.85 0.20 4.0 0.1 0.30 0.05 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 16.0 0.3 9.55 0.20
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
NOTE All dimensions are in inches (millimeters)
DS300266
9/18/01
9 OF 10
www.fairchildsemi.com
6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 MOC8105 CNY17F-1 MOC8102 MOC8106 CNY17F-2 MOC8103 MOC8107 CNY17F-3 MOC8104 MOC8108 CNY17F-4
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
10 OF 10
9/18/01
DS300266


▲Up To Search▲   

 
Price & Availability of MOC8101-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X