Part Number Hot Search : 
C5571 2SA1179N C1300 T113031 BE100 1N23DR LC72349 VUO62
Product Description
Full Text Search
 

To Download MMBD301L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
These devices are designed primarily for high-efficiency UHF and VHF detector applications.They are readily adaptable to many other fast switching RF and digital applications.They are supplied in an inexpensive plastic package for low-cost, high-volume consumer and industrial/commercial requirements.They are also available in a Surface Mount package.
MMBD301LT1
30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
* EXtremely Low Minority Carrier Lifetime -15ps(Typ) * very Low Capacitance -1.5pF(Max)@VR=15V * CLow Reverse Leakage -IR=13 nAdc(Typ)MBD301,MMBD301
1 2 3
3 CATHODE
1 ANODE
CASE 318-08, STYLE 6 SOT- 23 (TO-236AB)
MAXIMUM RATINGS(TJ=125C unless otherwise noted)
MBD301 MMBD301LT1 Rating symbol value unit Reverse Voltage VR 30 Volts Forward Power Dissipation PF @TA=25 C 280 200 mW Derate above 25 C 2.8 2.0 mW/ C Operating Junction TJ C Temperature Range -55 to +125 Storage Temperature Range T stg -55 to +150 C DEVICE MARKING MMBD301LT1=4T ELECTRICAL CHARACTERISTICS(T A=25 C unless otherwise noted) Characteristic Symbol Min Typ Reverse Breakdown Voltage(IR=10A) Total Capacitance(VR=15V,f=1.0MHz,)Figure1 Reverse Leakage(VR=25V)Figure3 Forward Voltage(IF=1.0mAdc)Figure4 Forward Voltage(IF=10mAdc)Figure4 V (BR)R CT IR V V
F F
Max -- 1.5 200 0.45 0.6
Unit Volts pF
30 -- -- -- --
-- 0.9 13 0.38 0.52
nAdc
Vdc Vdc
NOTE:MMBD301LT1 is also available in bulk packaging.Use MMBD301L as the device title to order this device in bulk.
G16-1/2
LESHAN RADIO COMPANY, LTD.
MMBD301LT1
TYPICAL ELECTRICAL CHARACTERISTICS
2.8
f =1.0MHz
2.4 2.0 1.6 1.2 0.8 0.4 0 0 3.0 6.0 9.0 12 15 18 21 24 27 30
, MINORITY CARRIER LIFETIME (ps)
500
C T , TOTAL CAPACITANCE (pF)
400
KRAKAUER METHOD
300
200
100
0 0 10 20 30 40 50 60 70 80 90 100
V R , REVERSE VOLTAGE (VOLTS)
I F , FORWARD CURRENT (mA)
Figure 1. Total Capacitance
10 100
Figure 2. Minority Carrier Lifetime
I R, REVERSE LEAKAGE ( A)
T A = 100C
1.0
I F , FORWARD CURRENT (mA)
10
75C
0.1
T A = 85C
T A= -40C
1.0
0.01
25C
T A = 25C
0.001 0 6.0 12 18 24 30
0.1 0.2 0.4 0.6 0.8 1.0 1.2
V R , REVERSE VOLTAGE (VOLTS)
V F , FORWARD VOLTAGE (VOLTS)
Figure 3. Reverse Leakage
Figure 4. Forward Voltage
I F(PEAK)
CAPACITIVE CONDUCTION
I R(PEAK) FORWARD CONDUCTION STORAGE CONDUCTION
SINUSOIDAL GENERATOR
BALLAST NETWORK (PADS) DUT
PADS
SAMPLING OSCILLOSCOPE (50 INPUT)
Figure 5. Krakauer Method of Measuring Lifetime
G16-2/2


▲Up To Search▲   

 
Price & Availability of MMBD301L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X