Part Number Hot Search : 
3045C AT24C SPC56 2SK306 HFMD1685 CG2800 EZ36D 038611
Product Description
Full Text Search
 

To Download MMAD1107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax: (480) 947-1503
MMAD1107
Switching Diode Array
FEATURES
* * * Dual 8 Diode Array SOIC 14 pin Surface Mount Package UL 94V-0 Flammability Classification
MECHANICAL
* * * * Molded SOIC 14 Pin Weight: 0.127 grams (approximate) Marking: Logo, device number, date code Pin #1 defined by DOT on top of package CIRCUIT DIAGRAM
MAXIMUM RATINGS
* * * * * * * * * * * Operating Temperatures: -550C to +1500C Storage Temperature: -550C to +1500C Forward Surge Current: 2.0 Amps (8.3 mS) Minimum Breakdown Voltage V (BR): 90V Working Peak Reverse Voltage V RWM: 75V Continuous forward current I F: 400 mA Power dissipation (P D): 500 mW Derating factor: 4.0 mW/C
PACKAGING
Tape & Reel EIA Standard 481 13 inch reel 2,500 pieces (OPTIONAL) Carrier tube 55 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS @ 250C Unless otherwise specified
Part Number V(BR) @100A V MIN MMAD1107 90 VRWM V MAX 75 IR +25C A MAX .200 @ VR 20 IR +150C A MAX .300 @ VR 20 CAP @0V pF MAX 4.0 VF @If = 10mA V MAX 1.00 VF @If = 100mA V MAX 1.20
INCHES DIM A B C D F G J K L P MIN 0.336 0.150 0.053 0.011 0.016 0.050 BSC 0.006 0.004 0.189 0.228 0.010 0.010 0.206 0.244 MAX 0.344 0.158 0.069 0.021 0.050
MILLIMETERS MIN 8.53 3.81 1.35 0.28 0.41 1.27 BSC 0.15 0.10 4.80 5.79 0.25 0.20 5.23 6.19 MAX 8.74 4.01 1.75 0.53 1.27
MSC0907.PDF
ISO 9001 CERTIFIED
REV H 7/05/2000


▲Up To Search▲   

 
Price & Availability of MMAD1107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X