Part Number Hot Search : 
1SMU511 AP883 D6432 600ETT QH7938 4N60C NTE3056 2N3722
Product Description
Full Text Search
 

To Download MM74HCT240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HCT240 * MM74HCT244 Inverting Octal 3-STATE Buffer * Octal 3-STATE Buffer
February 1984 Revised July 1999
MM74HCT240 * MM74HCT244 Inverting Octal 3-STATE Buffer * Octal 3-STATE Buffer
General Description
The MM74HCT240 and MM74HCT244 3-STATE buffers utilize advanced silicon-gate CMOS technology and are general purpose high speed inverting and non-inverting buffers. They possess high drive current outputs which enable high speed operation even when driving large bus capacitances. These circuits achieve speeds comparable to low power Schottky devices, while retaining the low power consumption of CMOS. All three devices are TTL input compatible and have a fanout of 15 LS-TTL equivalent inputs. MM74HCT devices are intended to interface between TTL and NMOS components and standard CMOS devices. These parts are also plug-in replacements for LS-TTL devices and can be used to reduce power consumption in existing designs. The MM74HCT240 is an inverting buffer and the MM74HCT244 is a non-inverting buffer. Each device has two active low enables (1G and 2G), and each enable independently controls 4 buffers. All inputs are protected from damage due to static discharge by diodes to VCC and Ground.
Features
s TTL input compatible s Typical propagation delay: 14 ns s 3-STATE outputs for connection to system buses s Low quiescent current: 80 A s High output drive current: 6 mA (min)
Ordering Code:
Order Number MM74HCT240WM MM74HCT240SJ MM74HCT240MTC MM74HCT240N MM74HCT244WM MM74HCT244SJ MM74HCT244MTC MM74HCT244N Package Number M20B M20D MTC20 N20A M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View MM74HCT240
Top View MM74HCT244
(c) 1999 Fairchild Semiconductor Corporation
DS005365
www.fairchildsemi.com
MM74HCT240 * MM74HCT244
Truth Tables
MM74HCT240 1G L L H H
H = HIGH Level L = LOW Level Z = High Impedance
MM74HCT244 2A L H L H 2Y H L Z Z 1G L L H H 1A L H L H 1Y L H Z Z 2G L L H H 2A L H L H 2Y L H Z Z
1A L H L H
1Y H L Z Z
2G L L H H
Logic Diagrams
MM74HCT240 MM74HCT244
www.fairchildsemi.com
2
MM74HCT240 * MM74HCT244
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW -0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 35 mA 70 mA -65C to +150C
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) 500 ns
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
Max 5.5 VCC +85
Units V V C
4.5 0 -40
DC Electrical Characteristics
VCC = 5V 10% (unless otherwise specified) Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VIN-EE = VIH or VIL |IOUT | = 20 A |IOUT | = 6.0 mA, VCC = 4.5V |IOUT | = 7.2 mA, VCC = 5.5V VOL Maximum LOW Level Voltage VIN = VIH or VIL |IOUT | = 20 A |IOUT | = 6.0 mA, VCC = 4.5V |IOUT | = 7.2 mA, VCC = 5.5V IIN IOZ Maximum Input Current Maximum 3-STATE Output Leakage Current ICC Maximum Quiescent Supply Current VIN = VCC or GND, VIH or VIL VOUT = VCC or GND G = VIH G = VIL VIN = VCC or GND IOUT = 0 A VIN = 2.4V or 0.5V (Note 4)
Note 4: Measured per input. All other inputs at VCC or GND.
Conditions
TA = 25C Typ 2.0 0.8
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 2.0 0.8 2.0 0.8
Units V V
VCC 4.2 5.2 0 0.2 0.2
VCC-0.1 3.98 4.98 0.1 0.26 0.26 0.05 0.25
VCC-0.1 3.84 4.84 0.1 0.33 0.33 0.5 2.5
VCC-0.1 3.7 4.7 0.1 0.4 0.4 1.0 10
V V V V V V A A
4.0 0.6 1.0
40 1.3
160 1.5
A mA
3
www.fairchildsemi.com
MM74HCT240 * MM74HCT244
AC Electrical Characteristics
MM74HCT240, MM74HCT244 VCC = 5.0V, tr = tf = 6 ns, TA = 25C (unless otherwise specified) Symbol tPHL, tPLH tPZL, tPZH tPLZ, tPHZ Parameter Maximum Output Propagation Delay Maximum Output Enable Time Maximum Output Disable Time CL = 45 pF RL = 1 k CL = 5 pF RL = 1 k 16 25 ns 20 30 ns CL = 45 pF Conditions Typ 14 Guaranteed Limits 18 Units ns
AC Electrical Characteristics
MM74HCT240, MM74HCT244 VCC = 5.0V 10%, tr = tf = 6 ns (unless otherwise specified) Symbol tPHL, tPLH tPZH, tPZL tPHZ, tPLZ tTHL, tTLH CIN COUT CPD Parameter Maximum Output Propagation Delay Maximum Output Enable Time Maximum Output Disable Time Maximum Output Rise and Fall Time Maximum Input Capacitance Maximum Output Capacitance Power Dissipation Capacitance (Note 5) (per buffer) G = V CC, G = GND G = GND, G = VCC 5 90 pF pF 15 20 20 20 pF 10 15 15 15 pF RL = 1 k CL = 50 pF CL = 50 pF 6 12 15 18 ns Conditions CL = 50 pF CL = 150 pF RL = 1 k CL = 50 pF CL = 150 pF TA = 25C Typ 14 20 21 26 16 20 28 30 42 25 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 25 35 38 53 32 30 42 45 63 38 Units ns ns ns ns ns
Note 5: CPD determines the no load dynamic power consumption, PD = C PD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + I CC.
www.fairchildsemi.com
4
MM74HCT240 * MM74HCT244
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D 5 www.fairchildsemi.com
MM74HCT240 * MM74HCT244
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
www.fairchildsemi.com
6
MM74HCT240 * MM74HCT244 Inverting Octal 3-STATE Buffer * Octal 3-STATE Buffer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HCT240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X