Part Number Hot Search : 
MHW9206N CJF45H11 CO41805 133BG N5120 TTB001 STDP6026 73CWPT
Product Description
Full Text Search
 

To Download MM002-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2830 S. Fairview St. Santa Ana, CA 92704 PH: (714) 979-8220 FAX: (714) 966-5256
Features
* Available in standard switching (low VF) as MM002-xx or ultrafast switching as MM002-xxU * Compact and rugged construction offering weight and space savings * Available with PC board solderable pins (see mechanical outline below) or threaded terminals (add " suffix to part number, see option below) T" * HPM (Hermetic Power Module) * Isolation voltage capability (in reference to the base) in excess of 3kV * Very low thermal resistance * Thermally matched construction provides excellent temperature and power cycling capability * Additional voltage ratings or terminations available upon request
MM002-XX SERIES
600- 800 -1000 Volts 150 Amps 80 nsec to 5 sec 3 PHASE DIODE BRIDGE
Maximum Ratings per leg @ 25 (unless otherwise specified) C
PART NUMBER Peak Repetitive Reverse Voltage, VRRM Peak Working Reverse Voltage, VRWM DC Reverse Blocking Voltage, VR Average Forward Current, IO Non-Repetitive Peak Surge Current, IFSM MM002-06 600 V MM002-08 800 V MM002-10 1000 V
MM002-XX MM002-XXU Operating and Storage Junction Temperature Range Thermal resistance, junction to base per diode per module
50 A 350 A 200 A -55 to C +175 C 1.5 C/W max 1 C/W typ. 0.3 C/W max.
50 A 350 A 175 A -55 to C +175 C 1.5 C/W max 1 C/W typ. 0.3 C/W max.
50 A 350 A 175 A -55 to C +175 C 1.5 C/W max 1 C/W typ. 0.3 C/W max
Mechanical Outline
Datasheet# MSC0325A
MM002-XX SERIES
Electrical Parameters per leg @ 25 (unless otherwise specified) C
DESCRIPTION SYMBOL CONDITIONS MIN TYP. MAX UNIT
Reverse Current,
Reverse Current,
MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U MM002-06 MM002-08 MM002-10 MM002-06U MM002-08U MM002-10U
IR1
IR2
Forward Voltage,
VF1
VR= 600 V VR= 800 V VR= 1000 V VR= 600 V VR= 800 V VR= 1000 V VR= 600 V, TA= 100 C VR= 800 V, TA= 100 C VR= 1000 V, TA= 100 C VR= 600 V, TA= 100 C VR= 800 V, TA= 100 C VR= 1000 V, TA= 100 C IF = 5 A
10 10 10 50 50 50 5 5 5 5 5 5 0.95 0.95 1.0 1.0 1.0 1.25 1.5 1.5 2.1 1.7 1.7 3 1.05 1.05 1.1 1.1 1.1 1.35 5 5 5 60 60 80 550 550 250 550 550 250
A
mA
V
Forward Voltage,
VF2
IF= 50 A
V
Forward Voltage,
VF3
IF= 5 A, TA= -55 C
V
Reverse Recovery Time
trr
IF= 0.5 A; IR= 1 A; IR(rec)= 0.25A
sec
nsec
Junction Capacitance
Cj
VR= 10 Vdc; f= 1 MHz; Vsig= 50 mV(pp) ,max
pF
Notes
(1) Pulse test, t 300 s, duty cycle 2%


▲Up To Search▲   

 
Price & Availability of MM002-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X