Part Number Hot Search : 
1100S TTDLF BDT29AF 6KE30A AQV414A 1N4002 1N4002 SR6D4040
Product Description
Full Text Search
 

To Download MC74HC4020A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HC4020A 14-Stage Binary Ripple Counter
High-Performance Silicon-Gate CMOS
The MC74C4020A is identical in pinout to the standard CMOS MC14020B. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs. This device consists of 14 master-slave flip-flops with 12 stages brought out to pins. The output of each flip-flop feeds the next and the frequency at each output is half of that of the preceding one. Reset is asynchronous and active-high. State changes of the Q outputs do not occur simultaneously because of internal ripple delays. Therefore, decoded output signals are subject to decoding spikes and may have to be gated with the Clock of the HC4020A for some designs.
http://onsemi.com MARKING DIAGRAMS
16
16 1
PDIP-16 N SUFFIX CASE 648
MC74HC4020AN AWLYYWW 1 16
* * * * * * *
Output Drive Capability: 10 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2 to 6 V Low Input Current: 1 A High Noise Immunity Characteristic of CMOS Devices In Compliance With JEDEC Standard No. 7A Requirements Chip Complexity: 398 FETs or 99.5 Equivalent Gates
LOGIC DIAGRAM
9 7 5 4 Clock 10 6 13 12 14 15 1 2 3 Reset VCC 16 11 Q1 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 Q13 Q14
16 1
SO-16 D SUFFIX CASE 751B 1
HC4020A AWLYWW
16 TSSOP-16 DT SUFFIX CASE 948F 1 A WL YY WW = Assembly Location = Wafer Lot = Year = Work Week HC40 20A ALYW
16 1
FUNCTION TABLE
Clock Reset L L H Output State No Charge Advance to Next State All Outputs Are Low
X
ORDERING INFORMATION
Device MC74HC4020AN Q1 9 Package PDIP-16 SOIC-16 SOIC-16 TSSOP-16 TSSOP-16 Shipping 2000 / Box 48 / Rail 2500 / Reel 96 / Rail 2500 / Reel
Pin 16 = VCC Pin 8 = GND Q10 14 Q8 13 Q9 12 Reset Clock 11 10
Q11 15
MC74HC4020AD MC74HC4020ADR2 MC74HC4020ADT
Pinout: 16-Lead Plastic Package (Top View)
1 Q12 2 Q13 3 Q14 4 Q6 5 Q5 6 Q7 7 Q4 8 GND
MC74HC4020ADTR2
(c) Semiconductor Components Industries, LLC, 2000
1
March, 2000 - Rev. 2
Publication Order Number: MC74HC4020A/D
MC74HC4020A
IIIIIIIIIIIIIIIIIIII II I IIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIII II I II I I III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I III II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
SymbolIIIIIIIIIIIIII Parameter VCC Vin DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) Value Unit - 0.5 to + 7.0III V V V - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 25 50 750 500 450 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air Plastic DIP SOIC Package TSSOP Package mW Tstg TL Storage Temperature Range - 65 to + 150 260
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
v
v
_C _C
Lead Temperature, 1 mm from Case for 10 Seconds Plastic DIP, SOIC or TSSOP Package
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
IIII I I I I IIIIIIIIIIIIIIIIIIIII I IIII II IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I IIII I II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I
Symbol VCC Parameter Min 2.0 0 Max 6.0 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature Range, All Package Types Input Rise/Fall Time (Figure 1) VCC - 55 0 0 0 0 + 125 1000 600 500 400
RECOMMENDED OPERATING CONDITIONS
_C
ns
tr, tf
VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 6.0 V
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol VIH
Parameter Minimum High-Level Input Voltage
Condition Vout = 0.1V or VCC -0.1V |Iout| 20A
VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0
Guaranteed Limit -55 to 25C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 85C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 125C 1.50 2.10 3.15 4.20 0.50 0.90 1.35 1.80 1.9 4.4 5.9 2.20 3.70 5.20 0.1 0.1 0.1 0.40 0.40 0.40 V Unit V
VIL
Maximum Low-Level Input Voltage
Vout = 0.1V or VCC - 0.1V |Iout| 20A
V
VOH
Minimum High-Level Output Voltage
Vin = VIH or VIL |Iout| 20A Vin =VIH or VIL |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA
V
3.0 4.5 6.0 2.0 4.5 6.0
VOL
Maximum Low-Level Output Voltage
Vin = VIH or VIL |Iout| 20A Vin = VIH or VIL |Iout| 2.4mA |Iout| 4.0mA |Iout| 5.2mA
3.0 4.5 6.0
http://onsemi.com
2
MC74HC4020A
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol Iin ICC Parameter Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Condition Vin = VCC or GND Vin = VCC or GND Iout = 0A VCC V 6.0 6.0 Guaranteed Limit -55 to 25C 0.1 4 85C 1.0 40 125C 1.0 160 Unit A A
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol fmax Parameter Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 10 15 30 50 96 63 31 25 45 30 30 26 69 40 17 14 75 27 15 13 10 85C 9.0 14 28 50 106 71 36 30 52 36 35 32 80 45 21 15 95 32 19 15 10 125C 8.0 12 25 40 115 88 40 35 65 40 40 35 90 50 28 22 110 36 22 19 10 Unit MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q1* (Figures 1 and 4)
ns
tPHL
Maximum Propagation Delay, Reset to Any Q (Figures 2 and 4)
ns
tPLH, tPHL
Maximum Propagation Delay, Qn to Qn+1 (Figures 3 and 4)
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output (Figures 1 and 4)
ns
Cin
Maximum Input Capacitance
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D). * For TA = 25C and CL = 50 pF, typical propagation delay from Clock to other Q outputs may be calculated with the following equations: VCC = 2.0 V: tP = [93.7 + 59.3 (n-1)] ns VCC = 4.5 V: tP = [30.25 + 14.6 (n-1)] ns VCC = 3.0 V: tP = [61.5 + 34.4 (n-1)] ns VCC = 6.0 V: tP = [24.4 + 12 (n-1)] ns Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Package)* 38 pF * Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
http://onsemi.com
3
MC74HC4020A
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol trec Parameter Minimum Recovery Time, Reset Inactive to Clock (Figure 2) VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 Guaranteed Limit -55 to 25C 30 20 5 4 70 40 15 13 70 40 15 13 1000 800 500 400 85C 40 25 8 6 80 45 19 16 80 45 19 16 1000 800 500 400 125C 50 30 12 9 90 50 24 20 90 50 24 20 1000 800 500 400 Unit ns
tw
Minimum Pulse Width, Clock (Figure 1)
ns
tw
Minimum Pulse Width, Reset (Figure 2)
ns
tr, tf
Maximum Input Rise and Fall Times (Figure 1)
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
PIN DESCRIPTIONS
INPUTS Clock (Pin 10) OUTPUTS Q1, Q4--Q14 (Pins 9, 7, 5, 4, 6, 13, 12, 14, 15, 1, 2, 3)
Negative-edge triggering clock input. A high-to-low transition on this input advances the state of the counter.
Reset (Pin 11)
Active-high outputs. Each Qn output divides the Clock input frequency by 2N.
Active-high reset. A high level applied to this input asynchronously resets the counter to its zero state, thus forcing all Q outputs low.
SWITCHING WAVEFORMS
tf Clock 90% 50% 10% tw 1/fMAX tPLH Q1 90% 50% 10% tTLH tTHL tPHL tr VCC GND Reset tPHL Any Q 50% Clock trec tw 50% GND 50% GND VCC VCC
Figure 1.
Figure 2.
http://onsemi.com
4
MC74HC4020A
SWITCHING WAVEFORMS (continued)
TEST POINT VCC Qn 50% GND tPLH Qn+1 50% tPHL DEVICE UNDER TEST OUTPUT CL*
*Includes all probe and jig capacitance
Figure 3.
Figure 4. Test Circuit
Q1 9
Q4 7
Q5 5
Q12 1
Q13 2
Q14 3
Clock
10
C
Q
C
Q
C
Q
C
Q
C
Q
C
Q
C R Reset 11
Q
C R
Q
C
Q
C
Q
C
Q
C
Q6 = Pin 4 Q7 = Pin 6 Q8 = Pin 13
Q9 = Pin 12 Q10 = Pin 14 Q11 = Pin 15
VCC = Pin 16 GND = Pin 8
Figure 5. Expanded Logic Diagram
http://onsemi.com
5
MC74HC4020A
1 Clock Reset Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q12 Q13 Q14 2 4 8 16 32 64 128 256 512 1024 2048 4096 8192 16384
Figure 6. Timing Diagram
APPLICATIONS INFORMATION
Time-Base Generator
A 60Hz sinewave obtained through a 1.0 Megohm resistor connected directly to a standard 120 Vac power line is applied to the input of the MC54/74HC14A, Schmitt-trigger inverter. The HC14A squares-up the input waveform and
VCC 1/6 of HC14A 1.0M 20pF VCC
feeds the HC4020A. Selecting outputs Q5, Q10, Q11, and Q12 causes a reset every 3600 clocks. The HC20 decodes the counter outputs, produces a single (narrow) output pulse, and resets the binary counter. The resulting output frequency is 1.0 pulse/minute.
HC4020A Clock Q5
13 12 Q10 10 Q11 9 Q12 1/2 HC20 8
1 2 4 5
120Vac 60Hz
1/2 HC20
6
1.0 Pulse/Minute Output
Figure 7. Time-Base Generator
http://onsemi.com
6
MC74HC4020A
PACKAGE DIMENSIONS
PDIP-16 N SUFFIX CASE 648-08 ISSUE R
-A -
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MILLIMETERS MIN MAX MIN MAX 0.740 0.770 18.80 19.55 0.250 0.270 6.85 6.35 0.145 0.175 4.44 3.69 0.015 0.021 0.53 0.39 0.040 0.070 1.77 1.02 0.100 BSC 2.54 BSC 0.050 BSC 1.27 BSC 0.008 0.015 0.38 0.21 0.110 0.130 3.30 2.80 0.295 0.305 7.74 7.50 10 0 10 0 0.020 0.040 1.01 0.51
B
1 8
F S
C
L
-T - H G D 16 PL 0.25 (0.010)
M
SEATING PLANE
K
J TA
M
M
SOIC-16 D SUFFIX CASE 751B-05 ISSUE J
-A -
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 6.20 5.80 0.50 0.25 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.229 0.244 0.010 0.019
-B -
1 8
P 8 PL 0.25 (0.010)
M
B
M
G F
K C -T SEATING -
PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
T
B
S
A
S
http://onsemi.com
7
MC74HC4020A
PACKAGE DIMENSIONS
TSSOP-16 DT SUFFIX CASE 948F-01 ISSUE O
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K K1
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
SECTION N-N
J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
EEE CCC EEE CCC
M
-W-
DIM A B C D F G H J J1 K K1 L M
MC74HC4020A/D


▲Up To Search▲   

 
Price & Availability of MC74HC4020A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X