Part Number Hot Search : 
MIC842 15SKW0 P1037 BD8200YS 84C641 Q4030LH5 621502 STN1304
Product Description
Full Text Search
 

To Download MC3346 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC3346/D
General Purpose Transistor Array One Differentially Connected Pair and Three Isolated Transistor Arrays
The MC3346 is designed for general purpose, low power applications for consumer and industrial designs. * Guaranteed Base-Emitter Voltage Matching
MC3346
GENERAL PURPOSE TRANSISTOR ARRAY
SEMICONDUCTOR TECHNICAL DATA
* *
Operating Current Range Specified: 10 A to 10 mA Five General Purpose Transistors in One Package
14 1
P SUFFIX PLASTIC PACKAGE CASE 646
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector-Substrate Voltage Collector Current - Continuous Total Power Dissipation @ TA = 25C Derate above 25C Operating Temperature Range Storage Temperature Range Symbol VCEO VCBO VEB VCIO IC PD TA Tstg Value 15 20 5.0 20 50 1.2 10 -40 to +85 -65 to +150 Unit Vdc Vdc Vdc Vdc mAdc W mW/C C C
14 1
D SUFFIX PLASTIC PACKAGE CASE 751A (SO-14)
ORDERING INFORMATION
Device MC3346D MC3356P Operating Temperature Range TA = - 40 to +85C Package SO-14 Plastic DIP
PIN CONNECTIONS
14 Q5 13 12 11 Q4 10 9 8
Q1
Q2
Q3
1
2
3
4
5
6
7
Pin 13 is connected to substrate and must remain at the lowest circuit potential.
(c) Motorola, Inc. 1996
Rev 0
MOTOROLA ANALOG IC DEVICE DATA
1
MC3346
ELECTRICAL CHARACTERISTICS (TA = +25C, unless otherwise noted.)
Characteristics STATIC CHARACTERISTICS Collector-Base Breakdown Voltage (IC = 10 Adc) Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc) Collector-Substrate Breakdown Voltage (IC = 10 A) Emitter-Base Breakdown Voltage (IE = 10 Adc) Collector-Base Cutoff Current (VCB = 10 Vdc, IE = 0) DC Current Gain (IC = 10 mAdc, VCE = 3.0 Vdc) (IC = 1.0 mAdc, VCE = 3.0 Vdc) (IC = 10 Adc, VCE = 3.0 Vdc) Base-Emitter Voltage (VCE = 3.0 Vdc, IE = 1.0 mAdc) (VCE = 3.0 Vdc, IE = 10 mAdc) Input Offset Current for Matched Pair Q1 and Q2 (VCE = 3.0 Vdc, IC = 1.0 mAdc) Magnitude of Input Offset Voltage (VCE = 3.0 Vdc, IC = 1.0 mAdc) Temperature Coefficient of Base-Emitter Voltage (VCE = 3.0 Vdc, IC = 1.0 mAdc) Temperature Coefficient Collector-Emitter Cutoff Current (VCE = 10 Vdc, IB = 0) DYNAMIC CHARACTERISTICS Low Frequency Noise Figure (VCE = 3.0 Vdc, IC = 100 Adc, RS = 1.0 k, f = 1.0 kHz) Forward Current Transfer Ratio (VCE = 3.0 Vdc, IC = 1.0 mAdc, f = 1.0 kHz) Short Circuit Input Impedance (VCE = 3.0 Vdc, IC = 1.0 mAdc) Open Circuit Output Impedance (VCE = 3.0 Vdc, IC = 1.0 mAdc) Reverse Voltage Transfer Ratio (VCE = 3.0 Vdc, IC = 1.0 mAdc) Forward Transfer Admittance (VCE = 3.0 Vdc, IC = 1.0 mAdc, f = 1.0 MHz) Input Admittance (VCE = 3.0 Vdc, IC = 1.0 mAdc, f = 1.0 MHz) Output Admittance (VCE = 3.0 Vdc, IC = 1.0 mAdc, f = 1.0 MHz) Current-Gain - Bandwidth Product (VCE = 3.0 Vdc, IC = 3.0 mAdc) Emitter-Base Capacitance (VEB = 3.0 Vdc, IE = 0) Collector-Base Capacitance (VCB = 3.0 Vdc, IC = 0) Collector-Substrate Capacitance (VCS = 3.0 Vdc, IC = 0) NF hFE hie hoe hre yfe yie yoe fT Ceb Ccb CCI - - - - - - - - 300 - - - 3.25 110 3.5 15.6 1.8 31-j1.5 0.3 + j0.04 0.001 + j0.03 550 0.6 0.58 2.8 - - - - - - - - - - - - dB - k mhos x10-4 - - - MHz pF pF pF V(BR)CBO V(BR)CEO V(BR)CIO V(BR)EBO ICBO hFE - 40 - VBE - - |IIO1 - IIO2| - VBE DT VIO DT ICEO - - - 0.72 0.8 0.3 0.5 -1.9 - - 2.0 5.0 - Adc mVdc mV/C V/C Adc 140 130 60 - - - Vdc 20 15 20 5.0 - 60 - 60 7.0 - - - - - 40 Vdc Vdc Vdc Vdc nAdc - Symbol Min Typ Max Unit
- -
1.0 -
- 0.5
2
MOTOROLA ANALOG IC DEVICE DATA
MC3346
Figure 1. Collector Cutoff Current versus Temperature (Each Transistor)
ICBD , COLLECTOR CUTOFF CURRENT (nAdc) IB = 0 VCE = 10 V VCE = 5.0 V ICBD , COLLECTOR CUTOFF CURRENT (nAdc) 102 101 1.0 10-1 10-2 10-3 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) 103 102 101 VCB = 15 V 1.0 10-1 10-2 0 25 50 75 100 TA, AMBIENT TEMPERATURE (C) 125 VCB = 5.0 V VCB = 10 V
Figure 2. Collector Cutoff Current versus Temperature (Each Transistor)
Figure 3. Input Offset Characteristics for Q1 and Q2
IIO, INPUT OFFSET CURRENT ( Adc) V FE , BASE-EMITTER VOLTAGE (V) 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 0.01 0.9 0.8 0.7 0.6 0.5
Figure 4. Base-Emitter and Input Offset Voltage Characteristics
V IO, INPUT OFFSET VOLTAGE (mVdc) 5.0 4.0 VBE 3.0 2.0 1.0 VIO 0.4 0.01 0.05 0.1 0.5 1.0 5.0 0 10
0.02 0.03
0.05
0.1
0.2
0.3
0.5 0.7 1.0
IC, COLLECTOR CURRENT (mAdc)
IE, EMITTER CURRENT (mAdc)
Figure 5. DC Current Gain
140 h FE , DC CURRENT GAIN 130 110 90 70 50 0.01 h hFE1 or FE2 hFE1 hFE2 0.05 0.1 0.5 1.0 5.0 hFE h FE1/h FE2 , DC CURRENT GAIN RATIO 3.5 3.0 2.5 2.0 1.5 1.0 0.95 0.9 0.85 0.8 0.75 10
IE, EMITTER CURRENT (mAdc)
MOTOROLA ANALOG IC DEVICE DATA
3
MC3346
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 646-06 ISSUE L B
1 7 NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
14
8
A F C N H G D
SEATING PLANE
L
J K M
-A-
14 8
D SUFFIX PLASTIC PACKAGE CASE 751A-03 (SO-8) ISSUE F
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
MOTOROLA ANALOG IC DEVICE DATA MC3346/D
*MC3346/D*


▲Up To Search▲   

 
Price & Availability of MC3346

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X