Part Number Hot Search : 
MAX1986 IRKV1 3F9454B 709ZCPB LT18T BCM5238 MLL969B LSR2641
Product Description
Full Text Search
 

To Download MA10700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3J700
Silicon epitaxial planar type
Unit : mm
For high-frequency rectification
2.1 0.1 0.425 1.25 0.1 0.425
+ 0.1
* S-mini type 3-pin package * Allowing to rectify under (IF(AV) = 500 mA) condition * Optimum for high-frequency rectification because of its short reverse recovery time (trr)
2.0 0.2 1.3 0.1 0.65 0.65
1 3 2
Parameter Reverse voltage (DC) Repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature
Symbol VR VRRM IF(AV) IFSM Tj Tstg
Rating 40 40 500 2 125 -55 to +150
Unit V V mA A C C
0.9 0.1
1 : Anode 2 : NC 3 : Cathode Flat S-Mini Type Package (3-pin)
Marking Symbol: M2W Internal Connection
1 3 2
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Terminal capacitance Reverse recovery time* Symbol IR VF Ct trr VR = 35 V IF = 500 mA VR = 0 V, f = 1 MHz IF = IR = 100 mA Irr = 0.1 * IR, RL = 100 60 5 Conditions Min Typ Max 100 0.55 Unit A V pF ns
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 400 MHz 3. * : trr measuring circuit
Bias Application Unit N-50BU tr 10% Input Pulse tp t IF trr t Irr = 0.1 * IR IF = 100 mA IR = 100 mA RL = 100 Output Pulse
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
0.15 - 0.05
I Absolute Maximum Ratings Ta = 25C
+ 0.1
0.3 - 0
I Features
1
MA3J700
IF V F
103 25C Ta = 100C
0.8 0.7
Schottky Barrier Diodes (SBD)
VF Ta
104
IR VR
102
Ta = 100C
Forward current IF (mA)
Forward voltage VF (V)
0.6 0.5 0.4 0.3 100 mA 0.2 0.1 10 mA
- 20C 10
IF = 500 mA
Reverse current IR (A)
103
102
25C
1
10-1
10
10-2
0
0.1
0.2
0.3
0.4
0.5
0.6
0 -40
1
0 40 80 120 160 200
0
10
20
30
40
50
60
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
104 VR = 15 V
80 70
Ct VR
1 000 300 100 30 10 3 1 0.3 0.1 0.03
IF(surge) tW
Ta = 25C IF(surge) tW Non repetitive
Reverse current IR (A)
103
60 50 40 30 20 10
102
10
1 -40
0
Forward surge current IF(surge) (A)
Terminal capacitance Ct (pF)
0
40
80
120
160
200
0
10
20
30
40
50
60
0.1
0.3
1
3
10
30
Ambient temperature Ta
(C)
Reverse voltage VR
(V)
Pulse width tW (ms)
2


▲Up To Search▲   

 
Price & Availability of MA10700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X