Part Number Hot Search : 
MC34001 MAX6840 0027ATAB C2500 DG243CJ A2737 BA63JC5T 2SA1403C
Product Description
Full Text Search
 

To Download M62429FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY ARY LIMIN PRE
DESCRIPTION
MITSUBISHI SOUND PROCESSOR ICs MITSUBISHI SOUND PROCESSOR ICs
l specification. . Notice:This is not a fina on . cifica to s are subject ti changege. Some parametric limit final spe bject to chan a is not are su its :This Notice arametric lim p Some
M62429P/FP M62429P/FP
SERIAL DATA CONTROLSERIAL DATA CONTROL DUAL ELECTRONIC VOLUME DUAL ELECTRONIC VOLUME
The M62429 is a dual channel electronic volume controlled with 2-wire serial data. The built-in reference circuit can compose of an electronic volume with less external parts.
FEATURES
*Built-in reference circuit *Control with serial data Volume 0 to -83dB (1dB/step), (Independent control is allowed in each channel) *Low noise and low distortion VNO = 5Vrms (ATT = - , JIS-A) THD = 0.01% Typ. (V0 = 0.5Vrms, DIN-AUDIO)
Outline 8P4 (P)
2.54mm pitch 300mil DIP (6.3mmx8.9mmx3.3mm)
RECOMMENDED OPERATING CONDITIONS
Supply voltage range.............. Vcc = 4.5 to 5.5V Rated supply voltage......................Vcc = 5V
Outline 8P2S-A(FP)
1.27mm pitch 225mil SOP (4.4mmx5.0mmx1.5mm)
SYSTEM CONFIGURATION
M62429P/FP
2ch IN VOLUME 1ch IN VOLUME
LOGIC CONTROL
2ch OUT
1ch OUT
DATA
CLOCK
MITSUBISHI ELECTRIC ( 1/ 6)
MITSUBISHI SOUND PROCESSOR ICs
IMIN PREL
ARY
ation. . specific ct to change a final bje is not are su is tice:Th metric limits No para Some
M62429P/FP
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
PIN CONFIGURATION (TOP VIEW)
VIN1 VOUT1 GND DATA
1 2 3 4
8 7 6 5
VIN2 VOUT2 VCC CLOCK
Outline 8P4(P) 8P2S-A(FP)
IC INTERNAL BLOCK DIAGRAM
VIN 2
8
M62429P/FP
1
VOUT2
7
VCC
6
CLOCK
5
VR 2 VOL AMP 2
Vref
LOGIC CONTROL
VOL AMP 1 VR 1
REF AMP
2
3
4
VIN 1
VOUT1
GND
DATA
MITSUBISHI ELECTRIC ( 2/ 6)
MITSUBISHI SOUND PROCESSOR ICs
IMIN PREL
ARY
ation. . specific ct to change a final bje is not are su is tice:Th metric limits No para Some
M62429P/FP
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
PIN DESCRIPTION
Pin No.
1 2 3 4 5 6 7 8
Symbol VIN 1 VOUT1 GND DATA CLOCK VCC VOUT2 VIN2 1-ch input pin 1-ch output pin
Function
Ground pin Control data input pin. Inputs data in synchronization with clock. Clock input pin for transferring serial data. Power supply pin. Stabilize the pin with decoupling capacitor. 2-ch output pin 1-ch input pin
ABSOLUTE MAXIMUM RATINGS
Symbol VCC, VDD Pd Topr Tstg Parameter Supply voltage Power dissipation Operating temperature Storage temperature Ratings 6.0 625(P), 440(FP) -20 to +75 -55 to +125 Unit V mW C C
ELECTRICAL CHARACTERISTICS (Vcc = 5V, Ta = 25C, unless otherwise noted)
Symbol ICC ATT ATT VIM VOM VNO1 VNO2 THD CS Parameter Circuit current Maximum attenuation Attenuation error Maximum input voltage Maximum output voltage Output noise voltage Total harmonic distortion Channel separation Test conditions Min. -2.0 1.5 0.8 Limits Typ. 8 -90 0 1.7 1.3 4 5 0.01 -80 Max. 16 -80 2.0 10 10 0.05 -70 Unit mA dB dB Vrms Vrms Vrms Vrms % dB
ATT=ATT=0 THD=1%, ATT=-6dB THD=1% ATT=0, Rg=0, JIS-A ATT=- , Rg=0, JIS-A f=1kHz, VO=0.5Vrms, ATT=0 f=1kHz, JIS-A
RELATIONSHIP BETWEEN DATA AND CLOCK
CLOCK D0 DATA D1 D2 D3 D8 D9 D10
Latch signal "H" Reads data signal at the rising edge of clock signal Reads latch signal at the falling edge of clock
MITSUBISHI ELECTRIC ( 3/ 6)
MITSUBISHI SOUND PROCESSOR ICs
IMIN PREL
ARY
ation. . specific ct to change a final bje is not are su is tice:Th metric limits No para Some
M62429P/FP
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
DC CHARACTERISTICS OF DIGITAL BLOCK
Symbol VIL VIH IIL IIH Parameter "L" level input voltage "H" level input voltage "L" level input current "H" level input current Test conditions Data, clock pin VI=0 VI=5V Data, clock pin Limits Min. 0 0.8VCC -10 Typ. ~ ~ Max. 0.2VCC VCC 10 10 Unit V V A A
AC CHARACTERISTICS OF DIGITAL BLOCK
Symbol tcr tWHC tWLC tr tf tSD tHD Parameter Cycle time of clock Pulse width of clock ("H" level) Pulse width of clock ("L" level) Clock rising time Clock falling time Data setup time Data hold time Test conditions Min. 4 1.6 1.6 0.8 0.8 Limits Typ. Max. 0.4 0.4 Unit s s s s s s s
CLOCK AND DATA TIMING
tcr
75% CLOCK 25%
tr tWHC
tf tWLC
DATA
tSD
tHD
MITSUBISHI ELECTRIC (4 / 6)
MITSUBISHI SOUND PROCESSOR ICs
IMIN PREL
ARY
ation. . specific ct to change a final bje is not are su is tice:Th metric limits No para Some
M62429P/FP
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
DATA INPUT FORMAT
D0 0/1 D1 0/1 D2 D3 D4 D5 VOLUME D6 D7 D8 D9 1 D10 1
0: Both channels at a time 1: A channel at a time 0:1CH 1:2CH
VOLUME CODE
ATT1 0dB -4dB -8dB -12dB -16dB -20dB -24dB -28dB -32dB -36dB -40dB -44dB -48dB -52dB -56dB -60dB -64dB -68dB -72dB -76dB -80dB D2 H L H L H L H L H L H L H L H L H L H L H L D3 L L H H L L H H L L H H L L H H L L H H L L D4 H H L L L L H H H H L L L L H H H H L L L L D5 L L L L L L H H H H H H H H L L L L L L L L D6 H H H H H H L L L L L L L L L L L L L L L L ATT2 0dB -1dB -2dB -3dB D7 H L H L D8 H H L L
MITSUBISHI ELECTRIC ( 5/ 6)
MITSUBISHI SOUND PROCESSOR ICs
M62429P/FP
SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
APPLICATION EXAMPLE IN 2 2.2F
8 7 6 5
VOUT2
VCC=5V
CLOCK
VR 2 VOLAMP 2
Vref LOGIC CONTROL
VOLAMP 1 VR 1
1
REF AMP
2
3
4
2.2F IN 1 VOUT1 DATA
Units Resistance : Capacitance : F
MITSUBISHI ELECTRIC (6 / 6)


▲Up To Search▲   

 
Price & Availability of M62429FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X