Part Number Hot Search : 
045N10N LGA679 SD1080T 14066BCP LHV4340 DB25S 6680M 70HF100R
Product Description
Full Text Search
 

To Download LT1585-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1585-1.5/LT1585A-1.5 Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL+ Regulators DESCRIPTIO
The LT (R)1585-1.5/LT1585A-1.5 are low dropout, 3-terminal regulators with 4.6A and 5A output current capability respectively, and a fixed 1.5V output voltage. The designs are optimized for low voltage applications where transient response and minimum input voltage are critical. Similar to the LT1084, they have lower dropout and faster transient response. These improvements make them ideal for low voltage microprocessor applications, especially as the regulator in an Intel processor GTL+ supply. Current limit is trimmed to ensure specified output current and controlled short-circuit current. On-chip thermal limiting provides protection against any combination of overload that creates excessive junction temperatures. The LT1585-1.5/LT1585A-1.5 are available in the throughhole 3-pin TO-220 power package and 3-pin plastic DD.
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
s s s s s
Fast Transient Response Guaranteed Dropout Voltage at Multiple Currents Load Regulation: 0.05% Typ Trimmed Current Limit On-Chip Thermal Limiting
APPLICATIO S
s s s
GTL+ Power Supply Low Voltage Logic Supplies Battery-Powered Circuitry
TYPICAL APPLICATIO
3.3V LT1585A-1.5 VIN VOUT GND
Intel Processor GTL+ Supply
VTT = 1.5V 5A C7 TO C12 1F C3 TO C6 100F 10V R1 75 R2 150 R5 100 C13 0.1F R7 100 R8 100 R6 100 VREF R3 75 R4 150 C14 0.1F
+
C1, C2 100F 10V
+
VREF
RX
TX
Q1
RX NOTE: LTC RECOMMENDS CENTRALLY LOCATING THE LT1585A-1.5 TO MINIMIZE VTT DISTRIBUTION DROPS AND USING SEPARATE VREF GENERATORS AT EACH BUS END
TX
Q3
* * *
142 TOTAL SIGNAL LINES
U
U
U
RX
Q2
TX
RX
Q4
TX
1585-1.5 * TA01
1
LT1585-1.5/LT1585A-1.5
ABSOLUTE MAXIMUM RATINGS (Note 1)
UU U
VIN ............................................................................ 7V Operating Junction Temperature Range Control Section .................................. 0C to 125C Power Transistor ................................ 0C to 150C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
PACKAGE/ORDER INFORMATION
FRONT VIEW 3 TAB IS OUTPUT 2 1 M PACKAGE 3-LEAD PLASTIC DD VIN VOUT GND
JA = 30C/W*
*WITH PACKAGE SOLDERED TO 0.5 SQUARE INCH COPPER AREA OVER BACKSIDE GROUND PLANE OR INTERNAL POWER PLANE. JA CAN VARY FROM 20C/W TO > 40C/W WITH OTHER MOUNTING TECHNIQUES
ORDER PART NUMBER LT1585CM-1.5 LT1585ACM-1.5
TAB IS OUTPUT
Consult factory for Industrial and Military grade parts.
The q denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25C.
PARAMETER Output Voltage (Note 4) Line Regulation (Notes 2, 3) Load Regulation (Notes 2, 3, 4) Dropout Voltage (Note 4) Current Limit Quiescent Current Ripple Rejection (Note 4) Thermal Regulation Temperature Stability Long-Term Stability RMS Output Noise (% of VOUT) Thermal Resistance Junction to Case TA = 125C, 1000 Hrs. TA = 25C, 10Hz f 10kHz T Package: Control Circuitry/Power Transistor M Package: Control Circuitry/Power Transistor CONDITIONS VIN = 5V, TJ = 25C, IOUT = 0mA 3V VIN 7V, 0mA IOUT IFULL LOAD 3V VIN 7V, IOUT = 0mA VIN = 5V, TJ = 25C, 0mA IOUT IFULL LOAD
q q
ELECTRICAL CHARACTERISTICS
VOUT = 1%, IOUT = IFULL LOAD LT1585-1.5, (VIN - VOUT) = 5.5V LT1585A-1.5, (VIN - VOUT) = 5.5V VIN = 5V f = 120Hz, COUT = 25F Tant., VIN = 4.5V, IOUT = IFULL LOAD TA = 25C, 30ms Pulse
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing. Note 3: Line and load regulation are guaranteed up to the maximum power dissipation (25W for the LT1585-1.5 in T package and 27.5W for
2
U
U
W
WW
U
W
PRECONDITIONI G
100% Thermal Limit Functional Test
FRONT VIEW 3 2 1 T PACKAGE 3-LEAD PLASTIC TO-220 VIN VOUT GND
ORDER PART NUMBER LT1585CT-1.5 LT1585ACT-1.5
JA = 50C/W
MIN 1.485 (- 1%) 1.470 (- 2%)
TYP 1.5 1.5 0.005 0.05 0.05 1.200
MAX 1.515 (+ 1%) 1.530 (+ 2%) 0.2 0.3 0.5 1.400
UNITS V V % % % V A A
q q q q q q
4.60 5.00 60
5.25 6.00 7 72 0.004 0.5 0.03 0.003 0.7/3.0 0.7/3.0 1.0 0.02 13
mA dB %/W % % % C/W C/W
the LT1585A-1.5). Power dissipation is determined by input/output differential and the output current. Guaranteed maximum output power will not be available over the full input/output voltage range. Note 4: IFULL LOAD is defined as the maximum value of output load current as a function of input-to-output voltage. IFULL LOAD is equal to 4.6A for the LT1585-1.5 and 5A for the LT1585A-1.5. The LT1585-1.5/LT1585A-1.5 have constant current limit with changes in input-to-output voltage.
LT1585-1.5/LT1585A-1.5 TYPICAL PERFORMANCE CHARACTERISTICS
LT1585A-1.5 Dropout Voltage vs Output Current
1.5 1.4 1.3
DROPOUT VOLTAGE (V)
OUTPUT VOLTAGE DEVIATION (%)
GUARANTEED TEST POINTS T = -5C
SHORT-CIRCUIT CURRENT (A)
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0 1 3 4 2 OUTPUT CURRENT (A) 5
1585-1.5 G01
T = 125C T = 25C
Output Voltage vs Temperature
1.53 1.52
QUIESCENT CURRENT (mA)
OUTPUT VOLTAGE (V) 13 12 11 10 9 8 7 6 5 4
1.51 1.50 1.49 1.48 1.47 -75 -50 -25 0 25 50 75 100 125 150 175 TEMPERATURE (C)
1585-1.5 G04
Ripple Rejection vs Frequency
90 80
RIPPLE REJECTION (dB)
30
70 60 50 40 30 20 10 0 10 100 1k 10k FREQUENCY (Hz) 100k
1585-1.5 G06
POWER (W)
(VIN - VOUT) 3V 0.5V VRIPPLE 2V IOUT = IFULL LOAD
UW
LT1585A-1.5 Short-Circuit Current vs Temperature
6.0 0.10 0.05 0 -0.05 -0.10 -0.15
Load Regulation vs Temperature
I = IFULL LOAD
5.5
5.0
4.5
4.0 -75 -50 -25 0 25 50 75 100 125 150 175 TEMPERATURE (C)
1585-1.5 G02
-0.20 -75 -50 -25 0 25 50 75 100 125 150 175 TEMPERATURE (C)
1585-1.5 G03
Quiescent Current vs Temperature
3 -75 -50 -25 0 25 50 75 100 125 150 175 TEMPERATURE (C)
1585-1.5 G05
Maximum Power Dissipation*
LT1585A-1.5 25 20 15 10 5 0 50 60 70 80 90 100 110 120 130 140 150 CASE TEMPERATURE (C)
1585-1.5 G07
LT1585-1.5
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
3
LT1585-1.5/LT1585A-1.5
SI PLIFIED SCHE ATIC
VIN
GND
1585-1.5 SS
APPLICATIONS INFORMATION
General The LT1585-1.5/LT1585A-1.5 3-terminal regulators are easy to use and have all the protection features expected in high performance linear regulators. The devices are short-circuit protected, safe-area protected and provide thermal shutdown to turn off the regulators if the junction temperature exceeds about 150C. The ICs are pin compatible with the LT1083/LT1084/LT1085 family of linear regulators but offer lower dropout voltage and faster transient response. The trade-off for this improved performance is a 7V maximum supply voltage. Similar to the LT1083/LT1084/LT1085 family, the LT15851.5/LT1585A-1.5 regulators require an output capacitor for stability. However, the improved frequency compensation permits the use of capacitors with much lower ESR while still maintaining stability. This is critical in addressing the needs of modern low voltage, high speed microprocessors. Current generation microprocessors and their associated circuitry cycle load current from almost zero to several amps in tens of nanoseconds. Output voltage tolerances are tighter and include transient response as part of the specification. The LT1585-1.5/LT1585A-1.5 are specifically designed to meet the fast current load step requirements of these applications and save total cost by needing less output capacitance in order to maintain regulation. Stability The circuit design in the LT1585-1.5/LT1585A-1.5 requires the use of an output capacitor as part of the frequency compensation. For all operating conditions, the addition of a 22F solid tantalum or a 100F aluminum electrolytic on the output ensures stability. Normally, the LT1585-1.5/LT1585A-1.5 can use smaller value capacitors. Many different types of capacitors are available and have widely varying characteristics. These capacitors differ in capacitor tolerance (sometimes ranging up to 100%), equivalent series resistance, equivalent series inductance and capacitance temperature coefficient. The LT1585-1.5/ LT1585A-1.5 frequency compensation optimizes frequency response with low ESR capacitors. In general, use capacitors with an ESR of less than 1. Normally, capacitor values on the order of several hundred microfarads are used on the output of the regulators to ensure good transient response with heavy load current changes. Output capacitance can increase without limit and larger values of output capacitance further improve the
4
U
W
W
U
U
W
+ -
THERMAL LIMIT
VOUT
LT1585-1.5/LT1585A-1.5
APPLICATIONS INFORMATION
stability and transient response of the LT1585-1.5/ LT1585A-1.5. Large load current changes are exactly the situation presented by modern microprocessors and their peripheral circuitry. The load current step contains higher order frequency components that the output decoupling network must handle until the regulator throttles to the load current level. Capacitors are not ideal elements and contain parasitic resistance and inductance. These parasitic elements dominate the change in output voltage at the beginning of a transient load step change. The ESR of the output capacitors produces an instantaneous step in output voltage [V = I(ESR)]. The ESL of the output capacitors produces a droop proportional to the rate of change of output current [V = L(I/t)]. The output capacitance produces a change in output voltage proportional to the time until the regulator can respond [V = t(I/C)]. These transient effects are illustrated in Figure 1.
ESR EFFECTS ESL EFFECTS V I = t C CAPACITANCE EFFECTS
1585-1.5 F01
SLOPE,
POINT AT WHICH REGULATOR TAKES CONTROL
Figure 1
The use of capacitors with low ESR, low ESL and good high frequency characteristics is critical in meeting the output voltage tolerances of these high speed microprocessor applications. These requirements dictate a combination of high quality surface mount tantalum capacitors and ceramic capacitors. The location of the decoupling network is critical to transient response performance. Place the decoupling network as close as possible to the microprocessor control circuitry because a trace run from the decoupling capacitors to the actual circuitry is inductive. In addition, use large power and ground plane areas to minimize distribution drops. A possible stability problem that occurs in monolithic linear regulators is current limit oscillations. The LT1585-1.5/ LT1585A-1.5 essentially have a flat current limit over the
U
W
U
U
range of input supply voltage. The lower current limit rating and 7V maximum supply voltage rating for this device permit this characteristic. Current limit oscillations are typically nonexistent unless the input and output decoupling capacitors for the regulators are mounted several inches from the terminals. Protection Diodes In normal operation, the LT1585-1.5/LT1585A-1.5 do not require any protection diodes. Older 3-terminal regulators require protection diodes between the output pin and the input pin to prevent die overstress. A protection diode between the input and output pins is usually not needed. An internal diode between the input and output pins on the LT1585-1.5/LT1585A-1.5 can handle microsecond surge currents of 50A to 100A. Even with large value output capacitors it is difficult to obtain those values of surge currents in normal operation. Only with large values of output capacitance, such as 1000F to 5000F, and with the input pin instantaneously shorted to ground can damage occur. A crowbar circuit at the input of the LT1585-1.5/LT1585A-1.5 can generate those levels of current and a diode from output to input is then recommended. This is shown in Figure 2. Usually, normal power supply cycling or system "hot plugging and unplugging" will not generate current large enough to do any damage.
D1 1N4002 (OPTIONAL)
VIN
+
IN C1 10F
LT1585-1.5 OUT GND
+
VOUT C2 10F
1585-1.5 F02
Figure 2
Ripple Rejection The typical curve for ripple rejection reflects values for the LT1585-1.5/LT1585A-1.5 as a function of frequency. In applications that require improved ripple rejection, use the adjustable LT1585/LT1585A. A bypass capacitor from the adjust pin to ground reduces the output ripple by the ratio of VOUT/1.25V.
5
LT1585-1.5/LT1585A-1.5
APPLICATIONS INFORMATION
Load Regulation It is not possible to provide true remote load sensing because the LT1585-1.5/LT1585A-1.5 are 3-terminal devices. Load regulation is limited by the resistance of the wire connecting the regulators to the load. Load regulation per the data sheet specification is measured at the bottom of the package. For fixed voltage devices, negative side sensing is a true Kelvin connection with the GND pin of the device returned to the negative side of the load. This is illustrated in Figure 3.
LT1585-1.5 OUT GND RL RP PARASITIC LINE RESISTANCE
VIN
IN
1585-1.5 F03
Figure 3. Connection for Best Load Regulation
Thermal Considerations The LT1585-1.5/LT1585A-1.5 protect the device under overload conditions with internal power and thermal limiting circuitry. However, for normal continuous load conditions, do not exceed maximum junction temperature ratings. It is important to consider all sources of thermal resistance from junction-to-ambient. These sources include the junction-to-case resistance, the case-to-heat sink interface resistance, and the heat sink resistance. Thermal resistance specifications have been developed to more accurately reflect device temperature and ensure safe operating temperatures. The electrical characteristics section provides a separate thermal resistance and maximum junction temperature for both the control circuitry and the power transistor. Older regulators with a single junctionto-case thermal resistance specification, use an average of the two values provided here and allow excessive junction temperatures under certain conditions of ambient temperature and heat sink resistance. Calculate the maximum junction temperature for both sections to ensure that both thermal limits are met.
6
U
W
UU
Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below the die. This is the lowest resistance path for heat flow. Proper mounting ensures the best thermal flow from this area of the package to the heat sink. Linear Technology strongly recommends thermal compound at the case-to-heat sink interface. Use a thermally conductive spacer if the case of the device must be electrically isolated and include its contribution to the total thermal resistance. Please consult "Mounting Considerations for Power Semiconductors" 1990 Linear Applications Handbook, Volume I, Pages RR3-1 to RR3-20. The output connects to the case of the device in the LT1585-1.5/LT1585A-1.5. For example, using an LT1585ACT-1.5 (TO-220, commercial) and assuming: VIN (Max Continuous) = 3.465V (3.3V + 5%), VOUT = 1.5V IOUT = 5A TA = 70C, HEAT SINK = 3C/W CASE-TO-HEAT SINK = 1C/W (with Thermal Compound) Power dissipation under these conditions is equal to: PD = (VIN - VOUT)(IOUT) = (3.465 - 1.5)(5A) = 9.825W Junction temperature will be equal to: TJ = TA + PD(HEAT SINK + CASE-TO-HEAT SINK + JC) For the Control Section: TJ = 70C + 9.825W (3C/W + 1C/W + 0.7C/W) = 116.2C 116.2C < 125C = TJMAX (Control Section Commercial Range) For the Power Transistor: TJ = 70C + 9.825W (3C/W + 1C/W + 3C/W) = 138.8C 138.8C < 150C = TJMAX (Power Transistor Commercial Range) In both cases the junction temperature is below the maximum rating for the respective sections, ensuring reliable operation.
LT1585-1.5/LT1585A-1.5
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
M Package 3-Lead Plastic DD Pak
(LTC DWG # 05-08-1460)
0.060 (1.524) TYP
0.256 (6.502)
0.060 (1.524)
0.390 - 0.415 (9.906 - 10.541) 15 TYP
0.165 - 0.180 (4.191 - 4.572)
0.045 - 0.055 (1.143 - 1.397) +0.008 0.004 -0.004
0.060 (1.524)
0.183 (4.648)
0.330 - 0.370 (8.382 - 9.398)
0.059 (1.499) TYP
(
+0.203 0.102 -0.102
)
0.075 (1.905) 0.300 (7.620) BOTTOM VIEW OF DD PAK HATCHED AREA IS SOLDER PLATED COPPER HEAT SINK +0.012 0.143 - 0.020 0.090 - 0.110 (2.286 - 2.794) 0.050 (1.270) BSC 0.013 - 0.023 (0.330 - 0.584)
0.095 - 0.115 (2.413 - 2.921) 0.050 0.012 (1.270 0.305)
(
+0.305 3.632 -0.508
)
M (DD3) 1098
T Package 3-Lead Plastic TO-220
(LTC DWG # 05-08-1420)
0.390 - 0.415 (9.906 - 10.541)
0.147 - 0.155 (3.734 - 3.937) DIA 0.230 - 0.270 (5.842 - 6.858)
0.165 - 0.180 (4.191 - 4.572)
0.045 - 0.055 (1.143 - 1.397)
0.460 - 0.500 (11.684 - 12.700)
0.570 - 0.620 (14.478 - 15.748) 0.330 - 0.370 (8.382 - 9.398)
0.980 - 1.070 (24.892 - 27.178)
0.520 - 0.570 (13.208 - 14.478)
0.218 - 0.252 (5.537 - 6.401) 0.013 - 0.023 (0.330 - 0.584)
0.100 (2.540) BSC
0.028 - 0.038 (0.711 - 0.965)
0.050 (1.270) TYP
0.095 - 0.115 (2.413 - 2.921)
T3 (TO-220) 1098
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
7
LT1585-1.5/LT1585A-1.5 RELATED PARTS
PART NUMBER LTC (R) 1392 LTC1530 LT1528 LT1573 LT1575 LT1580 DESCRIPTION Micropower Temperature, Power Supply and Differential Voltage Monitor High Power Step-Down Synchronous DC/DC Controller in SO-8 Low Dropout 3A Linear Regulator Low Dropout Regulator Driver Ultrafast Transient Response Low Dropout Regulator Driver Very Low Dropout 7A Linear Regulator
TM
COMMENTS Micropower Data Acquisition to Monitor System Synchronous Operation Up to 15A, Fixed or Adj Outputs 0.6V Dropout for 5V to 4V Regulation Drives Low Cost PNP, Fast Transient Response Drives N-Channel MOSFET Up to 10A, SO-8 0.54V Dropout at 7A, Fixed 2.5VOUT or Adjustable
Ultrafast is a trademark of Linear Technology Corporation.
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
158515fa LT/TP 0100 2K REV A * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1996


▲Up To Search▲   

 
Price & Availability of LT1585-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X