Part Number Hot Search : 
68KFKR EM73C63 M52727SP 04L30TP 100LR HD2502 NV4V31SF 4W2F0
Product Description
Full Text Search
 

To Download KA1L0365R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA1L0365R/KA1M0365R/KA1H0365R
Fairchild Power Switch(FPS)
Features
* Precision Fixed Operating Frequency * KA1L0365R(50kHz), KA1M0365R(67kHz), KA1H0365R(100kHz) * Pulse by Pulse Over Current Limiting * Over Load Protection * Over Voltage Protection (Min. 23V) * Internal Thermal Shutdown Function * Under Voltage Lockout * Internal High Voltage Sense FET * Auto Restart
Description
The Fairchild Power Switch(FPS) product family is specially designed for an off line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM controller IC. PWM controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit. compared to discrete MOSFET and controller or RCC switching converter solution, a Fairchild Power Switch(FPS) can reduce total component count, design size, weight and at the same time increase & efficiency, productivity, and system reliability. It has a basic platform well suited for cost effective design in either a flyback converter or a forward converter.
TO-220F-4L
1
1. GND 2. DRAIN 3. VCC 4. FB
Internal Block Diagram
#3 VCC 32V 5V Vref Good logic OSC 9V 5A #4 FB 2.5R 1R + 7.5V - + 25V - Thermal S/D OVER VOLTAGE S/D 1mA - + S R L.E.B 0.1V S R Q #1 GND Q Internal bias #2 DRAIN SFET
Power on reset
Rev.1.0.2
(c)2003 Fairchild Semiconductor Corporation
KA1L0365R/KA1M0365R/KA1H0365R
Absolute Maximum Ratings
Parameter Maximum Drain Voltage
(1)
Symbol VD,MAX VDGR VGS IDM EAS ID ID VCC,MAX VFB PD Darting TA TSTG
Value 650 650 30 12 358 3.0 2.4 30 -0.3 to VSD 75 0.6 -25 to +85 -55 to +150
Unit V V V ADC mJ ADC ADC V V W W/C C C
Drain-Gate Voltage (RGS=1M) Gate-Source (GND) Voltage Drain Current Pulsed (2) Single Pulsed Avalanche Energy (3) Continuous Drain Current (TC=25C) Continuous Drain Current (TC=100C) Maximum Supply Voltage Input Voltage Range Total Power Dissipation Operating Ambient Temperature Storage Temperature
Notes: 1. Tj = 25C to 150C 2. Repetitive rating: Pulse width limited by maximum junction temperature 3. L = 41mH, VDD = 50V, RG = 25, starting Tj = 25C
2
KA1L0365R/KA1M0365R/KA1H0365R
Electrical Characteristics (SFET part)
(Ta=25C unless otherwise specified) Parameter Drain-Source Breakdown Voltage Symbol BVDSS Condition VGS=0V, ID=50A VDS=Max., Rating, VGS=0V VDS=0.8Max., Rating, VGS=0V, TC=125C VGS=10V, ID=1.5A VDS=50V, ID=1.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5BVDSS, ID=3.0A (MOSFET switching time are essentially independent of operating temperature) VGS=10V, ID=3.0A, VDS=0.5BVDSS (MOSFET switching time are essentially independent of operating temperature) Min. 650 2.0 Typ. Max. Unit 3.6 720 40 40 150 100 150 42 7.3 13.3 50 200 4.5 34 nC nS pF V A A
Zero Gate Voltage Drain Current Static Drain-Source on Resistance (Note) Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn on Delay Time Rise Time Turn Off Delay Time Fall Time Total Gate Charge (Gate-Source+Gate-Drain) Gate-Source Charge Gate-Drain (Miller) Charge
Note: 1. Pulse test: Pulse width 300S, duty cycle 2% 1 2. S = --R
(Note)
IDSS
RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
S
3
KA1L0365R/KA1M0365R/KA1H0365R
Electrical Characteristics (Control Part) (Continued)
(Ta=25C unless otherwise specified) Parameter UVLO SECTION Start Threshold Voltage Stop Threshold Voltage OSCILLATOR SECTION KA1L0365R Initial Accuracy Frequency Change With Temperature Maximum Duty Cycle FEEDBACK SECTION Feedback Source Current Shutdown Feedback Voltage Shutdown Delay Current REFERENCE SECTION Output Voltage (1) Temperature Stability Peak Current Limit PROTECTION SECTION Thermal Shutdown Temperature (Tj) (1) Over Voltage Protection Voltage TOTAL DEVICE SECTION Start-Up Current Operating Supply Current (Control Part Only) VCC Zener Voltage ISTART IOP VZ VCC=14V Ta=25C ICC=20mA 0.1 6 30 0.3 12 32.5 0.4 18 35 mA mA V TSD VOVP 140 23 160 25 28 C V
(1)(2) (2)
Symbol VSTART VSTOP
Condition After turn on
Min. 14 9 45 61 90 74 74 64 0.7 6.9 4.0 4.80 1.89
Typ. 15 10 50 67 100 5 77 77 67 0.9 7.5 5.0 5.00 0.3 2.15
Max. 16 11 55 73 110 10 80 80 70 1.1 8.1 6.0 5.20 0.6 2.41
Unit V V
FOSC F/T Dmax
KA1M0365R KA1H0365R -25C Ta +85C KA1L0365R KA1M0365R KA1H0365R
kHz % %
IFB VSD Idelay Vref Vref/T IOVER
Ta=25C, 0V Vfb 3V Ta=25C, 5V Vfb VSD Ta=25C -25C Ta +85C Max. inductor current
mA V A V mV/C A
CURRENT LIMIT (SELF-PROTECTION) SECTION
Note: 1. These parameters, although guaranteed, are not 100% tested in production 2. These parameters, although guaranteed, are tested in EDS (wafer test) process
4
KA1L0365R/KA1M0365R/KA1H0365R
Typical Performance Characteristics
(These characteristic graphs are normalized at Ta=25C)
Fig.1 Operating Frequency
1.2 1.15 1.1 1.05 Fosc 1 0.95 0.9 0.85 0.8 -25 0 25 50 75 100 125 150 1.2 1.15 1.1 1.05 IIfb 1 FB 0.95 0.9 0.85 0.8 -25
Fig.2 Feedback Source Current
0
25
50
75
100
125 150
Temperature [C]
Figure 1. Operating Frequency
Temperature [C]
Figure 2. Feedback Source Current
Fig.3 Operating Current
1.2 1.15 1.1 1.05 lOP Iop 1 0.95 0.9 0.85 0.8 -25
1.1 1.05
Fig.4 Max Inductor Current
IIpeak 1 over
0.95 0.9 0.85 0 25 50 75 100 125 150 0.8 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 3. Operating Supply Current
Temperature [C]
Figure 4. Peak Current Limit
1.5 1.3
Fig.5 Start up Current
1.15 1.1 1.05
Fig.6 Start Threshold Voltage
IST Istart
1.1 0.9 0.7 0.5 -25
Vth(H) 1 Vstart
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 5. Start up Current
Temperature [C]
Figure 6. Start Threshold Voltage
5
KA1L0365R/KA1M0365R/KA1H0365R
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta=25C)
Fig.7 Stop Threshold Voltage
1.15 1.1 1.05 1.15 1.1 1.05
Fig.8 Maximum Duty Cycle
Vth(L) Vstop 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Dmax 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 7. Stop Threshold Voltage
Temperature [C]
Figure 8. Maximum Duty Cycle
Fig.9 Vcc Zener Voltage
1.2 1.15 1.1 1.05 Vz 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.10 Shutdown Feedback Voltage
Vsd 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 9. VCC Zener Voltage
Temperature [C]
Figure 10. Shutdown Feedback Voltage
Fig.11 Shutdown Delay Current
1.2 1.15 1.1 1.05 Idelay 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.12 Over Voltage Protection
Vovp 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 11. Shutdown Delay Current
Temperature [C]
Figure 12. Over Voltage Protection
6
KA1L0365R/KA1M0365R/KA1H0365R
Typical Performance Characteristics (Continued)
(These characteristic groups are normalized at Ta=25C)
Fig.14 Drain Source Turn-on Resistance
2.5 2 1.5
( Rdson)1
0.5 0 -25 0 25 50 75 100 125 150
Temperature [C]
Figure 13. Static Drain-Source on Resistance
7
KA1L0365R/KA1M0365R/KA1H0365R
Package Dimensions
TO-220F-4L
8
KA1L0365R/KA1M0365R/KA1H0365R
Package Dimensions (Continued)
TO-220F-4L(Forming)
9
KA1L0365R/KA1M0365R/KA1H0365R
Ordering Information
Product Number KA1L0365R-TU KA1L0365R-YDTU KA1M0365R-TU KA1M0365R-YDTU KA1H0365R-TU KA1H0365R-YDTU
TU : Non Forming Type YDTU : Forming Type
Package TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming)
Rating 650V, 3A 650V, 3A 650V, 3A
Fosc 50kHz 67kHz 100kHz
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 8/25/03 0.0m 001 Stock#DSxxxxxxxx 2003 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of KA1L0365R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X