Part Number Hot Search : 
NE5537 13611489 T89C5 TS339 IPECRG NV152N06 G3355K AX93167
Product Description
Full Text Search
 

To Download IRU1117-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD94172
IRU1117-33
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR DESCRIPTION
The IRU1117-33 is a low dropout three-terminal fixed output regulator with minimum of 800mA output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as VGA, sound & DVD cards. The IRU1117-33 is guaranteed to have <1.2V dropout at full load current making it ideal to provide well regulated with 4.75V to 7V input supply. The IRU1117-33 is specifically designed to be stable with low cost aluminum capacitors while maintaining stability with low ESR tantalum caps.
FEATURES
Guaranteed < 1.2V Dropout at 800mA Load Current Fast Transient Response 1% Output Voltage Initial Accuracy Built-In Thermal Shutdown Available in SOT-223, D-Pak, Ultra Thin-Pak and 8-Pin SOIC Surface-Mount Packages
APPLICATIONS
VGA & Sound Card Applications Standard 3.3V Chip Set and Logic Applications
TYPICAL APPLICATION
5V
C1 10uF Vin
3 2 1
C2 10uF
IRU1117-33
Vout
3.3V / 800mA
Gnd
Figure 1 - Typical application of IRU1117-33 in a 5V to 3.3V regulator
PACKAGE ORDER INFORMATION
Tj (C) 0 To 150 2-PIN PLASTIC TO-252 (D-Pak) IRU1117-33CD 3-PIN PLASTIC SOT-223 (Y) IRU1117-33CY 2-PIN PLASTIC Ultra Thin-Pak (P) IRU1117-33CP 8-PIN PLASTIC SOIC (S) IRU1117-33CS
Rev. 1.3 06/29/01
1
IRU1117-33
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin) .................................................... Power Dissipation ..................................................... Storage Temperature Range ...................................... Operating Junction Temperature Range ..................... 7V Internally Limited -65C To 150C 0C To 150C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
FRONT VIEW 3
3-PIN PLASTIC SOT-223 (Y)
TOP VIEW 3
2-PIN ULTRA THIN-PAK (P)
FRONT VIEW
8-PIN PLASTIC SOIC (S)
TOP VIEW
Vin Tab is Vout
Tab is Vout
1
Vin Vout Gnd Tab is Vout
3
Vin
2 1
Gnd
1
Gnd
Vin NC NC Gnd
1 2 3 4
8 7 6 5
Vout Vout Vout Vout
JA=70C/W for 0.5" Sq pad
JA=90C/W for 0.4" Sq pad
JA=70C/W for 0.5" Sq pad
JA=55C/W for 1" Sq pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Cin=1F, Vin=5V, Cout=10F, and Tj=0 to 125!C. Typical values refer to Tj=25!C. PARAMETER Output Voltage Line Regulation Load Regulation (Note 1) Dropout Voltage (Note 2) Current Limit Thermal Regulation Ripple Rejection Temperature Stability Long Term Stability RMS Output Noise SYM Vo TEST CONDITION Io=10mA,Tj=25!C Io=10mA Io=10mA, 4.75V1.1 0.01 60 70 0.5 0.3 0.003
1
Note 1: Low duty cycle pulse testing with Kelvin connections is required in order to maintain accurate data. Note 2: Dropout voltage is defined as the minimum differential voltage between Vin and Vout required to maintain regulation at Vout. It is measured when the output voltage drops 1% below its nominal value.
2
Rev. 1.3 06/29/01
IRU1117-33
PIN DESCRIPTIONS
PIN# 1 2 3 PIN SYMBOL Gnd Vout Vin PIN DESCRIPTION Ground pin. This pin must be connected to ground plane using a low inductance short connection. The output of the regulator. This pin is also connected to the tab of the package. An output capacitor must be connected to this pin to insure stability of the regulator. Input pin of the regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.3V higher than Vout in order for the device to regulate properly.
BLOCK DIAGRAM
Vin 3 2 Vout
+
1.25V CURRENT LIMIT THERMAL SHUTDOWN
+
1117-33blk1-1.0
1 Gnd
Figure 2 - Simplified block diagram of the IRU1117-33
Rev. 1.3 06/29/01
3
IRU1117-33
Notes
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 02/01
4
Rev. 1.3 06/29/01


▲Up To Search▲   

 
Price & Availability of IRU1117-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X