Part Number Hot Search : 
CM1962B IDTQS3 15420 P5616 C1206 HE871 LFPHV001 16100
Product Description
Full Text Search
 

To Download IRFD9120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFD9120
Data Sheet July 1999 File Number
2285.3
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
This advanced power MOSFET is designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. These are P-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17501.
Features
* 1.0A, 100V * rDS(ON) = 0.6 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance
Symbol
D
Ordering Information
PART NUMBER IRFD9120 PACKAGE HEXDIP BRAND
G
IRFD9120
S
NOTE: When ordering, use the entire part number.
Packaging
HEXDIP
DRAIN GATE SOURCE
4-45
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
IRFD9120
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRFD9120 -100 -100 -1.0 -8.0 20 1.0 0.008 370 -55 to 150 300 260 UNITS V V A A V W W/oC mJ oC
oC oC
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor (Figure 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured From the Drain Modified MOSFET Lead, 2.0mm (0.08in) From Symbol Showing the InHeader to Center of Die ternal Devices Measured From the Source Inductances Lead, 2.0mm (0.08in) From Header to Source Bonding Pad
G LS S D LD
TEST CONDITIONS ID = -250A, VGS = 0V, (Figure 9) VGS = VDS, ID = -250A VDS = Rated BVDSS, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V, TC = 125oC VDS > ID(ON) x rDS(ON) MAX, VGS = -10V VGS = 20V ID = -0.8A, VGS = -10V, (Figures 7, 8) VDS < 50V, ID = -0.8A (Figure 11) VDD = 0.5 x Rated BVDSS, ID = -1.0A, RG = 9.1, VGS = -10V, (Figures 16, 17) RL = 50 for VDD = -50V MOSFET Switching Times are Essentially Independent of Operating Temperature VGS = -10V, ID = -1.0A, VDS = 0.8 x Rated BVDSS (Figures 13, 18, 19) Gate Charge is Essentially Independent of Operating Temperature VDS = -25V, VGS = 0V, f = 1MHz, (Figure 10)
MIN -100 -2 -1.0 0.8 -
TYP 0.5 1.2 25 50 50 50 16 9 7 300 200 50 4.0
MAX -4 -25 -250 500 0.6 50 100 100 100 20 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate to Threshold Voltage Zero Gate Voltage Drain Current
On-State Drain Current (Note 2) Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Drain Inductance
Internal Source Inductance
LS
-
6.0
-
nH
Thermal Resistance Junction to Ambient
RJA
Typical Socket Mount
-
-
120
oC/W
4-46
IRFD9120
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode
G D
MIN -
TYP -
MAX -1.0 -8.0
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovery Charge NOTES:
VSD trr QRR
TC = 25oC, ISD = -1.0A, VGS = 0V, (Figure 12) TJ = 150oC, ISD = -4.0A, dISD/dt = 100A/s TJ = 150oC, ISD = -4.0A, dISD/dt = 100A/s
-
150 0.9
-1.5 -
V ns C
2. Pulse test: pulse width 80s, duty cycle 2%. 3. Repetitive rating: pulse width limited by maximum junction temperature. 4. VDD = 25V, starting TJ = 25oC, L = 555mH, RG = 25, Peak IAS= 1.0A (Figures 14, 15).
Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8
Unless Otherwise Specified
-1.0
ID, DRAIN CURRENT (A)
-0.8
-0.6
0.6 0.4
-0.4
0.2 0 0 25 125 50 75 100 TA , AMBIENT TEMPERATURE (oC) 150
-0.2
0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs AMBIENT TEMPERATURE
10 IDS, DRAIN TO SOURCE CURRENT (A) IDS, DRAIN TO SOURCE CURRENT (A) 10s 1 100s 1ms 10ms 0.1 OPERATION IN THIS AREA IS LIMITED BY rDS(ON) TC = 25oC TJ = MAX RATED SINGLE PULSE 1 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V) 100ms
-5 VGS = -7V -4 VGS = -10V
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX.
VGS = -6V -3
-2 VGS = -5V -1 VGS = -4V 0 0 -10 -20 -30 -40 -50
0.01
DC
VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. OUTPUT CHARACTERISTICS
4-47
IRFD9120 Typical Performance Curves
-5 IDS, DRAIN TO SOURCE CURRENT (A) VGS = -8V VGS = -9V -3 VGS = -10V VGS = -6V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. VGS = -5V -1 VGS = -4V 0 0 -4 -2 -3 -1 VDS, DRAIN TO SOURCE VOLTAGE (V) -5 VGS = -7V
Unless Otherwise Specified (Continued)
IDS(ON), DRAIN TO SOURCE CURRENT (A)
-5
-4
-4
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. VDS I D(ON) x rDS(ON) MAX.
TJ = -55oC TJ = 25oC
-3
-2
-2
TJ = 125oC
-1
0 -2 -3 -4 -5 -6 VGS, GATE TO SOURCE VOLTAGE (V) -7
FIGURE 5. SATURATION CHARACTERISTICS
1.6 2.2 NORMALIZED DRAIN TO SOURCE ON RESISTANCE rDS(ON), DRAIN TO SOURCE ON-STATE RESISTANCE ()
FIGURE 6. TRANSFER CHARACTERISTICS
1.2
1.8
VGS = -10V, ID = -8A PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX.
1.4
0.8 VGS = -10V 0.4 VGS = -20V
1.0
0.6
0 0 -2 -4 -6 ID, DRAIN CURRENT (A) -8
0.2
-40
0
40
80
120
TJ , JUNCTION TEMPERATURE (oC)
NOTE: Heating effect of 2s pulse is minimal. FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT FIGURE 8. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. 1.15 C, CAPACITANCE (pF)
500 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD CISS 300 COSS
400
1.05
0.95
200
0.85
100
CRSS
0.75 -40 0 40 80 120 TJ , JUNCTION TEMPERATURE (oC)
0
0
-10
-20
-30
-40
-50
VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
4-48
IRFD9120 Typical Performance Curves
3 ISD, SOURCE TO DRAIN CURRENT (A) PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX. gfs, TRANSCONDUCTANCE (S)
Unless Otherwise Specified (Continued)
-100
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX.
2
-10
TJ = 150oC
TJ = -55oC 1 TJ = 25oC TJ = 125oC
-1.0
TJ = 25oC
0
0
-2 -4 I D , DRAIN CURRENT (A)
-6
-0.1 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
VSD, SOURCE TO DRAIN VOLTAGE (V)
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
0 VGS, GATE TO SOURCE VOLTAGE (V) ID = -4A
-5
-10 VDS = -80V VDS = -50V VDS = -20V
-15
-20 0
4
8
12
16
20
Qg(TOT) , TOTAL GATE CHARGE (nC)
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE CHARGE
fd
Test Circuits and Waveforms
VDS tAV L VARY tP TO OBTAIN REQUIRED PEAK IAS RG 0
+
0V VGS DUT tP IAS 0.01
VDD VDD
IAS tP BVDSS VDS
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
4-49
IRFD9120 Test Circuits and Waveforms
(Continued)
tON td(ON) tr RL 0 10%
tOFF td(OFF) tf 10%
DUT VGS RG
VDD
+
VDS VGS 0
90%
90%
10% 50% PULSE WIDTH 90% 50%
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
-VDS (ISOLATED SUPPLY) 0 DUT VDS
12V BATTERY
0.2F
50k 0.3F Qgs D G DUT VDD Qgd Qg(TOT) VGS
0 IG(REF) IG CURRENT SAMPLING RESISTOR S +VDS ID CURRENT SAMPLING RESISTOR 0
IG(REF)
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-50


▲Up To Search▲   

 
Price & Availability of IRFD9120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X